Part Number Hot Search : 
MRF5175 78M07 TX38D14V M67799M MC330 SDC0603 8880V TV817
Product Description
Full Text Search
 

To Download NCV8772 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 march, 2011 ? rev. 2 1 publication order number: NCV8772/d NCV8772 ultra low i q 350 ma ldo regulator with enable and reset the NCV8772 is 350 ma ldo regulator with integrated reset functions dedicated for microprocesso r applications. its robustness allows NCV8772 to be used in severe automotive environments. ultra low quiescent current as low as 24  a typical makes it suitable for applications permanently connected to battery requiring ultra low quiescent current with or without load. this feature is especially critical when modules remain in active mode when ignition is off. the enable function can be used for further decrease of quiescent current in shutdown mode to 1  a. the NCV8772 contains protection functions as current limit, thermal shutdown and reverse output current protection. features ? output voltage options: 5 v ? output voltage accuracy: 1.5% (t j = 25 c to 125 c) ? output current up to 350 ma ? ultra low quiescent current: typ 24  a (max 30  a) ? very wide range of c out and esr values for stability ? enable function ? 1  a max quiescent current when disabled ? microprocessor compatible control functions: ? reset with adjustable power ? on delay ? wide input voltage operation range: up to 40 v ? protection features ? current limitation ? thermal shutdown ? reverse output current protection ? these are pb ? free devices typical applications ? body control module ? instruments and clusters ? occupant protection and comfort ? powertrain NCV8772 gnd figure 1. typical application schematic v in v out reset microprocessor c out 1  f on off en c in 0.1  f v bat v out v dd ro dt* * d2pak ? 7 only http://onsemi.com marking diagrams see detailed ordering and shipping information in the package dimensions section on page 12 of this data sheet. ordering information y = timing and reset threshold option x, xx = voltage option a = assembly location wl = wafer lot y = year ww = work week g = pb ? free package d 2 pak ? 5 d5s suffix case 936a nc v8772yxx awlywwg 1 nc v8772yxx awlywwg 1 d 2 pak ? 7 d7s suffix case 936ab
NCV8772 http://onsemi.com 2 driver with current limit gnd enable en ro thermal shutdown timer reference erorr amplifier reset comparator timing circuit reset driver figure 2. simplified block diagram v in v out * d2pak ? 7 only ** pull ? down resistor (typ 150 k  ) active only in reset state dt* ** pin connections 1 figure 3. pin connections d 2 pak ? 5 pin 1. v in 2. ro tab, 3. gnd 4. en 5. v out 1 d 2 pak ? 7 pin 1. v in 2. ro 3. nc tab, 4. gnd 5. en 6. dt 7. v out pin function description pin no. d2pak ? 5 pin no. d2pak ? 7 pin name description 1 1 v in positive power supply input. connect 0.1  f capacitor to ground. 2 2 ro reset output. 30 k  internal pull ? up resistor connected to v out . ro goes low when v out drops by more than 7% (typ) from its nominal value (for NCV8772y devices with y = 1,2,3,...) or more than 10% (typ) from its nominal value (for NCV8772y devices with y = a, b, c,...). ? 3 nc not connected 3, tab 4, tab gnd power supply ground. 4 5 en enable input; low level disables the ic. ? 6 dt reset delay time select. short to gnd or connected to v out to select time. 5 7 v out regulated output voltage. connect 1  f capacitor with esr < 100  to ground.
NCV8772 http://onsemi.com 3 absolute maximum ratings rating symbol min max unit input voltage (note 1) dc transient, t < 100 ms v in ? 0.3 ? 40 45 v input current i in ? 5 ? ma output voltage (note 2) v out ? 0.3 5.5 v output current i out ? 3 current limited ma enable input voltage dc transient, t < 100 ms v en ? 0.3 ? 40 45 v enable input current i en ? 1 1 ma dt (reset delay time select) voltage v dt ? 0.3 5.5 v dt (reset delay time select) current i dt ? 1 1 ma reset output voltage v ro ? 0.3 5.5 v reset output current i ro ? 3 3 ma junction temperature t j ? 40 150 c storage temperature t stg ? 55 150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. refer to electrical characteristics and application information for safe operating area. 2. 5.5 v or (v in + 0.3 v) (whichever is lower). esd capability (note 3) rating symbol min max unit esd capability, human body model esd hbm ? 2 2 kv esd capability, machine model esd mm ? 200 200 v esd capability, charged device model esd cdm ? 1 1 kv 3. this device series incorporates esd protection and is tested by the following methods: esd human body model tested per aec ? q100 ? 002 (js ? 001 ? 2010) esd machine model tested per aec ? q100 ? 003 (eia/jesd22 ? a115) esd charge device model tested per aec ? q100 ? 011 (eia/jesd22 ? c101) lead soldering temperature and msl (note 4) rating symbol min max unit moisture sensitivity level d2pak ? 5 d2pak ? 7 msl 1 3 ? lead temperature soldering reflow (smd styles only), pb ? free versions t sld ? 265 peak c 4. for more information, please refer to our soldering and mounting techniques reference manual, solderrm/d. thermal characteristics (note 5) rating symbol value unit thermal characteristics, d2pak ? 5 thermal resistance, junction ? to ? air (note 6) thermal reference, junction ? to ? case (note 6) r  ja r  jc 53 8.4 c/w thermal characteristics, d2pak ? 7 thermal resistance, junction ? to ? air (note 6) thermal reference, junction ? to ? case (note 6) r  ja r  jc 51 8.4 c/w 5. refer to electrical characteristics and application information for safe operating area. 6. values based on copper area of 645 mm 2 (or 1 in 2 ) of 1 oz copper thickness and fr4 pcb substrate.
NCV8772 http://onsemi.com 4 recommended operating range (note 7) rating symbol min max unit input voltage (note 8) v in 5.5 40 v junction temperature t j ? 40 150 c 7. refer to electrical characteristics and application information for safe operating area. 8. minimum v in = 5.5 v or (v out + v do ), whichever is higher. electrical characteristics v in = 13.2 v, v en = 3 v, c in = 0.1  f, c out = 1  f, for typical values t j = 25 c, for min/max values t j = ? 40 c to 150 c; unless otherwise noted. (notes 9 and 10) parameter test conditions symbol min typ max unit regulator output output voltage (accuracy %) t j = 25 c to 125 c v in = 5.575 v to 16 v, i out = 0.1 ma to 200 ma v out 4.925 ( ? 1.5 %) 5.0 5.075 (+1.5%) v output voltage (accuracy %) v in = 5.6 v to 40 v, i out = 0.1 ma to 200 ma v in = 5.975 v to 16 v, i out = 0.1 ma to 350 ma v out 4.9 4.9 ( ? 2 %) 5.0 5.0 5.1 5.1 (+2%) v output voltage (accuracy %) t j = ? 40 c to 125 c v in = 5.975 v to 28 v, i out = 0 ma to 350 ma v out 4.9 ( ? 2 %) 5.0 5.1 (+2%) v line regulation v in = 6 v to 28 v, i out = 5 ma reg line ? 20 0 20 mv load regulation i out = 0.1 ma to 350 ma reg load ? 35 10 35 mv dropout voltage (note 11) i out = 200 ma i out = 350 ma v do ? ? 250 440 500 875 mv output capacitor for stability (note 12) i out = 0 ma to 350 ma c out esr 1 0.01 ? ? 100 100  f  disable and quiescent currents disable current v en = 0 v, t j < 85 c i dis ? ? 1  a quiescent current (i q = i in ? i out ) i out = 0.1 ma, t j = 25 c i out = 0.1 ma to 350 ma, t j 125 c i q ? ? 24 ? 29 30  a current limit protection current limit v out = 0.96 x v out_nom i lim 400 ? 1100 ma short circuit current limit v out = 0 v i sc 400 ? 1100 ma reverse output current protection reverse output current protection v en = 0 v, i out = ? 1 ma v out_rev ? 2 5.5 v psrr power supply ripple rejection (note 12) f = 100 hz, 0.5 v pp psrr ? 60 ? db enable thresholds enable input threshold voltage logic low logic high v th(en) ? 2.5 ? ? 0.8 ? v enable input current logic high logic low v en = 5 v v en = 0 v, t j < 85 c i en_on i en_off ? ? 3 0.5 5 1  a 9. refer to absolute maximum ratings and application information for safe operating area. 10. performance guaranteed over the indicated operating temperature range by design and/or characterization tested at t a  t j . low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 11. measured when output voltage falls 100 mv below the regulated voltage at v in = 13.2 v. 12. values based on design and/or characterization. 13. see application information section for reset thresholds and reset delay time options
NCV8772 http://onsemi.com 5 electrical characteristics v in = 13.2 v, v en = 3 v, c in = 0.1  f, c out = 1  f, for typical values t j = 25 c, for min/max values t j = ? 40 c to 150 c; unless otherwise noted. (notes 9 and 10) parameter unit max typ min symbol test conditions dt (reset delay time select) ? d2pak ? 7 only dt threshold voltage logic low logic high v th(dt) ? 2.0 ? ? 0.8 ? v dt input current v dt = 5 v i dt ? ? 1.0  a reset output ro output voltage reset threshold (note 13) (NCV8772y) where y = 1,2,3,... 5.0 v (NCV8772y) where y = a,b,c,... 5.0 v v out decreasing, v in > 5.5 v v rt 90 87 93 90 96 93 %v out reset hysteresis v rh ? 2.0 ? %v out maximum reset sink current v out = 4.5 v, v ro = 0.25 v i romax 1.75 ? ? ma reset output low voltage v out > 1 v, i ro < 200  a v rol ? 0.15 0.25 v reset output high voltage v roh 4.5 ? ? v integrated reset pull ? up resistor r ro 15 30 50 k  reset delay time (d2pak ? 5) (note 13) t rd 6.4 ( ? 20%) 8 9.6 (+20%) ms reset delay time (d2pak ? 7) (note 13) min available time, dt connected to gnd max available time, dt connected to v out t rd 3.2 102.4 ( ? 20%) 4 128 4.8 153.6 (+20%) ms reset reaction time (see figure 24) t rr 16 25 38  s thermal shutdown thermal shutdown temperature (note 12) t sd 150 175 195 c thermal shutdown hysteresis (note 12) t sh ? 25 ? c 9. refer to absolute maximum ratings and application information for safe operating area. 10. performance guaranteed over the indicated operating temperature range by design and/or characterization tested at t a  t j . low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 11. measured when output voltage falls 100 mv below the regulated voltage at v in = 13.2 v. 12. values based on design and/or characterization. 13. see application information section for reset thresholds and reset delay time options
NCV8772 http://onsemi.com 6 typical characteristics figure 4. quiescent current vs. temperature 20 21 22 23 24 25 26 27 28 29 30 ? 40 ? 20 0 20 40 60 80 100 120 140 160 t j , junction temperature ( c) i q , quiescent current (  a) v in = 13.2 v i out = 100  a figure 5. quiescent current vs. input voltage 0 50 100 150 200 250 300 0 5 10 15 20 25 30 35 40 v in , input voltage (v) i q , quiescent current (  a) i out = 0 ma t j = 25 c figure 6. quiescent current vs. output current 20 21 22 23 24 25 26 27 28 29 30 0 50 100 150 200 250 300 350 i q , quiescent current (  a) i out , output current (ma) v in = 13.2 v t j = 25 c t j = ? 40 c t j = 150 c figure 7. output voltage vs. temperature 4.90 4.95 5.00 5.05 5.10 ? 40 ? 20 0 20 40 60 80 100 120 140 160 t j , junction temperature ( c) v out , output voltage (v) v in = 13.2 v i out = 100  a figure 8. output voltage vs. input voltage 0 1 2 3 4 5 6 012345678 v in , input voltage (v) v out , output voltage (v) t j = 150 c t j = ? 40 c t j = 25 c i out = 1 ma figure 9. dropout vs. output current 0 100 200 300 400 500 600 700 800 0 50 100 150 200 250 300 350 v do , dropout voltage (mv) i out , output current (ma) t j = 150 c t j = ? 40 c t j = 25 c
NCV8772 http://onsemi.com 7 typical characteristics v in (1 v/div) v out (50 mv/div) figure 10. dropout vs. temperature 0 100 200 300 400 500 600 700 800 ? 40 ? 20 0 20 40 60 80 100 120 140 160 t j , junction temperature ( c) v do , dropout voltage (mv) figure 11. output current limit vs. input voltage 0 100 200 300 400 500 600 700 800 0 5 10 15 20 25 30 35 40 v in , input voltage (v) i lim , i sc , current limit (ma) t j = 25 c i out = 350 ma i out = 200 ma i sc @ v out = 0 v i lim @ v out = 4.8 v figure 12. output current limit vs. temperature 400 450 500 550 600 650 700 750 800 ? 40 ? 20 0 20 40 60 80 100 120 140 160 t j , junction temperature ( c) i lim , i sc , current limit (ma) v in = 13.2 v figure 13. c out esr stability region vs. output current i sc @ v out = 0 v i lim @ v out = 4.8 v 0.01 0.1 1 10 100 0 50 100 150 200 250 300 350 i out , output current (ma) esr, stability region (  ) stable region v in = 13.2 v t j = ? 40 c to 150 c c out = 1  f ? 100  f figure 14. line transients t j = 25 c i out = 1 ma c out = 10  f t rise/fall = 1  s (v in ) 12.2 v 14.2 v 13 v 5 v 4.98 v time (100  s/div) figure 15. load transients time (20  s/div) t j = 25 c v in = 13.2 v c out = 10  f t rise/fall = 1  s (i out ) 0.1 ma 5.3 v 350 ma 5 v 4.54 v i out (200 ma/div) v out (100 mv/div)
NCV8772 http://onsemi.com 8 typical characteristics figure 16. power up/down response t j = 25 c v en = v in r out = 5 k  v in (5 v/div) v out (5 v/div) time (100 ms/div) v ro (5 v/div) figure 17. psrr vs. frequency 0 10 20 30 40 50 60 70 80 90 100 10 100 1000 10000 100000 f, frequency (hz) psrr (db) t j = 25 c v in = 13.2 v  0.5 v pp c out = 1  f i out = 1.0 ma figure 18. noise vs. frequency 0 500 1000 1500 2000 2500 3000 3500 4000 4500 10 100 1000 10000 100000 noise density (nv/ hz ) f, frequency (hz) t j = 25 c v in = 13.2 v c out = 1  f i out = 350 ma figure 19. disable current vs. temperature 0 1 2 3 4 5 ? 40 ? 20 0 20 40 60 80 100 120 140 160 v in = 13.2 v v en = 0 v t j , junction temperature ( c) i dis , disable current (  a) figure 20. disable current vs. input voltage 0 2 4 6 8 10 12 0 5 10 15 20 25 30 35 40 i dis , disable current (  a) v in , input voltage (v) t j = 150 c t j = 85 c t j = 125 c v en = 0 v figure 21. enable current vs. enable voltage 0 10 20 30 40 50 0 5 10 15 20 25 30 35 40 v en , enable voltage (v) i en , enable current (  a) t j = 150 c t j = ? 40 c t j = 25 c v in = 13.2 v
NCV8772 http://onsemi.com 9 typical characteristics figure 22. reset threshold vs. temperature 4.60 4.65 4.70 4.75 4.80 ? 40 ? 20 0 20 40 60 80 100 120 140 160 t j , junction temperature ( c) v rt , reset threshold (v) v in = 13.2 v figure 23. reset delay time vs. temperature 6 7 8 9 10 ? 40 ? 20 0 20 40 60 80 100 120 140 160 t j , junction temperature ( c) t rd , reset delay time (ms) v in = 13.2 v t t t figure 24. reset function and timing diagram < t rr t rr t rd v in v out v rt v rt + v rh v ro v roh v rol
NCV8772 http://onsemi.com 10 definitions general all measurements are performed using short pulse low duty cycle techniques to maintain junction temperature as close as possible to ambient temperature. output voltage the output voltage parameter is defined for specific temperature, input voltage and output current values or specified over line, load and temperature ranges. line regulation the change in output voltage for a change in input voltage measured for specific output current over operating ambient temperature range. load regulation the change in output voltage for a change in output current measured for specific input voltage over operating ambient temperature range. dropout voltage the input to output differential at which the regulator output no longer maintains regulation against further reductions in input voltage. it is measured when the output drops 100 mv below its nominal value. the junction temperature, load current, and minimum input supply requirements affect the dropout level. quiescent and disable currents quiescent current (i q ) is the difference between the input current (measured through the ldo input pin) and the output load current. if enable pin is set to low the regulator reduces its internal bias and shuts off the output, this term is called the disable current (i dis ). current limit and short circuit current limit current limit is value of output current by which output voltage drops below 96% of its nominal value. short circuit current limit is output current value measured with output of the regulator shorted to ground. psrr power supply rejection ratio is defined as ratio of output voltage and input voltage ripple. it is measured in decibels (db). line transient response typical output voltage overshoot and undershoot response when the input voltage is excited with a given slope. load transient response typical output voltage overshoot and undershoot response when the output current is excited with a given slope between low ? load and high ? load conditions. thermal protection internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum junction temperature is exceeded. when activated at typically 175 c, the regulator turns off. this feature is provided to prevent failures from accidental overheating. maximum package power dissipation the power dissipation level is maximum allowed power dissipation for particular package or power dissipation at which the junction temperature reaches its maximum operating value, whichever is lower.
NCV8772 http://onsemi.com 11 applications information the NCV8772 regulator is self ? protected with internal thermal shutdown and internal current limit. typical characteristics are shown in figure 4 to figure 24. input decoupling (c in ) a ceramic or tantalum 0.1  f capacitor is recommended and should be connected close to the NCV8772 package. higher capacitance and lower esr will improve the overall line and load transient response. if extremely fast input voltage transients are expected then appropriate input filter must be used in order to decrease rising and/or falling edges below 50 v/  s for proper operation. the filter can be composed of several capacitors in parallel. output decoupling (c out ) the NCV8772 is a stable component and does not require a minimum equivalent series resistance (esr) for the output capacitor. stability region of esr vs output current is shown in figure 13. the minimum output decoupling value is 1  f and can be augmented to fulfill stringent load transient requirements. the regulator works with ceramic chip capacitors as well as tantalum devices. larger values improve noise rejection and load regulation transient response. enable operation the enable pin will turn the regulator on or off. the threshold limits are covered in the electrical characteristics table in this datasheet. reset operation a reset signal is provided on the reset output (ro) pin to provide feedback to the microprocessor of an out of regulation condition. the timing diagram of reset function is shown in figure 24. this is in the form of a logic signal on ro. output voltage conditions below the reset threshold cause ro to go low. the ro integrity is maintained down to v out = 1.0 v. for 5 v voltage option, the reset output (ro) circuitry includes internal pull ? up (30 k  ) connected to the output (v out ) no external pull ? up is necessary. reset delay and reset threshold options (d2pak ? 5) reset delay time reset threshold NCV87721d5s 8 ms 93% NCV87722d5s 16 ms 93% NCV87723d5s 32 ms 93% NCV87724d5s 64 ms 93% NCV87725d5s 128 ms 93% NCV8772ad5s 8 ms 90% NCV8772bd5s 16 ms 90% NCV8772cd5s 32 ms 90% NCV8772dd5s 64 ms 90% NCV8772ed5s 128 ms 90% note: the timing values can be selected from the following list: 8, 16, 32, 64, 128 ms. contact factory for options not included in ordering information table on page 12. reset delay time select (d2pak ? 7 only) selection of the NCV8772yd7s devices and the state of the dt pin determines the available reset delay times. the part is designed for use with dt tied to ground or v out , but may be controlled by any logic signal which provides a threshold between 0.8 v and 2 v. the default condition for an open dt pin is the slower reset time (dt = gnd condition). t imes are in pairs and are highlighted in the chart below. consult factory for availability. the delay time select (dt) pin is logic level controlled and provides reset delay time per the chart. note the dt pin is sampled only when ro is low, and changes to the dt pin when ro is high will not effect the reset delay time.
NCV8772 http://onsemi.com 12 reset delay and reset threshold options (d2pak ? 7) dt = gnd reset time dt = v out reset time reset threshold NCV87721d7s 8 ms 128 ms 93% NCV87722d7s 8 ms 32 ms 93% NCV87723d7s 16 ms 64 ms 93% NCV87724d7s 32 ms 128 ms 93% NCV87725d7s 4 ms 8 ms 93% NCV8772ad7s 8 ms 128 ms 90% NCV8772bd7s 8 ms 32 ms 90% NCV8772cd7s 16 ms 64 ms 90% NCV8772dd7s 32 ms 128 ms 90% NCV8772ed7s 4 ms 8 ms 90% note: the timing values can be selected from the following list: 4, 8, 16, 32, 64, 128 ms. contact factory for other timing combinations not included in this table or in ordering information table on page 12. thermal considerations as power in the NCV8772 increases, it might become necessary to provide some thermal relief. the maximum power dissipation supported by the device is dependent upon board design and layout. mounting pad configuration on the pcb, the board material, and the ambient temperature affect the rate of junction temperature rise for the part. when the NCV8772 has good thermal conductivity through the pcb, the junction temperature will be relatively low with high power applications. the maximum dissipation the NCV8772 can handle is given by: p d ( max )   t j(max)  t a  r  ja (eq. 1) since t j is not recommended to exceed 150 c, then the NCV8772 soldered on 645 mm 2 , 1 oz copper area, fr4 can dissipate up to 2.35 w (for d2pak ? 5) when the ambient temperature (t a ) is 25 c. see figure 25 for r  ja versus pcb area. the power dissipated by the NCV8772 can be calculated from the following equations: p d  v in  i q @i out
i out  v in  v out (eq. 2) or v in(max)  p d(max)
 v out i out i out
i q (eq. 3) note: items containing i q can be neglected if i out >> i q . figure 25. thermal resistance vs. pcb copper area (d2pak ? 5) 40 50 60 70 80 90 100 0 100 200 300 400 500 600 700 copper heat spreader (mm 2 ) r  ja , thermal resistance ( c/w) pcb 1 oz cu pcb 2 oz cu hints v in and gnd printed circuit board traces should be as wide as possible. when the impedance of these traces is high, there is a chance to pick up noise or cause the regulator to malfunction. place external components, especially the output capacitor, as close as possible to the NCV8772 and make traces as short as possible. ordering information device output voltage reset delay time (dt = gnd/v out for d2pak ? 7) reset threshold marking package shipping ? NCV87721d5s50r4g 5.0 v 8 ms 93% nc v8772150 d2pak ? 5 (pb ? free) 800 / tape & reel NCV87725d7s50r4g 5.0 v 4/8 ms 93% nc v8772550 d2pak ? 7 (pb ? free) 750 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
NCV8772 http://onsemi.com 13 package dimensions d 2 pak 5 case 936a ? 02 issue c 5 ref a 123 k b s h d g c e m l p n r v u terminal 6 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. tab contour optional within dimensions a and k. 4. dimensions u and v establish a minimum mounting surface for terminal 6. 5. dimensions a and b do not include mold flash or gate protrusions. mold flash and gate protrusions not to exceed 0.025 (0.635) maximum. dim a min max min max millimeters 0.386 0.403 9.804 10.236 inches b 0.356 0.368 9.042 9.347 c 0.170 0.180 4.318 4.572 d 0.026 0.036 0.660 0.914 e 0.045 0.055 1.143 1.397 g 0.067 bsc 1.702 bsc h 0.539 0.579 13.691 14.707 k 0.050 ref 1.270 ref l 0.000 0.010 0.000 0.254 m 0.088 0.102 2.235 2.591 n 0.018 0.026 0.457 0.660 p 0.058 0.078 1.473 1.981 r 5 ref s 0.116 ref 2.946 ref u 0.200 min 5.080 min v 0.250 min 6.350 min  45 m 0.010 (0.254) t ? t ? optional chamfer 8.38 0.33 1.016 0.04 16.02 0.63 10.66 0.42 3.05 0.12 1.702 0.067 scale 3:1  mm inches soldering footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
NCV8772 http://onsemi.com 14 package dimensions d 2 pak ? 7 (short lead) case 936ab ? 01 issue b 5 ref a 123 k b s h d g c e m l p n r v u terminal 6 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. tab contour optional within dimensions a and k. 4. dimensions u and v establish a minimum mounting surface for terminal 6. 5. dimensions a and b do not include mold flash or gate protrusions. mold flash and gate protrusions not to exceed 0.025 (0.635) maximum. dim a min max min max millimeters 0.386 0.403 9.804 10.236 inches b 0.356 0.368 9.042 9.347 c 0.170 0.180 4.318 4.572 d 0.026 0.036 0.660 0.914 e 0.045 0.055 1.143 1.397 g 0.067 bsc 1.702 bsc h 0.539 0.579 13.691 14.707 k 0.050 ref 1.270 ref l 0.000 0.010 0.000 0.254 m 0.088 0.102 2.235 2.591 n 0.018 0.026 0.457 0.660 p 0.058 0.078 1.473 1.981 r 5 ref s 0.116 ref 2.946 ref u 0.200 min 5.080 min v 0.250 min 6.350 min  45 m 0.010 (0.254) t ? t ? optional chamfer *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. recommended dimensions: millimeters 0.424 7x 0.584 0.310 0.136 0.040 0.050 pitch soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. NCV8772/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCV8772

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X