Part Number Hot Search : 
SY89845U KRA309 0XS18D7 AD2S93 74HC42 4G102G1G OPF391A AN6337S
Product Description
Full Text Search
 

To Download MT8926 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  obsolescence notice this product is obsolete. this information is available for your convenience only. for more information on zarlink?s obsolete products and replacement product lists, please visit http://products.zarlink.com/obsolete_products/
semicmf.019 1 features ? ansi t1.403 and t1.408 performance monitoring and maintenance functions ? operates in conjunction with mitel's t1/esf framer circuits (mt8976/77 and mh89760b) ? d3/d4 (sf), and esf modes of operation ? one and two second timers ? supports bit-oriented and message-oriented data transfer over the facility data link (fdl) ? esf and d3/d4 yellow alarms, alarm indication signal and loss of signal indication ? framing error, crc error and bipolar violation error counters ? alarm interrupts and counter overflow interrupts applications ? t1 line performance data collection ? csu performance monitoring ? isdn primary rate maintenance controller description the MT8926 performance monitoring adjunct circuit (pmac) interworks with mitel's mt8976/77 and mh89760b to provide performance monitoring data, alarms and t1 maintenance features. it meets the performance monitoring and maintenance requirements of ansi t1.403 and t1.408, and also supports channel service unit (csu) requirements. ds5718 issue 3 july 1993 ordering information MT8926ae 28 pin plastic dip MT8926ap 28 pin plcc -40 o c to +85 o c MT8926 t1performancemonitoring adjunctcircuit(pmac) data sheet figure 1 - functional block diagram fdli e8ki irq c2i csti0 csti1 csto reset dsti0 dsti1 dsto f0i transmit bom register receive bom register & rai debounce st-bus interface payload & line loopback control snap- shot registers 8 bit crc counter csi timer bsi fsi sei 4 bit se counter 4 bit fe counter 8 bit bpv counter e8k/fdl mux fdl extractor framer, se/fe detector line loopback integrator b8zs recovery, bpv detector ais/los detector 1sec eclk rxb rxa v ss v dd fdlo e8ko iso-cmos st-bus tm family
MT8926 data sheet semicmf.019 2 figure 2 - pin connections 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 28 27 26 25 24 23 22 21 28 pin plastic dip vss eclk rxa rxb ic e8ki e8ko vss csto csti0 csti1 f0i c2i vss vdd ic dsti1 dsti0 dsto ic vss ic irq 1sec fdlo fldi reset vdd 1 6 5 4 3 2 7 8 9 10 11 23 19 20 21 22 24 25 26 27 28 v s s e c l k r x a r x b d s t i 1 i c v d d 12 13 14 15 16 17 18 c 2 i v d d r e s e t f l d i f l d o v s s f 0 i dsti0 dsto ic vss ic irq 1sec ic e8ki e8ko vss csto csti0 csti1 28 pin plastic j-lead
data sheet MT8926 3 semicmf.019 pin description table pin # name description 1 v ss system ground. 2 eclk extracted clock input . a 1.544 mhz clock derived from the received data. this signal is used to clock in the data on pins rxa and rxb . see figure11 on page26 for timing information. 3 rxa receive a input . a unipolar active low signal decoded from the received t1 signal. see figure11 on page26 for timing information. 4 rxb receive b input. a unipolar active low signal decoded from the received t1 signal. see figure11 on page26 for timing information. 5 ic internal connection. must be tied to v ss for normal operation. 6 e8ki extracted 8 khz input. a low going pulse on this input is used by the pmac to locate the framing bit in the received signal. the device uses this information to detect errors in the received framing bits. connect to e8ko of the mt8976/77. see figure12 on page27 for timing information. 7 e8ko 8 khz clock output. the 8 khz signal input at e8ki is output on this pin when bit 2 (8ken) of the pmac control word is set. the output is pulled high when 8ken is reset. see figure12 on page27 for timing information. 8 v ss system ground. 9 csto control st-bus output. the data that enters the pmac on csti0 will exit the device on this pin. data derived by the pmac will be inserted into specific channels of this output stream. see figure13 on page28 and figure14 on page28 for timing information and figure5 on page8 for channel allocation. 10 csti0 control st-bus input 0. accepts the serial st-bus stream output on csto of the mt8976/77. the data that enters the pmac on this pin exits the device on csto. the contents of specific csti0 channels is replaced by data derived by the pmac. see figure13 on page28 and figure14 on page28 for timing information and figure4 on page6 for channel allocation. 11 csti1 control st-bus input 1. channel 11 of this st-bus input stream is used to control specific features in the device (table14 on page16). channel 7 is used for the transmit bit-oriented message (table13 on page15), and channel 15 is used to control loopback functions (table4 on page9). see figure13 on page28 for timing information and figure3 on page5 for channel allocation. 12 f0i frame pulse input. this input accepts an 8 khz signal, which is used to delineate the st-bus frame boundary. see figure15 on page29 for timing information. 13 c2i 2.048 mhz clock input. this input accepts a 2.048 mhz clock signal, which is used to clock st-bus control and data streams into and out of the pmac. see figure13 on page28 and figure14 on page28 for timing information. 14 v ss system ground. 15 v dd supply voltage input (+5 v). 16 rese t reset input. must be high for normal operation. when low, the functions of the MT8926 will be suspended. 17 fdli facility data link input. this input accepts a 4 kbit/sec. facility data link transmit signal, which is routed back out transparently on fdlo if message-oriented signal transmission is enabled (i.e., pmac control word bit 0, fdlen, is low). this signal is not clocked into the pmac. if bit-oriented messaging is enabled (fdlen high), data on this input will not be routed to fdlo (see pin 18, fdlo, below).
MT8926 data sheet semicmf.019 4 18 fdlo facility data link output . when bit-oriented messaging is enabled (i.e., pmac control word bit 0, fdlen, is high), data in the transmit bom register will be appended to a 1111 1111 (ff) flag and clocked out of the device at this output. the output timing for this signal is shown in figure18 on page30. when bit-oriented messaging is disabled (fdlen low), data received at the fdli pin is routed back out transparently on this pin (it is not re-timed). see figure19 on page30 for timing information. 19 1sec 1 second output. a one second timing signal derived from the st-bus f0i signal is output on this pin. the output is low for 0.5 seconds and high for 0.5 seconds. it can be used as an interrupt source to generate t1.403 message-oriented performance reports. see figure16 on page29 for timing information. 20 irq interrupt request output. an open drain output that is to be externally connected to v dd through a pull-up resistor. the pmac will pull this pin low to assert an interrupt request. interrupting events and their groupings are described in table16 on page19 and table17 on page20. irq is released by making bit 1 (interrupt acknowledge - inta) of the pmac control word low. once inta is set, all interrupting signals of a particular group must be inactive before the next interrupt of that group can assert irq . see figure17 on page30 for functional timing information. 21 ic internal connection. must be left open for normal operation. 22 v ss system ground. 23 ic internal connection. must be left open for normal operation. 24 dsto data st-bus output. a 2.048 mbit/sec. serial output stream, which contains the 24 pcm or data channels to be transmitted on the t1 trunk. this data stream is multiplexed from either input dsti0 (normal mode) or input dsti1 (payload loopback mode). the selection of either the normal or payload loopback mode is made through the loopback control word. this output should be connected to dsti of the mt8976/77. when the loopback control word is set for line loopback code generation, the 24 pcm channels will contain the line loopback activate or deactivate code stream. see figure14 on page28 for timing information. 25 dsti0 data st-bus input 0. a 2.048 mbit/sec. serial input stream, which contains the 24 pcm or data channels to be transmitted on the t1 trunk in normal mode. this input should be connected to the system side output stream. 26 dsti1 data st-bus input 1. a 2.048 mbit/sec. serial input stream, which contains the 24 pcm or data channels to be transmitted on the t1 trunk in payload loopback mode. this input should be connected to dsto of the mt8976/77. 27 ic internal connection. must be tied to v ss for normal operation. 28 v dd supply voltage input (+5 v). pin description table (continued) pin # name description
data sheet MT8926 5 semicmf.019 1.0 functional description the MT8926 performance monitoring adjunct circuit (pmac) is designed to enable a mt8976/77 based t1 interface to gather performance data and perform maintenance functions as per ansi t1.403 and t1.408. performance data collection includes crc errors, severely errored framing events, frame synchronization-bit errors, line code violations, and controlled slips. maintenance functions include the detection of alarms, sf line loopback code generation and detection, esf payload loopback, as well as the transport of bit-oriented and message-oriented signals over the facility data link (fdl). the control and status data of the MT8926 is transported over spare channels of the existing mt8976/77 st-bus streams. therefore, no new st-bus streams are required to upgrade with the pmac. the pmac has an on-board framer that uses the received signal and extracted 8 khz clock to achieve synchronization. the result of this frame alignment is logically anded with the syn bit of the mt8976/77 csto stream to give fecv (see table5 on page10). this will ensure that the pmac can only declare synchronization after the framer is synchronized. the MT8926 will align to sf or esf framing without user selection. an interrupt (irq output) system is also provided to reduce the requirement to monitor st-bus channels continuously for exception conditions. interrupt sources are divided into group one (g1) for service affecting events and group two (g2) for counter overflows. a timer has been included to allow scheduling of t1.403/408 message-oriented performance reports for transmission over the facility data link. this timer provides a two second output (register accessed) and a one second output pin. figure 3 - csti1 channel allocation versus t1 channels two eight bit counters with overflow bits and resets (resets counter and overflow bit) are provided to record line code violations (bpv) and crc errors. the bpv counter will not count b8zs encoding violations. when either overflow bit goes high it will generate a group two (g2) interrupt. two four bit counters are used to record framing error events (fe) and severely errored framing events (se). the fe counter has an overflow indication bit and can be cleared (resets counter and overflow bit) by the user. its overflow bit will generate a group two (g2) interrupt when it goes high. a g2 interrupt will also be issued whenever the se counter is incremented. the alarms that the pmac monitors are alternate sf yellow alarm (i.e., twelfth sf framing bit =1, alrm), esf facility data link yellow alarm (rai), loss of signal (i.e., reception of 128 or more consecutive zeros), and alarm indication signal (ais, blue alarm or all ones alarm). therefore, the MT8926/mt8976/77 combination supports a comprehensive alarm package. the pmac alarm registers and counters are updated as the corresponding events occur. once per frame (8000 csti1 0-2 pccw 2 3 x 4-6 pccw 2 7 tx bom 8-10 pccw 2 11 pc w 12-14 pccw 2 15 lc w 16-18 pccw 2 19 x 20-22 pccw 2 23 x 24-26 pccw 2 27 x 28-30 pccw 2 31 x t1 1-3 4-6 7-9 10-12 13-15 16-18 19-21 22-24 transmit bit-oriented message register pmac control word loopback control word bit 7 0 function transmitted first transmitted last bit 7 6 function ser fer 5 4 3 2 1 0 crcr bpvr fsel 8ken inta fdlen bit 1 0 function normal bit 0 0 0 1 1 1 0 1 payload loopback line loopback enable code (00001) line loopback disable code (001) pccw = per channel control word
MT8926 data sheet semicmf.019 6 times a second) the state of these registers and counters is recorded in a set of snap-shot registers. this data in the snap-shot registers is then inserted into the appropriate bit positions of the st-bus status stream csto. fdl bit-oriented messages can be communicated via the pmac transmit and receive bit-oriented message registers. the user gains access to these registers through the st-bus control streams. valid bit-oriented messages consist of a series of repeating 16 bit code words of the form: 11111111 0xxxxxx0, where xxxxxx is the message content. the pmac will automatically append the prefix byte 11111111 to the transmit message and remove it from the receive message. it will also indicate the reception of a valid message. when bit-oriented messages are not being transported, message-oriented facility data link signals, assembled by an external hdlc controller (i.e., mt8952), can be passed through the pmac to the mt8976/77 for transmission. the pmac can implement an esf payload loopback by routing the mt8976/77 dsto stream to the mt8976/77 dsti input (see figure6 on page8). the payload loopback is controlled through the loopback control word, channel 15 of csti1 (see figure3 on page5). when the payload loopback is disabled, data entering the pmac?s dsti0 pin is transferred to the pmac dsto. dsto of the pmac should be connected to the dsti pin of the mt8976/77 framer. 1.1 pmac - framer interworking the MT8926 pmac is designed to function with the mt8976/77 t1 framer. figure9 on page21 illustrates a typical application and the connections involved in realizing this interface. both the pmac and framer receive the extracted clock and data from the t1 line interface. this allows the MT8926 to perform b8zs recovery and bpv detection, as well as sf or esf synchronization, framing error detection, facility data link extraction, and line loopback code detection. some of the csti1 channels that are not used to control the mt8976/77 are used to control the pmac, therefore, csti1 will connect to both devices. figure3 on page5 shows the channels of csti1 that carry the mt8976/77 per channel control words, as well as the MT8926 control data. c2i and f0i supply timing references for both devices. the csto stream of the mt8976/77 framer enters the pmac on csti0 (see figure4 on page6). the pmac adds its performance data to form the csto stream of the pmac. figure5 on page8 shows the channels and status bits that the pmac has added to csto. e8ko of the framer will also pass through the pmac, e8ki to e8ko, under control of csti1. figure 4 - MT8926 csti0 (mt8976/77 csto) channel allocation versus t1 channels csti0 mt8976/77 csto 0-2 pcsw 3 ps w 4-6 pcsw 7 x 8-10 pcsw 11 x 12-14 pcsw 15 ms w1 16-18 pcws 19 x 20-22 pcsw 23 x 24-26 pcsw 27 x 24-26 pcsw 31 ms w2 t1 1-3 4-6 7-9 10-12 13-15 16-18 19-21 22-24 pcsw psw msw = = = per channel status word phase status word master status word
data sheet MT8926 7 semicmf.019 it should be noted that the pmac will replace some of the data of mt8976/77 master status words 1 and 2. this is outlined in table1 on page7 and table2 on page7. the MT8926 can be programmed to either pass data through from fdli to fdlo and on to the mt8976/77 input txfdl, or insert bit-oriented messages into the fdl via the transmit bit-oriented message register, channel 7 of csti1. this function is under control of the fdlen bit of the pmac control word. see application section figure9 on page21 for fdl connections. channel 15 of csti1, the loopback control word, is used to control the line loopback code generation and payload loopback functions of the pmac. this is done by internally connecting the MT8926 dsto to either a line loopback enable code generator, a line loopback disable code generator, dsti0 or dsti1. figure6 on page8 illustrates the connections required to support these functions. the dsto of the framer connects to dsti1 of the pmac and to the receive side of the system. this allows the pmac to perform a payload loopback by internally connecting dsti1 to dsto. in normal operation, transmit data will flow from dsti0 to dsto of the pmac to dsti of the mt8976/77. bit mt8976/77 csto MT8926 csto 7 ylalr ylalr 6 mimic mimic 5 err alrm 4 esfylw rai 3 mfsync mfsync 2 bpv los 1 slip slip 0 syn syn table 1 - master status word 1 data substitution bit mt8976/77 csto MT8926 csto 7 blalm blalm 6 frcnt frcnt 5 xst xst 4 bpvcnt sei 3 bpvcnt fsi 2 crccnt csi 1 crccnt bsi 0 crccnt ais table 2 - master status word 2 data substitution
MT8926 data sheet semicmf.019 8 figure 5 - csto channel allocation versus t1 channels 1.2 pmac reset the MT8926 functions may be suspended by making the reset input low ( reset must be high for normal operation). in the reset state, data entering the pmac on fdli, dsti0 and csti0 will pass through unaltered to fdlo, dsto and csto respectively. e8ko will be high, irq will be high impedance and the 1sec output (and tmr bit) will be low. after the mt8976/77 has acquired frame synchroni-zation and reset returns high, the MT8926 will require two superframes to acquire synchronization and two st-bus frames to align to the st-bus. reset can be used to prevent ds1 interface interrupts from occurring during system initialization. it should be noted that when the MT8926 is acquiring synchronization the crc and bpv counters may record errors. figure 6 - payload and line loopback operation csto 0-2 pcsw 3 ps w 4-6 pcsw 7 pm sw 8-10 pcsw 11 crc 12-14 pcsw 15 ms w1 16-18 pcsw 19 ef ec 20-22 pcsw 23 bpv 24-26 pcsw 2 27 rx bom 28-30 pcsw 31 ms w2 t1 1-3 4-6 7-9 10-12 13-15 16-18 19-21 22-24 cyclic redundancy check-6 error counter bit 7-5 4 function not used lldd (001) bit 7 0 function received first lsb pcsw = per channel status word pmac miscellaneous status word master status word 1 errored frame event counter bit 7-4 3-0 function se (msb-lsb) fe (msb-lsb) lled (00001) fecv tmr (2sec) bomv 3 2 1 0 received bit-oriented message register bipolar violation counter master status word 2 bit function 7 msb 0 received last bit 7* function ylalr bit 0 function lsb 7 msb 6* 5 4 3* 2 1* 0* mimic alrm rai (esf yellow) mfsync los slip syn bit 7* function blalm 6* 5* 4 3 2 1 0 frcnt xst sei fsi csi bsi ais psw = phase status word * mt8976/77 data unaltered by the MT8926 repeating 001 repeating 00001 st-bus transmit data stream st-bus receive data stream to pmac control 4 to 1 mux csti1 dsto lcw dsti0 dsti1 from system control csti1 dsti dsto txb txa rxa rxb eclk mt8976/77 MT8926 lcw = loopback control word lcw 0 0 0 1 1 0 1 1 function dsti0 to dsto dsti1 to dsto 00001 to dsto (activate) 001 to dsto (deactivate)
data sheet MT8926 9 semicmf.019 note: bits 2 to 7 of the loopback control word are not used 1.3 alrm (sf yellow alarm) the MT8926 will recognize the sixth f s bit of an sf superframe as an alternate yellow alarm indicator, if fsel of the pmac control word is high. that is, when this f s bit is high/low, the alrm bit of master status word 1 will be high/low (see table3 on page9). when an esf signal is being received or when fsel is low, alrm will always be low. a low to high transition of the alrm bit will initiate a group one (g1) interrupt. bit name description 7-6 ylalr & mimic these bits (yellow alarm indication and mimic) contain information from the mt8976/77 that is unaltered by the MT8926. see master status word 1 of the mt8976/77 data sheet. 5 alrm alarm. this bit will be set if the MT8926 detects a 1 in the f s bit position of the twelfth frame of an sf superframe (alternate yellow alarm indication). alrm will be low when the f s bit is 0. when receiving an esf signal or if bit 3 (fsel) of the pmac control word (csti1 channel 11) is low, the alrm bit will always be low. 4 rai remote alarm indication (also known as esf yellow alarm). this bit is set if an rai code word (repeating hex ff00 pattern) is received on the esf facility data link. this code must be correctly detected in seven out of 10 messages. rai will be reset if more than three of 10 messages are in error. when receiving an sf signal, this bit will always be low. 3 mfsync this bit (multiframe synchronization) contains information from the mt8976 that is unaltered by the MT8926. see master status word 1 of the mt8976 data sheet. 2 los loss of signal. this bit will go high when the MT8926 detects 128 or more consecutive zeros in the line signal. it will be reset after the device detects a 12.5% ones density (48 ones in two or less frames) in the received signal. 1-0 slip & syn these bits (slip indication and synchronization) contain information from the mt8976/77 that is unaltered by the MT8926. see master status word 1 of the mt8976/77 data sheet. table 3 - master status word 1 (csto channel 15) bit 1 bit 0 description 0 0 normal operation. the transmit data applied to dsti0 will pass through the pmac, and be output on dsto. 0 1 payload loopback mode. connect as per figure6 on page8. the received data on dsto of the mt8976/77 is routed through the pmac to the dsti input of the mt8976/77. 1 0 transmit line loopback enable. connect as per figure6 on page8. dsto of the pmac will be internally connected to an sf line loopback enable code generator. that is, a repeating 00001 code is placed in the 24 t1 channels of dsto, so it may be transmitted by the framer. 1 1 transmit line loopback disable. connect as per figure6 on page8. dsto of the pmac will be internally connected to an sf line loopback disable code generator. that is, a repeating 001 code is placed in the 24 t1 channels of dsto, so it may be transmitted by the framer. table 4 - loopback control word (csti1 channel 15)
MT8926 data sheet semicmf.019 10 1.4 remote alarm indication (rai) the pmac will decode the bit-oriented priority codeword 11111111 00000000 received on the fdl as a remote alarm indication (rai or yellow alarm) signal as per t1.403/408. see the section on MT8926 fdl message transfer. this 16 bit pattern must be detected in seven out of 10 codewords in order for the rai bit of master status word 1 (csto channel 15 bit 4) to go high (see table3 on page9). if more than three out of 10 codewords are in error, then rai will remain low. a low to high transition of the rai bit will initiate a group one (g1) interrupt. see the section on interrupts for the control of the rai interrupt. 1.5 loss of signal indication (los) the los bit of master status word 1, table3 on page9, will be high if the MT8926 receives 128 or more consecutive zeros from the t1 interface. los will return low when a ones density of 12.5% has been achieved (approximately 48 ones is received in two or less frames). 1.6 payload loopback the payload of a t1 signal consists of the 192 data bits of each frame and excludes the framing bit (the first bit of 193). therefore, a t1.403 or t1.408 esf payload loopback extracts the payload of a receive t1 signal and transmits it back to the originator with new framing bits. this allows the transport of maintenance and performance data over the facility data link while the payload loopback is activated. the crc-6 multiframe alignment remainder will not be looped around, but will function normally (i.e., calculated for each direction of transmission). the MT8926 pmac can perform a payload loopback by muxing the data received on the mt8976/77?s dsto to dsti of the mt8976/77. this is controlled by the MT8926 loopback control word (csti1 channel 15, see table4 on page9). figure6 on page8 illustrates the MT8926 payload loopback connections. the st-bus transmit stream (normally connected to dsti of the mt8976/77) will connect to dsti0 of the MT8926. the dsto stream of the mt8976/77 will connect to dsti1 of the MT8926 and to the st-bus receive stream. dsto of the MT8926 will connect to dsti of the mt8976/77. bit name description 7-5 --- not used. 4 lldd line loopback disable detect. this bit is set when a repeating 001 pattern (either framed or unframed) is detected in the received t1 signal for at least five frames. in order to comply with t1.403, the user's operating system will ensure that this code is present for at least five seconds before deactivating the sf line loopback (mt8976/77 remote loopback). the MT8926 will detect this repeating bit pattern even in the presence of a ber of 3 errors in 1000 bits. 3 lled line loopback enable detect. this bit is set when a repeating 00001 pattern (either framed or unframed) is detected in the received t1 signal for at least five frames. in order to comply with t1.403, the user's operating system will ensure that this code is present for at least five seconds before activating the sf line loopback (mt8976/77 remote loopback). the MT8926 will detect this repeating bit pattern even in the presence of a ber of 3 errors in 1000 bits. table 5 - pmac miscellaneous status word (csto channel 7)
data sheet MT8926 11 semicmf.019 1.7 line loopback codes t1.403 defines sf mode line loopback activate and deactivate codes. these codes are either a framed or un- framed repeating bit sequence of 00001 for activation or 001 for deactivation. the standard goes on to say that these codes will persist for five seconds or more before the loopback action is taken. the MT8926 will generate line loopback activate and de-activate codes. these functions are controlled by the loopback control word of csti1 channel 15 (see table4 on page9). the connections illustrated in figure6 on page8 must be implemented for this feature to function. the MT8926 will also detect both framed and un-framed line loopback activate and de-activate codes even in the presence of a ber of 3 errors in 1000 bits. see the pmac miscellaneous status word, table5 on page10, csto channel 7 bit 3 line loopback enable detect (lled) and bit 4 line loopback disable detect (lldd). the line loopback of t1.403 is equivalent to the remote loopback function of the mt8976/77 (see mt8976/77 data sheet, master control word 2). therefore, the user will monitor the lled and lldd bits to ensure that they persist for a minimum of five seconds. then the line loopback can be either activated or de-activated using the mt8976/77 remote loopback function. 1.8 pmac synchronization the MT8926 has its own frame synchronization mechanism, which uses the received signal ( rxa and rxb ) and e8ki to achieve sf and esf frame and superframe alignment. further, the pmac monitors the syn bit of the mt8976/77 (csto channel 15 bit 0) and will not declare synchronization until it is clear. when syn is low and the MT8926 framer is properly aligned for two superframes, the pmac will declare synchronization by making the frame error count validation bit (fecv) high. if this criteria is not met, fecv will be low. the pmac will use the received f t and f s bits, f t bits only or fps bits to acquire synchronization. the receive f t or fps bits are used to determine the out-of-synchronization state (see table5 on page10). 2 fecv framing error count validation. this bit is set when the MT8926 has synchronized to a framed t1 signal. the framing error count is frozen if this bit is not set. synchronization (fecv=1) is reported when the MT8926 detects two consecutive superframes with correct framing bits, and bit 0 in csti0 channel 15 ( syn ) is zero. when receiving an sf signal, both f s and f t bits are examined if bit 3 (fsel) in the pmac control word is set. in this case the sixth f s bit is not examined when checking for framing bits. if bit fsel is reset, then only f t bits are examined. loss of synchronization (fecv=0) is reported when either two out of four errors have been detected in the received framing bit position (sf f t bits or esf fps bits) or if bit 0 in csti0 channel 15 ( syn ) is set indicating the mt8976/77 has lost synchronization. 1 tmr two second timer. this bit changes state once per second. 0 bomv bit-oriented message validation. this bit will be set when a valid bit-oriented message is present in the receive bom register (table12 on page15, csto, channel 27). it is reset when a valid message is not being received. a valid bit- oriented message has the form 111111110xxxxxx0, where xxxxxx contains the message information. bit name description table 5 - pmac miscellaneous status word (csto channel 7) (continued)
MT8926 data sheet semicmf.019 12 1.9 timer outputs the pmac has two timer outputs, 1sec pin and csto tmr bit, which are derived from the 8 khz st-bus frame pulse f0i . these signals have been implemented to provide the interface controller with a timing reference for the transmission of t1.403/408 message-oriented performance data over the fdl. see the application section for an explanation of t1.403/408 fdl message transfer. the 1sec output (pin 19) changes state once every half second, and therefore, has a period of one second. the relationship between the 1sec output and the frame pulse f0i is shown in figure16 on page29. tmr is bit one of the pmac miscellaneous status word (csto channel 7, see table5 on page10). it changes state once per second on the rising edge of the 1sec output, and thus, has a two second period. therefore, tmr will change state 62 c2i clock cycles (or st-bus bit times) after the frame pulse that immediately precedes the rising edge of the 1sec output. 1.10 framing error event counters the MT8926 has two four bit counters, the framing error counter (fe) and the severely errored framing event counter (se). the fe counter will be incremented each time a single framing error in the t1 signal is received. the se counter will be incremented by the reception of a t1 framing pattern with an error rate that is greater than or equal to two out of six bits. see table8 on page13 for errored frame event counter details. table6 on page12 illustrates the terminal framing bits (f t ) and signalling framing bits (f s ) of the sf or d3/d4 framing pattern. refer to table18 on page22 for the esf framing pattern. table7 on page12 illustrates which framing bits are included in the framing error calculations in sf and esf modes with the framing pattern selection bit (fsel), csti1 channel 11 bit 3, high and low. bits marked "1" or "0" are counted, bits marked "x" are excluded. when an sf signal is being received and fsel is low the counters are incremented by f t framing bit error events. fsel must be high for the extended superframe fps bits or both sf f t and f s bits to be included. it should be noted that the twelfth sf framing bit (the sixth f s framing bit) is excluded because it can be used as an sf alternate yellow alarm. the alrm bit of the master status word 1 (csto channel 15 bit 5) will be high if the received alternate yellow alarm bit is high. the alrm bit will always be low if fsel is low. frame # f t f s 1 1 2 0 3 0 4 0 5 1 6 1 7 0 8 1 9 1 10 1 11 0 12 0 table 6 - d3/d4 or sf frame pattern framing select sf (f t ) sf (f s ) esf (fps) fsel=0 101010 xxxxxx xxxxxx fsel=1 101010 00111x 001011 table 7 - framing bits which affect the se and fe counters
data sheet MT8926 13 semicmf.019 the fe and se counters will wrap around to 0000 after reaching a terminal count of 1111. when the fe counter wraps around the framing error saturation indication bit (fsi) will be set, table11 on page14, and a g2 interrupt will be asserted. the severely errored framing event indication bit (sei), table11 on page14, will be set when the se counter is incremented. this will also assert a g2 interrupt. these counters are frozen when the pmac or mt8976/77 has lost synchronization (i.e., csto channel 7 bit 2, fecv = 0). the se and fe counters, as well as the sei and fsi bits are cleared by a high-to-low transition of bit 7, se counter reset (ser), and bit 6, fe counter reset (fer), of the pmac control word channel 11 csti1. 1.11 bpv and crc-6 error counters the MT8926 has two eight bit counters, the bipolar violation counter (bpv), table10 on page14, and the crc- 6 framing error counter (crc), table9 on page14. the bpv counter is incremented each time a non-b8zs bipolar code violation is received on the t1 interface. the pmac performs b8zs recovery of the receive data before bpvs are detected. the crc-6 framing error counter is incremented when the least significant bit of the mt8976/77 crc error counter is incremented. the bpv and crc counters will wrap around to 00000000 after reaching a terminal count of 11111111. when the bpv counter wraps around the bpv saturation indication bit (bsi) will be set, table11 on page14, and a g2 interrupt will be asserted. similarly, when the crc counter wraps around the crc saturation indication bit (csi) will be set and a g2 interrupt will be asserted. bit name description 7-4 se severely errored framing event. this four bit counter is incremented when the MT8926 detects two out of six framing bit errors. it will wrap around after reaching terminal count and can be reset by toggling bit 7 of the pmac control word (table14 on page16, csti1 channel 11) from high to low. when receiving a sf t1 signal, both f s and f t bit errors are counted if bit 3 in the pmac control word is set high. if this bit is set low, only errors in the f t bits will be counted. when both f s and f t bit errors are counted, f s bit 6 (in the twelfth frame in an sf superframe) is not examined for errors because it can be used to indicate a yellow alarm. 3-0 fe framing error count. this four bit counter is incremented when a framing bit error is detected. when receiving a sf t1 signal, both f s and f t bit errors are counted if bit 3 in the pmac control word is set high. if this bit is set low, only errors in the f t bits will be counted. when both f s and f t bit errors are counted, f s bit 6 (in the twelfth frame in an sf superframe) is not examined for errors because it can be used to indicate a yellow alarm. the counter shall wrap around after reaching terminal count and can be reset by toggling bit 6 in the pmac control word (table14 on page16, csti1 channel 11) from high to low. table 8 - framing error and severely errored framing event counters (csto channel 19)
MT8926 data sheet semicmf.019 14 bit name description 7-0 crc crc error counter. this is an 8 bit counter, which is incremented when the lsb of the mt8976/77 crc counter toggles. the crc error counter will wrap around after reaching terminal count (i.e., 11111111 to 00000000). this will also set bit 2 (csi) of master status word 2. crc is reset when bit 5 in the pmac control word is toggled from high to low. this counter is invalid when a sf mode t1 signal is being received. table 9 - crc-6 error counter (csto channel 11) bit name description 7-0 bpv bipolar violation counter. this is an 8 bit counter, which is incremented when a line code violation is detected by the MT8926. the counter will wrap around upon reaching terminal count (11111111 to 00000000). this will also set bit 1 (bsi) of master status word 2. bpv is reset when bit 4 in the pmac control word is toggled from high to low. table 10 - bipolar violation counter (csto channel 23) bit name description 7-5 blalm, frcnt & xst these bits (blue alarm, frame count and external status) contain information from the mt8976/77 that is unaltered by the MT8926. see master status word 2 of the mt8976/77 data sheet. 4 sei severely errored framing event indication. this bit goes high when the se counter is incremented (i.e., when the lsb of the se counter toggles). it goes low when bit 7 (ser) of the pmac control word (table14 on page16, csti1 channel 11) is changed from high to low. it can also be cleared by a low on the inta bit of the pmac control word and will remain clear as long as the inta bit is low. 3 fsi framing error counter saturation indication. this bit is set when the fe counter overflows its terminal count (i.e., 1111 to 0000). it will be reset low when bit 6 (fer) of the pmac control word (table14 on page16, csti1 channel 11) is changed from high to low. 2 csi crc error counter saturation indication. this bit is set when the crc counter overflows its terminal count (i.e., 11111111 to 00000000). it will be reset when bit 5 (crcr) of the pmac control word (table14 on page16, csti1 channel 11) is changed from high to low. valid for esf only. 1 bsi bipolar violation counter saturation indication. this bit is set when the bpv counter overflows its terminal count (11111111 to 00000000). it will be reset when bit 4 (bpvr) of the pmac control word (table14 on page16, csti1 channel 11) is changed from high to low. 0 ais alarm indication signal. this bit is set when the mt8976/77 has lost synchronization and less than three zeros are detected in any 250 microsecond interval. it is reset when three or more zeros are detected in a 250 microsecond interval or when synchronization is regained. table 11 - master status word 2 (csto channel 31)
data sheet MT8926 15 semicmf.019 the bpv and crc counters, as well as the bsi and csi bits, are cleared by a high-to-low transition of bit 4, bpv counter reset (bpvr), and bit 5, crc counter reset (crcr), of the pmac control word channel 11 csti1, table14 on page16. 1.12 alarm indication signal (ais) an ais or blue alarm is an all ones signal that can be transmitted from the network side to the terminal equipment side of an interface or from the terminal equipment side to the network side of an interface. in the first case, it indicates that the t1 signal from the network may be lost, and the timing that the terminal equipment derives from the received ais may not be from the network. in the second case, it indicates that data from the terminal equipment side of an interface has been lost and ais is being transmitted in its place. the MT8926 will detect an ais alarm and indicate its presence by making the ais bit of master status word 2 (table11 on page14, csto channel 31 bit 0) high. this state occurs when the mt8976/77 has lost synchronization and less than three zeros are detected in any 250 microsecond interval. the ais bit will go low when either of these conditions is no longer true. 1.13 MT8926 fdl message transfer the MT8926 will support the transfer of fdl bit-oriented messages in a format that is consistent with t1.403 and t1.408. a bom is transmitted by loading the message into the pmac transmit bit-oriented message register (txbom), table13 on page15, csti1 channel 7. this data has the form 0xxxxxx0, where xxxxxx is the content of the t1.403/408 message. when fdlen (bit zero of the pmac control word, table14 on page16) is made high, the bom is transmitted on the fdl preceded by 11111111. the start of the bit-oriented message is not synchronous with fdlen going high. therefore, to ensure a message is sent a minimum of n times, the message must be transmitted for 32n + 32 st-bus frames. valid codewords that are received on the fdl are loaded into the receive bit-oriented message register (rxbom, see table12 on page15). a codeword is valid if it fits the 11111111 0xxxxxx0 form, however, only the 0xxxxxx0 portion of the message will appear in the rxbom register. when a valid codeword has been received bit name description 7-0 rxbom received bit-oriented message. this register contains the eight least significant bits of the esf bit oriented message codeword. the contents of this register is valid when a bit-oriented message codeword is received by the MT8926 in the facility data link bit positions of consecutive extended superframes. a valid codeword will have the form 111111110xxxxxx0. the most significant eight bits (ff sequence) are received first. the register will contain the eight bits following the 11111111 sequence, which are 0xxxxxx0. when a valid codeword is detected, bit zero of the pmac miscellaneous status register is set. table 12 - receive bit-oriented message register (csto channel 27) bit name description 7-0 txbom transmit bit-oriented message. the contents of this register will be appended to an ff flag to form a bit-oriented codeword, and clocked out on fdlo when bit zero in the pmac control word is set high. the MT8926 will continue to clock this message out until bit 0 in the control word is reset. the order of transmission is bit 7 first. bits 7 and 0 should be zero for a code word to be valid. table 13 - transmit bit-oriented message register (csti1 channel 7)
MT8926 data sheet semicmf.019 16 the bomv bit of the pmac miscellaneous status word (table5 on page10, csto channel 7 bit 0) will be high. if the next received codeword is not valid, the bomv bit will become zero and the rxbom register will retain its most recent valid message. the MT8926 will support lapd message-oriented performance reporting when it is combined with an hdlc controller such as the mt8952. see figure7 on page17 for fdl operation. the performance monitoring data that makes up the lapd message is derived by the combination of mt8976/77 t1 framer and MT8926 pmac, and is available on csto. this data can then be assembled into a lapd message and presented to the mt8952 hdlc controller for transmission over the fdl on a one second basis as per t1.403/408 (see figure10 on page24). fdlen of the pmac control word (csti1 channel 11 bit 0) must be low to allow transmission of a performance report from the hdlc controller through pins fdli and fdlo of the MT8926 to the txfdl input of the mt8976/77. the 1sec output pin or the two second tmr bit of the miscellaneous status word (csto channel 7 bit 0) are derived from the st-bus timing and can be used to initiate the transmission of these messages. bit name description 7 ser se counter reset. toggling this bit from high to low will reset the severely errored framing event counter (se counter, csto channel 19 bits 7-4) and event indicator (sei bit, csto channel 31 bit 4). 6 fer fe counter reset. toggling this bit from high to low will reset the framing error counter (fe counter, csto channel 19 bits 3-0) and saturation indicator (fei bit, csto channel 31 bit 3). 5 crcr crc counter reset. toggling this bit from high to low will reset the eight bit crc error counter (crc, csto channel 11) and saturation indicator (csi bit, csto channel 31 bit 2) 4 bpvr bpv counter reset. toggling this bit from high to low will reset the eight bit bpv counter (bpv, csto channel 23) and saturation indicator (bsi bit, csto channel 31 bit 1). 3 fsel framing pattern select. with fsel = 1 and an sf signal detected, both f s and f t errors are considered by the fe and se counters. the user must set this bit high in esf mode. with fsel = 0 and an sf signal detected, only errors in f t bits are considered by the fe and se counters. 2 8ken 8 khz output enabled. when 8ken = 1, the e8ko output will be enabled. that is, the signal input at e8ki will be output on e8ko. see figure12 on page27 for timing. when 8ken = 0, the e8ko output will be high. 1 inta interrupt acknowledge. when inta = 1 the MT8926 interrupts are armed or have been triggered (see table15 on page18). once inta is set all interrupting signals of a group must be inactive before another interrupt of that group can assert the irq output (active low). see pin description, pin 20. when this bit is low the irq output state will be high impedance. irq will remain in this state as long as inta remains low or there are no interrupting events ( table16 on page19 table17 on page20). table 14 - c control word (csti1 channel 11)
data sheet MT8926 17 semicmf.019 when the MT8926 is synchronized to an sf t1 signal, its receive fdl functions are disabled. bomv of the pmac miscellaneous status register and rai of master status word 1 will be zero. figure 7 - t1.403/408 fdl message transmission 1.14 8 khz control figure9 on page21 illustrates a typical mt8976/77 - MT8926 application. this diagram shows e8ko (an 8 khz output aligned with the received framing bit) of the t1 framer connected to e8ki of the pmac. the pmac uses this signal for frame alignment, therefore, the 8khsel (master control word 1) of the mt8976/77 must be active for the framer - pmac combination to function properly, even if the interface is in master mode. see the mt8976/77 data sheet. 0 fdlen facility data link enable. fdlen = 1 enables transmission of the facility data link bit- oriented messages on fdlo. the bom byte is stored in the txbom register (table13 on page15, csti1 channel 7). see figure7 on page17 for illustration. when fdlen = 0, the data received on fdli is multiplexed back out of the MT8926 on fdlo. see figure19 on page30 for timing. bit name description table 14 - c control word (csti1 channel 11) (continued) csti1 fdlo csti1 txfdl txfdlclk txb txa rxfdl rxfdlclk { to system control cdsto cdsti cki system control csto 1sec to pmac control 0 1 x 1 x 1 x 1 x 1 x 1 x 1 0 1 2 to 1 mux fdlen fdli rxa rxb eclk from system control txbom pcw fdlen = 1 - transmission of a bit-oriented message over the fdl. pcw fdlen = 0 - transmission of an mt8952 (hdlc controller) assembled message-oriented signal over the fdl. mt8952 mt8976/77 MT8926
MT8926 data sheet semicmf.019 18 figure 8 - functional schematic of interrupt mechanism in slave or loop-timed operation 8ken of the pmac control word (table14 on page16, csti1 channel 11 bit 2) will be high, which will pass the signal on e8ki through to e8ko. in master mode or if loop-timing is acquired from another interface, 8ken must be low, which will make e8ko high. 1.15 interrupts the MT8926 interrupts originate from eight sources, which are divided into two groups. group one (g1) contains alrm (sf yellow alarm), rai (esf yellow alarm), slip and syn - all except slip must be cleared by some means external to the MT8926. group two (g2) contains sei, fsi, csi, and bsi - these can be cleared via the MT8926. see table16 on page19 table17 on page20 for further information. the interrupting mechanism is controlled by the interrupt acknowledge bit (inta) of the pmac control word (table14 on page16). the status of the interrupts is output on irq . this will allow the three valid states described in table15 on page18. . in the cleared state (inta = 0) interrupt sources are ignored and irq will always be high impedance. if the interrupts are not being used, then inta should remain in the cleared state. when the MT8926 is in the armed state and an interrupt occurs, it will go to the triggered state ( irq = 0). when a g1 interrupt occurs and irq goes low (triggered), no other g1 or g2 interrupts will affect irq . if irq is then cleared and re-armed, only an active g2 interrupt can trigger irq low unless the g1 interrupt has been removed. that is, both the MT8926 interrupt mechanism and the interrupting source of a group must be cleared before a further interrupt of that group can cause irq to go low. the only exception to this is sei, which can be state inta bit irq output cleared 0 high impedance armed 1 high impedance triggered 1 0 table 15 - interrupt states interrupt sources from snap-shot registers inta sei* fsi csi bsi group 2 group 1 rai alrm syn mt8976/77 mt8976/77 slip delayed frame pulse** toggle detector delay r v dd d q r d q d q d q r d q r irq * sei is reset to 0 when inta = 0. ** delayed frame pulse occurs during bit 7 of st-bus channel 1. v dd
data sheet MT8926 19 semicmf.019 cleared by inta ( see table11 on page14). a pmac interrupting signal is either a low-to-high transition or a change in state (slip), therefore, for irq to go low the MT8926 must be armed before the initiating edge occurs. in the case where all interrupts are quiescent and then an interrupt becomes active, while the MT8926 is in its clear state, irq will remain in a high impedance condition. this is true even if the MT8926 is then put in the armed state and the interrupt persists (see figure8 on page18). it should be noted that when an sf mode t1 signal is being received the MT8926 crc error counter will be incremented once every two superframes (24 frames or 3 msec.). this is because sf mode t1 has no crc bits. therefore, the crc circuitry of the mt8976/77 will compare the calculated crc remainder with the received fs bits, which will result in a mismatch. this will increment the mt8976/77 and MT8926 crc error counters. the MT8926 crc error counter will count to 255 and then overflow to zero, which will cause an interrupt ( irq ). therefore, when an sf mode t1 signal is being received an interrupt will be asserted every 256 x 3 msec. = 768 msec. this can be avoided by clearing the crc error counter before it overflows. a change of state of the 1sec output (once every 0.5 seconds) can be used to trigger a high-to-low transition of the crcr bit (csti1 channel 11 bit 5, pmac control word). this will ensure the crc error counter never overflows. 1.16 slip and syn interrupts the mt8976 slip and syn status bits are passed to the pmac via the mt8976/77 csto to pmac csti0 connection. a MT8926 interrupt will be initiated when the slip bit of the framer changes state. this is the only interrupt source that does not have to be cleared before another interrupt of that group can make irq go low. therefore, when irq is returned to a high impedance condition after a slip interrupt and all other g1 interrupts are quiescent, any g1 interrupt can make irq to go low. a low-to-high transition of the mt8976/77 syn bit will initiate a pmac interrupt. this loss of synchronization situation may indicate that a loss of signal condition (los) exists or that an all ones (ais or blue alarm) is being received. therefore, the syn interrupt service routine should check the state of the ais and los bits of csto. signal ? to trigger interrupt ( irq low) to clear and arm interrupt ( irq high impedance) alrm alrm bit low to high and other g1 interrupts quiescent and irq high impedance. the inta bit of the pmac control word (csti1 channel 11 bit 1) should be made low to clear the interrupt mechanism ( irq high impedance). all g1 interrupts must be quiescent and then inta must be made high before a further interrupt can be generated from g1. see mt8976/77 data sheet master status word 1 for information on the slip and syn bits. rai rai bit low to high and other g1 interrupts quiescent and irq high impedance. slip csti0/csto channel 15 bit 1 (slip) changes state and other g1 interrupts quiescent and irq high impedance. syn ? csti0/csto channel 15 bit 0 ( syn ) low to high and other g1 interrupts inactive and irq high impedance. ? g1 interrupts are cleared when syn , alrm, and rai = 0. ? the syn interrupt indicates that a los or a ais condition may exist. note: and denotes a logical and. table 16 - group one (g1) interrupt activation and clearing
MT8926 data sheet semicmf.019 20 signal ? to trigger interrupt ( irq low) to clear and arm interrupt ( irq high impedance) sei sei bit low to high and other g2 interrupts quiescent and irq high impedance. the inta bit of the pmac control word (csti1 channel 11 bit 1) should be made low to clear the interrupt mechanism ( irq high impedance). all g2 interrupts must be clear and inta must be high before a further interrupt can be generated from g2. the sei bit will remain clear as long as the inta bit is low. sei can also be cleared (low) by toggling ser (csti1 channel 11 bit 7) from high to low. fsi is cleared (low) by toggling fer (csti1 channel 11 bit 6) from high to low. csi is cleared (low) by toggling crcr (csti1 channel 11 bit 5) from high to low. valid for esf only. bsi is cleared (low) by toggling bpvr (csti1 channel 11 bit 4) from high to low. fsi fsi bit low to high and other g2 interrupts quiescent and irq high impedance. csi csi bit low to high and other g2 interrupts quiescent and irq high impedance. bsi bsi bit low to high and other g2 interrupts quiescent and irq high impedance. ? g2 interrupts are cleared when sei, fsi, csi and bsi = 0. note: and denotes a logical and. table 17 - group two (g2) interrupt activation and clearing
data sheet MT8926 21 semicmf.019 2.0 applications figure9 on page21 illustrates a typical application of a MT8926 pmac. t1 data is transmitted and received using a generic line interface unit (liu). the liu passes the received data and extracted clock to both the MT8926 and mt8976. e8ko (mt8976) is derived from e1.5i by dividing it by 193 and aligning the result with the receive framing. e8ko (mt8976) connects to e8ki (MT8926), and is used by the MT8926 for frame alignment. e8ko (MT8926) is connected to c8kb of the mt8941. in mt8941 normal mode, c8kb is the reference clock for the st-bus and transmit signals (f0, c4 and c2). this 8 khz output can be turned off (output high) at the MT8926 so the mt8941 reference clock can be derived from another interface. the intrinsic jitter (typical 0.07 ui) and jitter attenuation of the mt8941 will meet t1.408 requirements (see mt8941 data sheet). control of the MT8926 is accomplished over the csti1 st-bus stream, which is shared by the MT8926 and mt8976. status data (performance monitoring information) is inserted into the mt8976 csto stream by the MT8926 and is output on its csto stream. this csto stream data is routed through the mt8980 switch, in message mode, to the microprocessor. the microprocessor will assemble the information section of the t1.403/t1.408 message-oriented signal and pass it to the mt8952 hdlc controller for transmission over the facility data link. the mt8952 must be in external timing mode and will be clocked by the rxfdlclk output to the mt8976. the assembly and transmission of the message-oriented signal is under control of the 1sec output of the MT8926. figure 9 - typical t1.403/t1.408 application bit-oriented messages are also transmitted and received via mt8980 message mode access to the csti1 and csto streams. the MT8926 will receive bit-oriented messages from the receive t1 line (i.e., rxa and rxb ). both bit-oriented and message-oriented signals are transmitted over the MT8926 fdlo to mt8976 txfdl link. payload loopback is performed by internally connecting dsti1 to dsto of the MT8926 (under control of the csti1 stream), instead of the normal connection of dsti0 to dsto (see figure6 on page8). from other interfaces to/from other interfaces performance monitoring message/ data storage cdsto cdsti cki t1.403/t1.408 message-oriented signal control int0 int1 m p mt8952 MT8926 mt8941 mt8976 4.7k w vdd sti2 sto3 sto7 sti7 c4i f0i sto0 sto1 sti0 sto2 sti1 16.384 mhz osc. c8kb c4b c2o f0b f0i cvb 12.352 mhz osc. to other t1 interfaces line interface unit (liu) rxa rxb e1 5i f0i c2i csti1 e8ko csto txfdl dsti dsto csti0 rxfdl rxfdlclk txfdlclk rxsf txsf xctl c1.5i txa txb rxa rxb eclk f0i c2i csti1 e8ki csti0 fdlo dsto e8ko csto dsti0 dsti1 irq 1sec fdli to other interfaces t1 receive t1 transmit } mt8980
MT8926 data sheet semicmf.019 22 irq is an open drain interrupt output that will signal the microprocessor when an exception condition occurs (see figure8 on page18). exception conditions are counter overflows and alarms. interrupts are reset via the pmac control word of the csti1 control stream. 2.1 t1.403/408 fdl message transfer overview ansi standards t1.403 and t1.408 define an esf mode facility data link (fdl), which is used to transport performance information and control signals across a t1 link. the fdl channel is formed from the framing bit position of every second frame, and therefore, has a 4 kbit/sec. bandwidth. see table18 on page22 for the esf framing pattern. the following two fdl message formats are defined in t1.403/408: 1) bit-oriented, which are repeated 16 bit patterns or codeword messages, and 2) message-oriented performance reports, which are lapd protocol messages. bit-oriented messages (boms) are preemptive, and therefore, override other fdl communications. each message consists of a 16 bit codeword of the form 11111111 0xxxxxx0. therefore, there are 64 unique codewords or messages defined by xxxxxx. refer to t1.403 or t1.408 for a list of messages and message restrictions. boms are further divided into priority messages, and command and response messages. priority messages indicate the existence of a service-affecting failure, and are repeated until the condition that caused the message is removed. these boms are transmitted for at least one second, but may be interrupted as often as once per second, for a frame # fps fdl crc 1 x 2 cb1 3 x 4 0 5 x 6 cb2 7 x 8 0 9 x 10 cb3 11 x 12 1 13 x 14 cb4 15 x 16 0 17 x 18 cb5 19 x 20 1 21 x 22 cb6 23 x 24 1 table 18 - esf frame pattern
data sheet MT8926 23 semicmf.019 maximum of 100 msec. this is to accommodate the periodic transmission of message-oriented performance reports. command and response messages are used to perform various functions, which include the following: 1) line and payload loopback control, 2) protection switch control, 3) synchronization control, 4) reserved for network use, and 5) unassigned. each message consists of a 16 bit codeword of the form 11111111 0xxxxxx0, which is repeated at least 10 times. the lapd message-oriented performance reports are sent across the fdl once per second using the bit-assigned message structure of figure10 on page24. each report contains performance data for each second of the previous four seconds. when data for the next one second interval t 0+1 is gathered, it will take the place of t 0 data of the last message. the t 0 data will move to the t 0-1 position, the t 0-1 data will move to the t 0-2 position, the t 0-2 data will move to the t 0-3 position, and the data of t 0-3 will be discarded. refer to t1.403 or t1.408 for a more complete definition of this protocol. user defined operations, administration and maintenance (oa&m), terminal-to-network and terminal-to-terminal communications may also pass over the fdl.
MT8926 data sheet semicmf.019 24 figure 10 - message-oriented performance report structure (from t1.403 and t1.408) flag sapi c/r ea tei ea control g3 lv g4 u1 u2 g5 sl g6 fe se lb g1 r g2 nm ni g3 lv g4 u1 u2 g5 sl g6 fe se lb g1 r g2 nm ni g3 lv g4 u1 u2 g5 sl g6 fe se lb g1 r g2 nm ni g3 lv g4 u1 u2 g5 sl g6 fe se lb g1 r g2 nm ni fcs 1 2 3 4 5 6 7 8 9 10 11 12 13 14 8 7 6 5 4 3 2 1 01111110 00111000 or 00111010 00000001 00000011 one-second report t o t o -1 t o -2 t o -3 } } } } address 00111000 00111010 00000001 control 00000011 one-second report fcs variable interpretation sapi = 14, c/r = 0 (ci) ea = 0 sapi = 14 c/r = 1 (carrier) ea = 0 tei = 0, ea = 1 interpretation unacknowledged information transfer interpretation crc error event = 1 1 data sheet MT8926 25 semicmf.019 * exceeding these values may cause permanent damage. functional operation under these conditions is not implied. ? typical figures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. ? typical figures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. . ? typical figures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. ? timing is over recommended temperature ranges and power supply voltages. absolute maximum ratings* parameter symbol min max units 1 power supplies with respect to v ss v dd -0.3 7 v 2 voltage on any pin other than supplies v ss -0.3 v dd +0.3 v 3 current at any pin other than supplies 40 ma 4 storage temperature t st -40 125 c 5 continuous power dissipation p d 500 mw recommended operating conditions - voltages are with respect to ground (v ss ) unless otherwise stated. characteristics sym min typ ? max units test conditions 1 operating temperature t op -40 85 c 2 power supplies v dd 4.5 5.0 5.5 v 3 input high voltage v ih 2.4 v dd v noise margin = 150 mv 4 input low voltage v il v ss 0.4 v noise margin = 400 mv dc electrical characteristics - clocked operation over recommended temperature ranges and power supply voltages. parameters sym min typ ? max units test conditions 1 supply current i dd 5 ma outputs unloaded 2 input high voltage v ih 2.25 v dd v 3 input low voltage v il v ss 0.8 v 4 input leakage current i il 10 m a digital inputs v in =0 to v dd 5 output high current i oh 8 ma v oh =2.4v 6 output low current i ol 8 ma v ol =0.4v ac electrical characteristics ? - capacitance parameters sym min typ ? max units test conditions 1 input pin capacitance c i 10 pf 2 output pin capacitance c o 10 pf
MT8926 data sheet semicmf.019 26 ? timing is over recommended temperature & power supply voltage ranges. ? typical figures are at 25 c and are for design aid only; not guaranteed and not subject to production testing . figure 11 - receive t1 link timing ? timing is over recommended temperature & power supply voltage ranges. typical figures are at 25 c and are for design aid only; not guaranteed and not subject to production testing . ac electrical characteristics ? - ds1 link timing (figure 11) parameters sym min typ ? max units test conditions 1 receive data setup time t rs 0 ns 2 receive data hold time t rh 30 ns 3 extracted clock width t ecw 250 324 ns 4 extracted 1.5 mhz clock period t p1.5 500 649 ns ac electrical characteristics ? - 8 khz timing (figures 12) parameters sym min typ ? max units test conditions 1 8khz propogation delay t 8pd 20 ns 50 pf load 2 8khz setup time t 8s 45 ns 3 8khz input low t 8il 0.065 78 m s 4 8khz input high t 8ih 47 m s received t1 link bit cells rxa , rxb eclk 2.25v 0.8v 2.25v 0.8v bit cell t rs t rm t ecw t ecw t p1.5
data sheet MT8926 27 semicmf.019 figure 12 - 8khz extracted framing signal ? timing is over recommended temperature & power supply voltage ranges. ? typical figures are at 25 c and are for design aid only; not guaranteed and not subject to production testing . note ? - the pmac is overwriting some of the bits received on csti0, and transmitting the aggregate on csto. line loopback codes are being transmitted on dsto. note | - the st-bus stream being received on csti0 is not being overwritten, but passes through the pmac unaltered. dsti0 and dsti1 are not overwritten, but passes through the pmac unaltered to the dsto output. ac electrical characteristics ? - 2048 kbit/s st-bus streams (figures 13 and 14) parameters sym min typ ? max units test conditions 1 clock to output delay ? t cod 125 ns 150 pf load 2 st-bus setup time t sts 15 ns 3 st-bus hold time t sth 50 ns 4 serial output delay | t sod 35 15 40 ns 150 pf load csto 50 pf load csto 150 pf load dsto data eclk e8ki e8ko 2.25v 0.8v 2.25v 0.8v 2.4 v 0.4 v channel 2 bit 1 channel 17 bit 2 channel 2 bit 1 t 8s t 8s t 8il t 8ih t 8pd t 8pd
MT8926 data sheet semicmf.019 28 figure 13 - st-bus timing - csto/dsto altered by pmac figure 14 - t-bus timing - csto/dsto unaltered by pmac ? timing is over recommended temperature & power supply voltage ranges. ? typical figures are at 25 c and are for design aid only; not guaranteed and not subject to production testing . ac electrical characteristics ? - clock and frame pulse timing (figure 15) parameters sym min typ ? max units test conditions 1 c2i clock period t 2p 400 488 600 ns 2 c2i clock width high or low t 2w 200 244 300 ns 3 frame pulse setup time t fps 50 ns 4 frame pulse width high t fph 50 ns 5 frame pulse width low t fpl 50 ns c2i csto, dsto csti0/1 2.25v 0.8v 2.4v 0.4v 2.25v 0.8v bit cell boundaries t cod t cod t sts t sth dsti0/1, csti0 dsto, csto 2.25v 0.8v 2.4v 0.4v t sod
data sheet MT8926 29 semicmf.019 figure 15 - t-bus clock and frame pulse timing ? timing is over recommended temperature & power supply voltage ranges. ? typical figures are at 25 c and are for design aid only; not guaranteed and not subject to production testing . figure 16 - 1sec timing ac electrical characteristics ? - 1sec output timing (figure 16) parameters sym min typ ? max units test conditions 1 1sec output delay t 1sd 95 ns 150 pf load c2i f0i 2.25v 0.8v 2.25v 0.8v t 2p t 2w t 2w t fps t fph t fpl f0i c2i 1sec 2.25v 0.8v 2.25v 0.8v 2.4v 0.4v t 1sd t 1sd
MT8926 data sheet semicmf.019 30 figure 17 - interrupt functional timing ? timing is over recommended temperature & power supply voltage ranges. ? typical figures are at 25 c and are for design aid only; not guaranteed and not subject to production testing . figure 18 - fdl bit-oriented message timing figure 19 - fdl message-oriented signal timing ac electrical characteristics ? - facility data link timing (figures 18 and 19) parameters sym min typ ? max units test conditions 1 data link output delay t dod 45 ns 150 pf load 2 data link propagation delay t dpd 40 ns 150 pf load frame n frame n + 1 csti0/1 c2i irq high z active low high z ch 0 ch 1 ch 11 ch 12 1 0 7 6 2 1 * 0 7 6 * * t iod t iod * ** note: inta bit. irq is returned to high z by inta=0, inta=1 in the previous frames. this can occur in frame n+1 or in a later frame. condition initiating interrupt t iod ( irq output delay) is dependent on the irq pull-up resistor. ch 11 ch 12 ch 31 ch 0 1 * 7 6 2 1 0 7 6 5 4 c2i f0i fdlo 2.4v 0.4v fdli data txbom data t dod *fdlen = 1, fdlen=0 in the previous frames. fdli fdlo 2.25v 0.8v 2.4v 0.4v t dpd note: fdlen = 0
data sheet MT8926 31 semicmf.019 appendix control and status register summary master control word 1 (channel 15, csti0) master control word 2 (channel 31, csti0) per channel control words (all channels on csti0 except channels 3, 7, 11, 15, 19, 23, 27 and 31) transmit bit-oriented message register (channel 7, csti1) pmac control word (channel 11, csti1) loopback control word (channel 15, csti1) per channel control words (all channels on csti1 except channels 3, 7, 11, 15, 19, 23, 27 and 31) phase status word (channel 3, csto) 7 6 5 4 3 2 1 0 debounce 1 disabled 0 enabled tspzcs 1 disabled 0 enabled b8zs 1 b8zs 0 jammed bit 8khsel 1 disabled 0 enabled xcti 1 set high 0 cleared esfylw 1 enabled 0 disabled robbed bit 1 disabled 0 enabled ylalr 1 enabled 0 disabled rmloop 1 enabled 0 disabled dgloop 1 enabled 0 disabled all 1?s 1 enabled 0 disabled esf/d4 1 esf 0 d3/d4 reframe device reframes on high to low transition slc-96 1 enabled 0 disabled crc/mimic see note 1 maint. 1 4/12 0 2/4 unused - keep at 0 polarity 1 no inversion 0 inversion loop 1 ch. looped back 0 normal data 1 enabled 0 disabled transmitted first txbom transmitted last ser high-to-low reset fer high-to-low reset crcr high-to-low reset bpvr high-to-low reset fsel 1 f s , f t , fps 0 f t only 8ken 1 enabled 0 disabled inta 1 enabled 0 disabled/ clear fdlen 1 txbom-to- fdl 0 fdli-to-fdlo unused 00 normal 01 payload 10 ll enable 11 ll disable unused - keep at 0 a txt. sig. bit b txt. sig. bit c txt. sig. bit d txt. sig. bit channel count bit count
MT8926 data sheet semicmf.019 32 appendix (continued) control and status register summary pmac miscellaneous status word (channel 7, csto) cyclic redundancy check-6 error counter (channel 11, csto) master status word 1 (channel 15, csto) severely errored framing event and error counters (channel 19, csto) bipolar violation error counter (channel 23, csto) receive bit-oriented message register (channel 27, csto) master status word 2 (channel 31, csto) 7 6 5 4 3 2 1 0 unused lldd 1 detected 0 not detected lled 1 detected 0 not detected fecv 1 in-sync 0 out-of-sync tmr changes state once per second bomv 1 valid 0 invalid crc error count ylalr 1 detected 0 normal mimic 1 detected 0 not detected alrm 1 detected 0 not detected rai 1 detected 0 not detected mfsync 1 not detected 0 detected los 1 detected 0 normal slip changes state when slip performed syn 1 out-of-sync. 0 in-sync severely errored framing event counter (se) framing error counter (fe) bpv error count received first rxbom received last blalm 1 detected 0 not detected frcnt frame count xst 1 xst high 0 xst low sei 1 se toggles 0 ser high- to-low fsi 1 fe f-to-0 0 fef high- to-low csi 1 crc ff- to-00 0 crcr high- to-low bsi 1 bpv ff-to- 00 0 bpvr high- to-low ais 1 detected 0 not detected
data sheet MT8926 33 semicmf.019 per channel status word (all channels on csto except channels 3, 7, 11, 15, 19, 23, 27, 31) note 1: in esf mode: 1: crc calc. ignored during sync. 0: crc checked for sync. in d3/d4 mode: 1: sync. to first correct s-bit pattern. 0: will not sync. if mimic detected. unused a rec?d. sig. bit b rec?d. sig. bit c rec?d. sig. bit d rec?d. sig. bit
MT8926 data sheet semicmf.019 34
www.zarlink.com information relating to products and services furnished herein by zarlink semiconductor inc. or its subsidiaries (collectively ?zarlink?) is believed to be reliable. however, zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from t he application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. neither the supply of such information or purchase of product or service conveys any license, either express or implied, u nder patents or other intellectual property rights owned by zarlink or licensed from third parties by zarlink, whatsoever. purchasers of products are also hereby notified that the use of product in certain ways or in combination with zarlink, or non-zarlink furnished goods or services may infringe patents or other intellect ual property rights owned by zarlink. this publication is issued to provide information only and (unless agreed by zarlink in writing) may not be used, applied or re produced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. the products, t heir specifications, services and other information appearing in this publication are subject to change by zarlink without notice. no warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. it is the user?s responsibility t o fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not b een superseded. manufacturing does not necessarily include testing of all functions or parameters. these products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. all products and materials are sold and services provided subject to zarlink?s conditi ons of sale which are available on request. purchase of zarlink?s i 2 c components conveys a licence under the philips i 2 c patent rights to use these components in and i 2 c system, provided that the system conforms to the i 2 c standard specification as defined by philips. zarlink, zl and the zarlink semiconductor logo are trademarks of zarlink semiconductor inc. copyright zarlink semiconductor inc. all rights reserved. technical documentation - not for resale for more information about all zarlink products visit our web site at


▲Up To Search▲   

 
Price & Availability of MT8926

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X