|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
package schematic 8/8/02 page 1 of 9 ?2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m description the moc301xm and moc302xm series are optically isolated triac driver devices. these devices contain a gaas infrared emitting diode and a light activated silicon bilateral switch, which functions like a triac. they are designed for interfacing between electronic controls and power triacs to control resistive and inductive loads for 115/240 vac operations. features excellent i ft stability?r emitting diode has low degradation high isolation voltage?inimum 5300 vac rms underwriters laboratory (ul) recognized?ile #e90700 peak blocking voltage 250v-moc301xm 400v-moc302xm vde recognized (file #94766) ordering option v (e.g. moc3023vm) applications industrial controls solenoid/valve controls traf? lights static ac power switch vending machines incandescent lamp dimmers solid state relay motor control lamp ballasts 6 1 6 6 1 1 main term. nc* n/c *do not connect (triac substrate) 1 2 3 anode cathode 4 5 6 main term.
8/8/02 page 2 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m note 1. isolation surge voltage, v iso , is an internal device dielectric breakdown rating. for this test, pins 1 and 2 are common, and pins 4, 5 and 6 are common. absolute maximum ratings (t a = 25 c unless otherwise noted) parameters symbol device value units total device storage temperature t stg all -40 to +150 c operating temperature t opr all -40 to +85 c lead solder temperature t sol all 260 for 10 sec c junction temperature range t j all -40 to +100 c isolation surge voltage (1) (peak ac voltage, 60hz, 1 sec duration) v iso all 7500 vac(pk) total device power dissipation @ 25 c p d all 330 mw derate above 25 c 4.4 mw/ c emitter continuous forward current i f all 60 ma reverse voltage v r all 3 v total power dissipation 25 c ambient p d all 100 mw derate above 25 c 1.33 mw/ c detector off-state output terminal voltage v drm moc3010m/1m/2m moc3020m/1m/2m/3m 250 400 v peak repetitive surge current (pw = 1 ms, 120 pps) i tsm all 1 v total power dissipation @ 25 c ambient p d all 300 mw derate above 25 c 4 mw/ c 8/8/02 page 3 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m note 1. test voltage must be applied within dv/dt rating. 2. this is static dv/dt. see figure 5 for test circuit. commutating dv/dt is a function of the load-driving thyristor(s) only. 3. all devices are guaranteed to trigger at an i f value less than or equal to max i ft . therefore, recommended operating i f lies between max i ft (30 ma for moc3020m, 15 ma for moc3010m and moc3021m, 10 ma for moc3011m and moc3022m, 5 ma for moc3012m and moc3023m) and absolute max i f (60 ma). electrical characteristics (t a = 25 c unless otherwise speci ed) individual component characteristics parameters test conditions symbol device min typ max units emitter input forward voltage i f = 10 ma v f all 1.15 1.5 v reverse leakage current v r = 3 v, t a = 25 ci r all 0.01 100 a detector peak blocking current,either direction rated v drm , i f = 0 (note 1) i drm all 10 100 na peak on-state voltage,either direction i tm = 100 ma peak, i f = 0 v tm all 1.8 3 v transfer characteristics (t a = 25 c unless otherwise speci ed.) dc characteristics test conditions symbol device min typ max units led trigger current voltage = 3v (note 3) i ft moc3020m 30 ma moc3010m 15 moc3021m moc3011m 10 moc3022m moc3012m 5 moc3023m holding current, either direction i h all 100 a 8/8/02 page 4 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m ambient temperature - t a ( o c) -40 -20 0 20 40 60 80 100 trigger current - i ft (normalized) 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 i f - led forward current (ma) 110100 v f - forward voltage (v) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 t a = -55 o c t a = 25 o c t a = 100 o c on-state voltage - v tm (v) -3 -2 -1 0 1 2 3 on-state current - i tm (ma) -800 -600 -400 -200 0 200 400 600 800 t a , ambient temperature ( o c) -40 -20 0 20 40 60 80 100 i drm , leakage current (na) 0.1 1 10 100 1000 10000 normalized to t a = 25 c fig. 1 led forward voltage vs. forward current fig. 3 trigger current vs. ambient temperature led trigger width - pw in ( s) 1 2 5 10 20 50 100 trigger current - i ft (normalized) 0 5 10 15 20 25 normalized to: pw in 100 s fig. 4 led current required to trigger vs. led pulse width fig. 6 leakage current, i drm vs. temperature fig. 2 on-state characteristics ambient temperature - t a ( o c) 25 30 40 60 50 70 80 90 100 static - dv/dt (v/ s) 0 2 4 6 8 10 12 static dv/dt circuit in figure 5 fig. 5 dv/dt vs. temperature 8/8/02 page 5 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m 1. the mercury wetted relay provides a high speed repeated pulse to the d.u.t. 2. 100x scope probes are used, to allow high speeds and voltages. 3. the worst-case condition for static dv/dt is established by triggering the d.u.t. with a normal led input current, then removing the current. the variable r test allows the dv/dt to be gradually increased until the d.u.t. continues to trigger in response to the applied voltage pulse, even after the led current has been removed. the dv/dt is then decreased until the d.u.t. stops triggering. rc is measured at this point and recorded. note: this optoisolator should not be used to drive a load directly. it is intended to be a trigger device only. vdc 400v (moc302x) 250v (moc301x) r = 10 k ? c test x100 scope probe pulse input mercury wetted relay r test d.u.t. d.u.t. figure 5. static dv/dt test circuit 252 v (moc302x) 158 v (moc301x) 0 volts applied voltage waveform v max = dv/dt = 0.63 v max = 252 rc rc rc 400 v (moc302x) = 250 v (moc301x) (moc302x) = 158 rc (moc301x) figure 6. resistive load figure 7. inductive load with sensitive gate triac (i gt 15 ma) v cc r in 1 2 3 6 5 4 0.1 f 180 c1 2.4k z l 120 v 60 hz moc3010m moc3011m moc3012m v cc r in 1 2 3 6 5 4 120 v 60 hz 180 r l moc3010m moc3011m moc3012m 8/8/02 page 6 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m figure 9. typical application circuit v cc r in 1 2 3 6 5 4 0.05 f 0.01 f load 360 39 470 240 vac hot ground moc3020m moc3021m moc3022m moc3023m figure 8. inductive load with sensitive gate triac (i gt 15 ma) r in v cc 1 2 3 6 5 4 0.2 f 180 c1 1.2 k z l 120 v 60 hz moc3010m moc3011m moc3012m in this circuit the hot side of the line is switched and the load connected to the cold or ground side. the 39 ohm resistor and 0.01f capacitor are for snubbing of the triac, and the 470 ohm resistor and 0.05 f capacitor are for snubbing the coupler. these components may or may not be necessary depending upon the particular and load used. 8/8/02 page 7 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m note all dimensions are in inches (millimeters) package dimensions (through hole) package dimensions (surface mount) package dimensions (0.4 lead spacing) recommended pad layout for surface mount leadform 0.350 (8.89) 0.320 (8.13) 0.260 (6.60) 0.240 (6.10) 0.320 (8.13) 0.070 (1.77) 0.040 (1.02) 0.014 (0.36) 0.010 (0.25) 0.200 (5.08) 0.115 (2.93) 0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 (2.54) 15 0.012 (0.30) 0.350 (8.89) 0.320 (8.13) 0.260 (6.60) 0.240 (6.10) 0.390 (9.90) 0.332 (8.43) 0.070 (1.77) 0.040 (1.02) 0.014 (0.36) 0.010 (0.25) 0.320 (8.13) 0.035 (0.88) 0.006 (0.16) 0.012 (0.30) 0.008 (0.20) 0.200 (5.08) 0.115 (2.93) 0.025 (0.63) 0.020 (0.51) 0.020 (0.50) 0.016 (0.41) 0.100 [2.54] 0.350 (8.89) 0.320 (8.13) 0.260 (6.60) 0.240 (6.10) 0.070 (1.77) 0.040 (1.02) 0.014 (0.36) 0.010 (0.25) 0.200 (5.08) 0.115 (2.93) 0.020 (0.50) 0.016 (0.41) 0.100 [2.54] 0.100 (2.54) 0.015 (0.38) 0.012 (0.30) 0.008 (0.21) 0.425 (10.80) 0.400 (10.16) 0.070 ( 1.78 ) 0.060 ( 1.52 ) 0.030 ( 0.76 ) 0.100 ( 2.54 ) 0.305 ( 7.75 ) 0.425 ( 10.79 ) 8/8/02 page 8 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m ordering information note all dimensions are in inches (millimeters) option order entry identi?r description s s surface mount lead bend sr2 sr2 surface mount; tape and reel t t 0.4" lead spacing v v vde 0884 tv tv vde 0884, 0.4" lead spacing sv sv vde 0884, surface mount sr2v sr2v vde 0884, surface mount, tape & reel carrier tape specifications 4.0 0.1 1.5 min user direction of feed 2.0 0.05 1.75 0.10 11.5 1.0 24.0 0.3 12.0 0.1 0.30 0.05 21.0 0.1 4.5 0.20 0.1 max 10.1 0.20 9.1 0.20 1.5 0.1/-0 life support policy fairchild s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. 8/8/02 page 9 of 9 ? 2002 fairchild semiconductor corporation 6-pin dip random-phase optoisolators triac driver output (250/400 volt peak) moc3010m moc3011m moc3012m moc3020m moc3021m moc3022m moc3023m |
Price & Availability of MOC3010-M |