Part Number Hot Search : 
2SD201 KDV804KS NB4L339 21308 XMG16 SM340AF DG381B IRFU410
Product Description
Full Text Search
 

To Download MBR10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thru 10 am p schott ky barrier rectifier features maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +175 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage drop per element maximum dc reverse current at rated dc blocking voltage ? metal of siliconrectifier, majonty carrier conducton ? guard ring for transient protection ? low power loss high efficiency ? high surge capacity, high current capability 80-100 volts t j = 1 25 c peak forward surge current i fsm 120a 8.3ms, half sine 15ma 0.2ma t j = 25 c v f .85v .75v mbr1080ct MBR10100CT electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10a t c = 100 c t j = 125 c i fm = 5a t j = 25 c typical junction capacitance 300pf c j measured at 1.0mhz, v r =4.0v ir revision:8 2008/01/01  
 omp onents 2 0736 marilla street chatsworth       
     mcc pin 1 pin 3 pin 2 case to-220ab tm micro commercial components www. mccsemi .com 1 of 3 l f g r b q h u c j k a s t 1 3 2 n v d l min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max MBR10100CT MBR10100CT 100v 70v 100v mbr1080ct mbr1080ct 80v 56v 80v ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 notes:1.high temperature solder exemption applied, see eu directive annex 7.
rating and characteristic curves mbr1080ct thru mbr 10100ct fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 25 50 75 100 120 140 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 4 0 50 16 175 percent of rated peak reverse voltage ,(%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ma) 20 40 120 140 0.001 0.1 1.0 100 10 60 80 100 0.01 t j = 25 c 8.3ms single half-sine-wave (jedec method) 12 0 8 resistive or inductive load instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.3 0.7 0.8 1.0 10 100 0.4 0.5 0.6 0.1 1.0 0.9 instantaneous forward voltage , volts instantaneous forward current ,(a) 0.1 1.0 10 100 0.1 pulse width 300us 2% duty cycle t j = 25 c case temperature , c 0 mcc fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 1000 100 10 0.1 4 t j = 25 c, f= 1mhz revision:8 2008/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision:8 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of MBR10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X