Part Number Hot Search : 
AA109 TP8A60 277CP ALD7556 T9340 ALD7556 MTP50A TSOP4156
Product Description
Full Text Search
 

To Download MAX4901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX4901?ax4905 switches feature negative signal capability that allows signals below ground to pass through without distortion. the MAX4901/max4902 are a dual spst (single-pole/single-throw) and the max4903/ max4904/max4905 are a single spdt (single- pole/double-throw) configuration. these analog switches operate from a single +1.8v to +5.5v supply and have low 0.6 ? on-resistance, making them ideal for switching audio signals. the max4905 includes a comparator that can be used for headphone detection or mute/send key function. the max4902/max4904/max4905 have internal shunt resis- tors to automatically discharge any capacitance at the no_ and nc connection points. this reduces click-and- pop sounds that occur when switching audio signals between pre-charged points. a break-before-make fea- ture and auto-discharge also help to reduce popping. these spst and spdt switches are available in space-saving 8-pin tdfn and 9-bump ucsp pack- ages and operate over the -40? to +85? extended temperature range. applications features ? distortion-free signal throughput down to v cc - 5.5v ? comparator for headphone or mute detection (max4905) ? clickless switches with internal shunt resistors (max4902/max4904/max4905) ? 0.6 ? (typ) low on-resistance (r on ) ? 0.25 ? on-resistance flatness ? +1.8v to +5.5v supply voltage ? 0.04% thd MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability ________________________________________________________________ maxim integrated products 1 19-3775; rev 2; 5/06 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information/selector guide part pin-package top mark configuration comparator shunt pkg code MAX4901 ebl-t 1.5m m x 1.5m m 9 u c s p - 9 aeu 2 x spst no no b9-1 MAX4901eta-t 8 td fn - 8 aow 2 x spst no no t833-2 max4902 ebl-t 1.5m m x 1.5m m 9 u c s p - 9 aev 2 x spst no yes b9-1 max4902eta-t 8 td fn - 8a ox 2 x spst no yes t833-2 max4903 ebl-t 1.5m m x 1.5m m 9 u c s p - 9 aey 1 x spdt no no b9-1 max4903eta-t 8 td fn - 8a oy 1 x spdt no no t833-2 max4904 ebl-t 1.5m m x 1.5m m 9 u c s p - 9 aew 1 x spdt no yes b9-1 max4904eta-t 8 td fn - 8a oz 1 x spdt no yes t833-2 max4905 ebl-t 1.5m m x 1.5m m 9 u c s p - 9 aex 1 x spdt yes yes b9-1 max4905eta-t 8 td fn - 8 apa 1 x spdt yes yes t833-2 note: all devices operate over the -40? to +85? operating temperature range. ucsp is a trademark of maxim integrated products, inc. pin configurations 3 x 3 ucsp MAX4901/max4902 123 b c a b c a top view bumps on bottom com1 no1 in1 v cc n.c. gnd com2 no2 in2 3 x 3 ucsp max4903/max4904/max4905 123 v cc no in com n.c. (cmpo) gnd n.c. nc n.c. (cmp-) ( ) max4905 only pin configurations continued at end of data sheet. cell phones pdas and handheld devices notebook computers mp3 players
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability 2 _______________________________________________________________________________________ absolute maximum ratings stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. (all voltages referenced to gnd.) v cc , in_, cmp-......................................................-0.3v to +6.0v com_, no_, nc ................................(v cc - 6v) to (v cc + 0.3v) cmpo .........................................................-0.3v to (v cc + 0.3v) open-switch continuous current no_, nc (max4902/max4904/max4905)...................................?0ma closed-switch continuous current com_, no_, nc.....?00ma peak current com_, no_, nc (pulsed at 1ms, 50% duty cycle)................................?00ma peak current com_, no_, nc (pulsed at 1ms, 10% duty cycle)................................?00ma continuous power dissipation (t a = +70?) 8-pin tdfn (derate 18.2mw/? above +70?) .........1455mw 9-bump ucsp (derate 5.2mw/? above +70?).........412mw esd method 3015.7 .............................................................?kv operating temperature range ...........................-40? to +85? junction temperature ......................................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? bump temperature (soldering) infrared (15s) ...............................................................+220? vapor phase (60s) .......................................................+215? electrical characteristics (v cc = +2.7v to +5.5v, t a = -40? to +85?, unless otherwise noted. typical values are at v cc = +3.0v, t a = +25?, unless other- wise noted.) (note 1) parameter symbol conditions min typ max units power supply power-supply range v cc 1.8 5.5 v MAX4901 max4904 0.001 1 supply current i+ v cc = 5.5v, v in_ = 0v or v cc max4905 5 10 ? analog switch analog signal range v no _ v nc , v com_ (note 2) v cc - 5.5 v cc v t a = +25? 0.6 1.0 on-resistance r on(nc), r on ( no ) v cc = 2.7v, v nc or v no_ = v cc - 5.5v, -1v, 0, 1v, 2v, v cc; i com = 100ma (notes 3, 4) t a = t min to t max 1.2 ? t a = +25? 0.01 0.25 on-resistance match between channels ? r on v cc = 2.7v, i no_ or i nc = 100ma or v no_ (notes 3, 4, 5) t a = t min to t max 0.30 ? t a = +25? 0.25 0.5 on-resistance flatness r flat v c c = 2.7v, v n c or v no_ = v c c - 5.5v , -1v, 0, 1v, 2v, v cc ; i com = 100ma (notes 4, 6) t a = t min to t max 0.5 ?
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability _______________________________________________________________________________________ 3 electrical characteristics (continued) (v cc = +2.7v to +5.5v, t a = -40? to +85?, unless otherwise noted. typical values are at v cc = +3.0v, t a = +25?, unless other- wise noted.) (note 1) parameter symbol conditions min typ max units shunt resistance r sh i no_ or i nc = 10ma, v cc = 2.7v (max4902/max4904/ max4905) t a = t min to t max 30 50 ? t a = +25? -6 +6 no_, nc off-leakage current i no_ ( off ), i nc ( off ) v cc = 2.7v, switch open; v nc or v no_ = -2.5v, +2.5v; v com_ = +2.5v, -2.5v (MAX4901/ max4903) (notes 3, 7) t a = t min to t max -50 +50 na t a = +25? -6 +6 com_ off-leakage current i com_ ( off ) v cc = 2.7v, switch open; v nc or v no_ = -2.5v, +2.5v; v com_ = -2.5v, +2.5v (MAX4901) (note 3) t a = t min to t max -50 +50 na t a = +25? -6 +6 com_ on-leakage current i com_ ( on ) v cc = 2.7v, switch closed; v nc or v no_ = -2.5v, +2.5v, or unconnected ; v c om _ = - 2.5v , +2.5v or unconnected (note 3) t a = t min to t max -50 +50 na dynamic characteristics turn-on time t on v cc = 2.7v, v no = 1.5v, v in_ = 0v to v cc ; v nc = 1.5v, v in_ = v cc to 0; r l = 50 ? , c l = 5pf (figure 1) 25 100 ns turn-off time t off v cc = 2.7v, v no _ = 1.5v, v in_ = v cc to 0; v nc = 1.5v, v in_ = 0 to v cc ; r l = 50 ? , c l = 5pf (figure 1) 15 100 ns t a = +25? 210 break-before-make time delay (max4903/max4904/max4905) t bbm v cc = 2.7v, v no_ = 1.5v, v in_ = v cc to 0; v nc = 1.5v, v in_ = 0 to v cc ; r l = 50 ? , c l = 5pf (figure 2) t a = t min to t max 1 ns charge injection q v com_ = 0v, r s = 0 ? , c l = 1.0nf (figure 3) 125 pc off-isolation (note 8) v iso f = 100khz, v com_ = 1v rms , r l = 50 ? , c l = 5pf (figure 4) -70 db crosstalk v ct f = 100khz, v com_ = 1v rms , r l = 50 ? , c l = 5pf (figure 4) -75 db power-supply rejection ratio psrr f = 10khz, v com_ = 1v rms , r l = 50 ? , c l = 5pf 60 db on-channel -3db bandwidth bw signal = 0dbm, r l = 50 ? , c l = 5pf (figure 4) 27 mhz total harmonic distortion thd f = 20hz to 20khz, v com = 0.5v p-p , dc bias = 0, r l = 32 ?
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability 4 _______________________________________________________________________________________ parameter symbol conditions min typ max units no_, nc off-capacitance c no_ ( off ) c nc ( off ) f = 1mhz, v com = 0.5v p-p , dc bias = 0 (figure 5) 40 pf com on-capacitance c com_ ( on ) f = 1mhz, v com = 0.5v p-p , dc bias = 0 (figure 5) 200 pf digital i/o (in_) v cc = 2.7v to 3.6v 1.4 input logic-high voltage v ih v cc = 4.2v to 5.5v 2.0 v v cc = 2.7v to 3.6v 0.5 input logic-low voltage v il v cc = 4.2v to 5.5v 0.8 v input leakage current i in v in_ = 0v or v cc -1 +1 ? comparator (max4905) comparator threshold v cc / 3 v comparator output-high voltage i source = 1ma v cc - 0.4v v comparator output-low voltage i sink = 1ma 0.4 v comparator input leakage v cmp - = 0 to 2.7v -100 +100 na comparator switching time v cc = 2.7v, v cmp- = 0v to v cc , from 50% of v cmp - to 50% of v cmpo 12s note 1: ucsp and tdfn parts are 100% tested at t a = +25? only, and guaranteed by design over the specified temperature range. note 2: signals on com_, no_, or nc exceeding v cc are clamped by internal diodes. limit forward-diode current to maximum cur- rent rating. note 3: guaranteed by design. note 4: i com for ucsp is 10ma. note 5: ? r on = r on(max) ?r on(min) . note 6: flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges. note 7: the max4902/max4904/max4905 have an internal shunt resistor when, in off-state, will determine off-current. note 8: off-isolation = 20log 10 (v com / v no ), v com = output, v no = input to off switch. electrical characteristics (continued) (v cc = +2.7v to +5.5v, t a = -40? to +85?, unless otherwise noted. typical values are at v cc = +3.0v, t a = +25?, unless other- wise noted.) (note 1)
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability _______________________________________________________________________________________ 5 on-resistance vs. com voltage MAX4901 toc01 com voltage (v) on-resistance ( ? ) 4 3 2 1 0 -1 -2 -3 1 2 3 4 5 6 0 -4 5 v cc = 1.8v v cc = 2.0v v cc = 2.3v v+ = 2.5v v+ = 3.0v v+ = 5.0v on-resistance vs. com voltage MAX4901 toc02 com voltage (v) on-resistance ( ? ) 4 3 2 1 0 0.2 0.4 0.6 0.8 1.0 1.2 0 -1 5 v cc = 5.0v t a = +85 c t a = +25 c t a = -40 c on-resistance vs. com voltage MAX4901 toc03 com voltage (v) on-resistance ( ? ) 2 1 0 -1 -2 0.2 0.4 0.6 0.8 1.0 1.2 0 -3 3 v cc = 3.0v t a = +85 c t a = +25 c t a = -40 c supply current vs. supply voltage (MAX4901?ax4904) supply voltage (v) supply current (na) MAX4901 toc04 1.8 2.3 2.8 3.3 3.8 4.3 4.8 5.3 0 0.1 0.2 0.3 0.4 0.5 0.6 supply current vs. supply voltage (max4905) MAX4901 toc05 supply voltage (v) supply current ( a) 5.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 1 2 3 4 5 6 0 turn-on/turn-off time vs. supply voltage MAX4901 toc06 supply voltage (v) t on /t off (ns) 5.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 10 20 30 40 50 60 70 0 t on t off turn-on/turn-off time vs. temperature MAX4901 toc07 temperature ( c) t on /t off (ns) 60 35 10 -15 10 20 30 40 0 -40 85 t on t off v cc = 3.0v logic threshold vs. supply voltage MAX4901 toc08 supply voltage (v) logic threshold (v) 5.3 4.8 4.3 3.8 3.3 2.8 2.3 0.4 0.8 1.2 1.6 2.0 0 1.8 v in rising v in falling t ypical operating characteristics (t a = +25?, v cc = 3.0v, unless otherwise noted.)
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability 6 _______________________________________________________________________________________ on-/off-leakage current vs. temperature MAX4901 toc10 temperature ( c) leakage current (pa) 60 35 10 -15 10 100 1000 1 -40 85 v cc = 3.0v i com(on) i com(off) 0 0.001 0.01 0.1 1 10 100 -3 -9 -12 -6 -15 -18 frequency response max4905 toc11 frequency (mhz) loss (db) v cc = 3.0v 10 1k 100 10k 100k total harmonic distortion vs. frequency frequency (hz) thd (%) 1 0.01 0.1 MAX4901 toc13 v cc = 3.0v r l = 32 ? 0 0.001 0.01 0.1 1 10 100 -20 -60 -80 -40 -100 -120 off-isolation and crosstalk vs. frequency MAX4901 toc12 frequency (mhz) off-isolation and crosstalk (db) v cc = 3.0v off-isolation crosstalk 0 20 60 40 80 100 power-supply rejection ratio vs. frequency MAX4901 toc14 frequency (hz) psrr (db) 100 10k 1k 100k 1m v cc = 1v rms dc bias = 3v c l = 5pf r l = 50 ? comparator threshold vs. temperature MAX4901 toc15 temperature ( c) comparator threshold (v) 60 35 10 -15 1.60 1.65 1.70 1.75 1.55 -40 85 v cc = 5.0v v cmp- rising v cmp- falling comparator threshold vs. temperature MAX4901 toc16 temperature ( c) comparator threshold (v) 60 35 10 -15 -40 85 v cc = 3.0v v cmp- rising v cmp- falling 0.94 0.96 0.98 1.00 1.02 0.92 t ypical operating characteristics (continued) (t a = +25?, v cc = 3.0v, unless otherwise noted.) -200 -100 100 0 200 300 -3 -1 0 -2 12345 charge injection vs. v com MAX4901 toc09 v com (v) charge injection (pc) c l = 1nf v cc = 5.0v v cc = 2.0v
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability _______________________________________________________________________________________ 7 pin description (MAX4901/max4902 dual-spst switches) pin tdfn ucsp name function 1b1v cc positive supply-voltage input. bypass v cc to gnd with a 0.1? capacitor as close to v cc as possible. 2a 1 com1 analog switch 1, common terminal ? 2n .c. no connection. leave n.c. unconnected. 3a2 no1 analog switch 1, normally open terminal. no1 (max4902) has a shunt resistor to gnd when the switch is in open position. 4a3 in1 digital control input for analog switch 1. a logic high on in1 connects com1 to no1 and a logic low opens the switch. 5b 3 gnd ground 6c3 in2 digital control input for analog switch 2. a logic high on in2 connects com2 to no2 and a logic low opens the switch. 7c2 no2 analog switch 2, normally open terminal. no2 has a shunt resistor to gnd when the switch is in open position (max4902). 8c 1 com2 analog switch 2, common terminal ep ep exposed pad. connect exposed pad to gnd. pin description (max4903/max4904/max4905 spdt switches) pin tdfn ucsp name function 1a1v cc positive supply-voltage input. bypass v cc to gnd with a 0.1? capacitor as close to v cc as possible. 2a2 no analog switch, normally open terminal. no has a shunt resistor to gnd when the switch is in open position (max4904/max4905). 3a3 in digital control input. logic low on in connects com to nc and logic high connects com to no. n.c. no connection. leave n.c. unconnected (max4903/max4904). 4b2 cmpo comparator output (max4905) 5b 3 gnd ground n.c. no connection. leave n.c. unconnected (max4903/max4904). 6c3 cmp- comparator input (max4905) 7c2 nc analog switch, normally closed terminal. nc has a shunt resistor to gnd when the switch is in open position (max4904/max4905). 8b 1 com analog switch, common terminal ? 1n .c. no connection. leave n.c. unconnected (max4903/max4904/max4905) ep ep exposed pad. connect exposed pad to gnd.
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability 8 _______________________________________________________________________________________ detailed description the MAX4901?ax4905 are low on-resistance, low-volt- age, dual-spst and single-spdt analog switches that operate from a +1.8v to +5.5v supply and are fully speci- fied for nominal 3.0v applications. the devices feature a negative signal capability that allows signals below ground to pass through without distortion and have break-before-make switching (max4903/ max4904/max4905). the max4905 features a comparator that can be used for headphone or mute detection. the comparator threshold is internally generated to be approximately 1/3 of v cc . the max4902/max4904/max4905 feature an internal shunt resistor to discharge any capacitance at no_ and nc connection points. this reduces the click-and-pop sounds that occur when switching audio signals. applications information digital control inputs the MAX4901?ax4905 logic inputs accept up to +5.5v, regardless of supply voltage. for example, with a +3.3v supply, in_ can be driven low to gnd and high to +5.5v, allowing for mixing of logic levels in a system. driving in_ rail-to-rail minimizes power consumption. for a +1.8v supply voltage, the logic thresholds are 0.5v (low) and 1.4v (high). for a +5v supply voltage, the logic thresholds are 0.8v (low) and 2.0v (high). analog signal levels the on-resistance of the MAX4901?ax4905 changes very little for analog input signals across the entire sup- ply-voltage range (see the typical operating characteristics ). the switches are bidirectional. the MAX4901?ax4905 pass signals as low as v cc - 5.5v, including signals below ground with minimal dis- tortion. note that there are shunt resistors on no_ and nc when they are unconnected to com_ for the max4902/max4904/max4905. comparator (max4905) the max4905 includes a comparator that can be used for mute and headphone detection functions. the posi- tive terminal of the comparator is internally set to v cc / 3. when the negative terminal (cmp-) is below the thresh- old, the comparator output (cmpo) is a logic high. the comparator threshold of v cc / 3 allows for detection of headphones because headphone audio signals are typically biased to v cc / 2. shunt resistor (max4902/max4904/max4905) the 50 ? shunt resistors on the max4902/max4904/ max4905 automatically discharge any capacitance at the nc or no_ terminals when they are unconnected to com_. this reduces audio click-and-pop sounds that occur when switching between audio sources. max4905 com v cc in cmp- gnd mute button speaker audio source 1 nc no cmpo 3 v cc v cc audio source 2 directdrive source t ypical operating circuit
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability _______________________________________________________________________________________ 9 audible clicks and pops are caused when a step dc voltage is switched into the speaker. by automatically discharging the side that is not connected, any resid- ual dc voltage is removed, thereby reducing the clicks and pops. power-supply sequencing and overvoltage protection caution: do not exceed the absolute maximum rat- ings because stresses beyond the listed ratings may cause permanent damage to the device. proper power-supply sequencing is recommended for all cmos devices. always apply v cc before applying analog signals, especially if the analog signal is not current-limited. ucsp applications information for the latest application details on ucsp construction, dimensions, tape carrier information, pc board tech- niques, bump-pad layout, and recommended reflow temperature profile, as well as the latest information on reliability testing results, refer to the application note: ucsp? water-level chip-scale package on maxim? web site at www.maxim-ic.com/ucsp. top view 1 2 3 4 5 6 7 8 *ep com2 no2 in2 gnd v cc com1 no1 in1 MAX4901?ax4905 in nc no 0 1 on off off on max4904/ max4905 ncs* nos* off on on off *ncs and nos refer to normally closed shunt register note: n.c. is no connection (see pin description table ) tdfn *exposed pad connected to gnd max4903/max4904 MAX4901/max4902 max4905 1 2 3 4 5 6 7 8 *ep com nc n.c. gnd v cc no in n.c. 1 2 3 4 5 6 7 8 *ep com nc cmp- gnd v cc no in cmpo - + v cc /3 tdfn *exposed pad connected to gnd *exposed pad connected to gnd pin configurations/functional diagrams/truth tables
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability 10 ______________________________________________________________________________________ t r < 5ns t f < 5ns 50% 0v logic input r l com_ gnd in_ c l includes fixture and stray capacitance. v cc t off 0v 0.9 x v 0ut 0.9 x v out t on v out switch output logic input in depends on switch configuration; input polarity determined by sense of switch. v cc c l v cc v out MAX4901?ax4905 nc or no_ r l r l + r on ( ) v out = v nc or v no_ t est circuits/timing diagrams figure 1. switching time 50% v cc 0v logic input v out 0.9 x v out t bbm logic input r l gnd c l includes fixture and stray capacitance. in_ v out v cc v cc c l com_ MAX4901?ax4905 no_ or nc figure 2. break-before-make interval v gen gnd com_ c l v out v cc v out in off on off ? v out q = ( ? v out )(c l ) nc logic-input waveforms inverted for switches that have the opposite logic sense. off on off in v il to v ih v cc r gen in_ MAX4901?ax4905 or no_ figure 3. charge injection
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability ______________________________________________________________________________________ 11 measurements are standardized against shorts at ic terminals. off-isolation is measured between com_ and "off" no_ or nc terminal on each switch. -3db bandwidth is measured between com_ and "on" no_ or nc terminal on each switch. crosstalk is measured from one channel to the other channel. signal direction through switch is reversed; worst values are recorded. +5v v out v cc in_ nc1 com1 no1* v in MAX4901?ax4905 off-isolation = 20log v out v in loss = 20log v out v in crosstalk = 20log v out v in network analyzer 50 ? 50 ? 50 ? 50 ? meas ref 10nf 0v or v cc 50 ? gnd *for crosstalk this pin is no2. nc2 and com2 are open. t est circuits/timing diagrams (continued) figure 4. -3db bandwidth, off-isolation, and crosstalk capacitance meter nc_ or no_ com_ gnd in v il or v ih 10nf v cc f = 1mhz v cc MAX4901 max4905 figure 5. channel off-/on-capacitance chip information process: bicmos
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability 12 ______________________________________________________________________________________ package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) 9lucsp, 3x3.eps package outline, 3x3 ucsp 21-0093 1 1 k
MAX4901?ax4905 low-r on , dual-spst/single-spdt clickless switches with negative rail capability maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 13 2006 maxim integrated products is a registered trademark of maxim integrated products, inc. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) 6, 8, &10l, dfn thin.eps h 1 2 21-0137 package outline, 6,8,10 & 14l, tdfn, exposed pad, 3x3x0.80 mm common dimensions symbol min. max. a0.700 .80 d2.903 .10 e2.903 .10 a1 0.00 0.05 l0.200 .40 pkg. code n d2 e2 e jedec spec b [(n/2)-1] x e package variations 0.25 min. k a2 0.20 ref. 2.300.10 1.500.10 6 t633-1 0.95 bsc mo229 / weea 1.90 ref 0.400.05 1.95 ref 0.300.05 0.65 bsc 2.300.10 8 t833-1 2.00 ref 0.250.05 0.50 bsc 2.300.10 10 t1033-1 2.40 ref 0.200.05 - - - - 0.40 bsc 1.700.10 2.300.10 14 t1433-1 1.500.10 1.500.10 mo229 / weec mo229 / weed-3 0.40 bsc - - - - 0.200.05 2.40 ref t1433-2 14 2.300.10 1.700.10 t633-2 6 1.500.10 2.300.10 0.95 bsc mo229 / weea 0.400.05 1.90 ref t833-2 8 1.500.10 2.300.10 0.65 bsc m o229 / weec 0.300.05 1.95 ref t833-3 8 1.500.10 2.300.10 0.65 bsc m o229 / weec 0.300.05 1.95 ref -drawing not to scale- h 2 2 21-0137 package outline, 6,8,10 & 14l, tdfn, exposed pad, 3x3x0.80 mm 2.300.10 mo229 / weed-3 2.00 ref 0.250.05 0.50 bsc 1.500.10 10 t1033-2


▲Up To Search▲   

 
Price & Availability of MAX4901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X