|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1200ma step down - led controller ic ILD4120 target datasheet, rev. 1.0, july 2009 small signal discretes
edition 2009-07-06 published by infineon technologies ag, 81726 mnchen, germany ? infineon technologies ag 2009. all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. ILD4120 1200ma step down - led controller ic target datasheet 3 rev. 1.0, 2009-07-06 ILD4120, 1200ma step down - led controller ic revision history: 2009-07-06, rev. 1.0 page subjects (major changes since last revision) i target datasheet 4 rev. 1.0, 2009-07-06 ILD4120 1200ma step down - led controller ic bipolar buck- converter led controller ic 1 bipolar buck- converter led controller ic 2 description the ILD4120 is a hysteretic buck led controller ic for industrial applications realized in a bipolar ic technology. the led controller is capable to drive high current, high brightness leds up to 1200 ma. the ic incorporates a wide input voltage range, an internal power switch and the output current level can be adjusted with an external sense resistor. according to the multifunctional control pin the ic can be switched on and off by an external signal, which is also suitable to regulate brightness of the leds by pwm or analog dimming. depending on the value of the switching inductor the switching frequency and the voltage ripple could be set. the precise internal bandgap stabilizes the circuit and provides stable current conditions over temperature range. furthermore, over voltage protection and temperature shut down mechanism enforce the ic to protect attached leds. additional features are included to protect the led?s from overload, short circuit events as well as from over voltage. the led?s can be also protected against thermal overload by thermally coupling the led?s to the ILD4120. features ? wide input voltage range: 4.5 v ... 40 v ? internal power switch ? over voltage protection ? over current protection ? temperature shut down mechanism ? inherent open- circuit led protection ? soft- start capability ? low shut down current < 200 na in operating voltage range ? maximum operating average led output current: 1200 ma ? multifunctional enable pin ? analog and pwm dimming possible ? pwm control for led brightness possible ? typical 3% output current accuracy ? minimum external component required ? package: dso-8 with exposed pad applications ? led controller for industrial applications ? universal constant current source ? generell illumination e.g. halogen replacement ? residential architectural and industrial commercial lighting for in- and outdoor ? signal and marker lights for orientation or navigation (e.g. steps, exit ways, etc.) ILD4120 1200ma step down - led controller ic description target datasheet 5 rev. 1.0, 2009-07-06 figure 1 block diagram pin definition table 1 pin definition and function pin number pin symbol function 1 en enable voltage 2 pwm multifunctional pin; analog and digital (pwm input) dimming 3 gnd ic ground 4 gnd ic ground 5 v switch power switch output 6 v switch power switch output 7 i sense led current sense pin 8 v s supply voltage ILD4120_block diagram.vsd 8 7 6 3 2 1 vs gnd en vsense vswitch ILD4120 buck led controller i / v vref vstab vstab vstab vstab vstab pflaum over current protection tsd over voltage pr otection 4 5 pwm gnd vswitch vstab target datasheet 6 rev. 1.0, 2009-07-06 ILD4120 1200ma step down - led controller ic description maximum ratings thermal resistance table 2 maximum ratings parameter symbol limit value unit supply voltage v s 45 v average output current i out 1500 ma total power dissipation; t s = xxc p tot tbf mw junction temperature t j 150 c storage temperature range t stg -65... 150 c esd capability human body model 1) 1) for esd testing, the chip was mounted in a dso-8 package on an application board, where gnd is electrically connected to the chip gnd v esd_hbm 2000 v esd capability machine model 2) 2) for esd testing, the chip was mounted in a dso-8 package, where gnd is electrically connected to the chip gnd v esd_mm 400 v table 3 thermal resistance parameter symbol value unit junction - solder point r thjs tbf k/w ILD4120 1200ma step down - led controller ic electrical characteristics target datasheet 7 rev. 1.0, 2009-07-06 3 electrical characteristics 3.1 dc characteristics 4.5 v < v s < 40 v ; - 40 c < t j < 150 c, all voltages with respect to ground; positive; current flowing into pin; unless otherwise specified all parameters have been measured at 25 c, unless otherwise specified table 4 dc characteristics parameter symbol values unit note / test condition min. typ. max. overall current consumption is short tbf tbf ma leds short; v s = 4.5 v i led = 350 ma overall current consumption is short tbf tbf ma leds short; v s = 40 v i led = 350 ma overall current consumption is short tbf a leds short; v s = 45 v i led = 350 ma overall current consumption open load is open load tbf a v s = 4.5 v i led = 0 ma overall current consumption open load is open load tbf a v s = 40 v i led = 0 ma overall current consumption open load is open load tbf a v s = 45 v i led = 0 ma overall standby current consumption is standby 200 na en = 0 v; v s = 4.5 v overall standby current consumption is standby 200 na en = 0 v; v s = 40 v input current of multifunctional control pin i en 20 40 70 a at any condition current of sense input i sense 200 na at any led current voltage of sense input v sense 100 mv i led = 1200 ma sense threshold hysteresis v sensehys +/- 15 % at any led current over voltage protection v s, ov 42 v i out -> 0 a residual voltage at collector of power transistor v ce 1 v i out > 200 ma temperature shut down th tsd 115 125 135 c i out -> 0 a; refer to t j target datasheet 8 rev. 1.0, 2009-07-06 ILD4120 1200ma step down - led controller ic electrical characteristics 3.2 ac characteristics all parameters have been measured at 25 c, unless otherwise specified table 5 ac characteristics parameter symbol values unit note / test condition min. typ. max. switching frequency f sw 200 khz v s = 12 v 3 leds in series rsense = 100 m ? l = 100 h v en = 3 v i out = 1200ma maximum switching frequency f swmax 500 khz recommended ILD4120 1200ma step down - led controller ic electrical characteristics target datasheet 9 rev. 1.0, 2009-07-06 3.3 digital signals all parameters have been measured at 25 c, unless otherwise specified 3.4 transient parameters 4.5 v < v s < 40 v ; - 40 c < t j < 150 c, all voltages with respect to ground; positive; current flowing into pin; unless otherwise specified all parameters have been measured at 25 c, unless otherwise specified table 6 digital control parameter (en) parameter symbol values unit note / test condition min. typ. max. multifunctional control pin voltage range u pon -0.3 40 v control voltage for power on u on 2 2.2 40 v full led current control voltage for power off u off -0.3 0.6 v control voltage for analog dimming u dim 1 2 v linear dimming pwm signal frequency f pwm 1000 hz t dutycycle = 1%; signal level reaches 100% in on and off mode pwm duty cycle t dutypwm 5 % f = 5 khz; signal level reaches 100% in on and off mode pwm voltage u pwm 40 v table 7 digital control parameter (en) parameter symbol values unit note / test condition min. typ. max. response time t on 10 s en: 0 -> 5 v @ t rise < 20ns i out = 1200ma t off 10 s en: 5 v -> 0 @ t fall < 20 ns i out = 1200ma target datasheet 10 rev. 1.0, 2009-07-06 ILD4120 1200ma step down - led controller ic application circuit 4 application circuit figure 2 ild4035; application circuit ILD4120_application circuit.vsd en vs 8 7 6 3 2 1 i / v vref vstab vstab vstab vstab vstab pflaum tsd 4 5 vstab pwm rsense ILD4120 1200ma step down - led controller ic package information target datasheet 11 rev. 1.0, 2009-07-06 5 package information figure 3 package outline; p/pg-dso-8-27 figure 4 tape loading pg-dso-8-27-po v01 14 85 8 14 5 8x 0.41 ?.09 2) m 0.2 d c a-b 1.27 c stand off +0 -0.1 0.1 (1.45) 1.7 max. 0.08 seating plane c a b 4.9 ?.1 1) a-b c 0.1 2x 3 ) jedec reference ms-012 variation ba 1) does not include plastic or metal protrusion of 0.15 max. per side 2) dambar protrusion shall be maximum 0.1 mm total in excess of lead width bottom view ?.2 3 ?.2 2.65 0.2 ?.2 d 6 m d 8x 0.64 ?.25 3.9 ?.1 1) 0.1 0.35 x 45? cd2x +0.06 0.19 8 ? max. index marking 8 6.4 5.2 0.3 ?.3 12 2.1 1.75 pg-dso-8-27-tp v05 pin 1 marking |
Price & Availability of ILD4120 |