Part Number Hot Search : 
1568PST ANTXV2 BAT40 GL819 PA0430L GXOL72 VSC73 NTE56016
Product Description
Full Text Search
 

To Download ICS94225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated circuit systems, inc. ICS94225 0445b?08/01/03 block diagram functionality pin configuration 48-pin 300mil ssop recommended application: amd 750/760 style chipset output features:  3 differential pair open drain cpu clocks (1.5v external pull-up; up to 150mhz achieviable through i 2 c)  2 - agpclk @ 3.3v  8 - pci @3.3v, including 1 free running  1 - 48mhz @ 3.3v  1 - 24/48mhz @ 3.3v  2- ref @3.3v, 14.318mhz. features:  programmable ouput frequency  programmable ouput rise/fall time  programmable group skew  real time system reset output  spread spectrum for emi control typically by 7db to 8db, with programmable spread percentage  watchdog timer technology to reset system if over-clocking causes malfunction  uses external 14.318mhz crystal amd-k7 tm system clock chip * internal 120k pullup resistor on indicated inputs ** internal 240k pullup resistor on indicated inputs **fs0/ref0 **fs1/ref1 gndref x1 x2 gndpci pciclk_f pciclk0 vddpci pciclk1 pciclk2 gndpci pciclk3 pciclk4 vddpci pciclk5 pciclk6 vddagp agp0 agp1 gndagp vdd48 48mhz sel24_48#/24-48mhz vddref gndsd sdram_out vddsd reserved cpuclkc2 cpuclkt2 gndcpu cpuclkc1 cpuclkt1 gnd cpuclkc0 cpuclkt0 reset# vdd gnd pci_stop# cpu_stop# pd# spread# fs2* s data sclk gnd48 ICS94225 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 power groups vdd48, gnd48 = 48mhz, pll2 vddref, gndref= ref, x1, x2 vdd, gnd = pll core 0 0 0 133.33 33.33 66.67 0 0 1 95 31.67 63.33 0 1 0 100.99 33.66 67.33 0 1 1 115 38.33 76.67 1 0 0 100.7 33.57 67.13 1 0 1 103 34.33 68.67 1 1 0 105 35.00 70.00 1 1 1 110 36.67 73.33 pci agp fs2 fs1 fs0 cpu, sdram sel24_48# s data sclk fs (2:0) pd# pci_stop# cpu_stop# spread# pll2 pll1 spread spectrum 48mhz 24_48mhz sdram_out pciclk (6:0) agp (1:0) pciclk_f 2 7 x1 x2 xtal osc cpu divder sdram divder pci divder agp divder stop stop control logic config. reg. / 2 ref (1:0) 3 3 cpuclkt (2:0) cpuclkc (2:0)
2 ICS94225 0445b?08/01/03 pin descriptions r e b m u n n i pe m a n n i pe p y tn o i t p i r c s e d 1 , 2 ) 0 : 1 ( s fn id d v o t p u - l l u p s a h , s n i p t c e l e s y c n e u q e r f ) 0 : 1 ( f e rt u ot u p t u o k c o l c z h m 8 1 3 . 4 1 , 5 2 , 1 2 , 6 , 3 7 4 , 1 4 , 8 3 , 3 3 d n gr w pd n u o r g 41 xn i f p 3 3 l a n r e t n i s a h , t u p n i l a t s y r c z h m 8 1 3 . 4 1 n i _ l a t x 2 x m o r f r o t s i s e r k c a b d e e f d n a p a c d a o l 52 xt u of p 3 3 p a c d a o l l a n r e t n i s a h , t u p t u o l a t s y r c t u o _ l a t x 7f _ k l c i c pt u o e h t y b d e t c e f f a t o n . t u p t u o i c p g n i n n u r e e r f . t u p n i # p o t s _ i c p , 0 1 , 1 1 , 3 1 , 4 1 , 6 1 , 7 1 8 ) 0 : 6 ( k l c i c pt u ov 3 . 3 e l b i t a p m o c l t t . s t u p t u o k c o l c i c p 5 1 , 9i c p d d vr w pv 3 . 3 y l l a n i m o n , s t u p t u o k l c i c p r o f r e w o p 8 1p g a d d vr w pv 3 . 3 y l l a n i m o n , s t u p t u o p g a r o f r e w o p 9 1 , 0 2) 0 : 1 ( p g at u o e b t o n y a m e s e h t . i c p x 2 s a d e n i f e d s t u p t u o p g a . d e p p o t s 4 3d d vr w pv 3 . 3 y l l a n i m o n , e r o c r o f r e w o p d e t a l o s i 2 28 4 d d vr w pv 3 . 3 y l l a n i m o n s t u p t u o z h m 4 2 d n a z h m 8 4 r o f r e w o p 3 2z h m 8 4t u ot u p t u o z h m 8 4 4 2 # 8 4 - 4 2 l e sn i 4 2 n i p r o f t u p t u o z h m 8 4 r o 4 2 s t c e l e s z h m 4 2 = h g i h z h m 8 4 = w o l z h m 8 4 - 4 2t u o# 8 4 - 4 2 l e s h g u o r h t e l b a t c e l e s t u o k c o l c d e x i f 6 2k l c sn ii f o n i p k c o l c 2 t n a r e l o t v 5 y r t i u c r i c c 7 2a t a d so / ii r o f n i p a t a d 2 t n a r e l o t v 5 y r t i u c r i c c 8 22 s fn id d v o t p u - l l u p s a h , n i p t c e l e s y c n e u q e r f 9 2# d a e r p sn i n w o d . w o l n e h w e r u t a e f m u r t c e p s d a e r p s s e l b a n e z h k 0 5 = y c n e u q e r f n o i t a l u d o m % 5 . 0 d a e r p s 0 3# d pn i s t u p t u o l l a & l l p l a n r e t n i . w o l e v i t c a , p i h c n w o d s r e w o p . d e l b a s i d e r a 1 3# p o t s _ u p cn i s a r e h w w o l n e v i r d s i t k l c u p c . s k l c u p c s t l a h d e t r e s s a s i n i p s i h t n e h w h g i h n e v i r d s i c k l c u p c . ) w o l e v i t c a ( 2 3# p o t s _ i c pn i . w o l n e v i r d n e h w l e v e l " 0 " c i g o l t a s u b i c p s t l a h n i p s i h t y b d e t c e f f a t o n s i f _ k l c i c p 5 3 # t e s e rt u o r e m t g o d h c t a w r o f l a n g i s t e s e r m e t s y s e m i t l a e r . w o l e v i t c a s i l a n g i s s i h t . t u o e m i t 6 4t u o _ m a r d st u or e f f u b y a l e d o r e z m a r d s r o f k c o l c e c n e r e f e r 4 4d e v r e s e rc / nl i a r r e w o p u p c e r u t u f 6 3 , 9 3 , 2 4) 0 : 2 ( t k l c u p ct u o n e p o e s e h t . s t u p t u o u p c r i a p l a i t n e r e f f i d f o s k c o l c " e u r t " . p u - l l u p v 5 . 1 l a n r e t x e n a d e e n s t u p t u o n i a r d 7 3 , 0 4 , 3 4) 0 : 2 ( c k l c u p ct u o . t u p t u o u p c r i a p l a t n e r e f f i d f o s k c o l c " y r a t n e m e l p m o c " . p u _ l l u p v 5 . 1 l a n r e t x e n a d e e n s t u p t u o n i a r d n e p o e s e h t 5 4d s d d vr w pv 3 . 3 y l l a n i m r o n . n i p t u o _ m a r d s r o f r e w o p 8 4f e r d d vr w pv 3 . 3 y l l a n i m o n , 2 x , 1 x , f e r r o f r e w o p general description the ICS94225 is a main clock synthesizer chip for amd-k7 based systems with amd 750/760 style chipsets. this provides all clocks required for such a system. the ICS94225 belongs to ics new generation of programmable system clock generators. it employs serial programming i 2 c interface as a vehicle for changing output functions, changing output frequency, configuring output strength, configuring output to output skew, changing spread spectrum amount, changing group divider ratio and dis/ enabling individual clocks. this device also has ics propriety 'watchdog timer' technology which will reset the frequency to a safe setting if the system become unstable from over clocking.
3 ICS94225 0445b?08/01/03 byte 1: reserved active/inactive register (1= enable, 0 = disable) byte 2: reserved, active/inactive register (1= enable, 0 = disable) notes: 1. inactive means outputs are held low and are disabled from switching. 2. latched frequency selects (fs#) will be inverted logic load of the input frequency select pin conditions. t i b# n i pd w pn o i t p i r c s e d 711 0 f e r 63 21 z h m 8 4 / z h m 4 2 52 21 0 b s u 40 21 1 p g a 39 11 0 p g a 23 4 , 2 41 2 t / c k l c u p c 10 4 , 9 31 1 t / c k l c u p c 07 3 , 6 31 0 t / c k l c u p c byte 4: clock control register (1= enable, 0 = disable) t i b# n i pd w pn o i t p i r c s e d 721 1 f e r 67 11 6 k l c i c p 56 11 5 k l c i c p 44 11 4 k l c i c p 33 11 3 k l c i c p 21 11 2 k l c i c p 10 11 1 k l c i c p 081 0 k l c i c p byte 5: pci clock control register (1= enable, 0 = disable) byte 3: reserved active/inactive register (1= enable, 0 = disable) t i b# n i pd w pn o i t p i r c s e d 7 t i b-1 ) d e v r e s e r ( 6 t i b-1 ) d e v r e s e r ( 5 t i b-1 ) d e v r e s e r ( 4 t i b-1 ) d e v r e s e r ( 3 t i b-1 ) d e v r e s e r ( 2 t i b-1 ) d e v r e s e r ( 1 t i b-1 ) d e v r e s e r ( 0 t i b-1 ) d e v r e s e r ( t i b# n i pd w pn o i t p i r c s e d 7 t i b-1 ) d e v r e s e r ( 6 t i b-1 ) d e v r e s e r ( 5 t i b-1 ) d e v r e s e r ( 4 t i b-1 ) d e v r e s e r ( 3 t i b-1 ) d e v r e s e r ( 2 t i b-1 ) d e v r e s e r ( 1 t i b-1 ) d e v r e s e r ( 0 t i b-1 ) d e v r e s e r ( t i b# n i pd w pn o i t p i r c s e d 7 t i b-1 ) d e v r e s e r ( 6 t i b-1 ) d e v r e s e r ( 5 t i b-1 ) d e v r e s e r ( 4 t i b-1 ) d e v r e s e r ( 3 t i b-1 ) d e v r e s e r ( 2 t i b-1 ) d e v r e s e r ( 1 t i b-1 ) d e v r e s e r ( 0 t i b-1 ) d e v r e s e r (
4 ICS94225 0445b?08/01/03 notes: 1. default at power-up will be latched logic inputs to define frequency, as displayed by bit 1. 2. pwd = power-up default byte 6: sdram clock & generator mode control register bit pwd 7 0 00 0 0 0 133.33 33.33 66.67 00 0 0 1 95 31.67 63.33 00 0 1 0 100.99 33.66 67.33 00 0 1 1 115 38.33 76.67 00 1 0 0 100.7 33.57 67.13 00 1 0 1 103 34.33 68.67 00 1 1 0 105 35.00 70.00 00 1 1 1 110 36.67 73.33 01 0 0 0 102 34.00 68.00 01 0 0 1 104 34.67 69.33 01 0 1 0 106 35.33 70.67 01 0 1 1 107 35.67 71.33 01 1 0 0 108 36.00 72.00 01 1 0 1 109 36.33 72.67 01 1 1 0 90 30.00 60.00 01 1 1 1 111 37.00 74.00 10 0 0 0 112 37.33 74.67 10 0 0 1 113 37.67 75.33 10 0 1 0 114 38.00 76.00 10 0 1 1 116 38.67 77.33 10 1 0 0 117 39.00 78.00 10 1 0 1 118 39.33 78.67 10 1 1 0 119 39.67 79.33 10 1 1 1 120 30.00 60.00 11 0 0 0 142 35.50 71.00 11 0 0 1 144 36.00 72.00 11 0 1 0 146 36.50 73.00 11 0 1 1 138 34.50 69.00 11 1 0 0 136 34.00 68.00 11 1 0 1 135 33.75 67.50 11 1 1 0 140 35.00 70.00 1 1 1 1 1 150 37.50 75.00 descri p tion spread spectrum enable (+/- 0.25% center spread) 0=off 1=on 6:2 bit 3 bit 2 fs2 bit 6 fs1 bit 5 fs0 bit 4 cpu, sdram pci 0 0 - sdram_out disable 1 - sdram_out enable 1 agp 0010 note1 1 0 - frequency is selected by hardware select, latched input; spread controlled by pin 29 1 - frequency is selected by bit (6:2); spread controlled by bit 0
5 ICS94225 0445b?08/01/03 byte 7: vendor id and revision id register byte 8: byte count and read back register notes: 1. pwd = power on default t i bd w pn o i t p i r c s e d 7 t i b0 d e v r e s e r 6 t i b0 d e v r e s e r 5 t i b0 d e v r e s e r 4 t i b0 d e v r e s e r 3 t i b1 d e v r e s e r 2 t i b0 d e v r e s e r 1 t i b0 d e v r e s e r 0 t i b0 d e v r e s e r t i bd w pn o i t p i r c s e d 7 t i b0 d i r o d n e v 6 t i b0 d i r o d n e v 5 t i b1 d i r o d n e v 4 t i bx d i n o i s i v e r 3 t i bx d i n o i s i v e r 2 t i bx d i n o i s i v e r 1 t i bx d i n o i s i v e r 0 t i bx d i n o i s i v e r byte 11: vco frequency control register note: the decimal representation of these 7 bits (byte 11 [6:0]) + 2 is equal to the ref divider value . t i bd w pn o i t p i r c s e d 7 t i bx 0 t i b r e d i v i d o c v 6 t i bx 6 t i b r e d i v i d f e r 5 t i bx 5 t i b r e d i v i d f e r 4 t i bx 4 t i b r e d i v i d f e r 3 t i bx 3 t i b r e d i v i d f e r 2 t i bx 2 t i b r e d i v i d f e r 1 t i bx 1 t i b r e d i v i d f e r 0 t i bx 0 t i b r e d i v i d f e r byte 12: vco frequency control register note: the decimal representation of these 9 bits (byte 12 bit [7:0] & byte 11 bit [7] ) + 8 is equal to the vco divider value. for example if vco divider value of 36 is desired, user need to program 36 - 8 = 28, namely, 0, 00011100 into byte 12 bit & byte 11 bit 7. t i bd w pn o i t p i r c s e d 7 t i bx 8 t i b r e d i v i d o c v 6 t i bx 7 t i b r e d i v i d o c v 5 t i bx 6 t i b r e d i v i d o c v 4 t i bx 5 t i b r e d i v i d o c v 3 t i bx 4 t i b r e d i v i d o c v 2 t i bx 3 t i b r e d i v i d o c v 1 t i bx 2 t i b r e d i v i d o c v 0 t i bx 1 t i b r e d i v i d o c v note: fs values in bit [0:4] will correspond to byte 0 fs values. default safe frequency is same as 00000 entry in byte0. byte 10: vco control selection bit & watchdog timer control register t i bd w pn o i t p i r c s e d 7 t i b0 q e r f 2 1 & 1 1 b = 1 / q e r f 0 b / w h = 0 6 t i b0 e l b a n e = 1 / e l b a s i d = 0 e l b a n e d w 5 t i b0 m r a l a = 1 / l a m r o n = 0 s u t a t s d w 4 t i b1 2 t i b 0 e t y b , y c n e u q e r f e f a s d w 3 t i b0 3 s f , y c n e u q e r f e f a s d w 2 t i b0 2 s f , y c n e u q e r f e f a s d w 1 t i b0 1 s f , y c n e u q e r f e f a s d w 0 t i b0 0 s f , y c n e u q e r f e f a s d w byte 9: watchdog timer count register t i bd w pn o i t p i r c s e d 7 t i b0 e s e h t f o n o i t a t n e s e r p e r l a m i c e d e h t s m 1 r o s m 0 9 2 o t d n o p s e r r o c s t i b 8 e r o f e b t i a w l l i w r e m i t g o d h c t a w e h t e h t t e s e r d n a e d o m m r a l a o t s e o g t i t l u a f e d . g n i t t e s e f a s e h t o t y c n e u q e r f . s m 0 9 2 s i p u r e w o p t a 6 t i b0 5 t i b0 4 t i b0 3 t i b0 2 t i b0 1 t i b0 0 t i b0
6 ICS94225 0445b?08/01/03 byte 13: spread sectrum control register byte 14: spread sectrum control register note: please utilize software utility provided by ics application engineering to configure spread spectrum. incorrect spread percentage may cause system failure. t i bd w pn o i t p i r c s e d 7 t i bx 7 t i b m u r t c e p s d a e r p s 6 t i bx 6 t i b m u r t c e p s d a e r p s 5 t i bx 5 t i b m u r t c e p s d a e r p s 4 t i bx 4 t i b m u r t c e p s d a e r p s 3 t i bx 3 t i b m u r t c e p s d a e r p s 2 t i bx 2 t i b m u r t c e p s d a e r p s 1 t i bx 1 t i b m u r t c e p s d a e r p s 0 t i bx 0 t i b m u r t c e p s d a e r p s t i bd w pn o i t p i r c s e d 7 t i bx d e v r e s e r 6 t i bx d e v r e s e r 5 t i bx d e v r e s e r 4 t i bx 2 1 t i b m u r t c e p s d a e r p s 3 t i bx 1 1 t i b m u r t c e p s d a e r p s 2 t i bx 0 1 t i b m u r t c e p s d a e r p s 1 t i bx 9 i b m u r t c e p s d a e r p s 0 t i bx 8 t i b m u r t c e p s d a e r p s note: please utilize software utility provided by ics application engineering to configure spread spectrum. incorrect spread percentage may cause system failure. byte 15: output skew control byte 16: output skew control t i bd w pn o i t p i r c s e d 7 t i bx l o r t n o c w e k s 2 t / 2 c k l c u p c 6 t i bx 5 t i bx 4 t i bx 3 t i bx l o r t n o c w e k s f _ k l c i c p 2 t i bx 1 t i bx 0 t i bx byte 17: output rise/fall time select register byte 18: output rise/fall time select register t i bd w pn o i t p i r c s e d 7 t i bx 0 t k l c u p c 6 t i bx 0 c k l c u p c 5 t i bx 1 t k l c u p c 4 t i bx 1 c k l c u p c 3 t i bx l o r t n o c e t a r w e l s ) 0 : 2 ( p g a 2 t i bx 1 t i bx l o r t n o c e t a r w e l s ) 0 : 1 ( 6 6 v 3 0 t i bx t i bd w pn o i t p i r c s e d 7 t i bx l o r t n o c e t a r w e l s : ) 0 : 3 ( i c p 6 t i bx 5 t i bx l o r t n o c e t a r w e l s : ) 4 : 6 ( i c p 4 t i bx 3 t i bx l o r t n o c e t a r w e l s : z h m 8 4 2 t i bx 1 t i bx l o r t n o c e t a r w e l s : z h m 4 2 0 t i bx notes: 1. pwd = power on default 2. the power on default for byte 13-20 depends on the harware (latch inputs fs[0:4]) or i 2 c (byte 0 bit [1:7]) setting. be sure to read back and re-write the values of these 8 registers when vco frequency change is desired for the first pass. 3. if byte 8 bit 7 is driven to "1" meaning programming is intended, byte 21-24 will lose their default power up value. t i bd w pn o i t p i r c s e d 7 t i bx l o r t n o c w e k s ) 0 : 6 ( k l c i c p 6 t i bx 5 t i bx 4 t i bx 3 t i bx l o r t n o c w e k s ) 0 : 3 ( p g a 2 t i bx 1 t i bx 0 t i bx
7 ICS94225 0445b?08/01/03 vco programming constrains vco frequency ...................... 150mhz to 500mhz vco divider range ................ 8 to 519 ref divider range ................. 2 to 129 phase detector stability .......... 0.3536 to 1.4142 useful formula vco frequency = 14.31818 x vco/ref divider value phase detector stabiliy = 14.038 x (vco divider value) -0.5 note: 1. user needs to ensure step 3 & 7 is carried out. systems with wrong spread percentage and/or group to group skew relation programmed into bytes 13-16 could be unstable. step 3 & 7 assure the correct spread and skew relationship. 2. if vco, ref divider values or phase detector stability are out of range, the device may fail to function correctly. 3. follow min and max vco frequency range provided. internal pll could be unstable if vco frequency is too fast or too slow. use 14.31818mhz x vco/ref divider values to calculate the vco frequency (mhz). 4. ics recommends users, to utilize the software utility provided by ics application engineering to program the vco frequency. 5. spread percent needs to be calculated based on vco frequency, spread modulation frequency and spreadamount desired. see application note for software support. to program the vco frequency for over-clocking. 0. before trying to program our clock manually, consider using ics provided software utilities for easy programming. 1. select the frequency you want to over-clock from with the desire gear ratio (i.e. cpu:sdram:3v66:pci ratio) by writing to byte 0, or using initial hardware power up frequency. 2. write 0001, 1001 (19 h ) to byte 8 for readback of 21 bytes (byte 0-20). 3. read back byte 11-20 and copy values in these registers. 4. re-initialize the write sequence. 5. write a '1' to byte 9 bit 7 and write to byte 11 & 12 with the desired vco & ref divider values. 6. write to byte 13 to 20 with the values you copy from step 3. this maintains the output spread, skew and slew rate. 7. the above procedure is only needed when changing the vco for the 1st pass. if vco frequency needed to be changed again, user only needs to write to byte 11 and 12 unless the system is to reboot. t i bd w pn o i t p i r c s e d 7 t i bx d e v r e s e r 6 t i bx d e v r e s e r 5 t i bx d e v r e s e r 4 t i bx d e v r e s e r 3 t i bx d e v r e s e r 2 t i bx d e v r e s e r 1 t i bx d e v r e s e r 0 t i bx d e v r e s e r byte 19: reserved register note: byte 19 and 20 are reserved registers, these are unused registers writing to these registers will not affect device performance or functinality. t i bd w pn o i t p i r c s e d 7 t i bx d e v r e s e r 6 t i bx d e v r e s e r 5 t i bx d e v r e s e r 4 t i bx d e v r e s e r 3 t i bx d e v r e s e r 2 t i bx d e v r e s e r 1 t i bx d e v r e s e r 0 t i bx d e v r e s e r byte 20: reserved register
8 ICS94225 0445b?08/01/03 absolute maximum ratings supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 v logic inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . gnd ?0.5 v to v dd +0.5 v ambient operating temperature . . . . . . . . . . 0c to +70c storage temperature . . . . . . . . . . . . . . . . . . . . ?65c to +150c stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect product reliability. electrical characteristics - input/supply/common output parameters ta = 0 - 70c; supply volt age vdd = 3.3 v +/-5% (unless otherwise stated) parameter symbol conditions min typ max units input high voltage v ih 2 v dd + 0.3 v input low voltage v il v ss - 0.3 0.8 v input high current i ih v in = v dd 5a input low current i il1 v in =0 v; inputs with no pull-up resistors -5 i il2 v in =0 v; inputs with pull-up resistors -200 i dd3.3op66 c l =0 pf; select@ 66mhz 87 i dd3.3op100 c l =0 pf; select@ 100mhz 91 i dd3.3op133 c l =0 pf; select@ 133mhz 104 power down pd 3.25 5 ma input frequency fi v dd = 3.3 v 12 14.318 16 mhz c in logic inputs 5 pf input capacitance 1 c in logic inputs 5 pf c inx x1 & x2 pins 27 45 pf t stab from v dd = 3.3 v to 1% target freq. 3ms t cpu-pci v t = 50% to 1.5v 12.85 4 ns 180 ma ma 1 guaranteed by design, not 100% tested in production. input low current supply current
9 ICS94225 0445b?08/01/03 electrical characteristics - usb, ref(1:0) ta = 0 - 70c; vdd = 3.3 v +/-5%; cl = 20 pf (unless otherwise stated) parameter symbol conditions min typ max units output high voltage v oh5 i oh = -12 ma 2.4 v output low voltage v ol5 i ol = 9 ma 0.4 v output high current i oh5 v oh = 2.0 v -22 ma output low current i ol5 v ol = 0.8 v 16 ma rise time 1 t r5 v ol = 0.4 v, voh = 2.4 v 0.98 4 ns fall time 1 t f5 v oh = 2.4 v, vol = 0.4 v 0.77 4 ns dut y c y cle 1 d t5 vt = 1.5v 45 54 57 % jitter, cycle-to-cycle 1 t jcyc-cyc2b vt = 1.5v 471 1100 ps 1 guaranteed by design, not 100% tested in production. electrical characteristics - cpuclk (open drain) ta = 0 - 70c; vdd = 3.3 v +/-5%; cl = 20 pf (unless otherwise stated) parameter symbol conditions min typ max units output impedance z 0 v o = v x output high voltage v oh2b 11.2v output low voltage v ol2b 0.4 v output low current i ol2b v ol = 0.3 v 18 ma rise time 1 t r2b v ol = 0.3 v, v oh = 1.2 v 0.9 ns fall time 1 tf2b v oh = 1.2 v, v ol = 0.3 v 0.9 ns differential voltage-ac 1 v dif note 2 0.4 v differential voltage-dc 1 v dif note 2 0.2 v differential crossover v x note 3 550 1100 mv duty cycle 1 d t2b v t = 50% 45 51 55 % skew 1 t sk2b v t = 50% 46 200 ps jitter, cycle-to-cycle 1 t jcyc-cyc2b v t = vx 86 250 ps jitter, absolute 1 t jabs2b v t = 50% -250 250 ps notes: 1 - guaranteed by design, not 100% tested in production. 3 - vpullup ( external ) = 1.5v, min = vpullup ( external ) / 2-150mv; max=(vpullup ( external ) / 2)+150mv vpu +0.6 termination to vpull-up(external) 2 - v dif specifies the minimum input differential voltages (v tr -v cp ) required for switching, where v tr is the "true" input level and v cp is the "complement" input level.
10 ICS94225 0445b?08/01/03 electrical characteristics - pciclk_f, pciclk(6:0) ta = 0 - 70c; vdd = 3.3 v +/-5%; cl = 20 pf (unless otherwise stated) parameter symbol conditions min typ max units output high voltage v oh5 i oh = -11 ma 2.6 v output low voltage v ol5 i ol = 9.4 ma 0.4 v output high current i oh5 v oh = 2.0 v -16 ma output low current i ol5 v ol = 0.8 v 19 ma rise time 1 t r5 v ol = 0.4 v, voh = 2.4 v 1.8 2 ns fall time 1 t f5 v oh = 2.4 v, vol = 0.4 v 1.8 2 ns duty cycle 1 d t5 v t = 1.5v 45 51.7 55 % skew 1 t sk2b v t = 1.5v 175 200 ps jitter, cycle-to-cycle 1 t jcyc-cyc2b v t = 1.5v 122 500 ps 1 guaranteed b y desi g n, not 100% tested in production. electrical characteristics - pciclk_f, pciclk(6:0) ta = 0 - 70c; vdd = 3.3 v +/-5%; cl = 20 pf (unless otherwise stated) parameter symbol conditions min typ max units output high voltage v oh5 i oh = -11 ma 2.6 v output low voltage v ol5 i ol = 9.4 ma 0.4 v output high current i oh5 v oh = 2.0 v -16 ma output low current i ol5 v ol = 0.8 v 19 ma rise time 1 t r5 v ol = 0.4 v, voh = 2.4 v 1.8 2 ns fall time 1 t f5 v oh = 2.4 v, vol = 0.4 v 1.8 2 ns duty cycle 1 d t5 v t = 1.5v 45 51.7 55 % skew 1 t sk2b v t = 1.5v 175 200 ps jitter, cycle-to-cycle 1 t jcyc-cyc2b v t = 1.5v 122 500 ps 1 guaranteed b y desi g n, not 100% tested in production.
11 ICS94225 0445b?08/01/03 electrical characteristics - agp(1:0) ta = 0 - 70c; vdd = 3.3 v +/-5%; cl = 20 pf (unless otherwise stated) parameter symbol conditions min typ max units output high voltage v oh5 i oh = -18 ma 2.6 v output low voltage v ol5 i ol = 1.8 ma 0.4 v output high current i oh5 v oh = 2.0 v -16 ma output low current i ol5 v ol = 0.8 v 19 ma rise time 1 t r5 v ol = 0.4 v, voh = 2.4 v 1.05 1.6 ns fall time 1 t f5 v oh = 2.4 v, vol = 0.4 v 1.27 1.6 ns duty cycle 1 d t5 v t = 50% 45 50.4 55 % skew 1 (window) t sk 1 v t = 50% 12 200 ps jitter, cycle-to-cycle 1 t jcyc-cyc2b v t = 50% 268 500 ps 1 guaranteed by design, not 100% tested in production. electrical characteristics - sdram_out ta = 0 - 70c; vdd = 3.3 v +/-5%; cl = 20 pf (unless otherwise stated) parameter symbol conditions min typ max units output high voltage v oh3 i oh = -11 ma 2 v output low voltage v ol3 i ol = 11 ma 0.4 v output high current i oh3 v oh = 2.0 v -12 ma output low current i ol3 v ol = 0.8 v 12 ma rise time 1 t r3 v ol = 0.4 v, voh = 2.4 v@100mhz 0.83 1.6 ns fall time 1 t f3 v oh = 2.4 v, vol = 0.4 v@100mhz 0.71 1.6 ns duty cycle 1 d t3 v t = 50% 45 50.8 55 % jitter, cycle-to-cycle 1 t jcyc-cyc3b v t = 50% @ 100mhz 240 250 ps 1 guaranteed by design, not 100% tested in production.
12 ICS94225 0445b?08/01/03 general i 2 c serial interface information for the ICS94225 how to write: ? controller (host) sends a start bit.  controller (host) sends the write address d2 (h)  ics clock will acknowledge  controller (host) sends a dummy command code  ics clock will acknowledge  controller (host) sends a dummy byte count  ics clock will acknowledge  controller (host) starts sending byte 0 through byte 20 (see note)  ics clock will acknowledge each byte one at a time  controller (host) sends a stop bit how to read:  controller (host) will send start bit.  controller (host) sends the read address d3 (h)  ics clock will acknowledge  ics clock will send the byte count  controller (host) acknowledges  ics clock sends byte 0 through byte 8 (default)  ics clock sends byte 0 through byte x (if x (h) was written to byte 8).  controller (host) will need to acknowledge each byte  controller (host) will send a stop bit *see notes on the following page . controller (host) ics (slave/receiver) start bit address d2 (h) ack dummy command code ac k dummy byte count ac k byte 0 ac k byte 1 ac k byte 2 ack byte 3 ac k byte 4 ac k byte 5 ac k byte 6 ac k byte 18 ac k byte 19 ac k byte 20 ack stop bit how to write: controller (host) ics (slave/receiver) start bit address d3 (h) ac k byte coun t ack byte 0 ack byte 1 ack byte 2 ack byte 3 ack byte 4 ack byte 5 ack byte 6 ack if 7 h has been written to b6 byte 7 ack if 12 h has been written to b6 byte18 ack if 13 h has been written to b6 byte 19 ack if 14 h has been written to b6 byte 20 ack stop bit how to read:
13 ICS94225 0445b?08/01/03 1. the ics clock generator is a slave/receiver, i 2 c component. it can read back the data stored in the latches for verification. readback will support standard smbus controller protocol. the number of bytes to readback is defined by writing to byte 8. 2. when writing to byte 11 - 12, and byte 13 - 14, they must be written as a set. if for example, only byte 14 is written but not 15, neither byte 14 or 15 will load into the receiver. 3. the data transfer rate supported by this clock generator is 100k bits/sec or less (standard mode) 4. the input is operating at 3.3v logic levels. 5. the data byte format is 8 bit bytes. 6. to simplify the clock generator i 2 c interface, the protocol is set to use only block-writes from the controller. the bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. the command code and byte count shown above must be sent, but the data is ignored for those two bytes. the data is loaded until a stop sequence is issued. 7. at power-on, all registers are set to a default condition, as shown. notes: brief i 2 c registers description for ICS94225 programmable system frequency generator register name byte description pwd default functionality & frequency select register 0 output frequency, hardware / i 2 c frequency select, spread spectrum & output enable control register. see individual byte description output control registers 1-6 active / inactive output control registers/latch inputs read back. see individual byte description vendor id & revision id registers 7 byte 11 bit[7:4] is ics vendor id - 1001. other bits in this register designate device revision id of this part. see individual byte description byte count read back register 8 writing to this register will configure byte count and how many byte will be read back. do not write 00 h to this byte. 08 h watchdog timer count register 9 writing to this register will configure the number of seconds for the watchdog timer to reset. 10 h watchdog control registers 10 bit [6:0] watchdog enable, watchdog status and programmable 'safe' frequency' can be configured in this register. 000,0000 vco control selection bit 10 bit [7] this bit select whether the output frequency is control by hardware/byte 0 configurations or byte 11&12 programming. 0 vco frequency control registers 11-12 these registers control the dividers ratio into the phase detector and thus control the vco output frequency. depended on hardware/byte 0 configuration spread spectrum control registers 13-14 these registers control the spread percentage amount. depended on hardware/byte 0 configuration group skews control registers 15-16 increment or decrement the group skew amount as compared to the initial skew. see individual byte description output rise/fall time select registers 17-20 these registers will control the output rise and fall time. see individual byte description
14 ICS94225 0445b?08/01/03 fig. 1 shared pin operation - input/output pins the i/o pins designated by (input/output) serve as dual signal functions to the device. during initial power-up, they act as input pins. the logic level (voltage) that is present on these pins at this time is read and stored into a 5-bit internal data latch. at the end of power-on reset, (see ac characteristics for timing values), the device changes the mode of operations for these pins to an output function. in this mode the pins produce the specified buffered clocks to external loads. to program (load) the internal configuration register for these pins, a resistor is connected to either the vdd (logic 1) power supply or the gnd (logic 0) voltage potential. a 10 kilohm (10k) resistor is used to provide both the solid cmos programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. figure 1 shows a means of implementing this function when a switch or 2 pin header is used. with no jumper is installed the pin will be pulled high. with the jumper in place the pin will be pulled low. if programmability is not necessary, than only a single resistor is necessary. the programming resistors should be located close to the series termination resistor to minimize the current loop area. it is more important to locate the series termination resistor close to the driver than the programming resistor.
15 ICS94225 0445b?08/01/03 cpu_stop# timing diagram cpu_stop# is an asychronous input to the clock synthesizer. it is used to turn off the cpuclks for low power operation. cpu_stop# is synchronized by the ICS94225 . all other clocks will continue to run while the cpuclks clocks are disabled. the cpuclks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. cpuclk on latency is less than 4 cpuclks and cpuclk off latency is less than 4 cpuclks. notes: 1. all timing is referenced to the internal cpuclk. 2. cpu_stop# is an asynchronous input and metastable conditions may exist. this signal is synchronized to the cpuclks inside the ICS94225 . 3. all other clocks continue to run undisturbed. 4. pd# and pci_stop# are shown in a high (true) state. pciclk cpuclkt cpuclkc pd# (high) cpu_stop# internal cpuclk
16 ICS94225 0445b?08/01/03 pci_stop# timing diagram pci_stop# is an asynchronous input to the ICS94225 . it is used to turn off the pciclk clocks for low power operation. pci_stop# is synchronized by the ICS94225 internally. pciclk clocks are stopped in a low state and started with a full high pulse width guaranteed. pciclk clock on latency cycles are only one rising pciclk clock off latency is one pciclk clock. notes: 1. all timing is referenced to the internal cpuclk (defined as inside the ICS94225 device.) 2. pci_stop# is an asynchronous input, and metastable conditions may exist. this signal is required to be synchronized inside the ICS94225. 3. all other clocks continue to run undisturbed. 4. pd# and cpu_stop# are shown in a high (true) state. cpuclk (internal) pciclk (internal) pciclk (free-runningl) cpu_stop# pwr_dwn# pciclk (external) pci_stop#
17 ICS94225 0445b?08/01/03 pd# timing diagram the power down selection is used to put the part into a very low power state without turning off the power to the part. pd# is an asynchronous active low input. this signal needs to be synchronized internal to the device prior to powering down the clock synthesizer. internal clocks are not running after the device is put in power down. when pd# is active low all clocks need to be driven to a low value and held prior to turning off the vcos and crystal. the power up latency needs to be less than 3 ms. the power down latency should be as short as possible but conforming to the sequence requirements shown below. pci_stop# and cpu_stop# are considered to be don't cares during the power down operations. the ref and 48mhz clocks are expected to be stopped in the low state as soon as possible. due to the state of the internal logic, stopping and holding the ref clock outputs in the low state may require more than one clock cycle to complete. notes: 1. all timing is referenced to the internal cpuclk (defined as inside the ICS94225 device). 2. as shown, the outputs stop low on the next falling edge after pd# goes low. 3. pd# is an asynchronous input and metastable conditions may exist. this signal is synchronized inside this part. 4. the shaded sections on the vco and the crystal signals indicate an active clock. 5. diagrams shown with respect to 133mhz. similar operation when cpu is 100mhz. cpuclkt cpuclkc pciclk vco crystal pd#
18 ICS94225 0445b?08/01/03 ordering information ICS94225 y f-t designation for tape and reel packaging pattern number (2 or 3 digit number for parts with rom code patterns) package type f=ssop revision designator (will not correlate with datasheet revision) device type prefix ics, av = standard device example: ics xxxx y f - ppp - t index area index area 12 1 2 n d h x 45 h x 45 e1 e  seating plane seating plane a1 a e -c- - c - b .10 (.004) c .10 (.004) c c l 300 mil ssop package min max min max a 2.41 2.80 .095 .110 a1 0.20 0.40 .008 .016 b 0.20 0.34 .008 .0135 c 0.13 0.25 .005 .010 d e 10.03 10.68 .395 .420 e1 7.40 7.60 .291 .299 e h 0.38 0.64 .015 .025 l 0.50 1.02 .020 .040 n 0 8 0 8 min max min max 48 15.75 16.00 .620 .630 10-0034 symbol in millimeters in inches common dimensions common dimensions see variations see variations 0.635 basic 0.025 basic reference doc.: jedec publication 95, mo-118 variations see variations see variations n d mm. d (inch)


▲Up To Search▲   

 
Price & Availability of ICS94225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X