Part Number Hot Search : 
STPR120A PMFA80T HC4040 R5F21 DCS060 STPCC N101A STPCC
Product Description
Full Text Search
 

To Download D4120PG-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd d4120p preliminary npn silicon transistor www.unisonic.com.tw 1 of 2 copyright ? 2011 unisonic technologies co., ltd qw-r201-084.a medium voltage fast-switching npn transistor ? description the utc d4120p is a medium voltage fast-switching npn power transistor. it is characterized by medium breakdown voltage, high current capability, high switching speed and high reliability. the utc d4120p is intended to be used in energy-saving lights, electronic ballasts, a power trans form or a common power amplifier, etc. ? features * medium breakdown voltage * high current capability * high switching speed * high reliability * rohs-compliant product ? equivalent circuit b (1) e (3) c (2) ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing d4120pl-t92-b D4120PG-T92-B to-92 b c e tape box d4120pl-t92-k d4120pg-t92-k to-92 b c e bulk d4120pl-t92-r d4120pg-t92-r to-92 b c e tape reel
d4120p preliminary npn silicon transistor unisonic technologies co., ltd 2 of 2 www.unisonic.com.tw ver.a ? absolute maximum ratings (t c =25 c) parameter symbol ratings unit collector-base voltage v cbo 350 v collector-emitter voltage v ceo 200 v emitter-base voltage v ebo 7 v continuous collector current i c 1.5 a collector power dissipation p c 1 w junction temperature t j 150 c storage temperature t stg -55~150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 125 c/w ? electrical characteristics (t c =25 c) parameter symbol test conditions min typ max unit collector-emitter sustaining voltage v (br)ceo i c =10ma, i b =0 200 v collector -base breakdown voltage v (br)ebo i c =1ma, i e =0 350 v collector -base breakdown voltage v (br)cbo i c =0, i e =1ma 7 v collector cut-off current i cbo v cb =300v, i e =0 100 a collect emitter cut-off current i ceo v ce =200v, i b =0 50 a emitter cut-off current i ebo v eb =7v, i c =0 10 a h fe(1) i c =0.2a, v ce =5v 8 50 static forward current transfer ratio h fe(2) i c =1.5a, v ce =5v 5 v ce(sat) (1) i c =0.4a,i b =0.1a 0.5 v collector-emitter sa turation voltage v ce(sat) (2) i c =1a,i b =0.5a 2 v base-emitter satura tion voltage v be(sat) i c =1a, i b =0.25a 1.5 v fall time t f v cc =24v, i c =0.5a, i b1 =-i b2 =0.1a 0.5 s storage time t stg v cc =24v, i c =0.5a, i b1 =-i b2 =0.1a 4 s input resistance f t v ce =10v, i c =0.5a, 4 mhz utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of D4120PG-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X