Part Number Hot Search : 
4A102 472E3 MAXQ1851 HV857DB1 AN1713 TFS300C A25L05P SC114
Product Description
Full Text Search
 

To Download D2SB40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d2sb80 800 800 560 47 80 1.5 1.05 d2sb80 40 d2sb20......d2sb80 ?? ? 200---800v 1.5 a siyu r v a pf i r cj ? i f =0.75a ta= 25 ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols maximum forward voltage maximum reverse current type junction capacitance v f -55--- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit single-phase silicon bridge rectifier reverse voltage 200 to 800 v forward current 1.5a operating junction and storage temperature range tj, tstg dachang electronics r ja tc =100 ? v r = 4.0v, f = 1mhz d2sb60 600 600 420 D2SB40 400 400 280 d2sb20 200 200 140 d2sb60 D2SB40 d2sb20 10 500 ta = 125 unit mm 20.0 0.5 1.4 0.2 1.0 0.1 5.0 0.2 2.5 0.2 3.5 0.2 5.0 0.2 5.0 0.2 11.0 0.3 gbl 1.0 0.2 0.5 0.2 13.5 0.7 features ? low reverse leakage ?? high forward surge capability mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ?80 a s urge overload rating:80 amperes peak ???rohs? lead and body according with rohs standard
siyu r characteristic curves i f (a) ? i f(av) (a) i f instantaneous forward current (a) ?? i fsm (a) 10 100 02 5 20 50 0 100 120 80 60 30 20 i fsm 8.3ms 8.3ms 1 cycle non-repetitive tj=25 before vf instantaneous forward voltage (v) peak forward surge current number of cycles at 60 hz. ? ? v f (v) ??? ?? forward current derating curve typical forward characteristic maximum non repetitive i fsm peak forward surge current (a) i f(a) average forward rectified current (a) dachang electronics d2sb20......d2sb80 0 40 80 120 160 0 1.0 2.0 0.5 1.5 0.1 0 0.2 0.4 0.6 0.8 1 1.2 1 10 pulse measurement per diode tl=25 ? ta( c ) tamb, ambient temperature (c)


▲Up To Search▲   

 
Price & Availability of D2SB40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X