Part Number Hot Search : 
RM21B CPC1908J PA2047NL 60B683C KIC6983T UE200013 STRRP MP1011E
Product Description
Full Text Search
 

To Download CY62146EV30LL-45ZSXA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cy62146ev30 mobl ? 4-mbit (256k x 16) static ram cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 38-05567 rev. *d revised march 23, 2009 features very high speed: 45 ns temperature ranges ? industrial: ?40c to +85c ? automotive-a: ?40c to +85c wide voltage range: 2.20v?3.60v pin compatible with cy62146dv30 ultra low standby power ? typical standby current: 1 a ? maximum standby current: 7 a ultra low active power ? typical active current: 2 ma at f = 1 mhz easy memory expansion with ce and oe features automatic power down when deselected cmos for optimum speed and power available in a pb-free 48-ball vfbga and 44-pin tsop ii packages functional description the cy62146ev30 is a high performance cmos static ram organized as 256k words by 16 bits. this device features an advanced circuit design designed to provide an ultra low active current. ultra low active current is ideal for providing more battery life ? (mobl ? ) in portable applications such as cellular telephones. the device also has an automatic power down feature that significantly reduces power consumption by 80 percent when addresses are not toggling.the device can also be put into standby mode reducing power consumption by more than 99 percent when deselected (ce high). the input and output pins (i/o 0 through i/o 15 ) are placed in a high impedance state when: the device is deselected (ce high), outputs are disabled (oe high), both byte high enable and byte low enable are disabled (bhe , ble high), or a write operation is in progress (ce low and we low). to write to the device, take chip enable (ce ) and write enable (we ) input low. if byte low enable (ble ) is low, then data from i/o pins (i/o 0 through i/o 7 ) is written into the location specified on the address pins (a 0 through a 17 ). if byte high enable (bhe ) is low, then data from the i/o pins (i/o 8 through i/o 15 ) is written into the location specified on the address pins (a 0 through a 17 ). to read from the device, take chip enable (ce ) and output enable (oe ) low while forcing the write enable (we ) high. if byte low enable (ble ) is low, then data from the memory location specified by the address pins appears on i/o 0 to i/o 7 . if byte high enable (bhe ) is low, then data from memory appears on i/o 8 to i/o 15 . see the ?truth table? on page 9 for a complete description of read and write modes. for best practice recommendat ions, refer to the cypress application note an1064, sram system guidelines . logic block diagram 256k x 16 ram array io 0 ?io 7 row decoder a 8 a 7 a 6 a 5 a 2 column decoder a 11 a 12 a 13 a 14 a 15 sense amps data in drivers oe a 4 a 3 io 8 ?io 15 ce we bhe a 16 a 0 a 1 a 9 a 10 ble a 17 [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 2 of 13 pin configuration figure 1. 48-ball vfbga pinout [1, 2] figure 2. 44-pin tsop ii [1] product portfolio product range v cc range (v) speed (ns) power dissipation operating i cc (ma) standby i sb2 ( a) f = 1 mhz f = f max min typ [3] max typ [3] max typ [3] max typ [3] max cy62146ev30ll ind?l/auto-a 2.2 3.0 3.6 45 ns 2 2.5 15 20 1 7 we a 11 a 10 a 6 a 0 a 3 ce io 10 i/o 8 i/o 9 a 4 a 5 i/o 11 i/o 13 i/o 12 i/o 14 i/o 15 v ss a 9 a 8 oe a 7 i/o 0 bhe nc a 2 a 1 ble i/o 2 i/o 1 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 a 15 a 14 a 13 a 12 nc nc nc 3 26 5 4 1 d e b a c f g h a 16 nc v cc v cc v ss a 17 1 2 3 4 5 6 7 8 9 11 14 31 32 36 35 34 33 37 40 39 38 12 13 41 44 43 42 16 15 29 30 a 5 18 17 20 19 27 28 25 26 22 21 23 24 a 6 a 7 a 4 a 3 a 2 a 1 a 0 a 15 a 16 a 8 a 9 a 10 a 11 a 13 a 14 a 12 oe bhe ble ce we i/o 0 i/o 1 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 v cc v cc v ss v ss nc 10 a 17 notes 1. nc pins are not connected on the die. 2. pins h1, g2, and h6 in the bga package are address expansion pins for 8 mb, 16 mb and 32 mb, respectively. 3. typical values are included for reference only and are no t guaranteed or tested. typical values are measured at v cc = v cc(typ) , t a = 25c. [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 3 of 13 maximum ratings exceeding the maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ................................ ?65c to + 150c ambient temperature with power applied ........................ .................. ?55c to + 125c supply voltage to ground potential .............................?0.3v to + 3.9v (v ccmax + 0.3v) dc voltage applied to outputs in high-z state [4, 5] ................ ?0.3v to 3.9v (v ccmax + 0.3v) dc input voltage [4, 5] ........... ?0.3v to 3.9v (v cc max + 0.3v) output current into outputs (low) ............................ 20 ma static discharge voltage .......... .............. .............. .... >2001v (per mil-std-883, method 3015) latch-up current...................................................... >200 ma operating range device range ambient temperature v cc [6] cy62146ev30 industrial/ auto-a ?40c to +85c 2.2v to 3.6v electrical characteristics over the operating range parameter description test conditions 45 ns (ind?l/auto-a) unit min typ [3] max v oh output high voltage i oh = ?0.1 ma 2.0 v i oh = ?1.0 ma, v cc > 2.70v 2.4 v v ol output low voltage i ol = 0.1 ma 0.4 v i ol = 2.1 ma, v cc > 2.70v 0.4 v v ih input high voltage v cc = 2.2v to 2.7v 1.8 v cc + 0.3 v v cc = 2.7v to 3.6v 2.2 v cc + 0.3 v v il input low voltage v cc = 2.2v to 2.7v ?0.3 0.6 v v cc = 2.7v to 3.6v ?0.3 0.8 v i ix input leakage current gnd < v i < v cc ?1 +1 a i oz output leakage current gnd < v o < v cc , output disabled ?1 +1 a i cc v cc operating supply current f = f max = 1/t rc v cc = v cc(max), i out = 0 ma cmos levels 15 20 ma f = 1 mhz 2 2.5 i sb1 automatic ce power down current ? cmos inputs ce > v cc ? 0.2v, v in > v cc ?0.2v or v in < 0.2v f = f max (address and data only), f = 0 (oe , bhe , ble and we ), v cc = 3.60v 17 a i sb2 [7] automatic ce power down current ? cmos inputs ce > v cc ? 0.2v, v in > v cc ? 0.2v or v in < 0.2v, f = 0, v cc = 3.60v 17 a capacitance tested initially and after any design or process changes that may affect these parameters . parameter description test conditions max unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = v cc(typ) 10 pf c out output capacitance 10 pf notes 4. v il(min) = ?2.0v for pulse durations less than 20 ns. 5. v ih(max) = v cc + 0.75v for pulse durations less than 20 ns. 6. full device ac operation assumes a minimum of 100 s ramp time from 0 to v cc (min) and 200 s wait time after v cc stabilization. 7. only chip enable (ce ) and byte enables (bhe and ble ) need to be tied to cmos levels to meet the i sb2 / i ccdr spec. other inputs can be left floating. [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 4 of 13 thermal resistance tested initially and after any design or process changes that may affect these parameters. parameter description test conditions vfbga tsop ii unit ja thermal resistance (junction to ambient) still air, soldered on a 3 4.5 inch, two-layer printed circuit board 75 77 c/w jc thermal resistance (junction to case) 10 13 c/w figure 3. ac test loads and waveforms parameters 2.50v 3.0v unit r1 16667 1103 r2 15385 1554 r th 8000 645 v th 1.20 1.75 v data retention characteristics over the operating range parameter description conditions min typ [3] max unit v dr v cc for data retention 1.5 v i ccdr [7] data retention current v cc = 1.5v, ce > v cc ? 0.2v, v in > v cc ? 0.2v or v in < 0.2v industrial/auto-a 0.8 7 a t cdr [8] chip deselect to data retention time 0ns t r [9] operation recovery time t rc ns figure 4. data retention waveform v cc v cc output r2 30 pf including jig and scope gnd 90% 10% 90% 10% rise time = 1 v/ns fall time = 1 v/ns output v all input pulses r th r1 equivalent to: thevenin equivalent v cc(min) v cc(min) t cdr v dr > 1.5v data retention mode t r v cc ce notes 8. tested initially and after any design or proce ss changes that may affect these parameters. 9. full device operation requires linear v cc ramp from v dr to v cc(min) > 100 s or stable at v cc(min) > 100 s. [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 5 of 13 switching characteristics over the operating range [10, 11] parameter description 45 ns (industrial/auto-a) unit min max read cycle t rc read cycle time 45 ns t aa address to data valid 45 ns t oha data hold from address change 10 ns t ace ce low to data valid 45 ns t doe oe low to data valid 22 ns t lzoe oe low to low-z [12] 5ns t hzoe oe high to high-z [12, 13] 18 ns t lzce ce low to low-z [12] 10 ns t hzce ce high to high-z [12, 13] 18 ns t pu ce low to power up 0ns t pd ce high to power down 45 ns t dbe ble / bhe low to data valid 22 ns t lzbe ble / bhe low to low-z [12] 5ns t hzbe ble / bhe high to high-z [12, 13] 18 ns write cycle [14] t wc write cycle time 45 ns t sce ce low to write end 35 ns t aw address setup to write end 35 ns t ha address hold from write end 0 ns t sa address setup to write start 0 ns t pwe we pulse width 35 ns t bw ble / bhe low to write end 35 ns t sd data setup to write end 25 ns t hd data hold from write end 0 ns t hzwe we low to high-z [12, 13] 18 ns t lzwe we high to low-z [12] 10 ns notes 10. test conditions for all parameters other than tri-state parame ters assume signal transition time of 3 ns (1v/ns) or less, ti ming reference levels of v cc(typ) /2, input pulse levels of 0 to v cc(typ) , and output loading of the specified i ol /i oh as shown in the ?ac test loads and waveforms? on page 4. 11. ac timing parameters are subject to byte enable signals (bhe or ble ) not switching when chip is dis abled. please see application note an13842 for further clarification. 12. at any given temperature and voltage condition, t hzce is less than t lzce , t hzbe is less than t lzbe , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 13. t hzoe , t hzce , t hzbe , and t hzwe transitions are measured when the outputs enter a high impedence state. 14. the internal write time of the memory is defined by the overlap of we , ce = v il , bhe and/or ble = v il . all signals must be active to initiate a write and any of these signals can terminate a write by going inactive. the data input se tup and hold timing must be referenced to the edge of the sig nal that terminates the write. [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 6 of 13 switching waveforms figure 5. read cycle 1 (address transition controlled) [15, 16] figure 6. read cycle no. 2 (oe controlled) [16, 17] previous data valid data valid t rc t aa t oha address data out 50% 50% data valid t rc t ace t lzbe t lzce t pu high impedance i cc t hzoe t hzce t pd t hzbe t lzoe t dbe t doe impedance high i sb data out oe ce v cc supply current bhe /ble address notes 15. the device is continuously selected. oe , ce = v il , bhe and/or ble = v il . 16. we is high for read cycle. 17. address valid before or similar to ce and bhe , ble transition low. [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 7 of 13 figure 7. write cycle no. 1 (we controlled) [14, 18, 19] figure 8. write cycle no. 2 (ce controlled) [14, 18, 19] switching waveforms (continued) t hd t sd t pwe t sa t ha t aw t wc t hzoe data in note 20 t bw t sce data io address ce we oe bhe /ble t hd t sd t pwe t ha t aw t sce t wc t hzoe data in t bw t sa ce address we data io oe bhe /ble note 20 notes: 18. data io is high impedance if oe = v ih . 19. if ce goes high simultaneously with we = v ih , the output remains in a high impedance state. 20. during this period, the ios are in output state and input signals must not be applied. [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 8 of 13 figure 9. write cycle no. 3 (we controlled, oe low) [19] figure 10. write cycle no. 4 (bhe /ble controlled, oe low) [19] switching waveforms (continued) data in t hd t sd t lzwe t pwe t sa t ha t aw t sce t wc t hzwe t bw note 20 ce address we data io bhe /ble t hd t sd t sa t ha t aw t wc data in t bw t sce t pwe t hzwe t lzwe note 20 data io address ce we bhe /ble [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 9 of 13 truth table ce we oe bhe ble inputs/outputs mode power h x x x x high-z deselect/power down standby (i sb ) l x x h h high-z output disabled active (i cc ) l h l l l data out (i/o 0 ?i/o 15 ) read active (i cc ) l h l h l data out (i/o 0 ?i/o 7 ); i/o 8 ?i/o 15 in high-z read active (i cc ) l h l l h data out (i/o 8 ?i/o 15 ); i/o 0 ?i/o 7 in high-z read active (i cc ) l h h l l high-z output disabled active (i cc ) l h h h l high-z output disabled active (i cc ) l h h l h high-z output disabled active (i cc ) l l x l l data in (i/o 0 ?i/o 15 ) write active (i cc ) l l x h l data in (i/o 0 ?i/o 7 ); i/o 8 ?i/o 15 in high-z write active (i cc ) l l x l h data in (i/o 8 ?i/o 15 ); i/o 0 ?i/o 7 in high-z write active (i cc ) ordering information speed (ns) ordering code package diagram package type operating range 45 cy62146ev30ll-45bvxi 51-85150 48-ball vfbga (pb-free) industrial cy62146ev30ll-45zsxi 51-85087 44-pin tsop ii (pb-free) CY62146EV30LL-45ZSXA 51-85087 44-pin tsop ii (pb-free) automotive-a please contact your local cypress sales representative for availability of other parts [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 10 of 13 package diagrams figure 11. 48-ball vfbga (6 x 8 x 1 mm), 51-85150 a 1 a1 corner 0.75 0.75 ?0.300.05(48x) ?0.25 m c a b ?0.05 m c b a 0.15(4x) 0.210.05 1.00 max c seating plane 0.55 max. 0.25 c 0.10 c a1 corner top view bottom view 2 3 4 3.75 5.25 b c d e f g h 65 46 5 23 1 d h f g e c b a 6.000.10 8.000.10 a 8.000.10 6.000.10 b 1.875 2.625 0.26 max. 51-85150-*d [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 11 of 13 figure 12. 44-pin tsop ii, 51-85087 package diagrams (continued) 51-85087-*a [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d page 12 of 13 document history page document title: cy62146ev30 mobl ? , 4-mbit (256k x 16) static ram document number: 38-05567 rev. ecn no. orig. of change submission date description of change ** 223225 aju see ecn new data sheet *a 247373 syt see ecn changed advance information to preliminary moved product portfolio to page 2 changed v cc stabilization time in footnote #8 from 100 s to 200 s removed footnote #14(t lzbe ) from previous revision changed i ccdr from 2.0 a to 2.5 a changed typo in data retention characteristics(t r ) from 100 s to t rc ns changed t oha from 6 ns to 10 ns for both 35 ns and 45 ns speed bin changed t hzoe , t hzbe , t hzwe from 12 to 15 ns for 35 ns speed bin and 15 to 18 ns for 45 ns speed bin changed t sce and t bw from 25 to 30 ns for 35 ns speed bin and 40 to 35 ns for 45 ns speed bin changed t hzce from 12 to 18 ns for 35 ns speed bin and 15 to 22 ns for 45 ns speed bin changed t sd from 15 to 18 ns for 35 ns speed bin and 20 to 22 ns for 45 ns speed bin changed t doe from 15 to 18 ns for 35 ns speed bin changed t dbe from 15 to 18 ns for 35 ns speed bin changed ordering information to include pb-free packages *b 414807 zsd see ecn changed from preliminary information to final changed the address of cypress semicond uctor corporation on page #1 from ?3901 north first street? to ?198 champion court? removed 35ns speed bin removed ?l? version of cy62146ev30 changed ball e3 from dnu to nc removed the redundant foot note on dnu. changed i cc (max) value from 2 ma to 2.5 ma and i cc (typ) value from 1.5 ma to 2 ma at f=1 mhz changed i cc (typ) value from 12 ma to 15 ma at f = f max changed i sb1 and i sb2 typ values from 0.7 a to 1 a and max values from 2.5 a to 7 a. changed the ac test load capacitance from 50pf to 30pf on page# 4 changed i ccdr from 2.5 a to 7 a. added i ccdr typical value. changed t lzoe from 3 ns to 5 ns changed t lzce and t lzwe from 6 ns to 10 ns changed t lzbe from 6 ns to 5 ns changed t hzce from 22 ns to 18 ns changed t pwe from 30 ns to 35 ns. changed t sd from 22 ns to 25 ns. updated the package diagram 48-ball vfbga from *b to *d updated the ordering information table and replaced the package name column with package diagram. *c 925501 vkn see ecn added f ootnote #8 related to i sb2 and i ccdr added footnote #12 related ac timing parameters *d 2678796 vkn/pyrs 03/25/2009 added automotive-a information [+] feedback
cy62146ev30 mobl ? document number: 38-05567 rev. *d revised march 23, 2009 page 13 of 13 mobl is a registered trademark, and more battery life is a trademark of cypress semiconductor. all product and company names me ntioned in this document are the trademarks of their respective holders. ? cypress semiconductor corporation, 2004-2009. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreemen t with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support syst ems where a malfunction or failure may reas onably be expected to result in significa nt injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and international treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or impl ied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress re serves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representative s, and distributors. to find t he office closest to you, visit us at cypress.com/sales. products psoc psoc.cypress.com clocks & buffers clocks.cypress.com wireless wireless.cypress.com memories memory.cypress.com image sensors image.cypress.com psoc solutions general psoc.cypress.com/solutions low power/low voltage psoc.cypress.com/low-power precision analog psoc.cypress.com/precision-analog lcd drive psoc.cypress.com/lcd-drive can 2.0b psoc.cypress.com/can usb psoc.cypress.com/usb [+] feedback


▲Up To Search▲   

 
Price & Availability of CY62146EV30LL-45ZSXA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X