Part Number Hot Search : 
CAT1021 CZD2983 W10N100 A53CW U8000 M5837 L2TVS60A 2812D
Product Description
Full Text Search
 

To Download C2328A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  utc 2sC2328A npn epitaxial silicon transistor utc unisonic technologies co., ltd. 1 qw-r211-008,a audio power amplifier features *collector dissipation pc=1 w *3 w output application *complement of 2sa928a to-92nl 1 1: emitter 2: collector 3: base absolute maximum ratings (ta=25 c, unless otherwise specified) parameter symbol rating unit collector-base voltage v cbo 30 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 5 v collector dissipation pc 1 w collector current ic 2 a junction temperature t j 150 c storage temperature t stg -55 ~ +150 c electrical characteristics (ta=25 c, unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo ic=100 a,i e =0 30 v collector-emitter breakdown voltage bv ceo ic=10ma,i b =0 30 v emitter-base breakdown voltage bv ebo i e =1ma,ic=0 5 v collector cut-off current i cbo v cb =30v,i e =0 100 na emitter cut-off current i ebo v be =5v,ic=0 100 na dc current gain(note) h fe v ce =2v,ic=500ma 100 320 base-emitter on voltage v be (on) v ce =2v,ic=500ma 1 v collector-emitter saturation voltage v ce (sat) ic=1.5a,i b =0.03a 2 v output capacitace cob v cb =10v, i e =0,f=1mhz 30 pf current gain bandwidth product f t v ce =2v,ic=500ma 120 mhz classification of hfe rank o y range 100-200 160-320
utc 2sC2328A npn epitaxial silicon transistor utc unisonic technologies co., ltd. 2 qw-r211-008,a typical characteristic curves 0246810121416 0 200 400 600 800 1000 1200 1400 i b =7ma i b =6ma i b =5ma i b =4ma i b =3ma i b =2ma i b =1ma v ce (v),collector-emitter voltage i c (ma),collector current fig.1 static characteristic 0 0.2 0.4 0.6 0.8 1.0 1.2 0 200 400 600 800 1000 1200 1400 v be (v),base-emitter voltage i c (ma),collector current fig.2 base-emitter on vlotage 1.4 v ce =2v 1 3 10 30 100 300 1000 3000 10 30 50 100 300 500 1000 ic(ma),collector current hfe dc current gain fig.3 dc current gain v ce =2v 1 3 10 30 100 300 1000 3000 0.01 0.03 0.05 0.1 0.3 0.5 1 ic(ma),collector current v ce (sat)(v),saturation voltage fig.4 collector-emitter saturation voltage ic=50l b ta=25c 3 0 20 40 60 80 100 120 140 160 0 0.2 0.4 0.6 0.8 1.0 1.2 ta(c),ambient temperature p d (w),power dissipation fig.5 power derating 0.3 0.01 v ce (v), collector emitter voltage i d (ma),collector current fig.6 safe operating area 0.5 1 0.1 3 5 10 30 0.03 0.05 0.1 0.3 0.5 1 3 5 50 100 ic(max) ic(max) pulse ta=25c d.c operation 1s 1ms v ceo max


▲Up To Search▲   

 
Price & Availability of C2328A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X