Part Number Hot Search : 
GP1U523X 1N5188E3 5962F N4003 N4003 M27C802 NTE60 HA6050F
Product Description
Full Text Search
 

To Download BC847A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc846 series bc847 series bc848 series surface mount npn silicon transistor description: the central semiconductor bc846, bc847 and bc848 series types are npn silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for general purpose switching and amplifier applications. marking code: see marking code table on following page note: reverse lead codes available, add r to the end of the part # and marking code. maximum ratings: (t a =25c) symbol bc848 bc847 bc846 units collector-base voltage v cbo 30 50 80 v collector-emitter voltage v ceo 30 45 65 v emitter-base voltage v ebo 5.0 v continuous collector current i c 100 ma peak collector current i cm 200 ma peak base current i bm 200 ma power dissipation p d 350 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 357 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =30v 15 na i cbo v cb =30v, t a =150c 5.0 a i ebo v eb =5.0v 100 na bv cbo i c =10a (bc848) 30 v bv cbo i c =10a (bc847) 50 v bv cbo i c =10a (bc846) 80 v bv ceo i c =10ma (bc848) 30 v bv ceo i c =10ma (bc847) 45 v bv ceo i c =10ma (bc846) 65 v bv ebo i e =10a 5.0 v v ce(sat) i c =10ma, i b =0.5ma 0.25 v v ce(sat) i c =100ma, i b =5.0ma 0.60 v v be(on) i c =2.0ma, v ce =5.0v 0.58 0.70 v v be(on) i c =10ma, v ce =5.0v 0.77 v f t v ce =5.0v, i c =10ma, f=100mhz 100 mhz nf v ce =5.0v, i c =200a, r s =2.0k , f=1.0khz, bw=200hz 10 db bc846a bc846b BC847A bc847b bc847c bc848a bc848b bc848c min max min max min max h fe v ce =5.0v, i c =2.0ma 110 220 200 450 420 800 sot-23 case r1 (20-november 2009) www.centralsemi.com
bc846 series bc847 series bc848 series surface mount npn silicon transistor sot-23 case - mechanical outline lead code: device marking code bc846a 1a bc846b 1b BC847A 1e bc847b 1f bc847c 1g bc848a 1j bc848b 1k bc848c 1l * reverse lead codes available, add r to the end of the part # and marking code. standard 1) base 2) emitter 3) collector *reverse 1) emitter 2) base 3) collector www.centralsemi.com r1 (20-november 2009)


▲Up To Search▲   

 
Price & Availability of BC847A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X