Part Number Hot Search : 
PBL38571 20VSPBF 4757A TDA737 HVU356 ST1041 R1500 B1310
Product Description
Full Text Search
 

To Download APT30DL60HJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APT30DL60HJ APT30DL60HJ ? rev 0 november, 2009 www.microsemi.com 1-3 absolute maximum ratings symbol parameter max ratings unit v r maximum dc reverse voltage v rrm maximum peak repetitive reverse voltage 600 v i f(av) maximum average forward current duty cycle = 50% t c = 80c 30 i frm maximum repetitive forward current limited by t jmax 8.3ms t j = 45c 60 a these devices are sens itive to electrostatic discharge. prope r handling procedures should be followe d. see application note apt0502 on www.microsemi.com v rrm = 600v i f = 30a @ tc = 80c application ? switch mode power supplies rectifier ? induction heating ? welding equipment ? high speed rectifiers features ? ultra fast recovery times ? soft recovery characteristics ? high blocking voltage ? high current ? low leakage current ? very low stray inductance ? high level of integration ? isotop ? package (sot-227) benefits ? outstanding performance at high frequency operation ? low losses ? low noise switching ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? rohs compliant isotop ? fast diode full bridge power module ~ ~ - +
APT30DL60HJ APT30DL60HJ ? rev 0 november, 2009 www.microsemi.com 2-3 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit t j = 25c 1.6 2 v f diode forward voltage i f = 30a t j = 150c 1.5 v t j = 25c 250 i rm maximum reverse leakage current v r = 600v t j = 150c 500 a dynamic characteristics symbol characteristic test conditions min typ max unit t j = 25c 100 t rr reverse recovery time t j = 150c 150 ns t j = 25c 1.5 q rr reverse recovery charge t j = 150c 3.1 c t j = 25c 0.34 e rr reverse recovery energy i f = 30a v r = 300v di/dt = 1800a/s t j = 150c 0.65 mj thermal and package characteristics symbol characteristic min typ max unit r thjc junction to case thermal resistance 2.45 r thja junction to ambient 20 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j ,t stg storage temperature range -55 175 t l max lead temp for soldering:0.063? from case for 10 sec 300 c torque mounting torque (mounting = 8-32 or 4mm machine and terminals = 4mm machine) 1.5 n.m wt package weight 29.2 g sot-227 (isotop ? ) package outline 31.5 (1.240) 31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307) 8.2 (.322) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504) 14.9 (.587) 15.1 (.594) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) hex nut m4 (4 places) 0.75 (.030) 0.85 (.033) 12.6 (.496) 12.8 (.504) 25.2 (0.992) 25.4 (1.000) 1.95 (.077) 2.14 (.084) r = 4.0 (.157) (2 places) 4.0 (.157) 4.2 (.165) (2 places) w=4.1 (.161) w=4.3 (.169) h=4.8 (.187) h=4.9 (.193) (4 places) 3.3 (.129) 3.6 (.143) 3.30 (.130) 4.57 (.180)
APT30DL60HJ APT30DL60HJ ? rev 0 november, 2009 www.microsemi.com 3-3 typical performance curve energy losses vs collector current 0 0.25 0.5 0.75 1 0 102030405060 i f (a) err (mj) v ce = 300v v ge = -15v t j = 150c maximum effective transient thermal impeda nce, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.5 1 1.5 2 2.5 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) forward characteristic of diode t j =25c t j =150c 0 10 20 30 40 50 60 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) isotop? is a registered trademark of st microelectronics nv microsemi reserves the right to change, without notice , the specifications and information contained herein microsemi's products are covered by one or more of u.s patents 4, 895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,8 86 6,939,743 7,342,262 and foreign patents. u.s and foreign patents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APT30DL60HJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X