Part Number Hot Search : 
PS12800 2415DA UR860 33899 120N102 AN4233 RT9227A ECCM1
Product Description
Full Text Search
 

To Download 74323-2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/07/2010 please check www.molex.com for latest part information part number: 0743232003 status: active description: microcross? dvi digital dual link component, high volume plug connector sub- assembly, vertical, gold (au) flash, with key, 24 circuits, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 74323 application wire-to-board comments ddwg (digital display working group) standard component type i/o plug connector subassembly product name microcross?dvi type n/a physical boot color n/a circuits (loaded) 24 circuits (maximum) 24 circuits detail circuits 1-24 are loaded; with key color - resin black durability (mating cycles max) 100 flammability 94v-0 keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 3 orientation vertical pcb retention none packaging type tray panel mount n/a pitch - mating interface (in) 0.075 in, 0.100 in pitch - mating interface (mm) 1.90 mm, 2.54 mm pitch - term. interface (in) 0.075 in, 0.100 in pitch - term. interface (mm) 1.90 mm, 2.54 mm plating min: mating (in) 10 plating min: mating (m) 0.25 plating min: termination (in) 150 plating min: termination (m) 3.80 polarized to mating part yes polarized to pcb yes ports 1 temperature range - operating -20c to +85c termination interface: style solder or weld waterproof / dustproof no wire size awg n/a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74323 series mates with other receptacle components, 74320 dvi receptacle, 67351 dvi receptacle application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # microcross? soldering fixture 0621003700
electrical current - maximum per contact 3a grounding to panel yes shield type full shield shielded yes voltage - maximum 40v ac (rms) material info reference - drawing numbers sales drawing sd-74323-003 this document was generated on 04/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 74323-2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X