Part Number Hot Search : 
BX6157 GBS304 PE9554 2SA1783 PSBH50 TS240S FWCABTRA C226M
Product Description
Full Text Search
 

To Download 2SD1266A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2sd1266 2SD1266A description with to-220fa package high forward current transfer ratio h fe which has satisfactory linearity low collector saturation voltage complement to type 2sb941/941a applications for power amplification pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2sd1266 60 v cbo collector-base voltage 2SD1266A open emitter 80 v 2sd1266 60 v ceo collector-emitter voltage 2SD1266A open base 80 v v ebo emitter-base voltage open collector 6 v i c collector current 3 a i cm collector current-peak 5 a t a =25 2 p c collector power dissipation t c =25 35 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-220fa) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2sd1266 2SD1266A characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2sd1266 60 v ceo collector-emitter voltage 2SD1266A i c =30ma ,i b =0 80 v v cesat collector-emitter saturation voltage i c =3a, i b =0.375a 1.2 v v be base-emitter voltage i c =3a ; v ce =4v 1.8 v i ebo emitter cut-off current v eb =6v; i c =0 1 ma 2sd1266 v ce =30v; i b =0 i ceo collector cut-off current 2SD1266A v ce =60v; i b =0 0.3 ma 2sd1266 v ce =60v; v be =0 i ces collector cut-off current 2SD1266A v ce =80v; v be =0 0.2 ma h fe-1 dc current gain i c =1a ; v ce =4v 70 250 h fe-2 dc current gain i c =3a ; v ce =4v 10 f t transition frequency i c =0.5a; v ce =10v,f=10mhz 30 mhz switching times t on turn-on time 0.5 s t stg storage time 2.5 s t f fall time i c =1a i b1 =0.1a ,i b2 =-0.1a v cc =50v, 0.4 s ? h fe-1 classifications q p 70-150 120-250
inchange semiconductor product specification 3 silicon npn power transistors 2sd1266 2SD1266A package outline fig.2 outline dimensions (unindicated tolerance: 0.15 mm)
inchange semiconductor product specification 4 silicon npn power transistors 2sd1266 2SD1266A


▲Up To Search▲   

 
Price & Availability of 2SD1266A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X