Part Number Hot Search : 
7C161 7011X DCR720E GLU1R210 L6221A B1386L CRT5057 LS8297CT
Product Description
Full Text Search
 

To Download 2SC3277 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3277 d escription with to-3pn package high voltage ,high current fast switching speed wide area of safe operation applications 400v/10a switching regulator applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current 10 a i cm collector current-peak 20 a p c collector power dissipation t c =25 90 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3277 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =5ma ;r be = ; 400 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 500 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =6a ;i b =1.2a 1.0 v v besat base-emitter saturation voltage i c =6a ;i b =1.2a 1.5 v i cbo collector cut-off current v cb =400v; i e =0 10 a i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe-1 dc current gain i c =1.2a ; v ce =5v 15 50 h fe-2 dc current gain i c =6a ; v ce =5v 8 f t transition frequency i c =1.2a ; v ce =10v 20 mhz c ob output capacitance i e =0 ; v cb =10v;f=1mhz 120 pf switching times t on turn-on time 1.0 s t stg storage time 2.5 s t f fall time i c =7a;i b1 =-i b2 =1.4a r l =28.6 e ,p w =20s v cc =200v 1.0 s  h fe-1 classifications l m n 15-30 20-40 30-50
savantic semiconductor product specification 3 silicon npn power transistors 2SC3277 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC3277


▲Up To Search▲   

 
Price & Availability of 2SC3277

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X