Part Number Hot Search : 
MC74LVX XT210F BD778 FS7KM12 MMBTH81 BEMA101A IBP160 M81712
Product Description
Full Text Search
 

To Download 2SC2233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC2233 d escription with to-220c package large collector current capability large collector power dissipation applications for tv horizontal deflection output applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 200 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 5 v i c collector current 4 a i cm collector current-peak 10 a i b base current 1 a t a =25 1.5 p c collector dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SC2233 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =25ma ; i b =0 60 v v cesat collector-emitter saturation voltage i c =4a; i b =0.4a 1.0 v v besat base-emitter saturation voltage i c =4a; i b =0.4a 1.5 v i cbo collector cut-off current v cb =170v ;i e =0 10 a i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe-1 dc current gain i c =1a ; v ce =5v 30 150 h fe-2 dc current gain i c =4a ; v ce =5v 20 f t transition frequency i c =0.5a ; v ce =5v 8 mhz
savantic semiconductor product specification 3 silicon npn power transistors 2SC2233 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC2233
savantic semiconductor product specification 5 silicon npn power transistors 2SC2233


▲Up To Search▲   

 
Price & Availability of 2SC2233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X