Part Number Hot Search : 
1418THHP SMCJ5 PHP6N60E 1418THHP 1418THHP CEM3320 SY58040U SMA24
Product Description
Full Text Search
 

To Download Z3PK10100H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (100v / 10a) Z3PK10100H schottky barrier diode * halogen-free type * lead free product, compliance to rohs * lead less chip form, no lead damage * low power loss, high efficiency * high current capability, low vf * plastic package has underwriters laboratory flammability classification 94v-0 * patented zpak tm package technology features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * designed as bypass diodes for solar panels application case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. mechanical data absolute maximum ratings (ta = 25 o c) v rrm v i f(av) a i fsm a t j t stg 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current operating junction temperature range Z3PK10100H 100 190 -55 to +150 -55 to +150 rating 10 repetitive peak reverse voltage storage temperature range o c o c 2011/07 rev. 0 un i t : mm outline dimensions marking case : z3pak top view bottom view pad layout 2.0 3.2 1.4 4.0 6.5 4.6 1.0 1.048 1.2 3.36 1.39 1.84 7.112 4.86 1.4 left pin right pin bott omside hea t sink z3pk 10100 electrical characteristics (ta = 25 o c) v f i f = 10a item symbol conditions min. typ. v max. unit forward voltage (note 1) o c/w - 22 - r th(jl) junction to lead (note 2) o c/w - 60 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 20 - r th(jc) junction to case (note 2) ma - - 0.77 0.82 - 0.01 - 0.10 50 i rrm repetitive peak reverse current v r = max. v rrm notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c.b. with 14 x 14mm copper pad areas. (3) preliminary specification. ta = 25 o c ta = 125 o c * 5,000 pieces per 13" (330mm 2mm) reel * 2 reels per box * 5 boxes per carton packing
zowie (100v / 10a) Z3PK10100H 2011/07 rev. 0 fig.1 - forward current derating curve average forward rectified current, amperes 10 8 6 4 2 0 0 25 50 75 100 125 150 175 case temperature, o c fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave 0 50 100 200 150 1 10 100 fig.4 - typical reverse characteristics instantaneous reverse leakage current, milliamperes percent of rated peak reverse voltage,% 0.0001 0.001 0.01 100 0.1 1.0 10 0 20 40 60 80 100 t j = 25 o c t j = 125 o c t j = 150 o c t j = 100 o c fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes instantaneous forward voltage, volts 0.10 1.00 50.00 10.00 0.01 0.3 0.2 0.4 0.5 0.7 0.6 0.9 0.8 t j = 25j


▲Up To Search▲   

 
Price & Availability of Z3PK10100H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X