Part Number Hot Search : 
MAZDXXX 20NF2 74ALS33 TB6512 KGL4216 BUZ16 50PT12SM TSOP12
Product Description
Full Text Search
 

To Download URB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  french cylindrical URB/urq semiconductor protection fuses watt losses 0,8 i n i n * minimum operating voltage for trip-indicator: 20 v voltage rating u n (vac) 660 v class current rating i n (a) 50 63 80 100 125 160 200 250 125 160 32 40 50 63 80 100 125 160 170 tested interrupting rating 200 ka @ 660 v 100 ka @ 1000 v total clearing i 2 t @ u n i 2 t t (a 2 s ) 610 860 1880 3210 6970 15000 30000 63000 13000 24000 250 450 840 1470 3300 6000 12500 26700 36000 pre-arcing i 2 t @ 1 ms i 2 t p (a 2 s ) 110 155 350 625 1400 3150 6580 15570 2790 5500 33 60 110 200 435 975 1910 3890 4710 urq URB 1000 v 8.4 11.1 12.6 14.2 15.7 17.7 19.4 22.6 14.5 17.5 7.4 8.7 9.7 11.3 12.3 14 16 18 19 16 21 24 27 30 34 38 45 25 30 14.5 17 19 22 24 27 31 35 37 applications data 660v - 1000v ac URB/urq/urs from 32 up to 250a size: 27 x 60 features / benefits ? extremely high interrupting rating fuses: protection of power semiconductors according to iec standard 269.1 and 4 ? 600v-1000v ac voltage rating ? ar class according to vde 636-23 and iec 269.4 ? model according to nf c 63210 and 63211 with built-in blown trip-indicator ? 660v urq and 100v URB are ul recognized d 98 urs
french cylindrical URB/urq semiconductor protection fuses 5 0a 63 a 80 a 100 a 125 a 160 a 200 a 250 a 32 a 40 a 50 a 63 a 80 a 100 a 125 a 160 a 170 a n075958 v076309 w 076310 r078330 s078331 x076311 t078332 t076308 s081298 r081297 q081296 p081295 n081294 m081293 l081292 k081291 z080338 6.621 cp urq 27x60/ 50 6.621 cp urq 27x60/ 63 6.621 cp urq 27x60/ 80 6.621 cp urq 27x60/100 6.621 cp urq 27x60/125 6.621 cp urq 27x60/160 6.621 cp urq 27x60/200 6.621 cp urq 27x60/250 1021 cp URB 27x60/ 32 1021 cp URB 27x60/ 40 1021 cp URB 27x60/ 50 1021 cp URB 27x60/ 63 1021 cp URB 27x60/ 80 1021 cp URB 27x60/100 1021 cp URB 27x60/125 1021 cp URB 27x60/160 1021 cp URB 27x60/170 current rating voltage urq URB type catalog no. ref # 660 v 1000 v 60,3 ? 27 ? 5 7 part numbers d 99 d 27x60 - with blown fuse trip-indicatior
french cylindrical URB/urq semiconductor protection fuses these curves indicate, for each rated current, the pre-arcing time vs. the r.m.s. pre-arcing current. for each rated current tolerance for the mean pre-arcing current 8%. a = 130 b1 = 1,25 a2 = 0,6 b2 = 0,6 cf3 = 0,8 a = 130 b1 = 1,25 a2 = 0,6 b2 = 0,6 cf3 = 0,8 a = 130 b1 = 1,25 a2 = 0,6 b2 = 0,6 cf3 = 0,8 melting time - current data d 100
french cylindrical URB/urq semiconductor protection fuses determines the peak arc voltage across the fuse terminals as a function of the applied voltage. clearing i 2 t vs. operating voltage correction factor to determine the clearing i2t for a fuse operating below its rated voltage. dc voltage capability vs. time constant provides the dc voltage capabilities of the fuse as a function of circuit time constant. (l/r value) 50 to 200 a urq 250 a urq 32 to170 a URB k k k 1,2 1 0,8 0,6 0,4 0 200 400 600 1,2 1 0,8 0,6 0,4 0,2 0,2 0 200 100 400 300 500 600 u(v) u(v) 1,2 1 0,8 0,6 0,4 0,2 0 200 400 600 800 1000 u(v) peak arc voltage 50 to 200 a urq 250 a urq 32 to170 a URB um(v) u(v) 2000 1000 0 100 200 300 400 500 600 700 um(v) u(v) 2000 1000 0 0 100 200 300 400 500 500 600 600 700 700 800 900 1000 um(v) 2000 1000 u(v) l r 80 70 60 50 40 30 20 10 100 200 300 400 500 600 u(v) (ms) 0 in 160 a in 200 a in 250 a d 101 d


▲Up To Search▲   

 
Price & Availability of URB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X