Part Number Hot Search : 
M1101 MPY43C49 ES5603 SSF6808A DTC144WE FP5109 AC126 7130A
Product Description
Full Text Search
 

To Download TEMD100011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temd1000, temd1020, temd1030, temd1040 www.vishay.com vishay semiconductors rev. 2.4, 09-aug-11 1 document number: 81564 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 silicon pin photodiode, rohs compliant description temd1000 series are pin photod iodes with high speed and high radiant sensitivity in black, surface mount plastic packages with lens and daylight blocking filter. filter bandwidth is matched with 870 nm to 950 nm ir emitters. features ? package type: surface mount ? package form: gw, rgw, yoke, axial ? dimensions (l x w x h in mm): 2.5 x 2 x 2.7 ? radiant sensitive area (in mm 2 ): 0.23 ? high radiant sensitivity ? daylight blocking filter matched with 870 nm to 950 nm emitters ? fast response times ? angle of half sensitivity: ? = 15 ? package matches with ir emitter series tsmf1000 ? floor life: 168 h, msl 3, acc. j-std-020 ? compliant to rohs directive 2002/95/ec and in accordance with weee 2002/96/ec applications ? high speed detector for infrared radiation ? infrared remote control and free air data transmissionsystems, e.g. in combination with tsffxxxx series ir emitters note ? test conditions see table basic characteristics note ? moq: minimum order quantity 18029 temd1000 temd1030 temd1040 temd1020 product summary component i ra (a) ? (deg) ? 0.5 (nm) temd1000 6.0 to 13.0 15 790 to 1050 temd1020 6.0 to 13.0 15 790 to 1050 temd1030 6.0 to 13.0 15 790 to 1050 temd1040 6.0 to 13.0 15 790 to 1050 ordering information ordering code packaging remarks package form temd1000 tape and reel moq: 1000 pc s, 1000 pcs/reel reverse gullwing temd1020 tape and reel moq: 1000 pcs, 1000 pcs/reel gullwing temd1030 tape and reel moq: 1000 pcs, 1000 pcs/reel yoke temd1040 bulk moq: 1000 pcs, 1000 pcs/bulk axial leads absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 60 v power dissipation t amb ? 25 c p v 75 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature t ? 5 s t sd < 260 c
temd1000, temd1020, temd1030, temd1040 www.vishay.com vishay semiconductors rev. 2.4, 09-aug-11 2 document number: 81564 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - reverse dark current vs. ambient temperature fig. 2 - relative reverse ligh t current vs. ambient temperature fig. 3 - reverse light current vs. irradiance fig. 4 - diode capacitance vs. reverse voltage basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit forward voltage i f = 50 ma v f 11.3v breakdown voltage i r = 100 a, e = 0 v (br) 60 v reverse dark current v r = 10 v, e = 0 i ro 110na diode capacitance v r = 5 v, f = 1 mhz, e = 0 c d 1.8 pf reverse light current e e = 1 mw/cm 2 , ? = 870 nm, v r = 5 v i ra 6.0 10 13.0 a e e = 1 mw/cm 2 , ? = 950 nm, v r = 5 v i ra 12 a temperature coefficient of i ra v r = 5 v, ? = 870 nm, tk ira 0.2 %/k absolute spectral sensitivity v r = 5 v, ? = 870 nm s( ? )0.60a/w v r = 5 v, ? = 950 nm s( ? )0.55a/w angle of half sensitivity ? 15 deg wavelength of peak sensitivity ? p 940 nm range of spectral bandwidth ? 0.5 790 to 1050 nm rise time v r = 10 v, r l = 50 ? , ? = 820 nm t r 4ns fall time v r = 10 v, r l = 50 ? , ? = 820 nm t f 4ns 20 1 10 100 1000 i ro - reverse dark current (na) t amb - ambient temperature (c) 94 8427 v r = 10 v 100 80 60 40 0.6 0.8 1.0 1.2 1.4 i ra, rel - relative reverse light current t amb - ambient temperature (c) 94 8416 v r = 5 v = 950 nm 0 100 80 60 40 20 0.1 1.0 10 100 0.01 i ra - reverse light current (a) e e - irradiance (mw/cm2) 16055 v ce = 5 v = 950 nm 10 1 0.1 0 2 4 6 8 0.1 c d - diode capacitance (pf) v r - reverse voltage (v) 94 8430 e = 0 f = 1 mhz 100 10 1
temd1000, temd1020, temd1030, temd1040 www.vishay.com vishay semiconductors rev. 2.4, 09-aug-11 3 document number: 81564 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - relative spectral sensitivity vs. wavelength fi g. 6 - relative radiant sensitivity vs. angular displacement precautions for use 1. over-current-proof customer must apply resistor s for protection, otherwise slight voltage shift will cause big current change (burn out will happen). 2. storage ? storage temperature and rel. humi dity conditions are: 5 c to 35 c, r.h. 60 %. ? floor life must not exceed 168 h, acc. to jedec level 3, j-std-020. once the package is opened, the products should be used within a week. otherwise, they should be kept in a damp proof box with desiccant. considering tape life, we suggest to use products within one year from production date. ? if opened more than one week in an atmosphere 5 c to 35 c, r.h. 60 %, devices should be treated at 60 c 5 c for 15 h. ? if humidity indicator in the package shows pink color (normal blue), then devices should be treated with the same conditions as 2.3. reflow solder profile fig. 7 - lead tin (snpb) reflow solder profile fig. 8 - lead (pb)-free reflow solder profile acc. j-std-020 94 8426 s( ) rel - relative spectral sensivity 0.0 0.2 0.4 0.6 0.8 1.0 1.2 750 850 950 1050 1150 - wavelength (nm) s rel - relative sensitivity 94 8248 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 0 0.2 0.4 ? - angular displacement 60 80 100 120 140 160 180 200 220 240 260 0 20 40 60 80 100 120 140 160 180 200 220 time (s) temperature (c) 17172 + 5 c/s 5 s 60 s to 120 s - 5 c/s 22566 120 s max. 60 s max. above 220 c 260 c max. 10 s max. pre-heating 180 c to 200 c 1 c/s to 5 c/s 1 c/s to 5 c/s
temd1000, temd1020, temd1030, temd1040 www.vishay.com vishay semiconductors rev. 2.4, 09-aug-11 4 document number: 81564 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters: temd1000 package dimensions in millimeters: temd1020 16159 16160 3.8 0.2 ? 1.9 0.2 0.3 0.15 0.05 0.75 1.4 2.7 0.2 0.85 2.5 0.2 1.1 2 0.2 0.5 0.4 ca 4.5 0.1 2.3 0.1 1 0.1
temd1000, temd1020, temd1030, temd1040 www.vishay.com vishay semiconductors rev. 2.4, 09-aug-11 5 document number: 81564 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters: temd1030 package dimensions in millimeters: temd1040 16228 16760
temd1000, temd1020, temd1030, temd1040 www.vishay.com vishay semiconductors rev. 2.4, 09-aug-11 6 document number: 81564 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel dimensions in millimeters taping dimensions in millimeters: temd1000 issue: 3; 11.06.08 drawing-no.: 9.800-5080.01-4 leader and trailer tape: parts mounted empty trailer (200 mm, min.) empty leader (400 mm, min.) direction of pulling out unreel direction 60.2 0.5 178 1 2 . 5 0.5 label posted here coming out from reel tape position x x 13 0.5 13.2 1.5 16 0.2 18033 18030 3.05 0.1 0.3 ? 1.55 0.05 4 0.1 2 0.05 4 0.1 1.75 0.1 5.5 0.05 12 0.3 top tape push pin through hole quantity per reel: 1000 pcs or 5000 pcs feed direction anode
temd1000, temd1020, temd1030, temd1040 www.vishay.com vishay semiconductors rev. 2.4, 09-aug-11 7 document number: 81564 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping dimensions in millimeters: temd1020 taping dimensions in millimeters: temd1030 18031 3.05 0.1 0.3 ? 1.55 0.05 4 0.1 2 0.05 4 0.1 1.75 0.1 5.5 0.05 12 0.3 top tape push pin through hole quantity per reel: 1000 pcs or 5000 pcs feed direction anode 18032 3.05 0.1 0.3 ? 1.55 0.05 4 0.1 2 0.05 4 0.1 1.75 0.1 5.5 0.05 12 0.3 top tape push pin through hole quantity per reel: 1000 pcs or 5000 pcs feed direction anode
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TEMD100011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X