Part Number Hot Search : 
CYG2110 TLHR52 AN5026K PS101RS SA103 498646 AN17823 00059
Product Description
Full Text Search
 

To Download STP15N06LFI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stp15n06l STP15N06LFI n - channel enhancement mode power mos transistor n typical r ds(on) = 0.115 w n avalanche rugged technology n 100% avalanche tested n repetitive avalanche data at 100 o c n low gate charge n logic level compatible input n 175 o c operating temperature n application oriented characterization applications n high current, high speed switching n solenoid and relay drivers n regulators n dc-dc & dc-ac converters n motor control, audio amplifiers n automotive environment (injection, abs, air-bag, lampdrivers, etc.) internal schematic diagram 1 2 3 to-220 isowatt220 july 1993 type v dss r ds(on) i d stp15n06l STP15N06LFI 60 v 60 v < 0.15 w < 0.15 w 15 a 10 a absolute maximum ratings symbol parameter value unit stp15n06l STP15N06LFI v ds drain-source voltage (v gs = 0) 60 v v dgr drain- gate voltage (r gs = 20 k w )60v v gs gate-source voltage 15 v i d drain current (continuous) at t c = 25 o c1510a i d drain current (continuous) at t c = 100 o c10 7a i dm ( ) drain current (pulsed) 60 60 a p tot total dissipation at t c = 25 o c7035w derating factor 0.47 0.23 w/ o c v iso insulation withstand voltage (dc) ? 2000 v t stg storage temperature -65 to 175 o c t j max. operating junction temperature 175 o c ( ) pulse width limited by safe operating area 1 2 3 1/10
thermal data to-220 isowatt220 r thj-case thermal resistance junction-case max 2.14 4.29 o c/w r thj-amb r thc-sink t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 62.5 0.5 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max, d < 1%) 15 a e as single pulse avalanche energy (starting t j = 25 o c, i d = i ar , v dd = 25 v) 40 mj e ar repetitive avalanche energy (pulse width limited by t j max, d < 1%) 10 mj i ar avalanche current, repetitive or not-repetitive (t c = 100 o c, pulse width limited by t j max, d < 1%) 10 a electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating x 0.8 t c = 125 o c 250 1000 m a m a i gss gate-body leakage current (v ds = 0) v gs = 15 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 m a11.62.5v r ds(on) static drain-source on resistance v gs = 5 v i d = 7.5 a v gs = 5 v i d = 7.5 a t c = 100 o c 0.115 0.15 0.3 w w i d(on) on state drain current v ds > i d(on) x r ds(on)max v gs = 10 v 15 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * )forward transconductance v ds > i d(on) x r ds(on)max i d = 7.5 a 5 9 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v f = 1 mhz v gs = 0 350 150 50 500 200 80 pf pf pf stp15n06l/fi 2/10
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on time rise time v dd = 25 v i d = 7.5 a r g = 50 w v gs = 5 v (see test circuit, figure 3) 60 190 90 270 ns ns (di/dt) on turn-on current slope v dd = 40 v i d = 15 a r g = 50 w v gs = 5 v (see test circuit, figure 5) 120 a/ m s q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 40 v i d = 15 a v gs = 5 v 12 7 4 18 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 40 v i d = 15 a r g = 50 w v gs = 5 v (see test circuit, figure 5) 40 60 110 60 90 160 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 15 60 a a v sd ( * ) forward on voltage i sd = 15 a v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 15 a di/dt = 100 a/ m s v dd = 25 v t j = 150 o c (see test circuit, figure 5) 80 0.18 4.5 ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ) pulse width limited by safe operating area safe operating areas for to-220 safe operating areas for isowatt220 stp15n06l/fi 3/10
thermal impedance for to-220 derating curve for to-220 output characteristics thermal impedance for isowatt220 derating curve for isowatt220 transfer characteristics stp15n06l/fi 4/10
transconductance static drain-source on resistance gate charge vs gate-source voltage capacitance variations normalized on resistance vs temperature normalized gate threshold voltage vs temperature stp15n06l/fi 5/10
turn-on current slope turn-off drain-source voltage slope cross-over time switching safe operating area accidental overload area source-drain diode forward characteristics stp15n06l/fi 6/10
fig. 2: unclamped inductive waveforms fig. 3: switching times test circuits for resistive load fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode reverse recovery time fig. 1: unclamped inductive load test circuits stp15n06l/fi 7/10
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c stp15n06l/fi 8/10
dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.4 0.7 0.015 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 l2 a b d e h g l6 ? f l3 g1 123 f2 f1 l7 l4 isowatt220 mechanical data p011g stp15n06l/fi 9/10
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specification s mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously s upplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems with out express written approval of sgs-thomson microelectonics. ? 1994 sgs-thomson microelectronics - all rights reserved sgs-thomson microelectronics group of companies australia - brazil - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a stp15n06l/fi 10/10


▲Up To Search▲   

 
Price & Availability of STP15N06LFI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X