Part Number Hot Search : 
FR902 FRE9260D P2301 FLI2300 M54977P 2SC277 00022 BFX48
Product Description
Full Text Search
 

To Download SMA4306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SMA4306 no. a1771-1/4 features ? frequency speci cation with lc : added lc sets the operating frequency ? ultra small package : 1.61.60.56mm ? halogen free compliance speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit supply voltage v cc 6v circuit current i cc 50 ma power dissipation p d 280 mw operating temperature topr --40 to +85 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7028-008 30911 tkim/22311am tkim tc-00002575 sanyo semiconductors data sheet SMA4306 si monolithic linear ic oscillator ic for laser diode noise suppression applications http:// semicon.sanyo.com/en/network ordering number : ena1771a product & package information ? package : sch6 ? jeita, jedec : - ? minimum packing quantity : 5,000pcs./real packing type: tl marking gu lot no. lot no. tl 1.6 1.6 1.5 0.05 0.5 0.05 0.56 0.25 0.2 0.2 1 3 2 64 5 1 : v cc 2 : gnd 3 : lc 4 : nc 5 : gnd 6 : out sanyo : sch6
SMA4306 no. a1771-2/4 recommended operating conditions at ta=25c parameter symbol conditions ratings unit min typ max supply voltage v cc 3 5 5.5 v electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max circuit current i cc v cc =5v, r l =50 , fosc=400mhz 29 34 39 ma oscillating power posc v cc =5v, r l =50 , fosc=400mhz 4.5 6.4 8.5 dbm torerance of oscillating frequency fmod v cc =5v, r l =50 , speci ed test circuit (l=47nh, c=10pf) --10 10 % note 1 : oscillation frequency mainly depends on the external lc (the lc is attached additionally to the lc terminal in series) . note 2 : recommended oscillation frequency 350mhz to 450mhz . test circuit v cc 1000pf 10pf 47nh 47pf SMA4306 gu rf output it15713 supply voltage, v cc -- v circuit current, i cc -- ma i cc -- v cc posc -- v cc supply voltage, v cc -- v oscillating power , posc -- dbm it16331 2.0 0 5 10 15 20 25 35 45 30 40 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 l=47nh c=10pf it16332 2.0 -- 6 -- 4 -- 2 0 2 6 10 4 8 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 l=47nh c=10pf
SMA4306 no. a1771-3/4 harmonic power level, p harmonic -- dbm harmonic harmonics fosc -- v cc supply voltage, v cc -- v oscillating frequency , fosc -- mhz posc -- temp. temperature, temp. -- c oscillating power , posc -- dbm posc -- l inductance, l -- nh oscillating power , posc -- dbm fosc -- l inductance, l -- nh oscillating frequency , fosc -- mhz fosc -- temp. temperature, temp. -- c oscillating frequency , fosc -- mhz it16334 0 123 6 9 47 5810 --50 --60 --20 10 0 --30 --10 --40 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 it16333 350 360 370 380 390 450 440 430 420 410 400 l=47nh c=10pf v cc =5.0v l=47nh c=10pf it16335 --40 0 7 10 5 6 4 1 2 3 9 8 --20 0 20 40 60 80 100 l=47nh c=10pf v cc =5.0v 4.0v 3.0v it16336 --40 380 394 400 390 392 388 382 384 386 398 396 --20 0 20 40 60 80 100 l=47nh c=10pf v cc = 3.0v 4.0v 5.0v 1.0 10 100 357 2357 2 3 2 1 -- 2 -- 1 -- 3 6 4 5 7 9 8 10 -- 4 0 it16349 c=10pf c=10pf 1.0 10 100 357 2357 2 400 300 700 500 600 800 1000 900 1100 200 it16350 v cc =5.0v 3.0v v cc =5.0v 3.0v
SMA4306 no. a1771-4/4 ps this catalog provides information as of march, 2011. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of SMA4306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X