Part Number Hot Search : 
AM29F 74VCX16 TA8132AN HMC14308 0DC24 MX25L80 SBH1540S SC284
Product Description
Full Text Search
 

To Download SFS1604G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file #e-326854 ? glass passivated junction chip ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss ? qualified as per aec-q101 sfs160xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol sfs 1601g sfs 1602g sfs 1603g sfs 1604g sfs 1605g sfs 1606g sfs 1607g sfs 1608g unit v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a i fsm a trr ns cj pf r jc o c/w t j o c t stg o c maximum instantaneous forward voltage (note 1) @ 8a note 1: pulse test with pw=300usec, 1% duty cycle v f 0.975 1.3 1.7 v 10 400 maximum reverse recovery time (note 2) 35 maximum dc reverse current t a =25 @ rated dc blocking voltage t a =100 i r dimensions in inches and (millimeters) ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 16.0 version:h11 - 65 to + 150 typical junction capacitance (note 3) 80 60 note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a operating temperature range storage temperature range - 65 to + 150 ua 2.5 ? polarity: as marked sfs1601g - sfs1608g 16.0amps. surface mount super fast rectifiers marking diagram d 2 pak ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? green compound with suffix "g" on packing code & prefix "g" on datecode mechanical data features ? weight: 1.41 grams typical thermal resistance type number maximum average forward rectified current @t c =100 125 ? for use in low voltage, high frequency invertor, free wheeling, and polarity protection application pb rohs compliance rohs compliance
version:h11 ratings and characteristic curves (sfs1601g thru sfs1608g) fig.1 forward current derating curve 0 4 8 12 16 20 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) fig. 3 maximum non-repetitive forward surge current 0 30 60 90 120 150 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 2 typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=100 ta=75 fig. 4 typical junction capacitance 40 50 60 70 80 90 100 1 10 100 reverse voltage (v) capacitance (pf) sfs1605g-sfs1608g sfs1601g-SFS1604G fig. 5 typical forward characterisrics 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage (v) instantaneous forward current (a) sfs1607g-sfs1608g ta=25 pulse width=300us 1% duty cycle sfs1605g-sfs1606g sfs1601g-SFS1604G


▲Up To Search▲   

 
Price & Availability of SFS1604G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X