Part Number Hot Search : 
SP5768 1E220 2SK371 PT1204 ISL6266 K3022PG HA12226 S2070
Product Description
Full Text Search
 

To Download SD-87280-0600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/19/2010 please check www.molex.com for latest part information part number: 0872800600 status: active description: 2.00mm (.079") pitch cable holder, for discrete wire, flat cable and ribbon cable, 6 circuits documents: 3d model product specification ps-87130-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 general product family ribbon cable / wire trap connectors series 87280 component type one piece glow-wire compliant no product name board-in, cable holder physical circuits (loaded) 6 circuits (maximum) 6 color - resin natural entry angle vertical flammability 94v-0 lock to mating part none material - resin polyester number of rows 1 pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c wire insulation diameter 1.42mm (.056") max. wire size awg 26, 28 wire/cable type discrete wire, ribbon cable electrical current - maximum per contact 1a voltage - maximum 125v material info reference - drawing numbers product specification ps-87130-001 sales drawing sd-87280-**00 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87280 series mates with n/a use with discrete wire, flat cable, or ribbon cable
this document was generated on 04/19/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of SD-87280-0600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X