this document was generated on 04/19/2010 please check www.molex.com for latest part information part number: 0872800500 status: active description: 2.00mm (.079") pitch cable holder, for discrete wire, flat cable and ribbon cable, 5 circuits documents: 3d model product specification ps-87130-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 general product family ribbon cable / wire trap connectors series 87280 component type one piece glow-wire compliant no product name board-in, cable holder physical circuits (loaded) 5 circuits (maximum) 5 color - resin natural entry angle vertical flammability 94v-0 lock to mating part none material - resin polyester number of rows 1 pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c wire insulation diameter 1.42mm (.056") max. wire size awg 26, 28 wire/cable type discrete wire, ribbon cable electrical current - maximum per contact 1a voltage - maximum 125v material info reference - drawing numbers product specification ps-87130-001 sales drawing sd-87280-**00 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87280 series mates with n/a use with discrete wire, flat cable, or ribbon cable
this document was generated on 04/19/2010 please check www.molex.com for latest part information
|