Part Number Hot Search : 
2SK2312F E103M CT4060 YV26A YV26A LTC3112 BAR64 MTD1N60E
Product Description
Full Text Search
 

To Download RAL025P01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5v drive pch mosfet RAL025P01 ? structure ? dimensions (unit : mm) silicon p-channel mosfet ? features 1) low on-resistance. 2) small high power package. 3) low voltage drive.(1.5v) ? application switching ? packaging specifications ? inner circuit package taping code tcr basic ordering unit (pieces) 3000 RAL025P01 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss ? 12 v gate-source voltage v gss 0 to ? 8 v continuous i d ? 2.5 a pulsed i dp ? 6a continuous i s ? 0.8 a pulsed i sp ? 6a power dissipation p d 1w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. ? thermal resistance symbol limits unit channel to ambient rth (ch-a) 125 ? c / w *mounted on a ceramic board. parameter type source current (body diode) drain current parameter tumt6 0.2max. * *2 *1 *1 *2 *1 abbreviated symbol : sd (1) drain (2) drain (3) gate (4) source (5) drain (6) drain ?1 esd protection diode ?2 body diode ?1 (4) (1) (2) ?2 (6) (5) (3) 1/6 2011.04 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RAL025P01 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 8v, v ds =0v drain-source breakdown voltage v (br)dss ? 12 - - v i d = ? 1ma, v gs =0v zero gate voltage drain current i dss -- ? 10 ? av ds = ? 12v, v gs =0v gate threshold voltage v gs (th) ? 0.3 - ? 1.0 v v ds = ? 6v, i d = ? 1ma -4462 i d = ? 2.5a, v gs = ? 4.5v -5577 i d = ? 1.2a, v gs = ? 2.5v - 75 110 i d = ? 1.2a, v gs = ? 1.8v - 90 180 i d = ? 0.5a, v gs = ? 1.5v forward transfer admittance l y fs l 3.5 - - s i d = ? 2.5a, v ds = ? 6v input capacitance c iss - 2000 - pf v ds = ? 6v output capacitance c oss - 130 - pf v gs =0v reverse transfer capacitance c rss - 120 - pf f=1mhz turn-on delay time t d(on) - 11 - ns i d = ? 1.2a, v dd ? 6v rise time t r - 40 - ns v gs = ? 4.5v turn-off delay time t d(off) - 160 - ns r l =5 ? fall time t f - 60 - ns r g =10 ? total gate charge q g - 16 - nc i d = ? 2.5a gate-source charge q gs - 2.4 - nc v dd ? 6v gate-drain charge q gd - 2.2 - nc v gs = ? 4.5v *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd -- ? 1.2 v i s = ? 2.5a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * ******** * * * 2/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RAL025P01 ? electrical characteristic curves (ta=25 ? c) 0 0.5 1 1.5 2 2.5 0 0.2 0.4 0.6 0.8 1 v gs = - 1.2v v gs = - 1.0v v gs = - 4.5v v gs = - 2.5v v gs = - 1.8v v gs = - 1.5v t a =25 c pulsed fig.1 typical output characteristics( ) drain current : - i d [a] drain - source voltage : - v ds [v] 0 0.5 1 1.5 2 2.5 0 2 4 6 8 10 v gs = - 1.0v v gs = - 4.5v v gs = - 2.5v v gs = - 1.8v v gs = - 1.5v v gs = - 1.2v t a =25 c pulsed fig.2 typical output characteristics( ) drain - source voltage : - v ds [v] drain current : - i d [a] 0.001 0.01 0.1 1 10 0 0.5 1 1.5 v ds = - 6v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.3 typical transfer characteristics drain current : - i d [a] gate - source voltage : - v gs [v] 10 100 1000 0.1 1 10 v gs = - 1.5v v gs = - 1.8v v gs = - 2.5v v gs = - 4.5v t a =25 c pulsed fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 10 100 1000 0.1 1 10 v gs = - 4.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 10 100 1000 0.1 1 10 v gs = - 2.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 3/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RAL025P01 10 100 1000 0.1 1 10 v gs = - 1.8v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 10 100 1000 0.1 1 10 v gs = - 1.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.8 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 0.1 1 10 100 0.1 1 10 v ds = - 6v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.9 forward transfer admittance vs. drain current forward transfer admittance : |yfs| drain - current : - i d [a] 0.001 0.01 0.1 1 10 0 0.5 1 1.5 v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.10 reverse drain current vs. sourse - drain voltage reverse drain current : - i s [a] source - drain voltage : - v sd [v] 0 50 100 150 0 2 4 6 8 i d = - 2.5a i d = - 1.25a t a =25 c pulsed fig.11 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds(on) [m ? ] gate - source voltage : - v gs [v] 1 10 100 1000 0.01 0.1 1 10 100 t r t f t d(off) ta=25 c v dd = - 6v v gs = - 4.5v r g =10 w pulsed t d(on) fig.12 switching characteristics switching time : t [ns] drain - current : - i d [a] 4/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RAL025P01 0 1 2 3 4 5 0 5 10 15 20 t a =25 c v dd = - 6v i d = - 2.5a pulsed fig.12 dynamic input characteristics gate - source voltage : - v gs [v] total gate charge : qg [nc] 10 100 1000 10000 0.01 0.1 1 10 100 c oss c rss t a =25 c f=1mhz v gs =0v c iss drain - source voltage : - v ds [v] capacitance : c [pf] fig.13 typical capacitance vs. drain - source voltage 5/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RAL025P01 ? measurement circuits ? notice this product might cause chip aging and breakdown under the large electrified environment. please consider to design es d protection circuit. v gs r g v ds d.u.t. i d r l v dd 90% 90% 90% 10% 10% 10% 50% 50% pulse width v gs v ds t on t off t r t d(on) t f t d(off) v g v gs charge q g q gs q gd v gs i g(const.) v d s d.u.t. i d r l v dd fig.1-1 switching time measurement circuit fig.1-2 switching waveforms fig.2-1 gate charge measurement circuit fig.2-2 gate charge waveform 6/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RAL025P01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X