Part Number Hot Search : 
11080 11080 120N5 NMU2006H B45198E FRA2A 1545CT 11080
Product Description
Full Text Search
 

To Download P6CUI-XXXXXXZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  telefon: +49 (0) 6135 931069 telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de m1 series P6CUI-XXXXXXZ 1kv isola t ed 1w unregula ted dua l sepa ra te output sip7 available inputs: 5, 12 and 24 vdc available outputs: (++) 3.3, 5, 7.2, 12, 15 and 18 vdc other specifications please enquire electrical specifications (typical at + 25 c, nominal input voltage, ra ted output current unless otherwise specified) input specifications voltage range +/- 10 % f i l t e r c a p a c i t o r s isolation specifications rated voltage 1000 vdc leakage current 1 ma r e s i s t a n c e 1 0 9 ohm capacitance 60 pf typ. output specifications voltage accuracy +/- 5 %, max. ripple and noise (at 20 mhz bw) 75 mv p-p, max. short circuit protection momentary line voltage regulation +/- 1,2 % / 1,0 % of vin load voltage regulation +/- 8 %, load = 20 ~ 100 % temperature coefficient +/- 0,02 % / c general specifications efficiency 70 % to 85 % switching frequency 125 khz, typ. env i ronmental specifications operating temperature (ambient) - 40 c to + 85 c storage temperature - 55 c to + 125 c d e r a t i n g s e e g r a p h humidity up to 90 %, non condensing cooling free air convection phy s ical characteristics dimensions sip 19,50 x 6,00 x 9,50 mm 0,76 x 0,24 x 0,37 inches w e i g h t 2 g case material non conductive black plastic examples of partnumbers part no. input vo ltag e (vdc) input current no load input current full load outp ut vo ltag e (vdc) outp ut current (max. ma) efficiency full load (% ty p.) p 6 c u i - 0 5 0 5 0 5 z 5 1 6 2 7 7 5 / 5 1 0 0 / 1 0 0 7 2 p 6 c u i - 0 5 0 5 1 5 z 5 2 0 2 5 0 5 / 1 5 1 0 0 / 3 3 8 0 p 6 c u i - 1 2 0 5 0 5 z 1 2 1 1 1 1 9 5 / 5 1 0 0 / 1 0 0 7 0 p 6 c u i - 1 2 0 5 1 2 z 1 2 1 0 1 0 4 5 / 1 2 1 0 0 / 4 2 8 0 p 6 c u i - 1 2 0 5 1 5 z 1 2 1 3 1 0 6 5 / 1 5 1 0 0 / 3 3 7 8 p 6 c u i - 2 4 0 5 0 5 z 2 4 6 5 4 5 / 5 1 0 0 / 1 0 0 7 6 p 6 c u i - 2 4 0 9 0 9 z 2 4 1 0 5 6 9 / 9 5 6 / 5 6 7 5
m1 series p6cui- x xxxxxz 1kv isola t ed 1w unregula ted dua l sepa ra te output sip7 dimensions derating graph and pinning temperature derating graph a m bient t e mperature c 1.00 w - 40 0 4 0 8 0 100 85 o u tput p i n c o n n e c t i o n # d u a l s e p a r a t e 1 + v i n p u t 2 - v i n p u t 4 + v 1 o u t p u t 5 - v 1 o u t p u t 6 + v 2 o u t p u t 7 - v 2 o u t p u t specification can be changed without not ice. copyright peak electronics gmb h rev:2 / 09.2001


▲Up To Search▲   

 
Price & Availability of P6CUI-XXXXXXZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X