Part Number Hot Search : 
001010 UPS520 TJA105 128Y1 CXD8932Q NSSU100 106M16 2SD2678
Product Description
Full Text Search
 

To Download MR10-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609 according to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. ? "alexander ele tri holding". all rights reserved. 27.03.2008 http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518 dc/dc converters mistral series mr10, MR10-T bkju.436610.011 single-output models module input voltage range output power output voltage maximal output current mr10d-12s05-um 5 vdc 2 a mr10d-12s15-um 15 vdc 0,66 a mr10d-12s27-um 10,5?18 vdc 10 w 27 vdc 0,37 a mr10d-24s05-um 5 vdc 2 a mr10d-24s15-um 15 vdc 0,66 a mr10d-24s27-um 18?36(40) vdc 10 w 27 vdc 0,37 a mr10d-27s05-um 5 vdc 2 a mr10d-27s15-um 15 vdc 0,66 a mr10d-27s27-um 17?36(80) vdc 10 w 27 vdc 0,37 a mr10d-48s05-um 5 vdc 2 a mr10d-48s15-um 15 vdc 0,66 a mr10d-48s27-um 36?75 vdc 10 w 27 vdc 0,37 a dual-output models module input voltage range output power output voltage maximal output current mr10d-12d0512-um 5 vdc / 12 vdc 1 a / 0,42 a mr10d-12d0515-um 5 vdc / 15 vdc 1 a / 0,33 a mr10d-12d1515-um 10,5?18 vdc 10 w 15 vdc / 15 vdc 0,33 a / 0,33 a mr10d-24d0512-um 5 vdc / 12 vdc 1 a / 0,42 a mr10d-24d0515-um 5 vdc / 15 vdc 1 a / 0,33 a mr10d-24d1515-um 18?36(40) vdc 10 w 15 vdc / 15 vdc 0,33 a / 0,33 a mr10d-27d0512-um 5 vdc / 12 vdc 1 a / 0,42 a mr10d-27d0515-um 5 vdc / 15 vdc 1 a / 0,33 a mr10d-27d1515-um 17?36(80) vdc 10 w 15 vdc / 15 vdc 0,33 a / 0,33 a mr10d-48d0512-um 5 vdc / 12 vdc 1 a / 0,42 a mr10d-48d0515-um 5 vdc / 15 vdc 1 a / 0,33 a mr10d-48d1515-um 36?75 vdc 10 w 15 vdc / 15 vdc 0,33 a / 0,33 a triple-output models module input voltage range output power output voltage maximal output current mr10d-12t051212-um 17?36 vdc 10 w 5 vdc / 12 vdc / 12 vdc 1 a / 0,21 a / 0,21 a mr10d-24t051212-um 18?36(40) vdc 10 w 5 vdc / 12 vdc / 12 vdc 1 a / 0,21 a / 0,21 a mr10d-27t051212-um 17?36(80) vdc 10 w 5 vdc / 12 vdc / 12 vdc 1 a / 0,21 a / 0,21 a mr10d-48t051212-um 36?75 vdc 10 w 5 vdc / 12 vdc / 12 vdc 1 a / 0,21 a / 0,21 a ? by request can be delivered modules with non-standard output voltage 3 to 80vdc and with maximal output current to 2 . ? modules with working temperature range from -60 to +125 are issued only in the strengthened cases (an index "u" in a designatio n). ? completely replace power-supply modules mdm7.5-p series on dimensions and purpose of conclusions and have the improved characteristics ? working temperature range from -60c to +125c ? high power density ? high reliability ? single and multi-output models ? output voltage regulation ? short circuit protection, overvoltage and thermal protection ? remote on/off ? coefficient of efficiency 82% ? small size, low-profile ? metal case ? cooling by free air convection or a heat sink using ? galvanic isolated outputs ordering information r 10 d ? 24 s 12 u t c d e f g h i j c - mistral series d - maximum output power, w (limiting capacity is designated on the case for the given standard size, stipulated at the order) e - voltage transformation class d ? dc/dc f - nominal input voltage 12 vdc (10,5?18) vdc 24 vdc(18?36) vdc 27 vdc(17?36) vdc 48 vdc(36?75) vdc g - output channels quantity s ? one d ? two t - three h - nominal output voltage, vdc (two numbers on channel) i - embodiment u - reinforced aluminium frame with flanges s - thin-walled stamped case j - operating temperature range m - -60 ?+85 t - -60 ?+125
http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609 according to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. ? "alexander ele tri holding". all rights reserved. 27.03.2008 http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518 dc/dc converters mistral series mr10, MR10-T technical specifications according to bkju.436610.011 input specifications input voltage range/ transitional deviation, 1 sec 12 vdc 24 vdc 27 vdc 48 vdc 10,5?18vdc/ 10,5?18vdc 18?36vdc/17..37,8vdc 17?36vdc/17?80vdc 36?75vdc/36?84vdc input filter p-type output specifications output voltage trimming range (for single-, dual-output execution with same voltage) 5% output voltage total instability - for single-output execution (inom 10 ? 100%) 4% (index ?m?) 6% (index ?t?) - for multi-output execution (inom 10 ? 100%) 4% for out1 7% for out2&3 (index ?m?) 6% for out1 10% for out2&3 (index ?t?) - for multi-output execution w ith distinction voltage 20% 4% for out1 14% for out2&3 (index ?m?) 6% for out1 14% for out2&3 (index ?t?) pulsations ripple (peak-to-peak) <2% uout.nom. overload protection level** >120% iout.nom. short circuit protection level** >150 % iout.nom., autorepair overvoltage protection level** >120 % uout.nom. remote on/off off: 0?1,1vdc or connection of output ?on? and ?- in?, i 5 ma general specifications - high working of case ? 60 c?+85 c (index ?m?) ? 60 c?+125 c (index ?t?) - storage ? 60 c?+85 c (index ?m?) ? 60 c?+125 c (index ?t?) temperature 1 - power loss (free air convection) see diagram (red, green lines) without power loss with radiator use (provided that case. the module does not exceed the maximal value) see blue curve efficiency 82 % thermal resistance case - environment 12,5 o /watt conversion frequency 150 khz isolation - voltage in/out: in/case: out/case: ~ 355 vdc, 50 hz insulation resistance @ 500vdc 20 ohm external factors stability - high humidity 100% @ 35 emc standard en 55022, class a safety standard iec/ en 60950 time to failure > 2 400 000 hours @ +25c cooling free air convection or heat sink using case material metal ? all specifications are reduced for normal climatic conditions, uin.nom, iout.nom, if it is not specified differently. ?? parameters are help and cannot be used at long-term work, excess of the maximal target current, at work outside of a range of w orking temperatures, at work of the module with target voltage over a range of adjustment power loss diagram (index ? ?) power loss diagram (index ? ?) * the inclined site of a red and green curve specifies that the module works in a mode with maximal case (index ? ? +85o ; index ? ? +125 o ). output settings pin 1 2 3 4 5 6 7 8 9 10 single-output + in - in on - out + out trim case - - - dual-output + in - in on - out 2 - out 1 + out 1 + out 2 case - - triple-output + in - in on - out 3 + out 3 - out 2 + out 2 - out 1 + out 1 case ???? ???? ?? ? , 90 80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 ???? ?? , ? 12 10,5 9 7,5 6 4,5 3 1,5 0 ???? ???? ?? ? , 130 120 110 100 90 80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 ???? ?? , ? 12 10,5 9 7,5 6 4,5 3 1,5 0 mr10 free air convection coefficient of efficiency 80% free air convection coefficient of efficiency 84% heat sink output power, w ambient temperature tamb, c MR10-T free air convection coefficient of efficiency 80% free air convection coefficient of efficiency 84% heat sink output power, w ambient temperature tamb, c
http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609 according to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. ? "alexander ele tri holding". all rights reserved. 27.03.2008 http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518 dc/dc converters mistral series mr10, MR10-T mr10-s not flanged case (only index ?m?) r10-s case with flanges
http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609 according to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. ? "alexander ele tri holding". all rights reserved. 27.03.2008 http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518 dc/dc converters mistral series mr10, MR10-T mr10-d not flanged case (only index ?m?) r10-d case with flanges
http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609 according to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. ? "alexander ele tri holding". all rights reserved. 27.03.2008 http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518 dc/dc converters mistral series mr10, MR10-T MR10-T not flanged case (only index ?m?) r10-t case with flanges


▲Up To Search▲   

 
Price & Availability of MR10-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X