Part Number Hot Search : 
M3Z5524 CS18186 SG113 RP16100 2SK711 00BZX 74AC11SJ SF1101A
Product Description
Full Text Search
 

To Download MMBT5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBT5400 / mmbt5401 MMBT5400 / mmbt5401 pnp surface mount general purpose si-epi-planar transistors si-epi-planar universaltransisto ren fr die oberfl?chenmontage pnp version 2006-05-16 dimensions - ma?e [mm] 1 = b 2 = e 3 = c power dissipation ? verlustleistung 250 mw plastic case kunststoffgeh?use sot-23 (to-236) weight approx. ? gewicht ca. 0.01 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings (t a = 25c) grenzwerte (t a = 25c) MMBT5400 mmbt5401 collector-emitter-volt. ? kollektor-emitter-spannung b open - v ceo 120 v 150 v collector-base-voltage ? kollektor-basis-spannung e open - v cbo 130 v 160 v emitter-base-voltage ? emitter-basis-spannung c open - v ebo 5 v power dissipation ? verlustleistung p tot 250 mw 1 ) collector current ? kollektorstrom (dc) - i c 600 ma junction temperature ? sperrschichttemperatur storage temperature ? lagerungstemperatur t j t s -55...+150c -55?+150c characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. dc current gain ? kollektor-basis-stromverh?ltnis 2 ) - v ce = 5 v, - i c = 1 ma - v ce = 5 v, - i c = 10 ma - v ce = 5 v, - i c = 50 ma MMBT5400 h fe h fe h fe 30 40 40 ? ? ? ? 180 ? - v ce = 5 v, - i c = 1 ma - v ce = 5 v, - i c = 10 ma - v ce = 5 v, - i c = 50 ma mmbt5401 h fe h fe h fe 50 60 50 ? ? ? ? 240 ? collector-emitter saturation voltage ? kollektor-emitter-s?ttigungsspg. 2 ) - i c = 10 ma, - i b = 1 ma - i c = 50 ma, - i b = 5 ma - v cesat - v cesat ? ? ? ? 0.2 v 0.5 v base-emitter saturation voltage ? basis-emitter-s?ttigungsspannung 2 ) - i c = 10 ma, - i b = 1 ma - i c = 50 ma, - i b = 5 ma - v besat - v besat ? ? ? ? 1.0 v 1.0 v 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 tested with pulses t p = 300 s, duty cycle 2% ? gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% ? diotec semiconductor ag http://www.diotec.com/ 1 2.5 max 1.3 0.1 1.1 0.4 2.9 0.1 1 2 3 typ e code 1.9
MMBT5400 / mmbt5401 characteristics (t j = 25c) kennwerte (t j = 25c) collector-base cutoff current ? kollektor-basis-reststrom - v cb = 100 v, (e open) - v cb = 120 v, (e open) MMBT5400 mmbt5401 - i cbo - i cbo ? ? ? ? 50 na 50 na - v cb = 100 v, t j = 100c, (e open) - v cb = 120 v, t j = 100c, (e open) MMBT5400 mmbt5401 - i cbo - i cbo ? ? ? ? 50 a 50 a emitter-base-cutoff current ? emitter-basis-reststrom - v eb = 4 v, (c open) - i ebo ? ?- 50 na gain-bandwidth product ? transitfrequenz - i c = 10 ma, - v ce = 10 v, f = 100 mhz f t 100 mhz ? 300 mhz collector-base capacitance ? kollektor-basis-kapazit?t - v cb = 10 v, i e = i e = 0, f = 1 mhz c cbo ??6 pf noise figure ? rauschzahl - v ce = 5 v, - i c = 200 a, r s = 10 ? , f = 1 khz MMBT5400 mmbt5401 f f ? ? ? ? ? 8 db thermal resistance junction to ambient air w?rmewiderstand sperrschicht ? umgebende luft r tha < 420 k/w 1 ) recommended complementary npn transistors empfohlene komplement?re npn-transistoren mmbt5550 / mmbt5551 marking - stempelung MMBT5400 = 2l mmbt5401 = 2lx 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag [%] p tot 120 100 80 60 40 20 0 [c] t a 150 100 50 0 power dissipation versus ambient temperature ) verlustleistung in abh. von d. umgebungstemp. ) 1 1


▲Up To Search▲   

 
Price & Availability of MMBT5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X