Part Number Hot Search : 
IRG4BC 25ETTS S05K230 SGM3127 N7820A H1300 3L100 LNK302P
Product Description
Full Text Search
 

To Download MIC28510YJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mic28510 75v/4a hyper speed control ? synchronous dc/dc buck regulator superswitcher ii ? hyper speed control, superswitcher ii and any capacitor are trademarks of micrel, inc. mlf and micro leadframe are registered trademarks of amkor technology, inc. micrel inc. ? 2180 fortune drive ? san jose, ca 95131 ? usa ? tel +1 ( 408 ) 944-0800 ? fax + 1 (408) 474-1000 ? http://www.micrel.com march 2012 m9999-030912-a general description the micrel mic28510 is an adjustable?frequency, synchronous buck regulator featuring unique adaptive on? time control architecture. the mic28510 operates over an input supply range of 4.5v to 75v and provides a regulated output of up to 4a of output current. the output voltage is adjustable down to 0.8v with a guaranteed accuracy of 1%. micrel?s hyper speed control ? architecture allows for ultra? fast transient response while reducing the output capacitance and also makes (high v in ) / (low v out ) operation possible. this adaptive t on ripple control architecture combines the advantages of fixed?frequency operation and fast transient response in a single device. the mic28510 offers a full suite of protection features to ensure protection of the ic during fault conditions. these include undervoltage lockout to ensure proper operation under power?sag conditions, internal soft?start to reduce inrush current, foldback current limit, ?hiccup? mode short- circuit protection, and thermal shutdown. all support documentation can be found on micrel?s web site at: www.micrel.com . features ? hyper speed control ? architecture enables: ? high delta v operation (v in = 75v and v out = 0.8v) ? small output capacitance ? 4.5v to 75v voltage input ? 4a output current capability, up to 95% efficiency ? adjustable output voltage form 0.8v to 24v ? 1% fb accuracy ? any capacitor ? stable: ? zero-esr to high?esr output capacitors ? 100khz to 500khz switching frequency ? internal compensation ? foldback current?limit and ?hiccup? mode short-circuit protection ? thermal shutdown ? supports safe startup into a pre?biased load ? ?40 ? c to +125 ? c junction temperature range ? 28-pin 5mm ? 6mm mlf ? package applications ? distributed power systems ? communications/networking infrastructure ? industrial power ? solar energy ___________________________________________________________________________________________________________ typical application efficiency (v in = 48v) vs. output current 10 20 30 40 50 60 70 80 90 100 0123456 output current (a) efficiency (%) 5.0v 3.3v 2.5v 1.8v 1.5v 1.2v 1.0v 0.8v f sw = 250khz
micrel, inc. mic28510 march 2012 2 m9999-030912-a ordering information part number junction temperature range package lead finish MIC28510YJL ? 40 ? c to ? 125 ? c 28-pin 5mm ? 6mm mlf ? pb-free pin configuration 28-pin 5mm ? 6mm mlf ? (jl) pin description pin number pin name pin function 1, 3 nc no connect. 2, 5, 6, 7, 8, 21 pgnd power ground. pgnd is the ground path for t he mic28510 buck converter power stage. the pgnd pin connects to the sources of low-si de n-channel internal mosfets, the negative terminals of input capacitors, and the negative terminals of output capacitors. the loop for the power ground should be as small as possible and se parate from the signal ground (sgnd) loop. 4, 9, 10, 11, 12 sw switch node (output). internal connection fo r the high-side mosfet source and low-side mosfet drain. 13, 14, 15, 16, 17, 18, 19 pvin high-side internal n-channel mosfet drain connection (input).the pvin operating voltage range is from 4.5v to 75v. input capacitors be tween the pvin pins and the power ground (pgnd) are required and keep the connection short. 20 bst boost (output). bootstrapped volt age to the high-side n-channel internal mosfet driver. a schottky diode is connected between the vdd pin and the bst pin. a boost capacitor of 0.1 f is connected between the bst pin and the sw pin. 22 cs current sense (input). high current out put driver return. the cs pin connects directly to the switch node. due to the high-speed switching on this pi n, the cs pin should be routed away from sensitive nodes. cs pin also senses the current by monitoring the voltage across the low-side internal mosfet during off-time.
micrel, inc. mic28510 march 2012 3 m9999-030912-a pin description (continued) pin number pin name pin function 23 fs frequency setting pin. 24 en enable (input). a logic level control of the out put. the en pin is cmos-compatible. logic high = enable, logic low = shutdown. in the off state, the v dd supply current of the device is reduced (typically 0.7ma). do not pull the en pin above the v dd supply. this pin has 100k pull-up resistor to vdd. 25 fb feedback (input). input to the transconductance amplifier of the control loop. the fb pin is regulated to 0.8v. a resistor divider connecting the feedback to the output is used to adjust the desired output voltage. 26 sgnd signal ground. sgnd must be connected directly to the ground planes. do not route the sgnd pin to the pgnd pad on the top layer; see pcb layout guidelines for details. 27 vdd vdd bias (input). power to the internal referenc e and control sections of the mic28510. the vdd operating voltage range is from 4.5v to 5.5v. a 2.2f ceramic capacitor from the vdd pin to the pgnd pin must be placed next to the ic. vdd must be powered up at the same time or after pvin to make the soft-start function correctly. 28 pvdd power supply for gate driver of bottom mosfet.
micrel, inc. mic28510 march 2012 4 m9999-030912-a absolute maximum ratings (1) pv in to pgnd................................................ ? 0.3v to +76v fs to pgnd .................................................... ? 0.3v to pv in pv dd , v dd to pgnd ......................................... ? 0.3v to +6v v sw , v cs to pgnd .............................. ? 0.3v to (pv in +0.3v) v bst to v sw ........................................................ ? 0.3v to 6v v bst to pgnd .................................................. ? 0.3v to 82v v en to pgnd ...................................... ? 0.3v to (v dd + 0.3v) v fb to pgnd....................................... ? 0.3v to (v dd + 0.3v) pgnd to sgnd ........................................... ? 0.3v to +0.3v junction temperature (t j ) ....................................... +150c storage temperature (t s )......................... ? 65 ? c to +150 ? c lead temperature (sol dering, 10s )............................ 260c esd rating (2) ..............................................................1000v operating ratings (3) supply voltage (pv in ) ....................................... 4.5v to 75v bias voltage (pv dd , v dd ).................................. 4.5v to 5.5v enable input (v en ) ................................................. 0v to v dd junction temperature (t j ) ........................ ? 40 ? c to +125 ? c maximum power dissi pation......................................note 4 package thermal resistance (4) 5mm x 6mm mlf ? ( ? ja ) ....................................36 ? c/w electrical characteristics (5) pv in = v fs = 48v, v dd = 5v; v bst ? v sw = 5v; t a = 25c, unless noted. bold values indicate ? 40c t j +125c. parameter condition min. typ. max. units power supply input input voltage range ( pv in ) 4.5 75 v fs voltage range 2 75 v v dd bias voltage operating bias voltage (v dd ) 4.5 5 5.5 v undervoltage lockout trip level v dd rising 3.2 3.85 4.45 v uvlo hysteresis 380 mv quiescent supply current (i vdd ) v fb = 1.5v 1.4 3 ma shutdown supply current (i vdd ) v dd = v bst = 5.5v, v in = 48v sw = unconnected, v en = 0v 0.7 2 ma reference 0c t j 85c (1.0%) 0.792 0.8 0.808 feedback reference voltage ? 40c t j 125c (1.5%) 0.788 0.8 0.812 v load regulation i out = 0a to 4a 0.04 % line regulation pv in = 4.5 to 75v 0.1 % fb bias current v fb = 0.8v -0.5 0.005 0.5 a enable control en logic level high 4.5v < v dd < 5.5v 1.2 v en logic level low 4.5v < v dd < 5.5v 0.4 v en bias current v en = 0v 50 100 a notes: 1. exceeding the absolute maximum rating may damage the device. 2. devices are esd sensitive. handling pr ecautions recommended. human body model, 1.5k ? in series with 100pf. 3. the device is not guaranteed to function outside operating range. 4. pd (max) = (t j(max) ? t a )/ ? ja , where ? ja depends upon the printed circuit layou t. see ?applications information.? 5. specification for packaged product only.
micrel, inc. mic28510 march 2012 5 m9999-030912-a electrical characteristics (5) (continued) pv in = v fs = 48v, v dd = 5v; v bst ? v sw = 5v; t a = 25c, unless noted. bold values indicate ? 40c t j +125c. parameter condition min. typ. max. units oscillator switching frequency v fs = pv in 375 500 625 khz maximum duty cycle (6) v fb = 0v, v fs =pv in 80 % minimum duty cycle v fb > 0.8v 0 % minimum off-time 360 ns soft-start soft-start time 6 ms short-circuit protection v fb = 0.8v, t j = 25c 4.8 7 10 current?limit threshold v fb = 0.8v, t j = 125c 4 10 a short?circuit current v fb = 0v 2 4.3 5.7 a internal fets top?mosfet r ds (on) i sw = 1a 31 m ? bottom?mosfet r ds (on) i sw = 1a 31 m ? sw leakage current pv in = 36v, v sw = 36v, v en = 0v, v bst = 41v 55 a pv in leakage current pv in = 36v, v sw = 0v, v en = 0v, v bst = 41v 55 a thermal protection over?temperature shutdown t j rising 160 c over?temperature shutdown hysteresis 2 c note: 6. the maximum duty?cycle is limited by the fixed mandatory off-time (t off ) of typically 360ns.
micrel, inc. mic28510 march 2012 6 m9999-030912-a typical characteristics v in operating supply current vs. input voltage 0 4 8 12 16 20 5 15253545556575 input voltage (v) supply current (ma) v out = 3.3v i out = 0a v dd = 5v f sw = 250khz v in shutdown current vs. input voltage 0 100 200 300 400 5 15253545556575 input voltage (v) shutdown current (ua) v dd = 5v v en = 0v v dd operating supply current vs. input voltage 0 2 4 6 8 10 5 15253545556575 input voltage (v) v dd supply current (ma) v out = 3.3v v dd = 5v f sw = 250khz feedback voltage vs. input voltage 0.792 0.796 0.800 0.804 0.808 5 15253545556575 input voltage (v) feedback voltage (v) v out = 3.3v v dd = 5v i out = 0a f sw = 250khz total regulation vs. input voltage -1.0% -0.8% -0.6% -0.4% -0.2% 0.0% 0.2% 0.4% 0.6% 0.8% 1.0% 5 15253545556575 input voltage (v) total regulation (%) v out = 3.3v v dd = 5v i out = 0a to 4a f sw = 250khz output peak current limit vs. input voltage 0 3 6 9 12 15 5 15253545556575 input voltage (v) current limit (a) v out = 3.3v v dd = 5v f sw = 250khz switching frequency vs. input voltage 100 150 200 250 300 5 15253545556575 input voltage (v) switching frequency (khz) v out = 3.3v v dd = 5v i out = 1a r18 =100k ? r19 =100k ? v dd operating supply current vs. temperature 0 2 4 6 8 10 12 -50 -25 0 25 50 75 100 125 temperature (c) supply current (ma) v in = 48v v out = 3.3v v dd = 5v i out = 0a f sw = 250khz v dd shutdown current vs. temperature 0.0 0.2 0.4 0.6 0.8 1.0 -50 -25 0 25 50 75 100 125 temperature (c) shutdown current (ma) v in = 48v i out = 0a v dd = 5v v en = 0v
micrel, inc. mic28510 march 2012 7 m9999-030912-a typical characteristics (continued) v dd uvlo threshold vs. temperature 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 -50 -25 0 25 50 75 100 125 temperature (c) v dd threshold (v) rising falling v in = 48v i out = 0a v in operating supply current vs. temperature 0 4 8 12 16 20 -50 -25 0 25 50 75 100 125 temperature (c) supply current (ma) v in = 48v v out = 3.3v v dd = 5v i out = 0a f sw = 250khz v in shutdown current vs. temperature 0 80 160 240 320 400 -50 -25 0 25 50 75 100 125 temperature (c) shutdown current (ua) v in = 48v v dd = 5v v en = 0v i out = 0a output peak current limit vs. temperature 0 3 6 9 12 15 -50 -25 0 25 50 75 100 125 temperature (c) current limit (a) v in = 48v v out = 3.3v v dd = 5v f sw = 250khz feedback voltage vs. temperature 0.792 0.796 0.800 0.804 0.808 -50 -25 0 25 50 75 100 125 temperature (c) feeback voltage (v) v in = 48v v out = 3.3v v dd = 5v i out = 0a load regulation vs. temperature -0.3% -0.2% -0.1% 0.0% 0.1% 0.2% 0.3% 0.4% -50 -25 0 25 50 75 100 125 temperature (c) load regulation (%) v in = 48v v out = 3.3v v dd = 5v i out = 0a to 4a f sw = 250khz line regulation vs. temperature -0.3% -0.2% -0.1% 0.0% 0.1% 0.2% 0.3% 0.4% -50 -25 0 25 50 75 100 125 temperature (c) line regulation (%) v in = 5v to 75v v out = 3.3v v dd = 5v i out = 0a switching frequency vs. output current 100 150 200 250 300 01234 output current (a) switching frequency (khz) v in = 48v v out = 3.3v v dd = 5v r18 = 100k ? r19 =100k ? -40c 25c 125c en bias current vs. temperature 0 20 40 60 80 100 -50 -25 0 25 50 75 100 125 temperature (c) en bias current (a) v in = 48v v dd = 5v v en = 0v
micrel, inc. mic28510 march 2012 8 m9999-030912-a typical characteristics (continued) enable threshold vs. temperature 0.5 0.6 0.7 0.8 0.9 1.0 -50 -25 0 25 50 75 100 125 temperature (c) enable threshold (v) falling rising v in = 48v v dd = 5v efficiency vs. output current 50 55 60 65 70 75 80 85 90 95 100 01234 output current (a) efficiency (%) 6v in v out = 3.3v v dd = 5v f sw = 250khz 48v in 75v in 4.5v in feedback voltage vs. output current 0.792 0.796 0.800 0.804 0.808 01234 output current (a) feedback voltage (v) v in = 48v v out = 3.3v v dd = 5v f sw = 250khz line regulation vs. output current -0.3% -0.2% -0.1% 0.0% 0.1% 0.2% 0.3% 01234 output current (a) line regulation (%) v in = 5v to 75v v out = 3.3v v dd = 5v f sw = 250khz efficiency (v in = 5v) vs. output current 30 40 50 60 70 80 90 100 0123456 output current (a) efficiency (%) 3.3v 2.5v 1.8v 1.5v 1.2v 1.0v 0.9v 0.8v f sw = 250khz efficiency (v in = 48v) vs. output current 10 20 30 40 50 60 70 80 90 100 0123456 output current (a) efficiency (%) 5.0v 3.3v 2.5v 1.8v 1.5v 1.2v 1.0v 0.9v 0.8v f sw = 250khz efficiency (v in = 75v) vs. output current 10 20 30 40 50 60 70 80 90 100 0123456 output current (a) efficiency (%) 2.5v 1.8v 1.5v 1.2v 1.0v 0.9v f sw = 250khz 0.8v 5.0v 3.3v die temperature* (v in = 5.0v) vs. output current 0 20 40 60 80 01234 output current (a) die temperature (c) v in = 5.0v v out = 3.3v v dd = 5v f sw = 250khz die temperature* (v in = 48v) vs. output current 0 20 40 60 80 01234 output current (a) die temperature (c) v in = 48v v out = 3.3v v dd = 5v f sw = 250khz `
micrel, inc. mic28510 march 2012 9 m9999-030912-a typical characteristics (continued) die temperature* (v in = 75v) vs. output current 0 20 40 60 80 100 01234 output current (a) die temperature (c) v in = 75v v out = 3.3v v dd = 5v f sw = 250khz efficiency (v in =12v) vs. output current 30 40 50 60 70 80 90 100 0123456 output current (a) efficiency (%) 5.0v 3.3v 2.5v 1.8v 1.2v 0.8v f sw = 250khz efficiency (v in = 18v) vs. output current 30 40 50 60 70 80 90 100 0123456 output current (a) efficiency (%) 5.0v 3.3v 2.5v 1.8v 1.2v 0.8v f sw = 250khz efficiency (v in = 24v) vs. output current 30 40 50 60 70 80 90 100 0123456 output current (a) efficiency (%) 5.0v 3.3v 2.5v 1.8v 1.2v 0.8v f sw = 250khz thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 48v f sw = 250khz l = 10h t j_max =125c v out =2.5v v out = 3.3v v out = 5v thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 48v f sw = 250khz l = 10h t j_max =125c v out = 1.2v v out = 0.8v thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 12v f sw = 250khz l = 10h t j_max = 125c v out =3.3v v out = 2.5v v out = 5v thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 18v f sw = 250khz l = 10h t j_max = 125c v out =3.3v v out = 2.5v v out = 5v thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 24v f sw = 250khz l = 10h t j_max =125c v out =3.3v v out = 2.5v v out = 5v
micrel, inc. mic28510 march 2012 10 m9999-030912-a typical characteristics (continued) thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 12v f sw = 250khz l = 10h t j_max = 125c v out = 1.8v v out = 0.8v v out = 1.2v thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 18v f sw = 250khz l = 10h t j_max = 125c v out =1.8v v out = 0.8v v out = 1.2v thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v in = 24v f sw = 250khz l = 10h t j_max = 125c v out = 1.8v v out = 0.8v v out = 1.2v thermal derating 0 1 2 3 4 25 40 55 70 85 100 maximum ambient temperature (c) load current (a) v out = 12v f sw = 250khz l = 27h t j_max = 125c 24v in 48v in die temperature* : the temperature measurement was taken at the hottest point on the mic28510 case mounted on a five?square inch, four?layer, 0.62?, fr?4 pcb with 2 oz. finish copper weight?pre?layer (see thermal measurement section). actual results will depend upon the size of the pcb, ambient temperature and proximity to other heat?emitting components.
micrel, inc. mic28510 march 2012 11 m9999-030912-a functional characteristics
micrel, inc. mic28510 march 2012 12 m9999-030912-a functional characteristics (continued)
micrel, inc. mic28510 march 2012 13 m9999-030912-a functional characteristics (continued)
micrel, inc. mic28510 march 2012 14 m9999-030912-a functional diagram figure 1. mic28510 block diagram
micrel, inc. mic28510 march 2012 15 m9999-030912-a functional description the mic28510 is an adaptive on-time synchronous step-down dc/dc regulator. it is designed to operate over a wide input voltage range from, 4.5v to 75v, and provides a regulated output vo ltage at up to 4a of output current. a digitally-modified adaptive on-time control scheme is employed in order to obtain a constant- switching frequency and to simplify the control compensation. over current protection is implemented without the use of an external sense resistor. the device includes an internal soft-start function which reduces the power supply input surge cu rrent at start-up by controlling the output voltage rise time. theory of operation figure 1 illustrates the block diagram for the control loop of the mic28510. the output voltage is sensed by the mic28510 feedback pin fb via the voltage divider r1 and r2, and compared to a 0.8v reference voltage v ref at the error comparator through a low?gain transconductance (g m ) amplifier. if the feedback voltage decreases and the output of the g m amplifier is below 0.8v, then the error comparator will trigger the control logic and generate an on?time period. the on?time period length is predetermined by the ?fixed t on estimation? circuitry: sw in out ed) on(estimat f v v t ? ? eq. 1 where v out is the output voltage and v in is the power stage input voltage and f sw is the switching frequency. at the end of the on?time period, the internal high?side driver turns off the high?side mosfet and the low?side driver turns on the low?side mosfet. the off?time period length depends upon the feedback voltage in most cases. when the feedback voltage decreases and the output of the g m amplifier is below 0.8v, the on-time period is triggered and the off?time period ends. if the off?time period determined by the feedback voltage is less than the minimum off?time t off(min) , which is about 360ns, then the mic28510 control logic will apply the t off(min) instead. the minimum t off(min) period is required to maintain enough energy in the boost capacitor (c bst ) to drive the high?side mosfet. the maximum duty cycle is obtained from the 360ns t off(min) : s s off(min) s t 360ns 1 t t t d max ? ? ? ? eq. 2 where t s = 1/f sw . it is not recommended to use mic28510 with a off-time close to t off(min) during steady-state operation. the actual on?time and resulting switching frequency will vary with the part?to?part va riation in the rise and fall times of the internal mosfets, the output load current, and variations in the v dd voltage. also, the minimum t on results in a lower switching frequency in high v in to v out applications, such as 75v to 1.0v. figure 2 shows the mic28510 control loop timing during steady-state operation. during steady-state, the g m amplifier senses the feedback voltage ripple, which is proportional to the output voltage ripple and the inductor current ripple, to trigger the on?time period. the on? time is predetermined by the t on estimator. the termination of the off?time is controlled by the feedback voltage. at the va lley of the feedback voltage ripple, which occurs when v fb falls below v ref , the off period ends and the next on?time period is triggered through the control logic circuitry. figure 2. mic28510 control loop timing
micrel, inc. mic28510 march 2012 16 m9999-030912-a figure 3 shows the operation of the mic28510 during load transient. the output voltage drops due to the sudden load increase, which causes the v fb to be less than v ref . this will cause the error comparator to trigger an on?time period. at the end of the on?time period, a minimum off?time t off(min) is generated to charge c bst since the feedback voltage is still below v ref . then, the next on?time period is triggered due to the low feedback voltage. therefore, the switching frequency changes during the load transient, but returns to the nominal fixed frequency once the output has stabilized at the new load current level. with the varying duty cycle and switching frequency, the output recovery time is fast and the output voltage deviation is small in mic28510 converter. figure 3. mic28510 load transient response unlike true current?mode control, the mic28510 uses the output voltage ripple to trigger an on?time period. the output voltage ripple is proportional to the inductor current ripple if the esr of the output capacitor is large enough. in order to meet the stability requirements, the mic28510 feedback voltage ripple should be in phase with the inductor current ripple and large enough to be sensed by the g m amplifier and the error comparator. the recommended feedback voltage ripple is 20mv~100mv. if a low?esr output capacitor is selected, then the feedback voltage ripple may be too small to be sensed by the g m amplifier and the error comparator. also, the output voltage ripple and the feedback voltage ripple are not necessarily in phase with the inductor current ripple if the esr of the output capacitor is very low. in these cases, ripple injection is required to ensure proper operation. please refer to ?ripple injection? subsection in application information of this datatsheet for more details regarding the ripple injection technique. soft?start soft?start reduces the power supply input surge current at startup by cont rolling the output voltage rise time. the input surge appears while the output capacitor is charged up. a slower output ri se time will draw a lower input surge current. the mic28510 implements an internal digital soft?start by making the 0.8v reference voltage v ref ramp from 0 to 100% in approximately 6ms with 9.7mv steps. therefore, the output voltage is controlled to increase slowly with a stair?case v fb ramp. once the soft?start cycle ends, the related circuitry is disabled to reduce current consumption. v dd must be powered up at the same time or after v in to allow the soft?start function correctly. current limit the mic28510 uses the r ds(on) of the internal low?side power mosfet to sense over?current conditions. this method will avoid adding cost, use of additional board space and power losses taken by a discrete current sense resistor. in each switching cycle of the mic28510 converter, the inductor current is sensed by monitoring the low?side mosfet in the off period. if the peak inductor current is greater than 7a, then the mic28510 turns off the high?side mosfet and a soft?start sequence is triggered. this mode of operation is called ?hiccup mode? and its purpose is to protect the downstream load in case of a hard short. the current?limit threshold has a foldback characteristic related to the feedback voltage, as shown in figure 4. current-limit threshold vs. feedback voltage 0 2 4 6 8 10 12 0.0 0.2 0.4 0.6 0.8 1.0 feedback voltage (v) current limit threshold (a) v in = 48v figure 4. mic28510 current? limit foldback characteristic
micrel, inc. mic28510 march 2012 17 m9999-030912-a internal mosfet gate drive figure 1 (the block diagram) shows a bootstrap circuit, consisting of d1 (a schottky diode is recommended) and a capacitor connected from the sw pin to the bst pin (c bst ). this circuit supplies energy to the high?side drive circuit. capacitor c bst is charged, while the low?side mosfet is on, and the voltage on the sw pin is approximately 0v. when the high?side mosfet driver is turned on, energy from c bst is used to turn the mosfet on. as the high?side mosfet turns on, the voltage on the sw pin increases to approximately v in . diode d1 is reverse biased and c bst floats high while continuing to keep the high?side mosfet on. the bias current of the high?side driver is less than 10ma so a 0.1 f to 1 f is sufficient to hold the gate voltage with minimal droop for the power stroke (high?side switching) cycle, i.e. bst = 10ma x 4 s/0.1 f = 400mv. when the low?side mosfet is turned back on, c bst is recharged through d1. a small resistor in series with c bst , can be used to slow down the turn?on time of the high?side n?channel mosfet. the drive voltage is derived from the pv dd supply voltage. the nominal low?side gate drive voltage is pv dd and the nominal high?side gate drive voltage is approximately pv dd ? v diode , where v diode is the voltage drop across d1. an approximate 30ns delay between the high?side and low?side driver transitions is used to prevent current from simultaneously flowing unimpeded through both mosfets.
micrel, inc. mic28510 march 2012 18 m9999-030912-a application information setting the switching frequency the mic28510 is an adjustable?frequency, synchronous buck regulator featuring a unique digitally-modified, adaptive on?time control architecture. the switching frequency can be adjusted between 100khz and 500khz by changing the resistor divider network consisting of r18 and r19. figure 5. switching frequency adjustment the following formula gives the estimated switching frequency: 19 18 19 o adj _ sw r r r f f ? ? ? eq. 3 where f o = switching frequency when r18 is 100k and r19 being open, f o is typically 450khz. for more precise setting, it is recommended to use the graph illustrated in figure 6: figure 6. switching frequency vs. r19 inductor selection values for inductance, peak, and rms currents are required to select the output inductor. the input and output voltages and the inductance value determine the peak?to?peak inductor ripple current. generally, higher inductance values are used with higher input voltages. larger peak?to?peak ripple cu rrents will increase the power dissipation in the inductor and mosfets. larger output ripple currents will also require more output capacitance to smooth out the larger ripple current. smaller peak?to?peak ripple currents require a larger inductance value and therefore a larger and more expensive inductor. a good compromise between size, loss and cost is to set the inductor ripple current to be equal to 20% of the maximum output current. the inductance value is calculated by equation 4: out(max) sw in(max) out in(max) out i 20% f v ) v (v v l ? ? ? ? ? ? eq. 4 where: f sw = switching frequency 20% = ratio of ac ripple current to dc output current v in(max) = maximum power stage input voltage the peak?to?peak inductor current ripple is: l f v ) v (v v i sw in(max) out in(max) out l(pp) ? ? ? ? ? ? eq. 5 the peak inductor current is equal to the average output current plus one half of the peak?to?peak inductor current ripple. i l(pk) =i out(max) + 0.5 ? i l(pp) eq. 6 the rms inductor current is used to calculate the i 2 r losses in the inductor: 12 i i i 2 l(pp) 2 out(max) l(rms) ? ? eq. 7
micrel, inc. mic28510 march 2012 19 m9999-030912-a maximizing efficiency requires the proper selection of core material while minimizing the winding resistance. the high frequency operation of the mic28510 requires the use of ferrite materials for all but the most cost sensitive applications. lower cost iron powder cores may be used but the increase in core loss will reduce the efficiency of the power supply. this is especially noticeable at low output po wer. the winding resistance decreases efficiency at the higher output current levels. the winding resistance must be minimized although this usually comes at the expense of a larger inductor. the power dissipated in the inductor is equal to the sum of the core and copper losses. at higher output loads, the core losses are usually insignificant and can be ignored. at lower output currents, the core losses can be a significant contributor. core loss information is usually available from the magnetics vendor. copper loss in the inductor is calculated by equation 8: p inductor(cu) = i l(rms) 2 r winding eq. 8 the resistance of the copper wire, r winding , increases with the temperature. the value of the winding resistance used should be at the operating temperature: p winding(ht) = r winding(20c) (1 + 0.0042 (t h ? t 20c )) eq. 9 where: t h = temperature of wire under full load t 20c = ambient temperature r winding(20c) = room temperature winding resistance (usually specified by the manufacturer) output capacitor selection the type of the output capacito r is usually determined by its equivalent series resistance (esr). voltage and rms current capability are two ot her important factors for selecting the output capacitor. recommended capacitor types are ceramic, low?esr aluminum electrolytic, os? con and poscap. the output capacitor?s esr is usually the main cause of the output ripple. the output capacitor esr also affects the control loop from a stability point of view. the maximum value of esr is calculated: l(pp) out(pp) c i v esr out ? eq. 10 where: v out(pp) = peak?to?peak output voltage ripple i l(pp) = peak?to?peak inductor current ripple the total output ripple is a combination of the esr and output capacitance. the total ripple is calculated in equation 10: ?? 2 c l(pp) 2 sw out l(pp) out(pp) out esr i 8 f c i v ? ? ? ? ? ? ? ? ? ? ? ? ? eq. 11 where: c out = output capacitance value f sw = switching frequency as described in the ?theory of operation? subsection in functional description , the mic28510 requires at least 20mv peak?to?peak ripple at the fb pin to make the g m amplifier and the error comparator behave properly. also, the output voltage ripple should be in phase with the inductor current. therefor e, the output voltage ripple caused by the output capacitors value should be much smaller than the ripple caused by the output capacitor esr. if low?esr capacitors, such as ceramic capacitors, are selected as the output capacitors, a ripple injection method should be applied to provide the enough feedback voltage ripple. please refer to the ?ripple injection? subsecti on for more details. the voltage rating of the capacitor should be 20% greater for aluminum electrolytic or os?con. the output capacitor rms current is calculated in equation 12: 12 i i l(pp) (rms) c out ? eq. 12 the power dissipated in the output capacitor is: out out out c 2 (rms) c ) diss(c esr i p ? ? eq. 13
micrel, inc. mic28510 march 2012 20 m9999-030912-a input capacitor selection the input capacitor for the power stage input v in should be selected for ripple current rating and voltage rating. tantalum input capacitors may fail when subjected to high inrush currents, caused by turning the input supply on. a tantalum input capacitor?s voltage rating should be at least two times the maximum input voltage to maximize reliability. alumi num electrolytic, os?con, and multilayer polymer film capacitors can handle the higher inrush currents without voltage de?rating. the input voltage ripple will primarily depend on the input capacitor?s esr. the peak input current is equal to the peak inductor current, so: v in = i l(pk) c esr eq. 14 the input capacitor must be rated for the input current ripple. the rms value of input capacitor current is determined at the maximum output current. assuming the peak?to?peak inductor current ripple is low: d) (1 d ) i i out(max cin(rms) ? ? ? ? eq. 15 the power dissipated in the input capacitor is: p diss(cin) = i cin(rms) 2 c esr eq. 16 ripple injection the v fb ripple required for proper operation of the mic28510 g m amplifier and error comparator is 20mv to 100mv. however, the output voltage ripple is generally designed as 1% to 2% of the output voltage. for a low output voltage, such as a 1v, the output voltage ripple is only 10mv to 20mv, and the feedback voltage ripple is less than 20mv. if the feedback voltage ripple is so small that the g m amplifier and error comparator can?t sense it, then the mic28510 will lose control and the output voltage is not regulated. in order to have some amount of v fb ripple, a ripple injection method is applied for low output voltage ripple applications. the applications are divided into three situations according to the amount of the feedback voltage ripple: 1) enough ripple at the feedback voltage due to the large esr of the output capacitors. as shown in figure 7a, the converter is stable without any ripple injection. the feedback voltage ripple is: (pp) l c 2 1 2 fb(pp) i esr r r r v out ? ? ? ? eq. 17 where i l(pp) is the peak?to?peak value of the inductor current ripple. 2) inadequate ripple at the feedback voltage due to the small esr of the output capacitors. the output voltage ripple is fed into the fb pin through a feedforward capacitor c ff in this situation, as shown in figure 7b. the typical c ff value is between 1nf and 22nf. with the feedforward capacitor, the feedback voltage ripple is very close to the output voltage ripple: (pp) l fb(pp) i esr v ? ? eq. 18 3) virtually no ripple at the fb pin voltage due to the very low esr of the output capacitors. figure 7a. enough ripple at fb figure 7b. inadequate ripple at fb
micrel, inc. mic28510 march 2012 21 m9999-030912-a figure 7c. invisible ripple at fb in this situation, the output voltage ripple is less than 20mv. therefore, additional ripple is injected into the fb pin from the switching node sw via a resistor r inj and a capacitor c inj , as shown in figure 7c. the injected ripple is: f 1 d) - (1 d k v v sw div in fb(pp) ? ? ? ? ? ? eq. 19 r1//r2 r r1//r2 k inj div ? ? eq. 20 where: v in = power stage input voltage d = duty cycle f sw = switching frequency = (r1//r2//r inj ) c ff in equations 19 and 20, it is assumed that the time constant associated with c ff must be much greater than the switching period: 1 t f 1 sw ?? ? ? ? ? eq. 21 if the voltage divider resistors r1 and r2 are in the k ? range, a c ff of 1nf to 22nf can easily satisfy the large time constant requirements. also, a 100nf injection capacitor c inj is used in order to be considered as short for a wide range of the frequencies. the process of sizing the ripple injection resistor and capacitors is: step 1. select c ff to feed all output ripples into the feedback pin and make sure the large time constant assumption is satisfied. typical choice of c ff is 1nf to 22nf if r1 and r2 are in k ? range. step 2. select r inj according to the expected feedback voltage ripple using equation 22: d) (1 d f v v k sw in fb(pp) div ? ? ? ? ? eq. 22 then the value of r inj is obtained as: 1) k 1 ( (r1//r2) r div inj ? ? ? eq. 23 step 3. select c inj as 100nf, which could be considered as short for a wide range of the frequencies. setting output voltage the mic28510 requires two resistors to set the output voltage as shown in figure 8. figure 8. voltage?divider configuration
micrel, inc. mic28510 march 2012 22 m9999-030912-a the output voltage is determined by equation 24: ? ? ? ? ? ? ? ? ? r2 r1 1 v v fb o eq. 24 where, v fb = 0.8v. a typical value of r1 can be between 3k ? and 10k ? . if r1 is too large, it may allow noise to be introduced into the voltage feedback loop. if r1 is too small, it will decrease the e fficiency of t he power supply, especially at light loads. on ce r1 is selected, r2 can be calculated using: fb out fb v v r1 v r2 ? ? ? eq. 25 the figure 9 shows the typical input output relationship. the typical operating point should fall under the non- grey part of the graph shown in figure 9. this should be used in conjunction with the recommended component values indicated in table 1 and bill of matrials table. figure 9. output voltage vs input voltage v out (v) v in (v) l c out r3 (r inj ) c3 (c inj ) 0.8v to 3.3v 5v to 75v 10 ? h 100 ? f 16.5k 0.1 ? f 5v 5.88v to 75v 10 ? h 100 ? f 10k 0.1 ? f 12v 15v to 75v 27 ? h 2x47 ? f 45.3k 0.1 ? f 24v 30v to 75v 47 ?? h 10 ? f+220 ? f 133k 0.1 ? f table 1. recommended component values ` the inverting input voltage v inj is clamped to 1.2v. as the injected ripple increases, the swing of v inj will be clamped. the clamped v inj reduces the line regulation because it is reflected back as a dc error on the fb terminal. thermal measurements measuring the ic?s case temperature is recommended to ensure it is within its operat ing limits. although this might seem like a very elementary task, it is easy to get erroneous results. the most common mistake is to use the standard thermal couple that comes with a thermal meter. this thermal couple wire gauge is large, typically 22 gauge, and behaves like a heatsink, resulting in a lower case measurement. two methods of temperature measurement are using a smaller thermal couple wire or an infrared thermometer. if a thermal couple wire is used, it must be constructed of 36 gauge wire or higher (smaller wire size) to minimize the wire heat?sinking effect. in addition, the thermal couple tip must be covered in either thermal grease or thermal glue to make sure that the thermal couple junction is making good contact with the case of the ic. omega brand thermal couple (5sc?tt?k?36? 36) is adequate for most applications. wherever possible, an infrared thermometer is recommended. the measurement spot size of most infrared thermometers is too large for an accurate reading on a small form factor ics. however, an ir thermometer from optris has a 1mm spot size, which makes it a good choice for measuring the hottest point on the case. an optional stand makes it easy to hold the beam on the ic for long periods of time.
micrel, inc. mic28510 march 2012 23 m9999-030912-a pcb layout guidelines warning!!! to minimize emi and output noise, follow these layout recommendations. pcb layout is critical to achieve reliable, stable and efficient performance. a ground plane is required to control emi and minimize the inductance in power, signal and return paths. thickness of the copper planes is also important in terms of dissipating heat. the 2 oz copper thickness is adequate from thermal point of view and also thick copper plain helps in terms of noise immunity. keep in mind thinner planes can be easily penetrated by noise the following guidelines should be followed to insure proper operation of the mic28510 converter. ic ? the 2.2f ceramic capacitor, which is connected to the vdd pin, must be located right at the ic. the vdd pin is very noise sens itive and placement of the capacitor is very critical. use wide traces to connect to the vdd and pgnd pins. ? the signal ground pin (sgnd) must be connected directly to the ground planes. the sgnd and pgnd connection should be done at a single point near the ic. do not route the sgnd pin to the pgnd pad on the top layer. ? place the ic close to the point?of?load (pol). ? use fat traces to route the input and output power lines. ? signal and power grounds should be kept separate and connected at only one location. input capacitor ? place the input capacitor next to the power pins. ? place the input capacitors on the same side of the board and as close to the ic as possible. ? keep both the pvin pin and pgnd connections short. ? place several vias to the ground plane close to the input capacitor ground terminal. ? use either x7r or x5r dielectric input capacitors. do not use y5v or z5u type capacitors. ? do not replace the ceramic input capacitor with any other type of capacitor. any type of capacitor can be placed in parallel with the input capacitor. ? if a tantalum input capacitor is placed in parallel with the input capacitor, it must be recommended for switching regulator applications and the operating voltage must be derated by 50%. ? in ?hot?plug? applications, a tantalum or electrolytic bypass capacitor must be used to limit the over? voltage spike seen on the input supply with power is suddenly applied. inductor ? keep the inductor connection to the switch node (sw) short. ? do not route any digital lines underneath or close to the inductor. ? keep the switch node (sw) away from the feedback (fb) pin. ? the cs pin should be connected directly to the sw pin to accurate sense the voltage across the low? side mosfet. ? to minimize noise, place a ground plane underneath the inductor. ? the inductor can be placed on the opposite side of the pcb with respect to the ic. it does not matter whether the ic or inductor is on the top or bottom as long as there is enough air flow to keep the power components within their temperature limits. the input and output capacitors must be placed on the same side of the board as the ic. output capacitor ? use a wide trace to connect the output capacitor ground terminal to the input capacitor ground terminal. ? phase margin will change as the output capacitor value and esr changes. contact the factory if the output capacitor is different from what is shown in the bom. ? the feedback trace should be separate from the power trace and connected as close as possible to the output capacitor. sensing a long high current load trace can degrade the dc load regulation. rc snubber ? place the rc snubber on either side of the board and as close to the sw pin as possible.
micrel, inc. mic28510 march 2012 24 m9999-030912-a evaluation board schematic figure 10. schematic of mic28510 evaluation board (j9, j10, j11, r13, r15 are for testing purposes)
micrel, inc. mic28510 march 2012 25 m9999-030912-a bill of materials item part number manufacturer description qty. c1 eeu?fc2a101b panasonic (1) 100f aluminum capacitor, smd, 100v 1 grm32er72a225ka35l murata (2) c2, c3 c3225x7r2a225kt5 tdk (3) 2.2f ceramic capacitor, x7r, size 1210, 100v 2 grm32er60j107me20l murata (2) c13 12106d107mat2a avx (4) 100f ceramic capacitor, x5r, size 1210, 6.3v 1 06035c104kat2a avx (4) grm188r71h104ka93d murata (2) c6 c1608x7r1h104k tdk (3) 0.1f ceramic capacitor, x7r, size 0603, 50v 1 grm188r72a104ka35d murata (2) c10 c1608x7s2a104k tdk (3) 0.1f ceramic capacitor, x7r, size 0603, 100v 1 0805zc225mat2a avx (4) grm21br71a225ka01l murata (2) c8, c9 c2012x7r1a225k tdk (3) 2.2f ceramic capacitor, x7r, size 0805, 10v 2 grm188r72a102ka01d murata (2) c1608x7r2a102k tdk (3) c11 06031c102kat2a avx (4) 1nf ceramic capacitor, x7r, size 0603, 100v 1 grm188r71h472ka01d murata (2) c1608x7r2a472k tdk (3) c12 06035c472kat2a avx (4) 4.7nf ceramic capacitor, x7r, size 0603, 50v 1 grm21br71a105ka01l murata (2) c16 c2012x7r1a105k tdk (3) 1f ceramic capacitor, x7r, size 0805, 10v 1 c4, c5, c7, c14, c15 open bat46w?tp mcc (5) d1 bat46w?7?f diodes inc. (6) small signal schottky diode 1 mmxz5232b?tp mcc (5) d2 cmdz5l6 central semi (7) 5.6v zener diode 1 l1 dr125?100?r cooper bussmann (8) 10h inductor, 5.35a rms, 7a saturation current 1 q1 fcx493 diodes inc/zetex (6) 100v npn transistor 1 r1 crcw06034r75fkea vishay dale (9) 4.75 ? resistor, size 0603, 1% 1 r2, r16 crcw08051r21fkea vishay dale (9) 1.21 ? resistor, size 0805, 1% 2 r3 crcw060316k5fkea vishay dale (9) 16.5k ? resistor, size 0603, 1% 1 r4 crcw060310k0fkea vishay dale (9) 10k ? resistor, size 0603, 1% 1 r5 crcw060380k6fkea vishay dale (9) 80.6k ? resistor, size 0603, 1% 1 r6 crcw060340k2fkea vishay dale (9) 40.2k ? resistor, size 0603, 1% 1
micrel, inc. mic28510 march 2012 26 m9999-030912-a bill of materials (continued) item part number manufacturer description qty. r7 crcw060320k0fkea vishay dale (9) 20k ? resistor, size 0603, 1% 1 r8 crcw060311k5fkea vishay dale (9) 11.5k ? resistor, size 0603, 1% 1 r9 crcw06038k06fkea vishay dale (9) 8.06k ? resistor, size 0603, 1% 1 r10 crcw06034k75fkea vishay dale (9) 4.75k ? resistor, size 0603, 1% 1 r11 crcw06033k24fkea vishay dale (9) 3.24k ? resistor, size 0603, 1% 1 r12 crcw06031k91fkea vishay dale (9) 1.91k ? resistor, size 0603, 1% 1 r13 crcw06030000z0eahp vishay dale (9) 0 ? resistor, size 0603 1 r14 crcw080510k0jnea vishay dale (9) 10k ? resistor, size 0805, 1% 1 r15 crcw060349r9fkea vishay dale (9) 49.9 ? resistor, size 0603, 1% 1 r17 (open) crcw0603715rfkea vishay dale (9) 715 ? resistor, size 0603, 1% r18, r19 crcw0603100kfkeahp vishay dale (9) 100k ? resistor, size 0603, 1% 2 r20 crcw06032r00fkea vishay dale (9) 2 ? resistor, size 0603, 1% 1 r21 (open) crcw0603348rfkea vishay dale (9) 348 ? resistor, size 0603, 1% u1 MIC28510YJL micrel. inc. (10) 75v/4a synchronous buck dc/dc regulator 1 notes: 1. panasonic: www.panasonic.com . 2. murata: www.murata.com . 3. tdk: www.tdk.com . 4. avx: www.avx.com . 5. mcc: www.mccsemi.com . 6. diodes inc.: www.diodes.com . 7. central semi: www.centralsemi.com . 8. cooper: www.cooperbussman.com . 9. vishay dale : www.vishay.com . 10. micrel, inc.: www.micrel.com .
micrel, inc. mic28510 march 2012 27 m9999-030912-a pcb layout recommendations figure 11. mic28510 evaluation board top layer figure 12. mic28510 evaluation bo ard mid?layer 1 (ground plane)
micrel, inc. mic28510 march 2012 28 m9999-030912-a pcb layout recommendations (continued) figure 13. mic28510 evaluation board mid?layer 2 figure 14. mic28510 evaluation board bottom layer
micrel, inc. mic28510 march 2012 29 m9999-030912-a recommended land pattern red circle indicates thermal via. size and must be connec ted to gnd plane for maximum thermal performance. green rectangle (with shaded area) indicates solder stencil opening on exposed pad area. blue and magenta colored pads indicate different potential. do not connect to gnd plane. thermal via via size/pitch solder stencil opening/pitch red circle/black pad x 0.300 ? 0.35mm/0.80mm 1.55 ? 1.20mm/1.75mm blue circle/black pad x 0.300 ? 0.35mm/0.80mm 0.80 ? 1.11mm/1.31mm magenta circle/black pad x 0.300 ? 0.35mm/0.80mm 0.50 ? 1.11mm/1.31mm
micrel, inc. mic28510 march 2012 30 m9999-030912-a package information 28?pin 5mm ? 6mm mlf ? (jl) micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel +1 (408) 944-0800 fax +1 (408) 474-1000 web http://www.micrel.com micrel makes no representations or warrantie s with respect to the accuracy or comple teness of the information furnished in this data sheet. this information is not intended as a warranty and micrel does not assume responsibility for it s use. micrel reserves the right to change circuitry, specifications and descriptions at any time without notice. no license, whether express, implied, arising by estoppel or other wise, to any intellectual property rights is granted by this document. except as provided in micrel?s terms and conditions of sale for such products, mi crel assumes no liability whatsoever, and micrel disclaims any express or implied warranty relating to the sale and/or use of micrel products including l iability or warranties relating to fitness for a particular purpose, merchantability, or infringement of an y patent, copyright or other intellectual p roperty right. micrel products are not designed or authorized for use as components in life suppor t appliances, devices or systems where malfu nction of a product can reasonably be expected to result in pers onal injury. life support devices or system s are devices or systems that (a) are in tended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significan t injury to the user. a purchaser?s use or sale of micrel produc ts for use in life support app liances, devices or systems is a purchaser?s own risk and purchaser agrees to fully indemnify micrel for any damages re sulting from such use or sale. ? 2011 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of MIC28510YJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X