Part Number Hot Search : 
2N605 MAX2424 SL1202 SCOCXO TMXW341 00060 SMF03 DG507
Product Description
Full Text Search
 

To Download MAX8630X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max8630w/MAX8630X charge pumps drive up to 5 white leds with regulated constant current up to 125ma total. by utilizing adaptive 1x/1.5x charge-pump modes and very low-dropout current regulators, they achieve high efficiency over the full 1-cell li+ battery input volt- age range. the 1mhz fixed-frequency switching allows for tiny external components, and the regulation scheme is optimized to ensure low emi and low input ripple. an integrated derating function protects the leds from overheating during high ambient temperatures. the max8630w/MAX8630X are factory trimmed for full- scale led current options of 15ma, 18ma, 20ma, and 25ma. the MAX8630X uses two enable inputs (enm for 3 main leds and ens for 2 sub leds) for simple on/off control and single-wire, serial-pulse dimming in 32 linear steps. the max8630w uses a single direct pwm input (pwm) to control all 5 leds with dc current proportional to the pwm duty cycle. if both enm and ens (or pwm) are kept low for more than 4ms, the max8630_ enters shutdown. the max8630w/MAX8630X are available in a 14-pin, 3mm x 3mm tdfn package (0.8mm max height). applications display backlight (up to 5 leds) main (3 leds) + sub (2 leds) displays cell phones and smartphones pdas, digital cameras, and camcorders features ? 93% max/85% avg. efficiency (p led /p batt ) over li+ battery discharge ? 1% led current accuracy ? 125ma total drive capability ? adaptive 1x/1.5x mode switchover ? single-wire, serial-pulse dimming (MAX8630X) independent on/off/dimming for main and sub linear?ull, 31/32nd, 30/32nd, ?1/32nd ? direct-pwm dimming (max8630w) ? 15, 18, 20, and 25ma full-scale versions ? low 0.1 a shutdown current ? soft-start eliminates inrush current ? output overvoltage protection ? thermal-derating function protects leds ? 14-pin, 3mm x 3mm tdfn package max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn ________________________________________________________________ maxim integrated products 1 1234567 14 13 12 11 10 9 8 led2 led1 led3 led5 c2p c2n in c1n gnd tdfn 3mm 3mm top view ( ) are for max8630w enm (cpwm) ens (pwm) c1p out max8630w MAX8630X led4 pin configuration ordering information MAX8630X 1 f 1 f 1 f 1 f in gnd enm ens out c1p c1n main output sub c2p c2n enable main on/off and dimming enable sub on/off and dimming input 2.7v to 5.5v led1 led2 led3 led4 led5 typical operating circuit 19-0825; rev 0; 5/07 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information continued at end of d ata sheet. evaluation kit available part pin- package top mark pkg code max8630w etd15+t 14 tdfn-14 (3mm x 3mm) adq t1433-2 selector guide appears at end of data sheet. note: all devices are specified to operate over the -40? to +85? operating temperature range. + denotes a lead-free package. t = tape and reel.
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v in = 3.6v, v gnd = 0v, en_ (pwm) = in, t a = -40? to +85?, unless otherwise noted. typical values are at t a = +25?.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. in, out to gnd.....................................................-0.3v to +6.0v c1n, c2n, enm, cpwm, ens, pwm to gnd ............................................-0.3v to (v in + 0.3v) led_ to gnd ............................................-0.3v to (v out + 0.3v) c1p, c2p to gnd ...-0.3v to greater of (v out + 1v) or (v in + 1v) out short circuit to gnd ..........................................continuous continuous power dissipation (t a = +70?) 14-pin tdfn 3mm x 3mm (derate 18.2mw/? above +70?) .............................1454mw junction temperature ......................................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? parameter conditions min typ max units in operating voltage 2.7 5.5 v undervoltage-lockout threshold v in rising or falling 2.20 2.45 2.65 v undervoltage-lockout hysteresis 100 mv output overvoltage protection threshold v out rising, any led_ = gnd 5 v 1/32nd setting, 1.5x mode 1.4 no-load supply current 1/32nd setting, 1x mode 0.35 ma t a = +25? 0.01 2 shutdown supply current enm = ens (pwm) = gnd t a = +85? 0.1 ? soft-start time (t soft-start ) 2ms max8630_etd15 15 max8630_etd18 18 max8630_etd20 20 full-scale led current max8630_etd25 25 ma t a = +25? -1 ?.3 +1 full-scale led current accuracy t a = -40? to derating function start temperature -3.5 ?.3 +3.5 % derating function start temperature 40 ? derating function slope t a = +40? to +85? -1.67 %/? led_ dropout voltage 100% led setting (note 2) 40 75 mv 1x to 1.5x mode transition threshold v led_ falling 88 mv input voltage mode transition hysteresis 70 mv 1.5x mode regulation voltage minimum of v led_ 122 mv out pulldown resistance in shutdown enm = ens (pwm) = gnd 5 k
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn _______________________________________________________________________________________ 3 note 1: limits are 100% production tested at t a = +25?. limits over the operating temperature range are guaranteed by design. note 2: dropout voltage is defined as the led_ to gnd voltage at which current into led_ drops 10% from the value at v led_ = 0.2v. electrical characteristics (continued) (v in = 3.6v, v gnd = 0v, en_ (pwm) = in, t a = -40? to +85?, unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter conditions min typ max units 1x mode, (v in - v out ) / i out 0.8 1.5 open-loop out resistance 1.5x mode, (1.5v in - v out ) / i out 3.2 7.2 maximum out current v in 3.2v, v out = 3.9v 125 ma out short-circuit current limit v out < 1.25v 57 ma switching frequency 1 mhz direct-pwm dimming filter corner frequency (max8630w) c cpwm = 0.1?, (pwm frequency of 900hz to 200khz recommended) 10 hz en_ (pwm) high voltage v in = 2.7v to 5.5v 1.4 v en_ (pwm) low voltage v in = 2.7v to 5.5v 0.4 v en_ (pwm) minimum input slew rate v in = 2.7v to 5.5v (recommended minimum slew rate) 1 v/? t a = +25? 0.01 1 en_ (pwm) input current v en_ (pwm) = 0v or 5.5v t a = +85? 0.1 ? en_ (pwm) low shutdown delay (t shdn ) 4ms en_ t lo (see figure 4) 0.5 500.0 ? en_ t hi (see figure 4) 0.5 ? initial en_ t hi (see figure 4) first en_ (pwm) high pulse 50 ? thermal shutdown +160 ? thermal-shutdown hysteresis 20 ? typical operating characteristics (v in = 3.6v, enm = ens = in, t a = +25?, unless otherwise noted.) efficiency vs. input voltage driving 5 leds max8630w/x toc01 input voltage (v) efficiency (%) 3.9 3.6 3.3 3.0 10 20 30 40 50 60 70 80 90 100 0 2.7 4.2 i led = 1.875ma i led = 8.125ma i led = 20ma v in falling input current vs. input voltage driving 5 leds max8630w/x toc02 input voltage (v) input current (ma) 3.9 3.6 3.0 3.3 20 40 60 80 120 100 140 160 0 2.7 4.2 i led = 8.125ma i led = 1.875ma i led = 20ma v in falling input current vs. input voltage driving 3 main leds max8630w/x toc03 input voltage (v) input current (ma) 3.9 3.6 3.0 3.3 20 40 60 80 120 100 140 160 0 2.7 4.2 i led = 8.125ma i led = 1.875ma i led = 20ma v in falling
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn 4 _______________________________________________________________________________________ input current vs. input voltage driving 2 sub leds max8630w/x toc04 input voltage (v) input current (ma) 3.9 3.6 3.0 3.3 20 40 60 80 120 100 140 160 0 2.7 4.2 i led = 8.125ma i led = 1.875ma i led = 20ma v in falling input ripple voltage vs. supply voltage driving 5 white leds max8630w/x toc05 input voltage (v) input ripple voltage (mv p-p ) 3.7 3.2 20 40 60 80 100 120 140 0 2.7 4.2 20ma/led 15ma/led 8ma/led 2ma/led led current matching vs. input voltage (25ma/led) max8630w/x toc06 input voltage (v) led current (ma) 5.1 4.7 3.1 3.5 3.9 4.3 21 22 23 24 25 26 27 28 20 2.7 5.5 led current matching vs. input voltage (2.5ma/led) max8630w/x toc07 input voltage (v) led current (ma) 5.1 4.7 3.1 3.5 3.9 4.3 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.00 2.7 5.5 output current vs. temperature (5 leds at 25ma each) max8630w/x toc08 temperature ( c) output current (ma) 60 35 10 -15 20 40 60 80 100 120 140 0 -40 85 temperature derating 1x mode operating waveforms (v in = 4.0v) max8630w/x toc09 1 s/div 200mv/div (ac-coupled) 200mv/div (ac-coupled) 100ma/div v out v in i in 1.5x mode operating waveforms (v in = 3.6v) max8630w/x toc10 1 s/div 200mv/div (ac-coupled) 200mv/div (ac-coupled) 100ma/div v out v in i in typical operating characteristics (continued) (v in = 3.6v, enm = ens = in, t a = +25?, unless otherwise noted.)
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn _______________________________________________________________________________________ 5 startup and shutdown max8630w/x toc11 1ms/div 5v/div 2v/div 0 0 0 0 100ma/div 100ma/div v enm and v ens v out i in i out main startup and shutdown with sub enabled max8630w/x toc12 1ms/div 5v/div 2v/div 100ma/div 100ma/div v enm v out i in i out 0 0 0 0 startup and dimming max8630w/x toc13 20ms/div 5v/div 1v/div 20ma/div v enm and v ens v out i out typical operating characteristics (continued) (v in = 3.6v, enm = ens = in, t a = +25?, unless otherwise noted.) line-transient response with mode change (v in = 3.8v to 3.2v to 3.8v) max8630w/x toc14 200 s/div 1v/div 500mv/div 50ma/div 0 0 v in v out i out pin description pin m a x8 6 3 0 xm a x8 6 3 0 w n a m ef u n c t io n 11g n d g r ound . c onnect g n d to system g r ound and the i np ut b yp ass cap aci tor as cl ose to the ic as p ossi b l e. c onnect gn d to the exp osed p ad d i r ectl y und er the ic . 22c 1n tr ansfer c ap aci tor 1 n eg ati ve c onnecti on. c onnect a 1f cer am i c cap aci tor fr om c 1p to c 1n . 33in s up p l y v ol tag e inp ut. c onnect a 1f cer am i c cap aci tor fr om in to gn d . the i np ut vol tag e r ang e i s 2.7v to 5.5v . 44c 2n tr ansfer c ap aci tor 2 n eg ati ve c onnecti on. c onnect a 1f cer am i c cap aci tor fr om c 2p to c 2n .
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn 6 _______________________________________________________________________________________ pin description (continued) pin m a x8 6 3 0 xm a x8 6 3 0 w n a m ef u n c t io n 55c 2p tr ansfer c ap aci tor 2 p osi ti ve c onnecti on. c onnect a 1f cer am i c cap aci tor fr om c 2p to c 2n . 66c 1p tr ansfer c ap aci tor 1 p osi ti ve c onnecti on. c onnect a 1f cer am i c cap aci tor fr om c 1p to c 1n . 77o u t o utp ut. c onnect a 1? cer am i c cap aci tor fr om o u t to g n d . c onnect ou t to the anod es of al l the le d s. in shutd ow n, ou t i s p ul l ed d ow n b y an i nter nal 5k r esi stor . 8 e n s e nab l e and d i m m i ng c ontr ol for s ub le d s ( le d 4 and le d 5) . d r i ve e n s l og i c- l ow for g r eater than 4m s to d i sab l e the sub le d s. d r i ve b oth e n m and e n s l og i c- l ow for g r eater than 4m s to shut d ow n the ic . d r i ve e n s l og i c- hi g h to b eg i n soft- star t and enab l e m axi m um ( 100% ) sub le d cur r ent. s ub seq uent p ul ses on e n s cause the sub le d cur r ent to d ecr ease i n 32 l i near step s. because of the soft- star t d el ay, i t i s p ossi b l e to tur n on the ic and q ui ckl y set a d i m l evel so the sub le d cur r ent never tr ansi ti ons thr oug h the m axi m um setti ng . s ee the e n m /e n s d i m m i ng c ontr ol secti on. 9 e n m e nab l e and d i m m i ng c ontr ol for m ai n le d s ( le d 1, le d 2, and le d 3) . d r i ve e n m l og i c- l ow for g r eater than 4m s to d i sab l e the m ai n le d s. d r i ve b oth e n m and e n s l og i c- l ow for g r eater than 4m s to shut d ow n the ic . d r i ve e n m l og i c- hi g h to b eg i n soft- star t and enab l e m axi m um ( 100% ) m ai n le d cur r ent. s ub seq uent p ul ses on e n m cause the m ai n le d cur r ent to d ecr ease i n 32 l i near step s. because of the soft- star t d el ay, i t i s p ossi b l e to tur n on the ic and q ui ckl y set a d i m l evel so the m ai n le d cur r ent never tr ansi ti ons thr oug h the m axi m um setti ng . s ee the e n m /e n s d i m m i ng c ontr ol secti on. ?8 p wm d i r ect p wm i np ut. p w m contr ol s outp ut cur r ent as a p er centag e of ful l - scal e cur r ent i n p r op or ti on to p w m si g nal d uty cycl e. the fr eq uency r ang e i s 900h z to 200kh z. ?9 c p w m p wm fi l ter c ap aci tor c onnecti on. c onnect a cap aci tor fr om c p w m to g n d to for m a fi l ter w i th the i nter nal 150k r esi stor . the r ecom m end ed cap aci tor for 10h z cor ner i s 0.1f. 10 10 le d 5 11 11 le d 4 s ub le d c athod e c onnecti ons and c har g e- p um p feed b ack. c ur r ent fl ow i ng i nto le d _ i s b ased on the e n s ( or p w m ) d escr i p ti on ab ove. the char g e p um p r eg ul ates the l ow est le d _ vol tag e to 0.12v . c onnect le d _ to o u t i f the cor r esp ond i ng le d i s not p op ul ated . 12 12 le d 3 13 13 le d 2 14 14 le d 1 m ai n le d c athod e c onnecti ons and c har g e- p um p feed b ack. c ur r ent fl ow i ng i nto le d _ i s b ased on the e n m ( or p w m ) d escr i p ti on ab ove. the char g e p um p r eg ul ates the l ow est le d _ vol tag e to 0.12v . c onnect le d _ to o u t i f the cor r esp ond i ng le d i s not p op ul ated . ??e p e xp osed p ad d l e. c onnect to gn d d i r ectl y und er the ic .
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn _______________________________________________________________________________________ 7 MAX8630X 1 f 1 f 1 f 1 f in gnd enm ens out c1p c1n main sub c2p c2n enable main on/off and serial dimming enable sub on/off and serial dimming 2.7v to 5.5v led1 led2 led3 led4 led5 max8630w 1 f 1 f 1 f 0.1 f 1 f in gnd cpwm pwm out c1p c1n c2p c2n direct pwm signal 2.7v to 5.5v led1 led2 led3 led4 led5 0.6v 0.12v min select error amp 1 main control sub control control and reference max8630w MAX8630X ens (pwm) led1 d1 led2 d2 led3 d3 led4 d4 led5 d5 + + + + + 0.6v input 2.7v to 5.5v 1.25v out ovd c out 1 f c in 1 f error amp 2 rset ( ) are for max8630w enm (cpwm) max8630w only c1 1 f c1p in gnd c1n c2p c2n c2 1 f 1x/1.5x regulating charge pump figure 2. typical applications circuit with the max8630w figure 3. functional diagram figure 1. typical applications circuit with the MAX8630X
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn 8 _______________________________________________________________________________________ detailed description the max8630_ charge pump drives up to 5 white leds (3 main leds and 2 sub leds) with regulated constant current for uniform intensity. by utilizing adaptive 1x/1.5x charge-pump modes and very low-dropout current regu- lators, it achieves 125ma guaranteed output-drive capa- bility and high efficiency over the 1-cell li+ battery input voltage range. 1mhz fixed-frequency switching allows for tiny external components and the regulation scheme is optimized to ensure low emi and low input ripple. the MAX8630X provides independent on/off/dimming control for main and sub displays (see figure 1). the max8630w allows direct-pwm dimming of all five leds together (see figure 2). a functional diagram for the MAX8630X/max8630w is shown in figure 3. 1x to 1.5x switchover when v in is higher than v out , the max8630_ operates in 1x mode and v out is pulled up to v in . the internal current regulators regulate the led current. as v in drops, v ledmin_ eventually falls below the switchover threshold of 88mv, and the max8630_ starts switching in 1.5x mode, and v ledmin is regulated to 122mv by the charge pump. to switch back to 1x mode, the max8630_ determines if v in - v out is sufficient to keep v ledmin greater than 88mv. the comparator that makes this judgment is adaptive and matches the switchover for the conditions. soft-start the max8630_ includes soft-start circuitry to eliminate inrush current at turn-on. when starting up, the output capacitor is charged directly from the input with a ramped current source (with no charge-pump action) until the output voltage approaches the input voltage. once this occurs, the charge pump enters 1x mode, and the led output current is then ramped up in 32 lin- ear steps. if the current regulators are in dropout at the end of this time, the charge pump switches to 1.5x mode. if the output is shorted to ground (v out < 1.25v), the part stays in the initial soft-start stage and output current is limited by the ramped current source. additionally, when the main or sub led current rolls over from 1/32 to full, the led current regulators soft- start again to eliminate input current spikes. enm/ens dimming control (MAX8630X) when the leds are enabled (by driving en_ high), the MAX8630X goes through soft-start and brings the led current up in 32 linear steps. dim the MAX8630X by puls- ing en_ low (500ns to 500? pulse width). each pulse reduces the led current by 1/32nd. after 31 pulses, the current reaches 1/32, and the next pulse restores the cur- rent to 100%. figure 4 shows a timing diagram for en_. if dimming control is not required, enm and ens work as simple on/off controls. drive enm/ens high to enable the leds, or drive enm/ens low for shutdown. the leds operate at 100% brightness under these sim- ple on/off conditions. pwm dimming control (max8630w) dim the max8630w by applying a direct-pwm logic- level signal to pwm. an internal resistor combined with the capacitor at cpwm forms a lowpass filter that con- verts the pwm signal to dc led current that is propor- tional to the pwm signal? duty cycle. all five leds are controlled together on the max8630w. the pwm fre- quency range is 900hz to 200khz. if dimming control is not required, pwm works as a sim- ple on/off control. drive pwm high to enable the leds, or drive pwm low for shutdown. 1 0 2 3 4 5 27 28 29 30 31 32 shutdown t shdn 4ms 2/32 1/32 3/32 4/32 5/32 6/32 27/32 28/32 29/32 30/32 31/32 31/32 shutdown full full i led_ en_ t soft-start initial t hi t lo t hi > 50 s >500ns 500ns to 500 s figure 4. MAX8630X en_ timing diagram
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn _______________________________________________________________________________________ 9 shutdown mode when both enm and ens (or pwm) are held low for 4ms or longer, the max8630_ is shut down and put in a low-current mode. out is internally pulled to gnd with 5k during shutdown. overvoltage protection if any led fails as an open circuit, the corresponding v led_ goes to 0v, and the output voltage is limited to about 5v by gating on/off the charge pump. in case any led_ is floating or grounded, the max8630_ oper- ates in the same overvoltage protection mode. to avoid overvoltage protection mode when using fewer than five leds, connect any unused led_ to out. the max8630_ contains special circuitry to detect this con- dition and disables the corresponding current regulator to avoid wasting battery current. thermal shutdown the max8630_ includes a thermal-protection circuit that shuts down the ic when the die temperature reach- es about +160?. the part turns on after the ic cools by approximately 20?. temperature derating function the max8630 contains a derating function that auto- matically limits the led current at high temperatures in accordance with the recommended derating curve of popular white leds. the derating function enables the safe usage of higher led currents at room tempera- ture, thus reducing the number of leds required to backlight the display. the derating circuit protects the leds from overheating at high pcb temperatures. the derating circuit limits the led current by reducing the internal 600mv reference voltage above +40? at approximately -1.67%/?. the typical derating function characteristic is shown in the typical operating characteristics . applications information driving fewer than 5 leds to avoid overvoltage protection mode when using fewer than five leds, connect any unused led_ to out. the max8630_ contains special circuitry to detect this condition and disables the corresponding current regulator to avoid wasting battery current. input ripple for led drivers, input ripple is more important than out- put ripple. input ripple depends on the source supply? output impedance. adding a lowpass filter to the input of the max8630_ further reduces input ripple. alternatively, increasing c in to 2.2? (or 4.7?) cuts input ripple in half (or in fourth) with only a small increase in footprint. the 1x mode always has very low input ripple. component selection ceramic capacitors are recommended due to their small size, low cost, and low esr. select ceramic capacitors that maintain their capacitance over temper- ature and dc bias. capacitors with x5r or x7r temper- ature characteristics generally perform well. see table 1 for a list of recommended components. using a larg- er value input capacitor helps to reduce input ripple (see the input ripple section). pcb layout and routing the max8630_ is a high-frequency, switched-capacitor voltage regulator. for best circuit performance, use a solid ground plane and place c in , c out , c1, and c2 as close to the max8630_ as possible. see the max8630_ evaluation kit for an example layout. chip information process: bicmos table 1. recommended components designation value manufacturer part number description taiyo yuden jmk105 bj105mv 1? ?0%, 6.3v x5r ceramic capacitors (0402) c in , c out , c1, c2 1? tdk c1005x5r0j105m 1? ?0%, 6.3v x5r ceramic capacitors (0402) d1?5 nichia nscw215t white leds
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn 10 ______________________________________________________________________________________ ordering information (continued) part pin- package top mark pkg code max8630wetd18+t 14 tdfn-14 (3mm x 3mm) adr t1433-2 max8630wetd20+t 14 tdfn-14 (3mm x 3mm) ads t1433-2 max8630wetd25+t 14 tdfn-14 (3mm x 3mm) adt t1433-2 MAX8630X etd15+t 14 tdfn-14 (3mm x 3mm) adu t1433-2 MAX8630Xetd18+t 14 tdfn-14 (3mm x 3mm) adv t1433-2 MAX8630Xetd20+t 14 tdfn-14 (3mm x 3mm) adw t1433-2 MAX8630Xetd25+t 14 tdfn-14 (3mm x 3mm) adx t1433-2 selector guide part full-scale current (ma) dimming interface max8630wetd15 15 direct pwm max8630wetd18 18 direct pwm max8630wetd20 20 direct pwm max8630wetd25 25 direct pwm MAX8630Xetd15 15 serial pulse MAX8630Xetd18 18 serial pulse MAX8630Xetd20 20 serial pulse MAX8630Xetd25 25 serial pulse note: all devices are specified to operate over the -40? to +85? operating temperature range. + denotes a lead-free package. t = tape and reel.
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn ______________________________________________________________________________________ 11 package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 6, 8, &10l, dfn thin.eps
max8630w/MAX8630X 125ma 1x/1.5x charge pumps for 5 white leds in 3mm x 3mm tdfn maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 12 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2007 maxim integrated products is a registered trademark of maxim integrated products, inc. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) common dimensions symbol min. max. a 0.70 0.80 d 2.90 3.10 e 2.90 3.10 a1 0.00 0.05 l 0.20 0.40 pkg. code n d2 e2 e jedec spec b [(n/2)-1] x e package variations 0.25 min. k a2 0.20 ref. 2.00 ref 0.250.05 0.50 bsc 2.300.10 10 t1033-1 2.40 ref 0.200.05 - - - - 0.40 bsc 1.700.10 2.300.10 14 t1433-1 1.500.10 mo229 / weed-3 0.40 bsc - - - - 0.200.05 2.40 ref t1433-2 14 2.300.10 1.700.10 t633-2 6 1.500.10 2.300.10 0.95 bsc mo229 / weea 0.400.05 1.90 ref t833-2 8 1.500.10 2.300.10 0.65 bsc mo229 / weec 0.300.05 1.95 ref t833-3 8 1.500.10 2.300.10 0.65 bsc mo229 / weec 0.300.05 1.95 ref 2.300.10 mo229 / weed-3 2.00 ref 0.250.05 0.50 bsc 1.500.10 10 t1033-2


▲Up To Search▲   

 
Price & Availability of MAX8630X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X