Part Number Hot Search : 
TPAM05S SX123110 SS159LUA ACE1501 2SC32 DG459 41200 2J103
Product Description
Full Text Search
 

To Download LU4S041C-43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhand usa.com 1x4 rj45 connector module with integrat ed 10/100 base-tx magnetics and 2leds p/n: LU4S041C-43 page : 1/2 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-5434 a0(02/10) feature z rj-45 connector integrated with x?fmr /impedance resistor/high voltage capacitor. z size same as rj-45 connector to save pcb board space. z reduce emi radiation, improve emi performance. z design for 100 base transmission over utp-5 cable. z operating temperature range: 0c to +70c. z storage temperature range: -25c to +85c. z recommended panel part number standard led forward*v(max) (typ) 3 yellow 2.6v 2.1v 4 green 2.6v 2.2v *with a forward current 20ma electrical specifications @ 25c turns ratio (5%) insertion loss (db max)tx/rx part number tx rx ocl (uh min) @ 100 khz/0.1v with 8ma dc bias c w/w (pf max) l.l (uh max) 0.3-100mhz hi-pot (vrms) LU4S041C-43 1ct:1ct 1ct:1ct 350 28 0.4 -1.15 1500 continue return loss (db min)tx/rx cross talk (db min)tx/rx cmr (db min) tx/rx part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3-30mhz 30-60mhaz 60-100mhz 1-30mhz 30-60mhz 60-125mhz LU4S041C-43 -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic
bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhand usa.com 1x4 rj45 connector module with integrat ed 10/100 base-tx magnetics and 2leds p/n: LU4S041C-43 page : 2/2 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-5434 a0(02/10) mechanical ?t 1. plastic material : pbt 15% glass filled(ul 94v-0), black housing. 2. metal shield : brass c2680-h, 20u nickel plated, t=0.25mm. 3. spring wire : 0.45mm dia. phosphor bronze with 6u gold plated. 4. solder pin : 0.4x0.4mm, phosphor bronze with solder plated. 5. durability : 300 mating cycles min. pcb layout mounting hole(top view)


▲Up To Search▲   

 
Price & Availability of LU4S041C-43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X