Part Number Hot Search : 
2SC3803 BCM20 PIPXXX 0003B ADUM1 TLCY5100 VHC1G0 KF458BV
Product Description
Full Text Search
 

To Download KK74HC244ADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data kk74hc244a octal 3-state noninverting buffer/line driver/line receiver high-performance silicon-gate cmos ordering information kk 74hc244an plastic kk 74hc244adw soic t a = -55 t o 125 c for all packages the kk 74hc244a is identical in pinout to the ls/als244. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h pul l up resistors, they are com p a tible with ls/alsttl outputs. this octal noninverting buffer/line dr iver/line receiver is designed to be used wi t h 3-st at e m e m o ry address dri v ers, cl ock dri v ers, and ot her bus-ori ent e d sy st em s. the devi ce has noni nvert i ng out put s and t w o active-low output enables. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices pin assignment logic diagram pin 20=v cc pin 10 = gnd function table input s o u t put s enable a, enable b a , b y a , y b l l l l h h h x z x=don?t care z = hi gh i m pedance 1
kk74hc244a maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 35 ma i cc dc suppl y c u rrent , v cc and gnd pins 75 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
kk74hc244a dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c unit v ih m i ni m u m hi gh- level input vol t a ge v out = v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v ? i out ? 20 a 2.0 4.5 6.0 0.5 1.35 1.8 0.5 1.35 1.8 0.5 1.35 1.8 v v oh m i ni m u m hi gh- level out put vol t a ge v in =v ih ? i out ? 20 a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in =v ih ? i out ? 6.0 m a ? i out ? 7.8 m a 4.5 6.0 3.98 5.48 3.84 5.34 3.7 5.2 v ol m a x i mu m l o w - level out put vol t a ge v in = v il ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v il ? i out ? 6.0 m a ? i out ? 7.8 m a 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 i in m a xi m u m input leakage current v in =v cc or gnd 6.0 0.1 1.0 1.0 a i oz m a x i mu m t h r e e - state leakage current out put i n hi gh-im pedance state v in = v il or v ih v out =v cc or gnd 6.0 0.5 5.0 10.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 6 . 0 4 . 0 4 0 1 6 0 a 3
kk74hc244a ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -55 c 85 c 125 c unit t plh , t phl m a xi m u m propagat i on del a y , a t o ya or b t o yb (fi gures 1 and 3) 2.0 4.5 6.0 96 18 15 115 23 20 135 27 23 ns t plz , t phz m a xi m u m propagat i on del a y , out put enabl e t o ya or yb (fi gures 2 and 4) 2.0 4.5 6.0 110 22 19 140 28 24 165 33 28 ns t pzl , t pzh m a xi m u m propagat i on del a y , out put enabl e t o ya or yb (fi gures 2 and 4) 2.0 4.5 6.0 110 22 19 140 28 24 165 33 28 ns t tlh , t thl m a xi m u m out put transi t i on ti m e , any out put (fi gures 1 and 3) 2.0 4.5 6.0 60 12 10 75 15 13 90 18 15 ns c in m a xi m u m input c a paci t a nce - 10 10 10 pf c out maxim u m three-state output capacitance (out put i n hi gh-im pedance st at e) - 1 5 1 5 1 5 p f power dissipation capacitance (per buffer) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 3 4 p f fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms figure 3. test circuit figure 4. test circuit 4
kk74hc244a expanded logic diagram (1/8 of the device) 5
kk74hc244a n s u f f i x p l as t i c d i p (m s - 0 0 1 a d) sy m b o l m i n m a x a 24. 8 9 26. 92 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 3 a c) sy m b o l m i n m a x a 12. 6 1 3 b 7. 4 7 . 6 c 2. 35 2. 65 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h no t e s : j 0 8 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r pr o t r u s i on . k 0. 1 0 . 3 2. m a x i m u m m o l d fl a s h o r p r o t ru s i o n 0 . 1 5 m m (0 . 0 0 6 ) p e r s i d e m 0. 23 0. 32 f o r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 10 10. 65 r 0. 25 0. 75 d i me n s i o n , mm 1. 27 9. 53 d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0.2 5 ( 0 . 0 1 0 ) m t -t - 1 20 10 11 l h m j a b f g d se a t i n g pl an e n k 0.2 5 ( 0 . 010) m t -t - c 1 20 10 11 6


▲Up To Search▲   

 
Price & Availability of KK74HC244ADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X