Part Number Hot Search : 
76SD02 M304203 MICON 74LVC16 CC300 7014ACGZ ML12FAD AT25F
Product Description
Full Text Search
 

To Download HY5DU56822DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document is a general product descripti on and is subject to change without notice. hynix semiconductor does not assume any responsibility for use of circuits described. no pat ent licenses are implied. rev. 1.0 /oct. 2004 1 256mb ddr sdram 256mb ddr sdram hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t
rev. 1.0 /oct. 2004 2 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t revision history revision no. history draft date remark 1.0 first version release- merged hy5du564(8,16)22d (l)t and hy5du564(8 ,16)22d(l)t-d into hy5du564(8, 16)22d(l)t. oct. 2004
rev. 1.0 /oct. 2004 3 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t description the hy5du56422d(l)t, hy5du56822d(l)t and hy5du5 61622d(l)t are a 268,435,456-b it cmos double data rate(ddr) synchronous dram, ideally suited for the main me mory applications which requ ires large memory density and high bandwidth. this hynix 256mb ddr sdrams offer fully synchronous operatio ns referenced to both rising and falling edges of the clock. while all addresses and control inputs are latched on th e rising edges of the ck (fal ling edges of the /ck), data, data strobes and write data masks inputs are sampled on both rising and falling edges of it. the data paths are inter- nally pipelined and 2-bit prefetched to achieve very high bandwidth. all input and output voltage levels are compatible with sstl_2. features ? vdd, vddq = 2.5v +/- 0.2v for ddr200, 266, 333 vdd, vddq = 2.6v +/- 0.1v for ddr400 ? all inputs and outputs are compatible with sstl_2 interface ? fully differential clock inputs (ck, /ck) operation ? double data rate interface ? source synchronous - data transaction aligned to bidirectional data strobe (dqs) ? x16 device has two bytewide data strobes (udqs, ldqs) per each x8 i/o ? data outputs on dqs edges when read (edged dq) data inputs on dqs centers when write (centered dq) ? on chip dll align dq and dqs transition with ck transition ? dm mask write data-in at the both rising and falling edges of the data strobe ? all addresses and control inputs except data, data strobes and data masks latched on the rising edges of the clock ? programmable cas latency 2/2.5 (ddr200, 266, 333) and 3 (ddr400) supported ? programmable burst length 2/4/8 with both sequen- tial and interleave mode ? internal four bank operations with single pulsed /ras ? auto refresh and self refresh supported ? tras lock out function supported ? 8192 refresh cycles / 64ms ? jedec standard 400mil 66pin tsop-ii with 0.65mm pin pitch ? full and half strength driver option controlled by emrs ordering information * x means speed grade part no. configuration package hy5du56422d(l)t-x* 64m x 4 400mil 66pin tsop-ii hy5du56822d(l)t-x* 32m x 8 hy5du561622d(l)t-x* 16m x 16 operating frequency grade clock rate remark (cl-trcd-trp) -d43 200mhz@cl3 ddr400b (3-3-3) - j 133mhz@cl2 166mhz@cl2.5 ddr333 (2.5-3-3) - k 133mhz@cl2 133mhz@cl2.5 ddr266a (2-3-3) - h 100mhz@cl2 133mhz@cl2.5 ddr266b (2.5-3-3) - l 100mhz@cl2 ddr200 (2-2-2)
rev. 1.0 /oct. 2004 4 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t pin configuration 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 vdd dq0 vddq dq1 dq2 vssq dq3 dq4 vddq dq5 dq6 vssq dq7 nc vddq ldqs nc vdd nc ldm /we /cas /ras /cs nc ba0 ba1 a10/ap a0 a1 a2 a3 vdd vss dq15 vssq dq14 dq13 vddq dq12 dq11 vssq dq10 dq9 vddq dq8 nc vssq udqs nc vref vss udm /ck ck cke nc a12 a11 a9 a8 a7 a6 a5 a4 vss vdd dq0 vddq nc dq1 vssq nc dq2 vddq nc dq3 vssq nc nc vddq nc nc vdd nc nc /we /cas /ras /cs nc ba0 ba1 a10/ap a0 a1 a2 a3 vdd vss dq7 vssq nc dq6 vddq nc dq5 vssq nc dq4 vddq nc nc vssq dqs nc vref vss dm /ck ck cke nc a12 a11 a9 a8 a7 a6 a5 a4 vss vdd nc vddq nc dq0 vssq nc nc vddq nc dq1 vssq nc nc vddq nc nc vdd nc nc /we /cas /ras /cs nc ba0 ba1 a10/ap a0 a1 a2 a3 vdd vss nc vssq nc dq3 vddq nc nc vssq nc dq2 vddq nc nc vssq dqs nc vref vss dm /ck ck cke nc a12 a11 a9 a8 a7 a6 a5 a4 vss x16 x8 x4 x4 x8 x16 400mil x 875mil 66pin tsop -ii 0.65mm pin pitch row and column address table items 64mx4 32mx8 16mx16 organization 16m x 4 x 4banks 8m x 8 x 4banks 4m x 16 x 4banks row address a0 - a12 a0 - a12 a0 - a12 column address a0-a9, a11 a0-a9 a0-a8 bank address ba0, ba1 ba0, ba1 ba0, ba1 auto precharge flag a10 a10 a10 refresh 8k 8k 8k
rev. 1.0 /oct. 2004 5 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t pin description pin type description ck, /ck input clock: ck and /ck are differential clock inputs. all address and control input sig- nals are sampled on the crossing of the po sitive edge of ck and negative edge of /ck. output (read) data is referenced to the crossings of ck and /ck (both direc- tions of crossing). cke input clock enable: cke high activates, and cke low deactivates internal clock sig- nals, and device input buffers and output drivers. taking cke low provides pre- charge power down and self refresh op eration (all banks idle), or active power down (row active in any bank). cke is synchronous for power down entry and exit, and for self refresh entry. cke is asynchronous for self refresh exit, and for output disa ble. cke must be maintained high throughout read and write accesses. input buffers, excluding ck, /ck and cke are disabled during power down. input buffers, excluding cke are dis- abled during self refresh. cke is an ss tl_2 input, but will detect an lvcmos low level after vdd is applied. /cs input chip select: enables or disables all inputs except ck, /ck, cke, dqs and dm. all commands are masked when cs is register ed high. cs provides for external bank selection on systems with multiple banks. cs is considered part of the command code. ba0, ba1 input bank address inputs: ba0 and ba1 define to which bank an active, read, write or precharge command is being applied. a0 ~ a12 input address inputs: provide the row address for active commands, and the column address and auto precharge bit for read/write commands, to select one location out of the memory array in the respective bank. a10 is sampled during a precharge command to determine whethe r the precharge applies to one bank (a10 low) or all banks (a10 high). if only one bank is to be precharged, the bank is selected by ba0, ba1. the address inputs also provide the op code dur- ing a mode register set command. ba0 and ba1 define which mode register is loaded during the mode register set command (mrs or emrs). /ras, /cas, / we input command inputs: /ras, /cas and /we (a long with /cs) define the command being entered. dm (ldm,udm) input input data mask: dm is an input mask signal for write data. input data is masked when dm is sampled high along with th at input data during a write access. dm is sampled on both edges of dqs. al though dm pins are input only, the dm loading matches the dq and dqs loading. for the x16, ldm corresponds to the data on dq0-q7; udm corresponds to the data on dq8-q15. dqs (ldqs,udqs) i/o data strobe: output with read data, in put with write data. edge aligned with read data, centered in write data. used to capture write data. for the x16, ldqs corresponds to the data on dq0-q7; ud qs corresponds to the data on dq8- q15. dq i/o data input / output pin: data bus vdd/vss supply power supply for inte rnal circuits and input buffers. vddq/vssq supply power supply for ou tput buffers for noise immunity. vref supply reference voltage for inputs for sstl interface. nc nc no connection.
rev. 1.0 /oct. 2004 6 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t command decoder clk /clk cke /cs /ras /cas /we address buffer add bank control 16mx4 / bank0 column decoder column address counter sense amp 2-bit prefetch unit 16mx4 / bank1 16mx4 / bank2 16mx4 / bank3 mode register row decoder input buffer output buffer data strobe transmitter data strobe receiver dqs dqs write data register 2-bit prefetch unit dqs dq[0:3] 84 4 8 ba dll block clk_dll clk, /clk mode register dm functional block diagram (64mx4) 4banks x 16mbit x 4 i/o double data rate synchronous dram
rev. 1.0 /oct. 2004 7 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t command decoder clk /clk cke /cs /ras /cas /we address buffer add bank control 8mx8 / bank0 column decoder column address counter sense amp 2-bit prefetch unit 8mx8 / bank1 8mx8 / bank2 8mx8 / bank3 mode register row decoder input buffer output buffer data strobe transmitter data strobe receiver dqs dqs write data register 2-bit prefetch unit dqs dq[0:7] 16 8 8 16 ba dll block clk_dll clk, /clk mode register dm functional block diagram (32mx8) 4banks x 8mbit x 8 i/o double data rate synchronous dram
rev. 1.0 /oct. 2004 8 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t command decoder clk /clk cke /cs /ras /cas /we address buffer add bank control 4mx16 / bank0 column decoder column address counter sense amp 2-bit prefetch unit 4mx16 / bank1 4mx16 / bank2 4mx16 / bank3 mode register row decoder input buffer output buffer data strobe transmitter data strobe receiver ldqs, udqs ldqs udqs write data register 2-bit prefetch unit ldqs, udqs dq[0:15] 32 16 16 32 ba dll block clk_dll clk, /clk mode register ldm, udm functional block diagram (16mx16) 4banks x 4mbit x 16 i/o double data rate synchronous dram
rev. 1.0 /oct. 2004 9 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t simplified command truth table command cken-1 cken cs ras cas we addr a10/ ap ba extended mode register set 1,2 h x llll op code mode register set 1,2 h x llll op code device deselect 1 hx hxxx x no operation 1 lhhh bank active 1 hxllhh ra v read 1 h x lhlhca l v read with autoprecharge 1,3 h write 1 hxlhllca l v write with autoprecharge 1,4 h precharge all banks 1,5 hxllhlx hx precharge selected bank 1 lv read burst stop 1 hxlhhl x auto refresh 1 h h lllh x self refresh 1 entryh l lllh x exit l h hxxx lhhh precharge power down mode 1 entry h l hxxx x lhhh exit l h hxxx lhhh active power down mode 1 entry h l hxxx x lvvv exit l h x note: 1. ldm/udm states are don?t care. refer to below write mask truth table. 2. op code(operand code) consists of a0~a12 and ba0~ba1 used for mode register setting during extended mrs or mrs. before entering mode register set mode, all banks must be in a precharge state and mrs command can be issued after trp period from precharge command. 3. if a read with autoprecharge command is detected by memory component in ck(n), th en there will be no com- mand presented to activa ted bank until ck(n+bl/2+trp). 4. if a write with autoprecharge command is detected by memory component in ck(n), then there will be no com- mand presented to activated ba nk until ck(n+bl/2+1+twr+trp). write recovery time (twr) is needed to guarantee that the last da ta has been completely written. 5. if a10/ap is high when precharge command being issu ed, ba0/ba1 are ignored and all banks are selected to be precharged. *for more information about truth table, refer to ?device operation? section in hynix website. ( h=logic high level, l=logic low level, x=don?t ca re, v=valid data input, op code=operand code, nop=no)
rev. 1.0 /oct. 2004 10 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t write mask truth table function cken-1 cken /cs, /ras, /cas, /we dm addr a10/ ap ba data write 1 hx x l x data-in mask 1 hx x h x note: 1. write mask command masks burst write data with reference to ldqs/udqs(data strobes) and it is not related with read data. in case of x16 data i/o, ldm and udm co ntrol lower byte(dq0~7) and upper byte(dq8~15) respectively.
rev. 1.0 /oct. 2004 11 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t simplified state diagram mrs sref srex pden pdex act aref pdex pden bst read write write writeap writeap read readap readap pre(pall) pre(pall) pre(pall) command input automatic sequence idle auto refresh pre- charge power-up power applied mode register set power down write with autopre- charge power down write read with autopre- charge bank active read self refresh
rev. 1.0 /oct. 2004 12 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t power-up sequence and device initialization ddr sdrams must be powered up and initialized in a pred efined manner. operational pr ocedures other than those specified may result in undefined operation. power must fi rst be applied to vdd, then to vddq, and finally to vref (and to the system vtt). vtt must be applied after vddq to avoid device latch-up, which may cause permanent dam- age to the device. vref can be applied anytime after vddq , but is expected to be nominally coincident with vtt. except for cke, inputs are not recognized as valid until after vref is applied. cke is an sstl_2 input, but will detect an lvcmos low level after vdd is applied. maintaining an lv cmos low level on cke during power-up is required to guarantee that the dq and dqs outputs will be in the high-z state, where they will remain until driven in normal oper- ation (by a read access). after all power supply and reference voltages are stable, and the clock is stable, the ddr sdram requires a 200us delay prior to applying an executable command. once the 200us delay has been satisfied, a deselect or nop command should be applied, and cke should be brought high. following the nop command, a precharg e all command should be applied. next a extended mode register set command should be issued for the ex tended mode register, to enable the dll, then a mode register set command should be issued for the mode re gister, to reset the dll, and to program the operating parameters. after the dll reset, txsrd(dll locking time) sh ould be satisfied for read command. after the mode reg- ister set command, a precharge all command should be a pplied, placing the device in the all banks idle state. once in the idle state, two auto refresh cycles must be performed. additionally, a mode register set command for the mode register, with the reset dll bit deactivated lo w (i.e. to program operating parameters without resetting the dll) must be performed. following these cycl es, the ddr sdram is ready for normal operation. 1. apply power - vdd, vddq, vtt, vref in the following po wer up sequencing and attemp t to maintain cke at lvc- mos low state. (all the other input pins may be undefined.) ? vdd and vddq are driven from a single power converter output. ? vtt is limited to 1.44v (ref lecting vddq(max)/2 + 50mv vref variation + 40mv vtt variation. ? vref tracks vddq/2. ? a minimum resistance of 42 ohms (22 ohm series resistor + 22 ohm parallel resistor - 5% tolerance) limits the input current from the vtt supply into any pin. ? if the above criteria cannot be met by the system desi gn, then the following sequen cing and voltage relation- ship must be adhered to during power up. 2. start clock and maintain stable clock for a minimum of 200usec. 3. after stable power and clock, apply nop condition and take cke high. 4. issue extended mode register set (emrs) to enable dll. 5. issue mode register set (mrs) to reset dll and set devi ce to idle state with bit a8=high. (an additional 200 cycles(txsrd) of clock are required for locking dll) 6. issue precharge commands for all banks of the device. voltage description sequencing voltage relationship to avoid latch-up vddq after or with vdd < vdd + 0.3v vtt after or with vddq < vddq + 0.3v vref after or with vddq < vddq + 0.3v
rev. 1.0 /oct. 2004 13 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t 7. issue 2 or more auto refresh commands. 8. issue a mode register set command to initia lize the mode register with bit a8 = low power-up sequence code code code code code code code code code code code code code code code nop pre mrs emrs pre nop mrs aref act rd vdd vddq vtt vref /clk clk cke cmd dm addr a10 ba0, ba1 dqs dq's lvcmos low level tis tih tvtd t=200usec trp tmrd trp trfc tmrd txsrd* read non-read command power up vdd and ck stable precharge all emrs set mrs set reset dll (with a8=h) precharge all 2 or more auto refresh mrs set (with a8=l) * 200 cycle(txsrd) of ck are required (for dll locking) before read command tmrd
rev. 1.0 /oct. 2004 14 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t mode register set (mrs) the mode register is used to store the various operating mo des such as /cas latency, addressing mode, burst length, burst type, test mode, dll reset. the mode register is pr ogramed via mrs command. this command is issued by the low signals of /ras, /cas, /cs, /we and ba0. this command can be issued only when all banks are in idle state and cke must be high at least one cycle before the mode regi ster set command can be issued. two cycles are required to write the data in mode register. during the mrs cycle, an y command cannot be issued. once mode register field is determined, the information will be he ld until reset by another mrs command. ba1 ba0 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 0 0 operating mode cas latency bt burst length a2 a1 a0 burst length sequential interleave 0 0 0 reserved reserved 001 2 2 010 4 4 011 8 8 1 0 0 reserved reserved 1 0 1 reserved reserved 1 1 0 reserved reserved 1 1 1 reserved reserved a3 burst type 0 sequential 1interleave a6 a5 a4 cas latency 0 0 0 reserved 0 0 1 reserved 010 2 011 3 1 0 0 reserved 101 1.5 110 2.5 1 1 1 reserved ba0 mrs type 0mrs 1emrs a12~a9 a8 a7 a6~a0 operating mode 0 0 0 valid normal operation 0 1 0 valid normal operation/ reset dll 001vs vendor specific test mode ---- all other states reserved
rev. 1.0 /oct. 2004 15 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t burst definition burst length & type read and write accesses to the ddr sdram are burst orient ed, with the burst length be ing programmable. the burst length determines the maximum number of column locations that can be acce ssed for a given read or write com- mand. burst lengths of 2, 4 or 8 locations are available for both the sequential and the interleaved burst types. reserved states should not be used, as unknown operatio n or incompatibility with future versions may result. when a read or write command is issued, a block of column s equal to the burst length is effectively selected. all accesses for that burst take place within this block, mean ing that the burst wraps within the block if a boundary is reached. the block is uniquely selected by a1-ai when the burst length is set to two, by a2 -ai when the burst length is set to four and by a3 -ai when the burst length is set to eight (where ai is the most significant column address bit for a given configuration). the remaining (least significant) a ddress bit(s) is (are) used to select the starting location within the block. the programmed burst leng th applies to both read and write bursts. accesses within a given burst may be programmed to be either sequential or interleaved; th is is referred to as the burst type and is selected via bit a3. the ordering of acce sses within a burst is determined by the burst length, the burst type and the starting column addres s, as shown in burst definition table burst length starting address (a2,a1,a0) sequential interleave 2 xx0 0, 1 0, 1 xx1 1, 0 1, 0 4 x00 0, 1, 2, 3 0, 1, 2, 3 x01 1, 2, 3, 0 1, 0, 3, 2 x10 2, 3, 0, 1 2, 3, 0, 1 x11 3, 0, 1, 2 3, 2, 1, 0 8 000 0, 1, 2, 3, 4, 5, 6, 7 0, 1, 2, 3, 4, 5, 6, 7 001 1, 2, 3, 4, 5, 6, 7, 0 1, 0, 3, 2, 5, 4, 7, 6 010 2, 3, 4, 5, 6, 7, 0, 1 2, 3, 0, 1, 6, 7, 4, 5 011 3, 4, 5, 6, 7, 0, 1, 2 3, 2, 1, 0, 7, 6, 5, 4 100 4, 5, 6, 7, 0, 1, 2, 3 4, 5, 6, 7, 0, 1, 2, 3 101 5, 6, 7, 0, 1, 2, 3, 4 5, 4, 7, 6, 1, 0, 3, 2 110 6, 7, 0, 1, 2, 3, 4, 5 6, 7, 4, 5, 2, 3, 0, 1 111 7, 0, 1, 2, 3, 4, 5, 6 7, 6, 5, 4, 3, 2, 1, 0
rev. 1.0 /oct. 2004 16 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t cas latency the read latency or cas latency is the delay in clock cy cles between the registration of a read command and the availability of the first burst of output data. the latenc y can be programmed 2 or 2.5 clocks for ddr200/266/333 and 3 clocks for ddr400. if a read command is registered at clock edge n, and the la tency is m clocks, the data is available nominally coincident with clock edge n + m. reserved states should not be used as unknown operation or incompatibility with future versions may result. dll reset the dll must be enabled for normal operation. dll enable is required during power up initialization, and upon return- ing to normal operation after having disabled the dll for th e purpose of debug or evaluation. the dll is automatically disabled when entering self refresh oper ation and is automatically re-enabled upon exit of self refresh operation. any time the dll is enabled, 200 clock cycles must occur to al low time for the internal clock to lock to the externally applied clock before an any command can be issued. output driver impedance control the normal drive strength for all outputs is specified to be sstl_2, class ii. hynix also supports a half strength driver option, intended for lighter load and/or point-to-point envi ronments. selection of the half strength driver option will reduce the output drive strength by 50% of that of the full strength driver. i-v curves for both the full strength driver and the half strength driver are included in this document.
rev. 1.0 /oct. 2004 17 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t extended mode register set (emrs) the extended mode register controls fu nctions beyond those controlled by the mode register; these additional func- tions include dll enable/disable, output dr iver strength selection(optional). thes e functions are contro lled via the bits shown below. the extended mode register is programmed via the mode register set command (ba0=1 and ba1=0) and will retain the stored information until it is programmed again or the device loses power. the extended mode register must be loaded when all banks are idle and no bursts are in progress, and the controller must wait the specified time before in itiating any subsequent operation. viol ating either of these requirements wil result in unspecified operation. ba1 ba0 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 0 1 operating mode 0* ds dll a0 dll enable 0enable 1disable ba0 mrs type 0mrs 1emrs a1 output driver impedance control 0 full strength driver 1 half strength driver * this part do not support/qfc functi on, a2 must be programmed to zero. an~a3 a2~a0 operating mode 0valid normal operation __ all other states reserved
rev. 1.0 /oct. 2004 18 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t absolute maximum ratings note: operation at above absolute maximum rating can adversely affect device reliability dc operating conditions (ta=0 to 70 o c, voltage referenced to v ss = 0v) note: 1. vddq must not exceed the level of vdd. 2. vil (min) is acceptable -1.5v ac pulse width with < 5ns of duration. 3. vref is expected to be equal to 0.5*vddq of the transmitting device, and to track variations in the dc level of the same. peak to peak noise on vref may not exceed +/- 2% of the dc value. 4. vid is the magnitude of the difference between the input level on ck and the input level on /ck. 5. the ratio of the pullup current to the pulldown current is sp ecified for the same temperature and voltage, over the entire t emper- ature and voltage range, for device drain to source voltages from 0.25v to 1.0v. for a given output, it represents the maximum difference between pullup and pulldown driver s due to process variation. the full variation in the ratio of the maximum to mini - mum pullup and pulldown current will not exceed 1/7 fo r device drain to source voltages from 0.1 to 1.0. 6. vin=0 to vdd, all other pins are not tested under vin =0v. 7. dqs are disabled, vout=0 to vddq parameter symbol rating unit operating temperature (ambient) t a 0 ~ 70 o c storage temperature t stg -55 ~ 150 o c voltage on v dd relative to v ss v dd -1.0 ~ 3.6 v voltage on v ddq relative to v ss v ddq -1.0 ~ 3.6 v voltage on inputs relative to v ss v input -1.0 ~ 3.6 v voltage on i/o pins relative to v ss v io -0.5 ~3.6 v output short circuit current ios 50 ma soldering temperature ? time t solder 260 ? 10 o c ? sec parameter symbol min typ. max unit power supply voltage (ddr200, 266, 333) v dd 2.3 2.5 2.7 v power supply voltage (ddr200, 266, 333) 1 v ddq 2.3 2.5 2.7 v power supply voltage (ddr400) v dd 2.5 2.6 2.7 v power supply voltage (ddr400) 1 v ddq 2.5 2.6 2.7 v input high voltage v ih v ref + 0.15 - v ddq + 0.3 v input low voltage 2 v il -0.3 - v ref - 0.15 v termination voltage v tt v ref - 0.04 v ref v ref + 0.04 v reference voltage 3 v ref 0.49*vddq 0.5*vddq 0.51*vddq v input voltage level, ck and ck inputs vin(dc) -0.3 - vddq+0.3 v input differential voltage, ck and ck inputs 4 vid(dc) 0.36 - vddq+0.6 v v-i matching: pullup to pulldown current ratio 5 vi(ratio) 0.71 - 1.4 - input leakage current 6 i li -2 - 2 ua output leakage current 7 i lo -5 - 5 ua normal strength output driver (v out =vtt 0.84 ) output high current (min vddq, min vref, min vtt) ioh -16.8 - - ma output low current (min vddq, max vref, max vtt) iol 16.8 - - ma half strength output driver (v out =vtt 0.68 ) output high current (min vddq, min vref, min vtt) ioh -13.6 - - ma output low current (min vddq, max vref, max vtt) iol 13.6 - - ma
rev. 1.0 /oct. 2004 19 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t idd specification and conditions (ta=0 to 70 o c, voltage referenced to v ss = 0v) test conditions test condition symbol operating current: one bank; active - precharge; trc= trc(min); tck=tck(min); dq,dm and dqs inputs changing twice per clock cycle; address and control inputs changing once per clock cycle idd0 operating current: one bank; active - read - precharge; burst length=2; trc=trc(min); tck=tck(min); address and control inputs changing once per clock cycle idd1 precharge power down standby current: all banks idle; power down mode; cke=low, tck=tck(min) idd2p idle standby current: /cs=high, all banks idle; tck=tck(min); cke=high; address and control inputs changing once per clock cycle. vin=vref for dq, dqs and dm idd2f idle quiet standby current: /cs>=vih(min); all banks idle; cke>=vih(min); addresses and other control inputs stable, vin=vref for dq, dqs and dm idd2q active power down standby current: one bank active; power down mode; cke=low, tck=tck(min) idd3p active standby current: /cs=high; cke=high; one bank; active-pre charge; trc=tras(max); tck=tck(min); dq, dm and dqs inputs changi ng twice per clock cycle; address and other control inputs changing once per clock cycle idd3n operating current: burst=2; reads; continuous burst; one bank active; a ddress and control inputs changing once per clock cycle; tck=tck(min); iout=0ma idd4r operating current: burst=2; writes; continuous burst; one bank active; a ddress and control inputs changing once per clock cycle; tck=tck(min); dq, dm and dqs inputs changing twice per clock cycle idd4w auto refresh current: trc=trfc(min) - 8*tck for ddr200 at 100mhz, 10*tck for ddr266a & ddr266b at 133mhz; distributed refresh trc=trfc(min) - 14*tck for ddr400 at 200mhz idd5 self refresh current: cke =< 0.2v; external clock on; tck=tck(min) idd6 operating current - four bank operation: four bank interleaving with bl=4, refer to the following page for detailed test condition idd7
rev. 1.0 /oct. 2004 20 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t detailed test conditions for ddr sdram idd1 & idd7 idd1: operating current: one bank operation 1. typical case: vdd = 2.5v, t=25 o c for ddr200, 266, 333; vdd = 2.6v, t=25 o c for ddr400 2. worst case: vdd = 2.7v, t= 0 o c 3. only one bank is accessed with trc(min), burs t mode, address and control inputs on nop edge are changing once per clock cycle. lout = 0ma 4. timing patterns - ddr200(100mhz, cl=2): tck = 10ns, cl2, bl=2, trcd = 2*tck, trc = 10*tck, tras = 5*tck read: a0 n r0 n n p0 n a0 n - repeat the same timing with random address changing 50% of data changing at every burst - ddr266b(133mhz, cl=2.5): tck = 7.5ns, cl=2.5, bl=4, trcd = 3*tck, trc = 9*tck, tras = 5*tck read: a0 n n r0 n p0 n n n a0 n - repeat th e same timing with random address changing 50% of data changing at every burst - ddr266a (133mhz, cl=2): tck = 7.5ns, cl=2, bl=4, trcd = 3*tck, trc = 9*tck, tras = 5*tck read: a0 n n r0 n p0 n n n a0 n - repeat the same timing with random address changing 50% of data changing at every burst - ddr333(166mhz, cl=2.5): tck = 6ns, cl=2 , bl=4, trcd = 3*tck, trc = 10*tck, tras = 7*tck read: a0 n n r0 n n n p0 n n a0 n - repeat the same timing with random address changing 50% of data changing at every burst - ddr400(200mhz, cl=3): tck = 5ns, cl=3, bl=4, trcd = 3*tck, trc = 11*tck, tras = 8*tck read: a0 n n r0 n n n n p0 n n - repeat the same timing with random address changing 50% of data changing at every burst legend: a=activate, r=read, w=write, p=precharge, n=nop idd7: operating current: four bank operation 1. typical case: vdd = 2.5v, t=25 o c for ddr200, 266, 333; vdd = 2.6v, t=25 o c for ddr400 2. worst case: vdd = 2.7v, t= 0 o c 3. four banks are being interleaved wi th trc(min), burst mode, address and control inputs on nop edge are not changing. lout = 0ma 4. timing patterns - ddr200(100mhz, cl=2): tck = 10ns, cl2, bl=4 , trrd = 2*tck, trcd= 3*tck, read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 a0 r3 a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr266b(133mhz, cl=2.5): tck = 7.5ns, cl=2.5, bl =4, trrd = 2*tck, trcd = 3*tck read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr266a (133mhz, cl=2): tck = 7.5ns, cl2=2, bl=4, trrd = 2*tck, trcd = 3*tck read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr333(166mhz, cl=2.5): tck = 6ns, cl=2.5, bl=4 , trrd = 2*tck, trcd = 3*tck, read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr400(200mhz, cl=3): tck = 5ns, cl = 2, bl = 4, trrd = 2*tck, trcd = 3*tck, read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst legend: a=activate, r=read, w=write, p=precharge, n=nop
rev. 1.0 /oct. 2004 21 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t idd specification 64mx4 32mx8 parameter symbol speed unit ddr400b ddr333 ddr266a ddr266b ddr200 operating current idd0 90 80 70 65 ma operating current idd1 100 90 80 ma precharge power down standby current idd2p 10 ma idle standby current idd2f 60 50 40 30 ma active power down standby current idd3p 15 ma active standby current idd3n 50 45 40 35 ma operating current idd4r 160 150 140 120 ma operating current idd4w 160 150 140 120 auto refresh current idd5 150 140 130 self refresh current normal idd6 3ma low power 1.5 ma operating current - four bank operation idd7 250 240 220 200 ma parameter symbol speed unit ddr400b ddr333 ddr266a ddr266b ddr200 operating current idd0 90 80 70 65 ma operating current idd1 100 90 80 ma precharge power down standby current idd2p 10 ma idle standby current idd2f 60 50 40 30 ma active power down standby current idd3p 15 ma active standby current idd3n 50 45 40 35 ma operating current idd4r 180 160 150 130 ma operating current idd4w 180 160 150 130 auto refresh current idd5 150 140 130 self refresh current normal idd6 3ma low power 1.5 ma operating current - four bank operation idd7 230 220 200 180 ma
rev. 1.0 /oct. 2004 22 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t 16mx16 parameter symbol speed unit ddr400b ddr333 ddr266a ddr266b ddr200 operating current idd0 90 80 70 65 ma operating current idd1 100 90 80 ma precharge power down standby current idd2p 10 ma idle standby current idd2f 60 50 40 30 ma active power down standby current idd3p 15 ma active standby current idd3n 50 45 40 35 ma operating current idd4r 200 190 170 150 ma operating current idd4w 200 190 170 150 auto refresh current idd5 150 140 130 self refresh current normal idd6 3ma low power 1.5 ma operating current - four bank operation idd7 250 240 220 200 ma
rev. 1.0 /oct. 2004 23 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t ac operating conditions (ta=0 to 70 o c, voltage referenced to v ss = 0v) note: 1. vid is the magnitude of the difference between the input level on ck and the input on /ck. 2. the value of vix is expected to equal 0.5*v ddq of the transmitting device and must track variations in the dc level of the same. *for more information about ac overshoot/undershoot specifications, refer to ?device operation? section in hynix website. ac operating test conditions (ta=0 to 70 o c, voltage referenced to vss = 0v) parameter symbol min max unit input high (logic 1) voltag e, dq, dqs and dm signals v ih(ac) v ref + 0.31 - v input low (logic 0) voltag e, dq, dqs and dm signals v il(ac) -v ref - 0.31 v input differential voltage, ck and /ck inputs 1 v id(ac) 0.7 v ddq + 0.6 v input crossing point voltage, ck and /ck inputs 2 v ix(ac) 0.5*v ddq -0.2 0.5*v ddq +0.2 v parameter value unit reference voltage v ddq x 0.5 v termination voltage v ddq x 0.5 v ac input high level voltage (v ih , min) v ref + 0.31 v ac input low level voltage (v il , max) v ref - 0.31 v input timing measurement reference level voltage v ref v output timing measurement reference level voltage v tt v input signal maximum peak swing 1.5 v input minimum signal slew rate 1 v/ns termination resistor (r t )50 series resistor (r s )25w output load capacitance for access time measurement (c l )30 pf
rev. 1.0 /oct. 2004 24 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t ac characteristics (ac operating conditions unless otherwise noted) parameter symbol ddr400b ddr333 ddr266a ddr266b ddr200 unit min max min max min max min max min max row cycle time trc 55 - 60 - 65 - 65 - 70 - ns auto refresh row cycle time trfc 70 - 72 - 75 - 75 - 80 - ns row active time tras 40 70k 42 70k 45 120k 45 120k 50 120k ns active to read with auto precharge delay 16 trap trcd or trasmin - trcd or trasmin - trcd or trasmin - trcd or trasmin - trcd or trasmin -ns row address to column address delay trcd 15 - 18 - 20 - 20 - 20 - ns row active to row active delay trrd 10 - 12 - 15 - 15 - 15 - ns column address to column address delay tccd1-1-1-1-1-tck row precharge time trp 15 - 18 - 20 - 20 - 20 - ns write recovery time twr 15 - 15 - 15 - 15 - 15 - ns internal write to read command delay twtr2-1-1-1-1-tck auto precharge write recovery + precharge time 15 tdal (twr/ tck) + (trp/tck) - (twr/ tck) + (trp/tck) - (twr/ tck) + (trp/tck) - (twr/ tck) + (trp/tck) - (twr/ tck) + (trp/tck) -tck system clock cycle time cl = 3 tck 510-------- cl = 2.5 - - 6 12 7.5 12 7.5 12 8.0 12 ns cl = 2 - - 7.5127.51210121012ns clock high level width tch 0.45 0.55 0. 45 0.55 0.45 0.55 0.45 0.55 0.45 0.55 tck clock low level width tcl 0.45 0.55 0. 45 0.55 0.45 0.55 0.45 0.55 0.45 0.55 tck data-out edge to clock edge skew tac -0.7 0.7 -0.7 0.7 -0.75 0.75 -0.75 0.75 -0.75 0.75 ns dqs-out edge to clock edge skew tdqsck -0.55 0.55 -0.6 0.6 -0.75 0.75 -0.75 0.75 -0.75 0.75 ns dqs-out edge to data- out edge skew tdqsq - 0.4 - 0.45 - 0.5 - 0.5 - 0.6 ns data-out hold time from dqs 1,10 tqh thp -tqhs - thp -tqhs - thp -tqhs - thp -tqhs - thp -tqhs -ns clock half period 1,9 thp min (tcl,tch) - min (tcl,tch) - min (tcl,tch) - min (tcl,tch) - min (tcl,tch) -ns data hold skew factor 10 tqhs - 0.5 - 0.55 - 0.75 - 0.75 - 0.75 ns valid data output window tdv tqh-tdqsq tqh-tdqsq tqh-tdqsq tqh-tdqsq tqh-tdqsq ns
rev. 1.0 /oct. 2004 25 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t - continue parameter symbol ddr400b ddr333 ddr266a ddr266b ddr200 unit min max min max min max min max min max data-out high-impedance window from ck,/ck 17 thz -0.7 0.7 -0.7 0.7 -0.75 0.75 -0.75 0.75 -0.8 0.8 ns data-out low-impedance window from ck, /ck 17 tlz -0.7 0.7 -0.7 0.7 -0.75 0.75 -0.75 0.75 -0.8 0.8 ns input setup time (fast slew rate) 2,3,5,6 tis 0.6 - 0.75 - 0.9 - 0.9 - 1.1 - ns input hold time (fast slew rate) 2,3,5,6 tih 0.6 - 0.75 - 0.9 - 0.9 - 1.1 - ns input setup time (slow slew rate) 2,4,5,6 tis 0.7 - 0.8 - 1.0 - 1.0 - 1.1 - ns input hold time (slow slew rate) 2,4,5,6 tih 0.7 - 0.8 - 1.0 - 1.0 - 1.1 - ns input pulse width 6 tipw 2.2 - 2.2 - 2.2 - 2.2 - 2.5 - ns write dqs high level width tdqsh 0.35 - 0.35 - 0.35 - 0.35 - 0.35 - tck write dqs low level width tdqsl 0.35 - 0.35 - 0.35 - 0.35 - 0.35 - tck clock to first rising edge of dqs- in tdqss 0.72 1.25 0.75 1.25 0.75 1.25 0.75 1.25 0.75 1.25 tck dqs falling edge to ck setup time tdss 0.2 -0.2 -0.2 -0.2 -0.2 -tck dqs falling edge hold time from ck tdsh 0.2 -0.2 -0.2 -0.2 -0.2 -tck data-in setup time to dqs-in (dq & dm) 6,7,11,12,13 tds 0.4 - 0.45 - 0.5 - 0.5 - 0.6 - ns data-in hold time to dqs-in (dq & dm) 6,7,11,12,13 tdh 0.4 - 0.45 - 0.5 - 0.5 - 0.6 - ns dq & dm input pulse width tdipw 1.75 - 1.75 - 1.75 - 1.75 - 2 - ns read dqs preamble time trpre 0.9 1.1 0.9 1.1 0.9 1.1 0.9 1.1 0.9 1.1 tck read dqs postamble time trpst 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 tck write dqs preamble setup time twpres 0 -0-0- 0 -0 -tck write dqs preamble hold time twpreh 0.25 - 0.25 - 0.25 - 0.25 - 0.25 - tck write dqs postamble time twpst 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 tck mode register set delay tmrd 2 -2-2- 2 -2 -tck exit self refresh to non-read command txsnr 75 - 75 - 75 - 75 - 80 - ns exit self refresh to read command 8 txsrd 200 - 200 - 200 - 200 - 200 - tck average periodic refresh interval trefi - 7.8 - 7.8 - 7.8 - 7.8 - 7.8 us
rev. 1.0 /oct. 2004 26 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t note: 1. this calculation accounts for tdqsq(max), the pulse width distortion of on-chip circuit and jitter. 2. data sampled at the rising edges of the cl ock: a0~a12, ba0~ba1, cke, /cs, /ras, /cas, /we. 3. for command/address input slew rate >=1.0v/ns 4. for command/address input slew rate >=0.5v/ns and <1.0v/ns this derating table is used to increase tis/tih in case where the input slew-rate is below 0.5v/ns. input setup / hold slew-rate derating table. 5. ck, /ck slew rates are >=1.0v/ns 6. these parameters guarantee device timing, but they are not ne cessarily tested on each device, and they may be guaranteed by design or tester correlation. 7. data latched at both rising and falling edges of data strobes(ldqs/udqs): dq, ldm/udm. 8. minimum of 200 cycles of stable input clocks after self refresh exit command, where cke is held high, is required to comple te self refresh exit and lock the internal dll circuit of ddr sdram. 9. min (tcl, tch) refers to the smaller of the actual clock low time and the actual clock high time as provided to the device (i.e. this value can be greater than the minimum specification limits for tcl and tch). 10. thp = minimum half clock period for any given cycle and is de fined by clock high or clock low (tch, tcl). tqhs consists of tdqsq- max, the pulse width distortion of on-chip clock circuits, data pin to pin skew and output pattern effects and p-channel to n-c han- nel variation of the output drivers. 11. this derating table is used to increase tds/td h in case where the input slew-rate is below 0.5v/ns. input setup / hold slew-rate derating table. 12. i/o setup/hold plateau derating. this derating table is used to increase tds/tdh in case where the input level is flat belo w vref +/-310mv for a duration of up to 2ns. input setup / hold slew-rate delta tis delta tih v/ns ps ps 0.5 0 0 0.4 +50 0 0.3 +100 0 input setup / hold slew-rate delta tds delta tdh v/ns ps ps 0.5 0 0 0.4 +75 +75 0.3 +150 +150 i/o input level delta tds delta tdh mv ps ps +280 +50 +50
rev. 1.0 /oct. 2004 27 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t 13. i/o setup/hold delta inverse slew rate derating. this derating table is used to increase tds/tdh in case where the dq and d qs slew rates differ. the delta inverse slew ra te is calculated as (1/slewr ate1)-(1/slewrate2). for exam ple, if slew rate 1 = 0.5v /ns and slew rate2 = 0.4v/n then the delta inverse slew rate = -0.5ns/v. 14. dqs, dm and dq input slew rate is specified to prevent double clocking of data and preserve setup and hold times. signal tr ansi- tions through the dc region must be monotonic. 15. tdal = (twr/tck) + (trp / tck). for each of the terms above, if not already an integer, round to the next highest integer. tck is equal to the actual system clock cycle time. example: for ddr266b at cl=2.5 and tck = 7.5 ns, tdal = (15 ns / 7.5 ns) + (20 ns / 7.5 ns) = (2.00) + (2.67) round up each non-integer to the next highest integer: = (2) + (3), tdal = 5 clocks 16. for the parts which do not has internal ras lockout circuit, active to read with auto precharge delay should be tras - bl/2 x tck. 17. thz and tlz transitions occur in the same access time windows as valid data transitions. these parameters are not reference d to a specific voltage level but specify when the device output is no longer driving (hz), or begins driving (lz). (1/slewrate1)-(1/slewrat e2) delta tds delta tdh ns/v ps ps 000 +/-0.25 +50 +50 +/- 0.5 +100 +100
rev. 1.0 /oct. 2004 28 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t capacitance (t a =25 o c, f=100mhz) note: 1. vdd = min. to max., vddq = 2.3v to 2.7v, v o dc = vddq/2, v o peak-to-peak = 0.2v 2. pins not under test are tied to gnd. 3. these values are guarant eed by design and are tested on a sample basis only. output load circuit parameter pin symbol min max unit input clock capacitance ck, /ck c i1 2.0 3.0 pf delta input clock capacitance ck, /ck delta c i1 -0.25pf input capacitance all other input-only pins c i1 2.0 3.0 pf delta input capacitance all other input-only pins delta c i2 -0.5pf input / output capacitance dq, dqs, dm c io 4.0 5.0 pf delta input / output capacitance dq, dqs, dm delta c io -0.5pf v ref v tt r t =50 ? zo=50 ? c l =30pf output
rev. 1.0 /oct. 2004 29 hy5du56422d(l)t hy5du56822d(l)t hy5du561622d(l)t package information 400mil 66pin thin sm all outline package 10.26 (0.404) 10.05 (0.396) 11.94 (0.470) 11.79 (0.462) 22.33 (0.879) 22.12 (0.871) 1.194 (0.0470) 0.991 (0.0390) 0.65 (0.0256) bsc 0.35 (0.0138) 0.25 (0.0098) 0.15 (0.0059) 0.05 (0.0020) base plane seating plane 0.597 (0.0235) 0.406 (0.0160) 0.210 (0.0083) 0.120 (0.0047) 0 ~ 5 deg. unit : mm(inch) , min max


▲Up To Search▲   

 
Price & Availability of HY5DU56822DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X