Part Number Hot Search : 
AC718 1200F 321K1 VC5022 DS1330Y LM158W MP237 SMAF11A
Product Description
Full Text Search
 

To Download GC160A48-AD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification order no. dc voltage (typ.) safety model no. rated power output voltage range note.3 frequency range power factor (typ.) efficiency (typ.) ac current input environment inrush current (max.) leakage current(max.) safety standards safety & emc (note. 5) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection gc160a24- gc160a48- gc160a24 gc160a48 gc160a12- gc160a12 27.2v 54.4v 13.6v led indicator charging(cc) : red floating charging(cv) : green 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz pf>0.94 / 230vac pf>0.98 / 115vac at full load 92.5% 94% 89% 1.85a / 115vac 1a / 230vac 120a / 230vac 0.75ma / 240vac withstand voltage isolation resistance i/p-o/p: 3kvac i/p-o/p / 25 / 70% rh :100m ohms / 500vdc 274.1khrs min. mil-hdbk-217f(25 ) -30 ~ +70 (refer to "derating curve") 20% ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03% / (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 175*72*35mm (l*w*h) 0.7kg; 20pcs/15kg/0.85cuft(gc160axx-r7b) 0.77kg; 20pcs/16 .4kg/1.15cuft(gc160axx-ad1) connector plug cable see page 2 ther type available by customer requested ; o see page 2 ther type available by customer requested ; o 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. this is meanwell's suggested range, please consult your battery manu facturer for their suggestions about maximum charging current limit ation. 3. derating may be needed under low input voltage. please check the deratin g curve for more details. 4. constant current operation region is within 50~100% rated output vol tage. 5. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. features : compliance to en61000-4-2,3,4,5,6,8,11, light industry level, c riteria a overload note.4 over voltage 90 ~ 110% rated output power protection type : constant current limiting recovers automaticall y after fault condition is removed protection type : hiccup mode, recovers automatically after fault co ndition is removed 105 ~ 135% rated output voltage 160.2w 160.5w 136w protection type : shut down o/p voltage, re-power on to recover ul1012 (for gc160axx-ad1 only), tuv en60950-1 approved compliance to en55022 class b, fcc part 15 class b / cispr22 class b, en61000 -3-2,3 2 stage charging characteristic universal ac input / full range no load power consumption<1w 3 pole ac inlet iec320-c14 class i power ( with earth pin) protections: short circuit / overload / over voltage / over temperature c fully enclosed plastic case 2 color led indicator for charging status approvals: tuv / ul / cb / fcc / ce 2 years warranty built-in active pfc function, pf>0.94 ooling by free air convection over temperature g c 1 6 0 s e r i e s 160w single output battery charger recommended battery capacity note.2 current (typ.) continuos output 30 ~ 90ah 5.89a 15 ~ 45ah 2.95a 60 ~160ah 10a short circuit file name:gc160-spec 2011-08-09 90 10 (rth2) detect on inside ambient temperature protection type : shut down o/p voltage, re-power on to recover order no. output connector safety gc160axx-r7b (standard model) 4pin power din tuv / cb / fcc / ce gc160axx-ad1 (optional model) =r7b,ad1 gc160axx- xx=12,24,48 ; anderson connector ul / tuv / cb / fcc / ce ( for gc160axx-ad1 only) tuv rheinland product safety geprufresicherheit emc immunity emc emission
mechanical specification derating curve static characteristics plug assignment charging curve case no.997a unit:mm time v 100% 10% constant voltage area stage 2 float charging i (v,i) constant current area fast charging stage 1 red green color of led ambient temperature ( ) load (%) -30 20 10 30 40 20 40 80 60 100 60 50 70 input voltage (vac) 60hz 85 100 95 120 110 160 140 200 180 240 220 264 load (%) 85 100 80 70 60 50 40 (horizontal) 50 230vac 100vac power led power led 175 175 35 35 72 72 ul2464 18awgx4c 1200 50mm sjtw 16awgx2c 1200 50mm pin no. 1,4 2,3 dc output connector (standard) dc output connector (optional) r7b (kycon kpp-4s or equivalent) [ housing: anderson 1327fp(red), 1327g6fp(black) contacts: anderson 261g2 (45a) or equivalent ] ad1 red(+v) black(-v) output +v -v 2 3 1 4 (r7b) (ad1) ac fg -v connected to ac fg 1 2 4 3 30 3mm 30 3mm g c 1 6 0 s e r i e s 160w single output battery charger file name:gc160-spec 2011-08-09


▲Up To Search▲   

 
Price & Availability of GC160A48-AD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X