Part Number Hot Search : 
0181A 10201 863005A RFHA1025 UTO1024 IRFRC20 BUZ16 161CNQ
Product Description
Full Text Search
 

To Download G80-18B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  60mm (2.36? part no.: g60-4 material: c1008 steel wire dia (ring): 1.6mm wire dia (rib): 1.6mm ring spacing: meets 6.35mm plug gauge test separation force: 220 lbs. on welds fits: 60mm (2.36? fans plating: bright nickel chrome options: additional plating materials are avail- able by special order. 80mm (3.15? part no.: g80-18 and G80-18B [black finish] material: c1008 steel wire dia (ring): 1.8mm wire dia (rib): 1.8mm ring spacing: meets 6.35mm plug gauge test separation force: 220 lbs. on welds fits: 80mm (3.15? fans plating: bright nickel chrome or black options: additional plating materials are avail- able by special order. 92mm (3.62? part no.: g92-16 and g92-16b [black finish] material: c1008 steel wire dia (ring): 1.6mm wire dia (rib): 1.6mm ring spacing: meets 6.35mm plug gauge test separation force: 220 lbs. on welds fits: 92mm (3.65? fans plating: bright nickel chrome or black options: additional plating materials are avail- able by special order. fan guards 60mm - 92mm (2.36?- 3.62? matching fan series: od6010, od6015, od6020, od6025, oa60 matching fan series: od8015, od8020, od8025, od8038, oa825, oa80 matching fan series: od9220, od9225, oa92, oa938 10557 metric drive, dallas, texas 75243 call us: 800-323-2439 or 214-340-0265 www.orionfans.com (orion fans is a registered trademark of knight electronics, inc. 2 74351 guards brochure:74351 guards brochure 5/1/08 3:20 pm page 3


▲Up To Search▲   

 
Price & Availability of G80-18B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X