Part Number Hot Search : 
GL3KG63 BTA06 REEL7 C74VC LTC3556 EE08801 CAT2504 160N04
Product Description
Full Text Search
 

To Download EKMA1101112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ekma output: 1 : digital current consumption: 1 : 1 a 2 : 2 a 3 : 6 a detection range: 01 : 5m 02 : 3m mounting: 1 : to-5 lens material: 1 : polyethylene 2 : silicon lens color: 0 : no lens 1 : white 2 : black 1. low profile achieved with fitted lens and embedded sensing circuit . the low profile sensor (polyethylene: 9.7mm, silicon-lens: 6mm) is possible using panasonic?s proprietary and high-density electronic component mounting. this technology is achieved by simply embedding the sensing circuits inside the actual sensor. ( see ?block diagram? below) with silicon-lens sensor, the lens is incorporated in the outer package to become a pyroelectric sensor module. this makes it easy to mount the sensor on thin or compact products with limited space. 2. motion detection with 3mm diameter miniature flat lens a 3 mm diameter flat surface lens is possible using panasonic?s unique lens formation technology for silicon substrates, making the lens operating substantially small compared to other conventional sensors. 3. 1 a low current consumption possible based on panasonic?s proprietary design the development of a specialized circuit allows the reduction of current consumption to 1 a (*). after motion is detected, the sensor will shift to ?stand-by? mode. reduction of current consumption allows battery life to be extended for battery driven products. these include wireless based or energy sensitive devices. (note: product lineup includes: 1 a, 2 a, and 6 a sensors.) 4. robust design against false starts panasonic papirs sensing circuits are enclosed in a metallic case which helps minimize the adverse effects of external electro magnetic fields. (i.e.: radiated noise caused by cellular phones) since the sensors have a high s/n ratio, they are less sensitive to false starts when operated under different environmental surroundings. security & wireless devices ?security sensors and cameras ?wireless occupancy sensors driven by photovoltaic cells or battery to extend battery life. housing & commercial equipment ? lighting fixtures and wiring devices ? video intercoms, ha control panels ? vending machines etc. home appliances ( energy savings) ? television and pc monitors ? pc, air-conditioners ?air purifiers ? wireless and battery operated monitoring sensing devices has a built-in amplifier and comparator connected directly to a microcomputer. compliance with rohs directive ordering information
product types performance metal tab 2. maximum rated values (common for both pe-lens type, and si-lens type) 1. detection performance ver. 1.1
(*4) (*5): ?sleep mode? or ?standby mode? is for current consumption 1a type. please refer to ?timing chart?. timing chart [duration] [mode] 1. digital output (for current consumption 1a) 3. electrical characteristic (conditions for measuring: ambient temperature: 25 c (77 f) ver. 1.1
2. digital output (for curre nt consumption 2a and 6a) detection performance 1. polyethylene-lens type 2. silicon-lens type metal tab [duration] ver. 1.1
target 3. notes regarding the detection zone detection zone 1. wiring diagram (digital output) how to use 2. moving direction concept 1) polyethylene-lens type 2) silicon-lens type ver. 1.1 as shown on the diagram, the detection zone is polarized. if a target enters the detecti on zones + and ? at the same time, the signals are respectively cancelled and cannot be detected. (please refer to the detection area diagram for details on p.4.)
1) polyethylene-lens type 2) silicon-lens type dimensions when designing your products when designing your products ver. 1.1
note 1. basic principles 2. other handling cautions 3. ambient environmental conditions ver. 1.1
4. external surge voltages 5. power supply-superimposed noise 6. drop damage ver. 1.1


▲Up To Search▲   

 
Price & Availability of EKMA1101112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X