Part Number Hot Search : 
05205GOC 9767AST IMP51115 74LVT TDA48 BF799W 1N3318R 10101
Product Description
Full Text Search
 

To Download CM150DY-24H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sep.2000 b c f d q a s s g k l m e e h h p - dia. (2 typ.) r - m5 thd (3 typ.) n c2e1 j n jj c1 e2 g1 e1 e2 g2 e1 c1 e2 tab#110 t=0.5 g1 e2 g2 c2e1 dimensions inches millimeters a 3.70 94.0 b 3.150 0.01 80.0 0.25 c 1.89 48.0 d 1.18 max. 30.0 max. e 0.90 23.0 f 0.83 21.2 g 0.71 18.0 h 0.67 17.0 j 0.63 16.0 dimensions inches millimeters k 0.51 13.0 l 0.47 12.0 m 0.30 7.5 n 0.28 7.0 p 0.256 dia. dia. 6.5 q 0.31 8.0 r m5 metric m5 s 0.16 4.0 description: mitsubishi igbt modules are de- signed for use in switching applica- tions. each module consists of two igbts in a half-bridge configuration with each transistor having a re- verse-connected super-fast recov- ery free-wheel diode. all compo- nents and interconnects are iso- lated from the heat sinking base- plate, offering simplified system as- sembly and thermal management. features: u low drive power u low v ce(sat) u discrete super-fast recovery free-wheel diode u high frequency operation u isolated baseplate for easy heat sinking applications: u ac motor control u motion/servo control u ups u welding power supplies ordering information: example: select the complete part module number you desire from the table below -i.e. CM150DY-24H is a 1200v (v ces ), 150 ampere dual igbt module. type current rating v ces amperes volts (x 50) cm 150 24 mitsubishi igbt modules CM150DY-24H high power switching use insulated type outline drawing and circuit diagram
sep.2000 absolute maximum ratings, t j = 25 c unless otherwise specified symbol ratings units junction temperature t j C40 to 150 c storage temperature t stg C40 to 125 c collector-emitter voltage (g-e short) v ces 1200 volts gate-emitter voltage (c-e short) v ges 20 volts collector current (t c = 25 c) i c 150 amperes peak collector current i cm 300* amperes emitter current** (t c = 25 c) i e 150 amperes peak emitter current** i em 300* amperes maximum collector dissipation (t c = 25 c, t j 150 c) p c 1100 w atts mounting torque, m5 main terminal C 1.47 ~ 1.96 n m mounting torque, m6 mounting C 1.96 ~ 2.94 n m weight C 270 grams isolation voltage (main terminal to baseplate, ac 1 min.) v iso 2500 vrms *pulse width and repetition rate should be such that the device junction temperature (t j ) does not exceed t j(max) rating. **represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (fwdi). static electrical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units collector-cutoff current i ces v ce = v ces , v ge = 0v C C 1.0 ma gate leakage current i ges v ge = v ges , v ce = 0v C C 0.5 m a gate-emitter threshold voltage v ge(th) i c = 15ma, v ce = 10v 4.5 6.0 7.5 volts collector-emitter saturation voltage v ce(sat) i c = 150a, v ge = 15v C 2.5 3.4** volts i c = 150a, v ge = 15v, t j = 150 c C 2.25 C volts total gate charge q g v cc = 600v, i c = 150a, v ge = 15v C 750 C nc emitter-collector voltage v ec i e = 150a, v ge = 0v C C 3.5 volts ** pulse width and repetition rate should be such that device junction temperature rise is negligible. dynamic electrical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units input capacitance c ies C C 30 nf output capacitance c oes v ge = 0v, v ce = 10v C C 10.5 nf reverse transfer capacitance c res C C 6 nf resistive turn-on delay time t d(on) C C 250 ns load rise time t r v cc = 600v, i c = 150a, C C 350 ns switching turn-off delay time t d(off) v ge1 = v ge2 = 15v, r g = 2.1 w C C 300 ns times fall time t f C C 350 ns diode reverse recovery time t rr i e = 150a, di e /dt = C300a/ m s C C 250 ns diode reverse recovery charge q rr i e = 150a, di e /dt = C300a/ m s C 1.11 C m c thermal and mechanical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units thermal resistance, junction to case r th(j-c) per igbt C C 0.11 c/w thermal resistance, junction to case r th(j-c) per fwdi C C 0.24 c/w contact thermal resistance r th(c-f) per module, thermal grease applied C C 0.065 c/w mitsubishi igbt modules CM150DY-24H high power switching use insulated type
sep.2000 mitsubishi igbt modules CM150DY-24H high power switching use insulated type collector-emitter voltage, v ce , (volts) collector current, i c , (amperes) output characteristics (typical) 300 0246810 150 50 0 v ge = 20v 15 12 11 8 7 t j = 25 o c 100 200 250 10 9 gate-emitter voltage, v ge , (volts) collector current, i c , (amperes) transfer characteristics (typical) 300 048121620 200 150 100 50 0 v ce = 10v t j = 25 c t j = 125 c 250 collector-current, i c , (amperes) collector-emitter saturation voltage, v ce(sat) , (volts) collector-emitter saturation voltage characteristics (typical) 5 0 50 100 150 200 300 4 3 2 1 0 250 v ge = 15v t j = 25 c t j = 125 c gate-emitter voltage, v ge , (volts) collector-emitter saturation voltage, v ce(sat) , (volts) collector-emitter saturation voltage characteristics (typical) 10 048121620 8 6 4 2 0 t j = 25 c i c = 60a i c = 300a i c = 150a emitter-collector voltage, v ec , (volts) free-wheel diode forward characteristics (typical) emitter current, i e , (amperes) collector-emitter voltage, v ce , (volts) capacitance, c ies , c oes , c res , (nf) capacitance vs. v ce (typical) 10 -1 10 0 10 2 10 2 10 1 10 0 10 -1 v ge = 0v 10 1 c ies c oes c res emitter current, i e , (amperes) reverse recovery time, t rr , (ns) reverse recovery characteristics (typical) 10 1 10 2 10 3 10 2 10 3 t rr i rr di/dt = -300a/ m sec t j = 25 c 10 1 10 0 reverse recovery current, i rr , (amperes) 10 1 10 2 gate charge, q g , (nc) gate-emitter voltage, v ge , (volts) gate charge, v ge 20 0 200 400 600 800 1000 16 12 8 4 0 v cc = 400v i c = 150a 1200 v cc = 600v collector current, i c , (amperes) half-bridge switching characteristics (typical) switching time, (ns) 10 1 10 3 7 5 3 2 1.0 1.5 2.0 10 2 7 5 3 2 2.5 3.0 3.5 t j = 25 c 10 1 10 3 7 5 3 2 10 1 23 57 10 2 10 2 7 5 3 2 23 57 10 3 t d(off) v cc = 600v v ge = 15v r g = 2.1 w t j = 125 c t d(on) t f t r
sep.2000 mitsubishi igbt modules CM150DY-24H high power switching use insulated type time, (s) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (igbt) 10 1 10 -5 10 -4 10 -3 10 0 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 single pulse t c = 25 c per unit base = r th(j-c) = 0.11 c/w z th = r th ?(normalized value) 10 -1 10 -2 10 -3 time, (s) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (fwdi) 10 1 10 -5 10 -4 10 -3 10 0 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 single pulse t c = 25 c per unit base = r th(j-c) = 0.24 c/w z th = r th ?(normalized value) 10 -1 10 -2 10 -3


▲Up To Search▲   

 
Price & Availability of CM150DY-24H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X