Part Number Hot Search : 
76579 LS424 RMPA0967 LS424 87759 FDMA7630 24C01 79F1R
Product Description
Full Text Search
 

To Download C91102KX7R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 4-35 model c series electrical features rated voltage 25vdc, 50vdc, 100vdc capacitance range 10pf to 470,000pf (custom 2.2pf to 10pf max.) tolerance j tol. k tol. m tol. z tol. ?% 10% ?0% +80% to -20% temperature coef?ient refer to dielectric table (% of change) operating temperature range cg & x7r: -55? to +125? y5v: -30? to +85? model c series single-in-line conformal coated capacitor networks speci?ations subject to change without notice. ?isolated or bussed circuits ?4 to 14 leads dielectric table dielectric characteristics values x7r ?5% (-55 to +125?) 680pf to 47nf y5v +22% to -82% (-30 to +85?) 10pf to 1,500pf cg (npo) ?0ppm/? 10pf to 1,500pf
4-36 model c series 123 n 12 n + 1 2 n 123 n n-1 4 n-1 n -1 12 n n-1 34 12 n n-2 3 n-1 -1 circuit -2 circuit -4 circuit -3 circuit -8 circuit schematics .300 7.62 max. .100(2.54mm) x n + .050(1.27mm) max. .100 .010 2.54 0.25 .130 3.3 max. .138 0.03 3.5 0.8 n = # of leads outline dimensions (inch/mm)
4 4-37 model c series ordering information model series no. of leads: 4 to 14 pins circuit type capacitance code: 102 = 1,000pf rated voltage: 2 = 25vdc 5 = 50vdc 1 = 100vdc dielectric code: x7r: 680pf ~ 47nf y5v: 10pf ~ 1,500pf cg (npo): 10pf ~ 1,500pf tolerance: j = 5% k = 10% m = 20% z = ?0% ~ +80% c 10 1 102 m sl 2 423 c10 - 1 102msl lead #1 indicator logo model date code typical part marking


▲Up To Search▲   

 
Price & Availability of C91102KX7R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X