Part Number Hot Search : 
C847B D5027 V430RA8 V430RA8 MPC5567 FQD7N20 MPC5567 LBN07080
Product Description
Full Text Search
 

To Download BP8-6VFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 8.0ah @ 20 hour rate f.v.(1.75v/cell) t erminals 9m 2.4 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 98 1.5 width 56 1.5 container height 118 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 6 v max. charge current container material dimension(mm/inch) 1550g(3.42lbs.) vrla rechargeable battery (BP8-6VFR) bp8-6v technology measures innovation values iso 9001 iso14001 ul ce 1181.5 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 application features maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). specifications iec61056 jis c 8702gb/t 19639 approx. weight max. discharge current 120 a (5 sec.) (fully charged ) operating tem perature range (3.86 0.06) (2.20 0.06) (4.65 0.06) (4.65 0.06) all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. t1 (faston tab 187) t2 is optional t er m in al t 1 4 . 7 5 ( 0 . 1 9 ) 3. 2( 0. 13 ) 6. 35 (0 .2 5) 0 . 8 ( 0 . 0 3 ) t e rm in a l t 2 3. 4( 0. 13 ) 6 . 3 5 ( 0 . 2 5 ) 7. 85 (0 .3 1) 0 . 8 ( 0 . 0 3 ) ups (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 144.6 167.4177.9 185.8 192.0 106.5 115.3119.5 122.4124.8 85.389.2 92.0 94.1 96.0 50.852.7 53.9 54.7 55.2 29.130.0 30.5 30.9 31.2 11.6611.89 12.0012.08 12.16 8.048.16 8.20 8.23 8.26 4.494.56 4.58 4.60 4.60 2.36 2.40 2.41 2.42 2.42 (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 26.06 30.71 32.63 34.10 35.23 18.7420.31 21.04 21.54 21.97 14.8415.52 16.00 16.37 16.70 8.608.93 9.14 9.26 9.36 4.895.04 5.13 5.19 5.24 1.941.98 2.00 2.01 2.03 1.3401.360 1.367 1.372 1.376 0.7490.760 0.764 0.766 0.766 0.394 0.400 0.402 0.403 0.403 toy-cars emergency lights 1. 5( 2. 20 56 .0 0. 06 ) 98 .0 1. 5( 3. 86 0. 06 ) 1 1 8 . 0 1 . 5 ( 4 . 6 5 0 . 0 6 ) 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v


▲Up To Search▲   

 
Price & Availability of BP8-6VFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X