Part Number Hot Search : 
AAT8107 1LT1G MX25L163 DTC114 74LCX 1N5651A TPS610 HC139A
Product Description
Full Text Search
 

To Download BC328-XBK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc327-xbk / BC328-XBK bc327-xbk / BC328-XBK pnp general purpose si-epitaxial planar transistors si-epitaxial planar-transistoren fr universellen einsatz pnp version 2010-06-23 dimensions - ma?e [mm] power dissipation verlustleistung 625 mw plastic case kunststoffgeh?use to-92 (10d3) weight approx. C gewicht ca. 0.18 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert special packaging bulk sonder-lieferform schttgut maximum ratings (t a = 25c) grenzwerte (t a = 25c) bc327 bc328 collector-emitter-volt. C kollektor-emitter-spannung e-b short - v ces 50 v 30 v collector-emitter-volt. C kollektor-emitter-spannung b open - v ceo 45 v 25 v emitter-base-voltage C emitter-basis-spannung c open - v ebo 5 v power dissipation C verlustleistung p tot 625 mw 1 ) collector current C kollektorstrom (dc) - i c 800 ma peak collector current C kollektor-spitzenstrom - i cm 1 a base current C basisstrom - i b 100 ma junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -55...+150c -55+150c characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. dc current gain C kollektor-basis-stromverh?ltnis 2 ) - v ce = 1 v, - i c = 100 ma group -16 group -25 group -40 h fe h fe h fe 100 160 250 160 250 400 250 400 630 - v ce = 1 v, - i c = 300 ma group -16 group -25 group -40 h fe h fe h fe 60 100 170 130 200 320 C C C collector-emitter saturation voltage C kollektor-emitter-s?ttigungsspg. 2 ) - i c = 500 ma, - i b = 50 ma - v cesat C C 0.7 v 1 valid, if leads are kept at ambient temperature at a distance of 2 mm from case gltig wenn die anschlussdr?hte in 2 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 tested with pulses t p = 300 s, duty cycle 2% C gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% ? diotec semiconductor ag http://www.diotec.com/ 1 2 x 1.27 c b e 4.6 0.1 4 . 6 0 . 1 m i n 1 2 . 5
bc327-xbk / BC328-XBK characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. base-emitter-voltage C basis-emitter-spannung 2 ) - v ce = 1 v, - i c = 300 ma, - v be C C 1.2 v collector-emitter cutoff current C kollektor-emitter-reststrom - v ce = 45 v, (b-e short) - v ce = 25 v, (b-e short) bc327 bc328 - i ces - i ces C C 2 na 2 na 100 na 100 na - v ce = 45 v, t j = 125c, (b-e short) - v ce = 25 v, t j = 125c, (b-e short) bc327 bc328 - i ces - i ces C C C C 10 a 10 a gain-bandwidth product C transitfrequenz - v ce = 5 v, - i c = 10 ma, f = 50 mhz f t C 100 mhz C collector-base capacitance C kollektor-basis-kapazit?t - v cb = 10 v, i e =i e = 0, f = 1 mhz c cbo C 12 pf C thermal resistance junction to ambient air w?rmewiderstand sperrschicht C umgebende luft r tha < 200 k/w 1 ) recommended complementary npn transistors empfohlene komplement?re npn-transistoren bc337 / bc338 available current gain groups per type lieferbare stromverst?rkungsgruppen pro typ bc327-16 bc327-25 bc327-40 bc328-16 bc328-25 bc328-40 2 tested with pulses t p = 300 s, duty cycle 2% C gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% 1 valid, if leads are kept at ambient temperature at a distance of 2 mm from case gltig wenn die anschlussdr?hte in 2 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag [%] p tot 120 100 80 60 40 20 0 [c] t a 150 100 50 0 power dissipation versus ambient temperature ) verlustleistung in abh. von d. umgebungstemp. ) 1 1


▲Up To Search▲   

 
Price & Availability of BC328-XBK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X