specification model apv-12-5 APV-12-12 apv-12-15 apv-12-24 dc voltage rated current current range rated power output line regulation load regulation setup, rise time note.6 hold up time (typ.) voltage range note.4 frequency range efficiency (typ.) ac current input inrush current(max.) leakage current safety standards working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over current over voltage 5v 12v 15v 24v 2a 1a 0.8a 0.5a 0 ~ 2a 0 ~ 1a 0 ~ 0.8a 0 ~ 0.5a 10w 12w 12w 12w 100mvp-p 120mvp-p 120mvp-p 150mvp-p 5.0% 1.0% 2.0% 1 1500ms,30ms / 115vac 500ms, 30ms / 230vac at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 76% 82% 82% 84% 5.75 ~ 6.75v 13.8 ~ 16v 17.5 ~ 21v 27.6 ~ 32.4v 0.2a/230vac 0.35a/115vac cold start 35a/115vac 70a/230vac 0.25ma / 240vac above 105% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed -30 ~ +70 (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes design refer to tuv en60950-1, en61347-2-13,ul8750 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltage. please check the static ch aracteristics for more details. 5. the power supply is considered as a component that will be operated in comb ination with final equipment. since emc performance will be affected by t he complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 6. length of set up time is measured at first cold start. turning on/off the pow er supply may lead to increase of the set up time. protection type : shut off o/p voltage, clamping by zener diode 12w single output switching power supply constant voltage designuniversal ac input / full range protections: short circuit / over current / over voltage fully isolated plastic case cooling by free air convection ass lps suitable for led lighting and moving sign applications100% full load burn-in test low cost, high reliability 2 years warranty small and compact sizep features : a s e r i e s p v- 1 2 ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 20ms/230vac 15ms/115vac at full load withstand voltage isolation resistance i/p-o/p:3.75kvac i/p-o/p:>100m ohms / 500vdc / 25 / 70% rh file name:apv-12-spec 2011-07-09 emc immunity compliance to en55015,en61000-3-2 class a,en61000-3-3 compliance to en61547,en61000-4-2,3,4,5,6,8,11; light indus try level(surge 2kv), criteria a emc emission 77*40*29(l*w*h) 1145.7k hrs min. mil-hdbk-217f (25j) 0.08kg; 120pcs/11.8kg/0.93cuft lps 110 selv f
file name:apv-12-spec 2011-07-09 mechanical specification unit:mm derating curve static characteristics ambient temperature ( ) load (%) -30 0 10 20 30 40 50 70 20 40 60 80 100 (horizontal) block diagram detection pwm circuit emi filter power switch- filter & rectifiers +v -v i/p ing control 50 12w single output switching power supply a p v- 1 2 s e r i e s input voltage (vac) 60hz 90 100 200 220 210 230 250 240 264 load (%) 90 100 80 70 60 50 40 fosc : 67khz rectifiers 60 45 5v other 77 40 82.5 90 150 10 150 10 15.5 29 ul1569 20awg ul1569 18awg +v(red) -v(black) ac/n(blue) ac/l(brown) 19 31 t case t case: max. case temperature
|