adsl pots splitter module p/n: AD-CO8PCN data sheet bothhand usa bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhand.com 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-5434 feature 8 ports are available. handle all pots loop currents from 0 ma to 100 ma. designed for implementation of adsl co application. operating temperature: -10 to +60 . storage temperature: -25 to +75 . . specifications parameter condition min typ max unit impedance 600 ohms @25 khz~30 khz -50 db @30 khz~300 khz -65 db adsl band attenuation @300 khz~1.1mhz -55 db delay distortion @0.6 to 3.2 khz 100 us longitudinal balance @200hz~3.4khz -58 db resistance isolation to earth 10 mohms dc current carrying capability 100 ma dc resistance each line 20 ohms tip to ring capacitance 115 nf insertion loss @ 200 to 3.4 khz +1.0 0 -1.0 db return loss @ 0.3 to 0.5 khz 14 db @ 0.5 to 2.0 khz 18 db @ 2.0 to 3.4 khz 16 db
adsl pots splitter module p/n: AD-CO8PCN data sheet bothhand usa bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhand.com 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-5434 schematic mechanical top-view up-side-component j6 j " j2 j3 j4 j5 AD-CO8PCN-a j7 j8 c5 c4 c3 c2 c " g5 g4 g2 g " g3 l " ad-3005 l2 l3 ad-3005 ad-3005 l4 ad-3005 l5 ad-3005 ad-3007 l9 ad-3007 l " 0l "" c9 c " 0c "" ad-3007 ad-3007 l " 2l " 3 ad-3007 c " 2c " 3 c8 c7 c6 g8 g7 g6 l8 l6 ad-3005 l7 ad-3005 ad-3005 l " 6 c " 6 l " 4 ad-3007 ad-3007 l " 5 c " 4c " 5 ad-3007 l11 l21 l31 l41 l51 l61 l71 l81
|