Part Number Hot Search : 
30002 02000 40106 P6KE75CA 2FTB6V GBLC05 NTE1836 M6244
Product Description
Full Text Search
 

To Download 800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the 800 series is family of miniature, high performance and high reliability dc/dc converters. the 800 series operates over 2:1 input voltage ranges of 9 to 18, 18 to 36 or 36 to 72vdc; providing single, dual and triple output combinations of 5, 12, 15, 5, 12, 15, 5/12 and 5/15 vdc. standard features include 500vdc input/output isolation, efficiency as high as 82%, tight line/load regulation and low output ripple and noise. all 24 models are packaged in compact, low profile 1 x 2 x 0.4 metal cases. d d e e s s c c r r i i p p t t i i o o n n s s 800 series ? ? s s y y n n c c h h r r o o n n i i z z a a t t i i o o n n ? ? 6 6 s s i i d d e e d d c c o o n n t t i i n n u u o o u u s s s s h h i i e e l l d d i i n n g g ? ? 9 9 . . 3 3 8 8 w w / / i i n n 3 3 p p o o w w e e r r d d e e n n s s i i t t y y ? ? e e f f f f i i c c i i e e n n c c y y t t o o 8 8 2 2 % % ? ? v v d d e e / / e e n n 6 6 0 0 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? > > 1 1 , , 0 0 0 0 0 0 , , 0 0 0 0 0 0 h h o o u u r r s s m m t t b b f f f f e e a a t t u u r r e e s s i i n n p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s o o u u t t p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments input voltage range 12 vdc input models vdc 24 vdc input models vdc 48 vdc input models vdc remote on / off control supply on 0 vdc to 0.6 vdc supply off 1 vdc to 5 vdc logic referenced to negative input input filter lc type input fuse rating see model selection guide unit/comments % 1 % 1 % 1 %; equal output loads %; equal output loads full load % 2 % 2 % 2 % 3 % 3 ; equal loads % 3 % 3 ; equal loads % of vout (20 mhz b.w.) continuous, auto- matic recovery s to within1% error band for 50% step load change % per o c min 10% typ max 1.0 1.0 6.0 1.0 1.0 0.5 0.5 5.0 0.5 1.0 0.5 6.0 2 200 0.01 single, dual, triple output dc/dc converter min 9 18 36 typ 12 24 48 max 18 36 72 g g e e n n e e r r a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments switching frequency khz isolation voltage vdc, 1 minute isolation resistance mohm, 500vdc mtbf (mil-hbk-217f) million hours, +25 o c, ground benign min 100 500 1000 1 typ max output voltage accuracy single & dual outputs triple outputs - primary - auxiliaries voltage balance: dual outputs triple outputs (auxiliaries) minimum load line regulation single & dual outputs triple outputs - primary - auxiliaries load regulation single outputs dual outputs triple outputs - primary - auxiliaries ripple/noise short circuit protection transient recovery time temperature coefficient over voltage protection 1 = output voltage at nominal line & fl 2 = % output voltage measured from min. input line to maximum 3 = output voltage measured from fl to 10% load see model selection guide >> b-85 www.make-ps.com e-mail:info@make-ps.com
e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t l l i i n n e e d d r r a a w w i i n n g g all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. p p h h y y s s i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments 1.0 x 2.0 x 0.4 inches (25.5 x 51.0 x 10.2 mm) coated metal negative input, pin 3 positive input, pin 4 ul94v-0 42.5 grams case size case material shield connection 12v and 24v input models 48v input models flammability weight unit/comments o c; ambient o c % humidity; non- condensing free-air convection operating temp. range storage temp. range relative humidity cooling min -30 -40 typ max +75 +125 95 notes: 1. unless otherwise specified dimensions are in inches (mm). tolerances inches mm x.xx = 0.02 x.x = 0.5 0.20 (5.1) 1.00 (25.4) 0.10 (2.5) .040 .005 (1.0) dia. bottom 9 8 7 6 5 4 3 2 1 0.10 (2.5) 2.00 (50.8) side .20 (5.1) .20 (5.1) .20 (5.1) 0.30. (7.6) 0.40 (10.2) p p i i n n o o u u t t c c h h a a r r t t 0.20 (5.1) 0.20 (5.1) 0.20 (5.1) 0.10 (2.5) .20 (5.1) single remote on/off sync - vin + vin nc nc nc - vout + vout dual remote on/off sync - vin + vin - vout common + vout nc nc triple remote on/off sync - vin + vin - vout (aux) common(aux) +vout (aux) +5v common +5v vout pin 1 2 3 4 5 6 7 8 9 nc = no connection >> b-86 www.make-ps.com e-mail:info@make-ps.com
h h o o w w t t o o o o r r d d e e r r 8 xx d xx output voltage h h o o w w t t o o o o r r d d e e r r m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t model nominal input voltage (vdc) output voltage (vdc) full load output current (ma) no load input current (ma) full load input current (ma) input reflected ripple current (ma) output over voltage (vdc) fuse (ma) efficiency @fl (%) wattage nominal input voltage output configuration (s=single, d=dual) 805s12 812s12 815s12 805d12 812d12 815d12 805s24 812s24 815s24 805d24 812d24 815d24 805s48 812s48 815s48 805d48 812d48 815d48 805/12t12 805/15t12 805/12t24 805/15t24 805/12t48 805/15t48 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 12 12 24 24 48 48 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5, 12 5, 15 5, 12 5, 15 5, 12 5, 15 1500 625 500 750 300 250 1500 625 500 750 300 250 1500 625 500 750 300 250 1000100 1000100 1000100 1000100 1000100 1000100 46 46 46 46 46 46 55 55 55 55 55 55 40 40 40 40 40 40 42 42 42 42 40 40 780 786 786 786 786 786 384 384 384 382 382 382 198 198 198 204 198 198 843 843 411 411 203 203 30 30 30 30 30 30 40 40 40 40 40 40 30 30 30 30 30 30 36 36 36 36 33 33 6.8 15.0 18.0 6.8 15.0 18.0 6.8 15.0 18.0 6.8 15.0 18.0 6.8 15.0 18.0 6.8 15.0 18.0 6.8, 15.0 6.8, 18.0 6.8, 15.0 6.8, 18.0 6.8, 15.0 6.8, 18.0 1500 1500 1500 1500 1500 1500 750 750 750 750 750 750 500 500 500 500 500 500 2000 2000 1000 1000 500 500 79 79 79 79 80 80 81 81 82 82 82 82 79 79 79 78 79 79 79 79 81 81 82 82 8 xx / 15 t xx wattage main output voltage aux output voltage nominal input voltage output configuration (t= triple) s s i i n n g g l l e e a a n n d d d d u u a a l l o o u u t t p p u u t t t t r r i i p p l l e e o o u u t t p p u u t t >> b-87 www.make-ps.com e-mail:info@make-ps.com


▲Up To Search▲   

 
Price & Availability of 800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X