Part Number Hot Search : 
17500 NTE1952 HT47C06L AN7292SC NJW1136L C6204C46 KK74A TLE6208
Product Description
Full Text Search
 

To Download 68782-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0687820002 status: active overview: serial_ata_products description: external serial ata-to-external serial ata cable assembly, straight overmold, 2.0m (6.56' ) cable length documents: drawing (pdf) rohs certificate of compliance (pdf) general product family cable assemblies series 68782 connector to connector esata-to-esata overview serial_ata_products product name external serial ata, serial ata physical cable length 2.0m (6.56' ) circuits (loaded) 7 gender plug lock to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin packaging type bag pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 2 plating min: mating (m) 0.05 plating min: termination (in) 50.8 plating min: termination (m) 1.27 single ended no termination interface: style surface mount waterproof / dustproof no wire insulation diameter 1.130.05mm wire size awg 26 wire/cable type twin-ax electrical current - maximum per contact 0.5a impedance 100 ohms shield type full shield shielded yes voltage - maximum 15v dc material info reference - drawing numbers sales drawing sd-68782-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 68782 series this document was generated on 05/25/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 68782-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X