Part Number Hot Search : 
OPT8C CY7C138 XLN8018 2T213 2SJ661 1000W 17015E 1N498
Product Description
Full Text Search
 

To Download 30CPQ050-N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-30cpq0.0pbf, vs-30cpq0.0-n3 www.vishay.com vishay semiconductors revision: 01-sep-11 1 document number: 94183 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 schottky rectifier, 2 x 15 a features ? 150 c t j operation ? very low forward voltage drop ? high frequency operation ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and mois ture resistance ? guard ring for enhanced ruggedness and long term reliability ? compliant to rohs directive 2002/95/ec ? designed and qualified according to jedec-jesd47 ? halogen-free according to iec 61249-2-21 definition (-n3 only) description the vs-30cpq... center tap sc hottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. the proprietary barr ier technology allows for reliable operation up to 150 c junction temperature. typical applications are in switchin g power supplies, converters, freewheeling diodes, and re verse battery protection. product summary package to-247ac i f(av) 2 x 15 a v r 50 v, 60 v v f at i f 0.56 v i rm max. 45 ma at 125 c t j max. 150 c diode variation common cathode e as 13 mj base common cathode common cathode 2 2 13 anode 1 anode 2 to-247ac major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 30 a v rrm 50/60 v i fsm t p = 5 s sine 1020 a v f 15 apk, t j = 125 c (per leg) 0.56 v t j - 55 to 150 c voltage ratings parameter symbol vs-30cpq050pbf vs-30CPQ050-N3 vs-30cpq060pbf vs-30cpq060-n3 units maximum dc reverse voltage v r 50 50 60 60 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 i f(av) 50 % duty cycle at t c = 112 c, rectangular waveform 30 a maximum peak one cycle non-repetitive surge current per leg see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 1020 10 ms sine or 6 ms rect. pulse 265 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 1.50 a, l = 11.5 mh 13 mj repetitive avalanche current per leg i ar current decaying linear ly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 1.50 a
vs-30cpq0.0pbf, vs-30cpq0.0-n3 www.vishay.com vishay semiconductors revision: 01-sep-11 2 document number: 94183 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop per leg see fig. 1 v fm (1) 15 a t j = 25 c 0.60 v 30 a 0.80 15 a t j = 125 c 0.56 30 a 0.70 maximum reverse leakage current per leg see fig. 2 i rm (1) t j = 25 c v r = rated v r 0.80 ma t j = 125 c 45 maximum junction capacitance per leg c t v r = 5 v dc (test signal range 100 khz to 1 mhz) 25 c 720 pf typical series inductance per leg l s measured lead to lead 5 mm from package body 7.5 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 55 to 150 c maximum thermal resistance, junction to case per leg r thjc dc operation see fig. 4 2.20 c/w maximum thermal resistance, junction to case per package dc operation 1.10 typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.24 approximate weight 6g 0.21 oz. mounting torque minimum non-lubricated threads 6 (5) kgf ?? cm (lbf ?? in) maximum 12 (10) marking device case style to-247ac (jedec) 30cpq050 30cpq060
vs-30cpq0.0pbf, vs-30cpq0.0-n3 www.vishay.com vishay semiconductors revision: 01-sep-11 3 document number: 94183 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - maximum forward voltage drop characteristics (per leg) fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 4 - maximum thermal impedance z thjc characteristics (per leg) 0.1 1 100 10 1000 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.2 0.4 1.0 1.4 1.6 1. 8 2.0 1.2 0.6 0 0. 8 t j =150 c t j =125 c t j = 25 c 0.001 0.01 0.1 1 10 100 1000 i r - reverse current (ma) v r - reverse voltage (v) 10 20 50 60 40 0 30 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 100 1000 c t - junction capacitance (pf) v r - reverse voltage (v) 15 35 50 60 65 55 40 25 0 5 10 20 30 45 t j = 25 c 0.001 0.1 0.01 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 100 single p u lse (thermal resistance) d = 0.50 d = 0.33 d = 0.25 d = 0.17 d = 0.0 8 p dm t 1 t 2 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
vs-30cpq0.0pbf, vs-30cpq0.0-n3 www.vishay.com vishay semiconductors revision: 01-sep-11 4 document number: 94183 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - maximum allowable case temperature vs. average forward current (per leg) fig. 6 - forward power lo ss characteristics (per leg) fig. 7 - maximum non-repeti tive surge current (per leg) fig. 8 - unclamped inductive test circuit 115 125 135 145 155 allowable case temperature (c) i f(av) - average forward current (v) 610 1620 22 1 8 12 8 024 14 r thjc (dc) = 220 c/ w dc 0 2 4 6 8 10 12 14 average power loss (w) i f(av) - average forward current (a) 610 1620 22 1 8 12 8 024 14 d = 0.0 8 d = 0.17 d = 0.25 d = 0.33 d = 0.50 rms limit dc 100 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and w ith rated v rrm applied follo w ing s u rge c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02
vs-30cpq0.0pbf, vs-30cpq0.0-n3 www.vishay.com vishay semiconductors revision: 01-sep-11 5 document number: 94183 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n quantity per t/r minimum order quantity packaging description vs-30cpq050pbf 25 500 antistatic plastic tube vs-30CPQ050-N3 25 500 antistatic plastic tube vs-30cpq060pbf 25 500 antistatic plastic tube vs-30cpq060-n3 25 500 antistatic plastic tube links to related documents dimensions www.vishay.com/doc?95223 part marking information to-247ac pbf www.vishay.com/doc?95226 to-247ac -n3 www.vishay.com/doc?95007 - current rating (30 = 30 a) - circuit configuration: c = common cathode - package: p = to-247 - schottky ?q? series - voltage code 050 = 50 v 060 = 60 v device code 6 2 4 3 5 7 30 c p q 060 pbf vs- 1 - vishay semiconductors product - pbf = lead (pb)-free and rohs compliant -n3 = halogen-free, rohs compliant, and totally lead (pb)-free environmental digit 7 1 2 3 4 5 6
outline dimensions www.vishay.com vishay semiconductors revision: 16-jun-11 1 document number: 95223 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and inches notes (1) dimensioning and tolera ncing per asme y14.5m-1994 (2) contour of slot optional (3) dimension d and e do not include mold flas h. mold flash shall not exceed 0.127 mm (0 .005") per side. these dimensions are measu red at the outermost extremes of the plastic body (4) thermal pad contour optional with dimensions d1 and e1 (5) lead finish uncontrolled in l1 (6) ? p to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154") (7) outline conforms to jede c outline to-247 with ex ception of dimension c symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.65 5.31 0.183 0.209 d2 0.51 1.30 0.020 0.051 a1 2.21 2.59 0.087 0.102 e 15.29 15.87 0.602 0.625 3 a2 1.50 2.49 0.059 0.098 e1 13.72 - 0.540 - b 0.99 1.40 0.039 0.055 e 5.46 bsc 0.215 bsc b1 0.99 1.35 0.039 0.053 fk 2.54 0.010 b2 1.65 2.39 0.065 0.094 l 14.20 16.10 0.559 0.634 b3 1.65 2.37 0.065 0.094 l1 3.71 4.29 0.146 0.169 b4 2.59 3.43 0.102 0.135 n 7.62 bsc 0.3 b5 2.59 3.38 0.102 0.133 ? p 3.56 3.66 0.14 0.144 c 0.38 0.86 0.015 0.034 ? p1 - 6.98 - 0.275 c1 0.38 0.76 0.015 0.030 q 5.31 5.69 0.209 0.224 d 19.71 20.70 0.776 0.815 3 r 4.52 5.49 1.78 0.216 d1 13.08 - 0.515 - 4 s 5.51 bsc 0.217 bsc 0.10 a c m m e n (2) (3) (4) (4) (2) r/2 b 2 x r s d see view b 2 x e b4 3 x b 2 x b2 l c (5) l1 1 2 3 q d a a2 a a a1 c ? k b d m m a (6) ? p (datum b) fp1 d1 (4) 4 e1 0.01 b d m m view a - a thermal pad d2 dde e c c view b (b1, b3, b5) base metal c1 (b, b2, b4) section c - c, d - d, e - e (c) planting lead assignments diodes 1. - anode/open 2. - cathode 3. - anode
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of 30CPQ050-N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X