Part Number Hot Search : 
MMBT555 C1454 PB1004G C4064 T1063 MUR3020 CMF211 5236B
Product Description
Full Text Search
 

To Download 2SD1267A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2sd1267 2SD1267A d escription with to-220fa package high forward current transfer ratio h f e which has satisfactory linearity low collector saturation voltage complement to type 2sb942/942a applications for power amplification pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2sd1267 60 v cbo collector- base voltage 2SD1267A open emitter 80 v 2sd1267 60 v ceo collector-emitter voltage 2SD1267A open base 80 v v ebo emitter-base voltage open collector 5 v i c collector current 4 a i cm collector current-peak 8 a t a =25 2 p c collector power dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2sd1267 2SD1267A characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2sd1267 60 v (br)ceo collector-emitter breakdown voltage 2SD1267A i c =30ma ,i b =0 80 v v cesat collector-emitter saturation voltage i c =4a, i b =0.4a 1.5 v v be base-emitter voltage i c =3a ; v ce =4v 2.0 v i ebo emitter cut-off current v eb =5v; i c =0 1.0 ma 2sd1267 v ce =30v; i b =0 i ceo collector cut-off current 2SD1267A v ce =60v; i b =0 0.7 ma 2sd1267 v ce =60v; v be =0 i ces collector cut-off current 2SD1267A v ce =80v; v be =0 0.4 ma h fe-1 dc current gain i c =1a ; v ce =4v 70 250 h fe-2 dc current gain i c =3a ; v ce =4v 15 f t transition frequency i c =0.5a; v ce =5v,f=1mhz 20 mhz switching times t on turn-on time 0.4 s t stg storage time 1.5 s t f fall time i c =4a;i b1 =-i b2 =0.4a v cc =50v 0.5 s  h fe-1 classifications q p 70-150 120-250
savantic semiconductor product specification 3 silicon npn power transistors 2sd1267 2SD1267A package outline fig.2 outline dimensions (unindicated tolerance: 0.15 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2sd1267 2SD1267A


▲Up To Search▲   

 
Price & Availability of 2SD1267A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X