Part Number Hot Search : 
CS439 D2136 7C291A D1866 CHEMG6PT 1ZB33 3BG256 0C188
Product Description
Full Text Search
 

To Download 2SC4617T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 july, 2004 ? rev. 4 1 publication order number: 2sc4617/d 2sc4617 npn silicon general purpose amplifier transistor this npn transistor is designed for general purpose amplifier applications. this device is housed in the sc?75/sot-416 package which is designed for low power surface mount applications, where board space is at a premium. features ? pb?free package is available* ? reduces board space ? high h fe , 210 ?460 (typical) ? low v ce(sat) , < 0.5 v ? available in 8 mm, 7 inch/3000 unit tape and reel *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. npn general purpose amplifier transistors surface mount http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information sc?75 case 463 style 1 marking diagram 1 2 3 collector 3 1 base 2 emitter b9 = specific device code m = date code b9 m 1
2sc4617 http://onsemi.com 2 maximum ratings (t j = 25 c) rating symbol value unit collector-base voltage v (br)cbo 50 vdc collector-emitter voltage v (br)ceo 50 vdc emitter-base voltage v (br)ebo 5.0 vdc collector current ? continuous i c 100 madc maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. thermal characteristics characteristic symbol max unit power dissipation (note 1) p d 125 mw junction temperature t j 150 c storage temperature range t stg ?55 ~ + 150 c 1. device mounted on a fr-4 glass epoxy printed circuit board using the minimum recommended footprint. electrical characteristics (t a = 25 c) characteristic symbol min typ max unit collector-base breakdown voltage (i c = 50  adc, i e = 0) v (br)cbo 50 ? ? vdc collector-emitter breakdown voltage (i c = 1.0 madc, i b = 0) v (br)ceo 50 ? ? vdc emitter-base breakdown voltage (i e = 50  adc, i e = 0) v (br)ebo 5.0 ? ? vdc collector-base cutoff current (v cb = 30 vdc, i e = 0) i cbo ? ? 0.5  a emitter-base cutoff current (v eb = 4.0 vdc, i b = 0) i ebo ? ? 0.5  a collector-emitter saturation voltage (note 2) (i c = 60 madc, i b = 5.0 madc) v ce(sat) ? ? 0.4 vdc dc current gain (note 2) (v ce = 6.0 vdc, i c = 1.0 madc) h fe 120 ? 560 ? transition frequency (v ce = 12 vdc, i c = 2.0 madc, f = 30 mhz) f t ? 180 ? mhz output capacitance (v cb = 12 vdc, i c = 0 adc, f = 1 mhz) c ob ? 2.0 ? pf 2. pulse test: pulse width 300  s, d.c. 2%. ordering information device package shipping 2 2sc4617 sc?75 3,000 / tape & reel 2sc4617g sc?75 (pb?free) 3,000 / tape & reel 2sc4617t1 sc?75 3,000 / tape & reel 2SC4617T1G sc?75 (pb?free) 3,000 / tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
2sc4617 http://onsemi.com 3 typical electrical characteristics figure 1. i c ? v ce v ce , collector voltage (v) figure 2. dc current gain i c , collector current (ma) figure 3. collector saturation region i b , base current (ma) figure 4. on voltage i c , collector current (ma) i c , collector current (ma) 60 0 50 40 30 20 10 0 24 68 t a = 25 c 160  a 140  a 120  a 100  a 80  a 60  a 40  a i b = 20  a dc current gain 1000 0.1 100 10 1 10 100 t a = 25 c t a = - 25 c t a = 75 c v ce = 10 v v ce , collector-emitter voltage (v) 2 0.01 1.5 1 0.5 0 0.1 1 10 100 t a = 25 c collector voltage (mv) 900 0.2 800 700 600 500 400 300 200 100 0.5 1 5 10 20 40 60 80 100 150 200 t a = 25 c v ce = 5 v 0 figure 5. capacitance v cb (v) figure 6. capacitance v eb (v) 20 0 18 16 14 12 10 1234 7 0 c ib , input capacitance (pf) 6 5 4 3 2 1 10 20 30 40 c ob , capacitance (pf)
2sc4617 http://onsemi.com 4 package dimensions sc?75 (sot?416) case 463?01 issue c dim min max min max inches millimeters a 0.70 0.90 0.028 0.035 b 1.40 1.80 0.055 0.071 c 0.60 0.90 0.024 0.035 d 0.15 0.30 0.006 0.012 g 1.00 bsc 0.039 bsc h ??? 0.10 ??? 0.004 j 0.10 0.25 0.004 0.010 k 1.45 1.75 0.057 0.069 l 0.10 0.20 0.004 0.008 s 0.50 bsc 0.020 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. m 0.20 (0.008) b ?a? ?b? s d g 3 pl 0.20 (0.008) a k j l c h 3 2 1 style 1: pin 1. base 2. emitter 3. collector on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 2sc4617/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of 2SC4617T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X