this document was generated on 03/18/2010 please check www.molex.com for latest part information part number: 0190690218 status: active description: krimptite? ring tongue terminal for 10-12 awg wire, stud size 10, length 24.18mm (.952"), mylar tape carrier documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr18689 ul e32244 general product family ring and spade terminals series 19069 crimp quality equipment yes mil-spec n/a product name krimptite? type ring physical barrel type closed insulation none material - plating mating tin packaging type adhesive tape on reel plating min: mating (in) 100 plating min: mating (m) 2.5 plating min: termination (in) 100 plating min: termination (m) 2.5 stud size 10 (m5) wire size awg 10, 12 wire size mm2 4.00 - 6.00 material info old part number c-130-10t reference - drawing numbers sales drawing ccd10101 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19069 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # atp perishable tool kit, used in atp presses that process product on tape 0190270088 mini-mac? applicator 0638851000 this document was generated on 03/18/2010 please check www.molex.com for latest part information
|