Part Number Hot Search : 
F10UP60 BSS138W DUD1215 PS1201 PS1201 T210I IR2110E4 1205S
Product Description
Full Text Search
 

To Download SSAH110100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  115 other use type small size general use type big size general use type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products SSAH110100 ssah120100 reflow soldering not specified with horizontal 1.5 1 3 operating section directions ground terminal operating section thickness  mm  poles positions products no. drawing no. changeover timing location lug minimum order unit  pcs.  travel  mm  0.9(h)mm, 1.5mm-travel surface mount type ssah series low-profile type with only 0.9mm in height. slide switch 0.7 1 with 16,000 product line without 2 operating life 1ma 5v dc/50 b a 3v dc refer to the dimensions. 200m 
max./300m 
max. 10,000cycles rating  max.    min.   resistive load  items specifications contact resistance  initial performance/after lifetime  operating force 10,000cycles  1ma 5v dc  without load with load typical specifications taping specification(taping packaging) reel size   unit:mm 4,000 8,000 16,000 24 number of packages  pcs.  tape width  mm  1 reel 1 case /japan 1 case /export packing please place purchase orders per minimum order unit(integer). note
116 other use type small size general use type big size general use type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products         
 dimensions unit:mm style pc board mounting hole and land dimensions  viewed from the direction a  no. circuit diagram  viewed from direction a  1 2 1 2 3 4 c      1.2 0.4 1 1 1 c 0.15 1.2 1.5 1.5 abc travel 0.5 0.5 9.5 0.9 pc board mounting face 0.44 0.7 1.5 3 0.1 te rm inal no. ? a 0.9n a b c b j j } 1.2n b a b c j j }          
             
        # ? $ # 
j j % # 
j j % 0.9(h)mm, 1.5mm-travel surface mounttype ssah series slide switch
111 other use type small size general use type big size general use type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products ssah list of varieties series photo outline specificat ions travel  mm  actuator direction number of poles dimensions  mm  poles-positions page w 29 9 12 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 143 d h 1-2 1-3 1-4 2-3 4-2 sssb sssf sssu ssss2 ssss7 ssss8 ssss9 ssaa ssab ssag ssac ssst 4 vertical horizontal 2 4 16.5 7 8.5 135 1 2 4 24.5 139 3 13 3.5 126 2 1 2 8.8 3 2 123 horizontal 11.2 2.6 1.4 119 1.5 2 vertical horizontal 14 4.7 5 5 130 2 12.4 6 147 horizontal 152 112 9.5 5.5 5.2 150 1.5 9 4.2 8.5 vertical horizontal 1 1.9 2 2 13 4.3 3.5 146 vertical 1 9.05 1.15 ? ? ? ? ? ? ? ? ? ? 2-2 2-4 ? ? ssad 6.7 3.2 0.7 9.5 3 0.9 117 115 1.5 horizontal 1 ? 4mjef4xjudift4pmefsjoh$poejujpot ???????????????????????????? ????? ? 4mjef4xjudift$bvujpot ???????????????????????????????????????  1 2 rating  max.    min.   resistive load  1ma 5v dc 0.3a 4v dc 0.1a 30v dc 0.3a 6v dc 0.1a 12v dc 0.3a 30v dc 0.1a 12v dc 0.1a 30v dc 1ma 5v dc 0.1a 12v dc 300 ? 10 ? 5s max. 350 ? 10 ? 5s max. 350 ? 10 ? 4s max. 260 ? 5 ? 3s max. 300 ? 5 ? 5s max. 350 ? 5 ? 3s max. please see p.154 manual soldering dip soldering reflow soldering soldering 350 ? 10 ? 3  1 s 0 260 ? 5 ? 10 ? 1s 300 ? 10 ? t 260 ? 10 ? 5 ? 1s 260 ? 10 ? 10 ? 1s 260 ? 5 ? 10 ? 1s 300 ? 10 ? 3  1 s 0 260 ? 5 ? 5 0 s ? 350 ? 10 ? 3s max. 350 ? 10 ? 3  1 s 0 30m 
max. 10n ?0 ? to  60 ? ?0 ? to  85 ? ?0 ? to  60 ? 100m 
max. 200m 
max. 100m 
min. 100v dc 100v ac for 1minute 3n for 1minute 25m 
max. 70m 
max. 100m 
min . 500v dc 500v ac for 1minute 5n for 1minute 30n 20n 10n 30n static force 10n static force 5n 10n ?0 ? 2 ? for 96h 85 ? 2 ? for 96h 40 ? 2 ? , 90 to 95%rh for 96h 50n 70m 
max. 20m 
max. 100m 
min. 100v dc 100m 
min. 500v dc 100v ac for 1minute 500v ac for 1minute 5n for 1minute 10n 20n 3n for 1minute 10n 5n 30n 40n ?0 ? 2 ? for 96h 30m 
max. 100m 
max. 25m 
max. t the operating temperature range for automotive applications can be raised upon request. please contact us for requirements of this kind. note operating temperature range electrical performance mechanical performance durability environmental performance initial contact resistance insulation resistance voltage proof robustness of terminal operating direction pulling direction 10,000cycles 300m 
max. 10,000cycles 500m 
max. operating life without load 10,000cycles 100m 
max. t 2 10,000cycles 200m 
max. 10,000cycles 130m 
max. t 2 10,000cycles 60m 
max. 10,000cycles 80m 
max. 10,000cycles 45m 
max. 10,000 cycles 65m 
max. 10,000cycles 40m 
max. 5,000cycles 60m 
max. 10,000cycles 100m 
max. 10,000cycles 130m 
max. 10,000cycles 45m 
max. 10,000cycles 65m 
max. 10,000cycles 200m 
max. 1,000cycles 60m 
max. 10,000cycles 80m 
max. operating life without load load:as rating cold dry heat damp heat robustness of actuator t ttt t 10ma 5v dc 50 b a 3v dc slide switches 260 ? 5 ? 3 ? 1s 260 ? 5 ? 5 0 s ?
154 other use type small size general use type big size general use type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products ssss2 ssss7 ssah, ssag ssss8 horizontal 1-pole, 2-positions 1-pole, 3-positions  1.5mm  vertical 1-pole, 3-positions horizontal 1-pole, 2-positions vertical 1-pole, 2-positions horizontal 1-pole, 3-positions 2-poles, 3-positions 1-pole, 3-positions  2mm  1-pole, 4-positions 2-poles, 2-positions ssad vertical soldering conditions 300 200 100 a max. b c time (s) 20 max. t e max. pre-heating d max. f room temperature temperature (?c ) 1. the condition mentioned above is the temperature on the mounting surface of a pc board. there are cases where the pc board's temperature greatly differs from that of the switch, depending on the pc board's material, size, thickness, etc. the above-stated conditions shall also apply to switch surface temperatures. 2. soldering conditions differ depending on reflow soldering machines. prior verification of soldering condition is highly recommended. 3. t ssah and ssag only 40's. notes series  reflow type  250 240 240 250 260 200 220 230 150 120 255 240 200 220 a ? 3s max. b ? c ? d  s  e  s  f  s  example of reflow soldering condition 1. heating method: double heating method with infrared heater. 2. temperature measurement: thermocouple 0.1 to 0.2  ca  k  or cc  t  at soldering portion  copper foil surface  . a heat resisting tape should be used for fixed measurement. 3. temperature profile slide switches


▲Up To Search▲   

 
Price & Availability of SSAH110100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X